Part Number Hot Search : 
BUK75 FM160 D1210 IRD3899 H100M ESDA6V1 H100M M51996FP
Product Description
Full Text Search
 

To Download RC0603J392CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? supplier : samsung electro-mechanics ? samsung p/n: rc0603j***cs ? product : thick - film chip resistor ? description : 0603, 5%, (1 ? ~10 ? ), 1/20w rc 0603 j *** cs ? code designation samsung thick - film chip resistor dimension 060 3 (mm code) l : 0.6 0.03 mm w : 0.03 mm t : 0.03 mm resistancs tolerance 5 % nominal resistance value 3digits - left 2 digits : resistance value, right 1 digits : exponential number of 10. ex) 101 : 1010 1 = 1010 = 100? 4digits - left 3 digits : resistance value, right 1 digits : exponential number of 10. ex) 4222 : 42210 2 = 422100 = 42.2? read alphabet "r" as decimal point "000" : jumper(0 ? ) ex) 3r7 : 3.7 = 3.7 ? / 88r7 : 88.7 = 88.7 ? packing code 7" reel packaging b. samsung reliablility test and judgement condition resistor jumper resistor jumper direct current within the regulated resistance 50m ? max voltage apply within 5 sec resistance tolerance. short-time less than (1%+0.1 ? )of the initial value 50m ? max apply 2.5 times rated voltage for 5sec max surge overload no evidence of mechanical damage current intermittent less than (3%+0.1 ? )of the initial value 50m ? max 2.5 times of rated voltage. max surge overload no evidence of mechanical damage 1 sec on, 25 sec off / 10,000cycles current dielectric no evidence of mechanical damage apply voltage for 1minute withstanding voltage 0603:50v insulation over 1,000m ? 1005,1608:100v resistance other: 500v j-grade test temperature( ) 20 -55 /20 125 temperature 1 ? r<10 ? :+300/-200ppm/ t.c.r(ppm/ ) = characteristic 10 ? r 1m ? :100ppm/ (0603250ppm) 1m ? bending test less than (0.5%+0.05 ? )of the initial value 50m ? max 3mm of bending shall be applied no evidence of mechanical damage for 5sec. adhesive strength no mechanical damage or sign of disconnection test strengh : 5n of termination test time: applying pressure for 10seconds resistance to less than (1%+0.05 ? )of the initial value 50m ? max 2605 , 10 sec soldering heat no evidence of mechanical damage anti-vibration less than (1%+0.05 ? )of the initial value 50m ? max test amplitude : 1.5mm test no evidence of mechanical damage frequency 10 ? -55 ? -10 ? / 2hr in x,y,z direction. temperature less than (1%+0.1 ? )of the initial value 50m ? max 100cycles, -55 /30min ? 125 /30min cycle no evidence of mechanical damage sweep time:5min load life less than (3%+0.1 ? )of the initial value 50m ? max test voltage: rated voltage / 702 no evidence of mechanical damage 1,000hours(90min:on , 30min:off) low temp. less than (3%+0.1 ? )of the initial value 50m ? max dwell in -55 chamber without loading exposure no evidence of mechanical damage for 1,000hours high temp less than (3%+0.1 ? )of the initial value 50m ? max dwel in 125 or 155 chamber without loading exposure no evidence of mechanical damage for 1,000hours moisture less than (3%+0.1 ? )of the initial value 50m ? max test voltage: rated voltage / 402 resistance no evidence of mechanical damage 1,000hours(90min:on,30min:off) / 90~95% rh c. recommended soldering method : reflow ( reflow peak temperature : 260+0/-5 , 10sec. max ) * for the more detail specification, please refer to the samsung chip resistor catalogue. judgement test condition


▲Up To Search▲   

 
Price & Availability of RC0603J392CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X