Part Number Hot Search : 
FDMS3572 60VIC MT8D132 HT12B 210Y104 K03D2 1N5420 K03D2
Product Description
Full Text Search
 

To Download NSPZ331M63V10X8TR13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount ? nic components corporation 70 maxess rd., melville, ny 11747 ? (631)396-7500 fax (631)396-7575 surface mount solid polymer aluminum electrolytic capacitor ? cylindrical leadless type for surface mounting ? capacitance values up to 680 m f ? l o w esr & high ripple current a t 100k hz ? 6.3x6mm ~ 10x8mm case sizes ? compatible with reflow soldering nspz series new! rated voltage range 4 ~ 25 vdc rated capacitance range 15 ~ 680 m f operating temp. range -55 ~ +105 o c capacitance tolerance 20%(m) max. leakage current after 2 minutes @ 20 o c less than 0.2cv working and surge voltage ratings w.v. (vdc) 6.3 10 16 25 s.v. (vdc) 8.0 13 20 22 ta n d @ 120hz/20 o c all case sizes 0.12 load lifetest @ 105c 1,000 hours capacitance change within 20% of initial measured value ta n d less than specified max. value leakage current less than specified max. value standard products and case sizes (mm) cap ( m f) code working voltage (vdc) 4.0 6.3 10 16 20 25 15150-----6.3x6 22220----6.3x6- 27270----6.3x6- 39 390 - - - 6.3x6 - 8x7 56 560 - - 6.3x6 - - - 82 820 - 6 .3x6 - 8 x7 - 10x8 1001016.3x66.3x6---- 120 121 - - 8x7 - - - 150 151 6.3x6 8 x7 8x7 10x8 - - 180 181 - - - 10x8 - - 2202218x78x7---- 270 271 - - 10x8 - - - 330 331 8x7 10x8 10x8 - - - 47047110x810x8---- 68068110x8----- part numbering system nspz 101 m 6.3v 6.3x6 tr 13 series capacitance code in m f, first 2 digits are significant, third digit is no. of zeros tolerance code m=20%, k=10% working voltage size in mm tape and reel 330mm (13) reel part marking capacitance value voltage lot code series code 100 63v z16a characteristics features
? surface mount nic components corporation 70 maxess rd., melville, ny 11747 ? (631)396-7500 fax (631)396-7575 surface mount solid polymer aluminum electrolytic capacitor nspz series case dimensions (mm) d f 0.5 l max. a 0.2 w 0.2 i p 6.3 6 6.6 0.65 2.65 1.9 8.0 7.0 8.3 0.9 2.95 3.1 10 8 10.3 0.9 3.25 4.5 e g a t l o v ) c d v ( . p a c ( m ) f ) s m h o ( r s e z h k 0 0 1 / c 0 2 ) a m ( t n e r r u c e l p p i r z h k 0 0 1 / c 5 0 1 4 0 0 10 40 5 5 , 1 0 5 10 40 5 5 , 1 0 2 25 30 0 0 , 2 0 3 35 30 0 0 , 2 0 7 45 20 0 5 , 2 0 8 65 20 0 5 , 2 3 . 6 2 80 40 0 5 , 1 0 0 10 40 5 5 , 1 0 5 15 30 0 9 , 1 0 2 25 30 0 9 , 1 0 3 35 20 0 4 , 2 0 7 45 20 0 4 , 2 0 1 6 50 50 5 4 , 1 0 2 10 40 0 8 , 1 0 5 10 40 0 8 , 1 0 7 20 30 0 3 , 2 0 3 30 30 0 3 , 2 6 1 9 30 60 0 4 , 1 2 85 40 0 6 , 1 0 5 15 30 0 0 , 2 0 8 15 30 0 0 , 2 0 2 2 25 60 5 3 , 1 7 25 60 5 3 , 1 5 2 5 15 70 0 3 , 1 9 30 50 0 4 , 1 2 80 40 0 6 , 1 standard values and specifications 0.3mm max. l d o i i w p a + - aa p b case dia. a b p 6.3 3.5 1.6 1.9 8 4.2 2.2 3.1 10 4.4 2.2 4.5 land pattern dim. (mm) recommended reflow soldering profile time at 200c 50 100 150 200 250 300 peak temperature (240c for 5 sec.) time (seconds) temperature - deg. c 150c120 seconds soldering within 30 seconds c 0 0 2 + e v o b a e m i t m u m i x a m e r u t a r e p m e t g n i r e d l o s k a e p s d n o c e s 0 3c 0 4 2 s d n o c e s 0 4c 0 3 2 s d n o c e s 0 5c 0 2 2


▲Up To Search▲   

 
Price & Availability of NSPZ331M63V10X8TR13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X