Part Number Hot Search : 
TC144 DTC114 XMXXX 3731I FN1A4P APM4568 SF2020C 1N5391G
Product Description
Full Text Search
 

To Download NPT-JSG-AEF-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  07/07/2011 v2.0 1 features: > super high brightness surface mount led. > high flux output. > 120 viewing angle. > compact package outline (lxwxh) of 6.0 x 6.0 x 1.5mm. > ultra low height profile - 1.5 mm. > designed for high current drive; typically 350 ma. > low thermal resistance; rth (js) = 20 k/w. > qualified according to jedec moisture sensitivity level 2. > compatible to both ir reflow soldering. > environmental friendly; rohs compliance. spnova tm featuring a staggering brilliance and significant flux output, the spnova? showcases the latest technological advent in this range. with its extremely high level of brightness and the ultra low high profile, which is only 1.5 mm are highly suitable for both conventional lighting and specialized application such as auto - motive signal lights, traffic lights, channel lights, tube lights and garden lights among others. data sheet: spnova tm ingan : npx-jsg all rights reserved. product specifcations are subject to change without notice. applications: > industry: white goods (eg: oven, microwave, etc.). > lighting: garden light, architecture lighting, general lighting. etc dominant opto technologies innovating illumination tm
07/07/2011 v2.0 2 npb-jsg-zaa-1 NPT-JSG-AEF-1 blue, 470 true green, 525nm 120 120 4500.0 18000.0 ingan : npx-jsg part ordering number color viewing angle? luminous intensity @ 350ma (mcd) note 1. luminous intensity is measured with an accuracy of 11%. 2. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. unit absolute maximum ratings maximum value dc forward current pulse current reverse voltage esd threshold (hbm) led junction temperature operating temperature storage temperature 350 1000 not designed for reverse bias 2000 120 -40 +100 -40 +100 ma ma v v ?c ?c ?c typ. (v) vf @ if = 350ma forward voltages are measure using a current pulse of 1 ms and with an accuracy of 0.1v. electrical characteristics at tj=25?c max. (v) part number npb npt 3.4 3.4 3.8 3.8 optical characteristics at tj=25?c min. typ. max. 6000.0 22400.0 9000.0 28500.0 dominant opto technologies innovating illumination tm min. (v) 3.0 3.0
07/07/2011 v2.0 3 ingan : npx-jsg electrical characteristics at tj=25?c wavelength grouping group color npb; blue npt; true green full a b c full a b c 460 - 475 460 - 465 465 - 470 470 - 475 520 - 535 520 - 525 525 - 530 530 - 535 wavelength distribution (nm) dominant wavelength is measured with an accuracy of 1 nm. dominant opto technologies innovating illumination tm z1 z2 aa ae af 4500.0...5600.0 5600.0...7150.0 7150.0...9000.0 18000.0...22400.0 22400.0...28500.0 brightness group luminous intensity (mcd) luminous intensity group at tj=25?c luminous fux is measured with an accuracy of 11%.
07/07/2011 v2.0 4 ingan : npx-jsg wavelength vs forward current forward current, ma relative intensity, no rmalized at 350ma 0 200 400 600 0 0.2 0.4 0.6 0.8 1 1.2 1.4 relative flux vs forward current forward current, ma relative flux 0 200 400 600 0 0.2 0.4 0.6 0.8 1 1.2 1.4 forward current vs forward voltage forward voltage, v forward current, ma 2 2.5 3 3.5 4 4.5 0 100 200 300 400 500 forward current vs ambient temperature ambient temperature forward current, ma 0 20 40 60 80 100 0 50 100 150 200 250 300 350 400 forward current vs temperature temperature forward current, ma 0 20 40 60 80 100 0 50 100 150 200 250 300 350 400 wavelength vs forward current forward current, ma wavelength, nm 0 200 400 600 800 1000 469 469.5 470 470.5 471 relative flux, normalized at 350ma forward current vs ambient temperature (rja=40kw) forward current vs solder point temperature solder point temperature dominant opto technologies innovating illumination tm blue
ingan : npx-jsg 07/07/2011 v2.0 5 0 o 10 o 70 o 60 o 50 o 40 o 30 o 20 o 90 o 80 o 0.6 0.8 1.0 0.2 0.4 0 radiation pattern relative intensity vs forward current forward current, ma relative intensity; no rmalized at 350ma 0 200 400 600 0 0.2 0.4 0.6 0.8 1 1.2 1.4 relative flux vs forward current forward current, ma relative flux; normalized at 350ma 0 200 400 600 0 0.2 0.4 0.6 0.8 1 1.2 1.4 forward current vs forward voltage forward voltage, v forward current, ma 2 2.5 3 3.5 4 4.5 0 100 200 300 400 500 600 relative spectral emission wavelength, nm relative intensity 400 500 600 700 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 forward current vs ambient temperature (rja=40k/w) ambient temperature forward current, ma 0 10 20 30 40 50 60 70 80 90 100 0 50 100 150 200 250 300 350 400 maximum permissible pulse current duty (%); tp<=0.01 sec pulse current, ma 1 10 100 200 300 400 500 600 700 800 900 1000 maximum permissible pulse current, ta=25 ?c innovating illumination tm wavelength vs forward current forward current, ma relative intensity, no rmalized at 350ma 0 200 400 600 0 0.2 0.4 0.6 0.8 1 1.2 1.4 relative flux vs forward current forward current, ma relative flux 0 200 400 600 0 0.2 0.4 0.6 0.8 1 1.2 1.4 forward current vs forward voltage forward voltage, v forward current, ma 2 2.5 3 3.5 4 4.5 0 100 200 300 400 500 forward current vs ambient temperature ambient temperature forward current, ma 0 20 40 60 80 100 0 50 100 150 200 250 300 350 400 forward current vs temperature temperature forward current, ma 0 20 40 60 80 100 0 50 100 150 200 250 300 350 400 wavelength vs forward current forward current, ma wavelength, nm 0 200 400 600 800 1000 515 520 525 530 535 540 545 550 true green
spnova tm ? ingan : npx-jsg package outlines ingan : npx-jsg 07/07/2011 v2.0 6 material material lead-frame package encapsulant soldering leads cu alloy with ag plating high temperature resistant plastic, ppa silicone resin sn-sn plating dominant opto technologies innovating illumination tm
07/07/2011 v2.0 7 ingan : npx-jsg recommended solder pad note: unit to unit pitching must not be less than 25 mm. metal core circuit board (mcpcb) is highly recommended for high density applications. please consult sales and marketing for additional information. dominant opto technologies innovating illumination tm
07/07/2011 v2.0 8 taping and orientation ? reels come in quantity of 2000 units. ? reel diameter is 330 mm. ingan : npx-jsg dominant opto technologies innovating illumination tm
07/07/2011 v2.0 9 packaging specifcation ingan : npx-jsg dominant opto technologies innovating illumination tm
07/07/2011 v2.0 10 packaging specifcation average 1pc sp nova 1 completed bag (2000pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) 416 x 516 x 476 20 reels max large for sp nova tm reel / box quantity / box (pcs) cardboard box size 1.74 40,000 max weight (gram) 0.188 800 10 ingan : npx-jsg dominant tm d/c: date code s/n : serial no group : group qty : product quantity per reel part no : partno lot no : lotno moisture sensitivity level moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel barcode label dominant rohs compliant pb free label dominant opto technologies innovating illumination tm
07/07/2011 v2.0 11 recommended sn-pb ir-refow soldering profle 275 250 225 200 175 150 125 100 75 50 25 0 50 100 150 200 183?c ramp-up 3?c/sec max. 235-240?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-120s 360s max time (sec) temperature (?c) classifcation refow profle (jedec j-std-020c) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 temperature (?c) classifcation refow profle (jedec j-std-020c) ramp-up 3?c/sec max. 255-260?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-180s 480s max 217?c recommended pb-free soldering profle ingan : npx-jsg dominant opto technologies innovating illumination tm
revision history page - - subjects initial release correction on spnova date of modifcation 29 oct 2010 07 jul 2011 ingan : npx-jsg 07/07/2011 v2.0 12 dominant opto technologies innovating illumination tm note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant opto technologies does not assume any liability arising out of the application or use of any product described herein. dominant opto technologies reserves the right to make changes to any products in order to improve reliability, function or design. dominant opto technologies products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant opto technologies .
ingan : npx-jsg about us dominant opto technologies innovating illumination tm dominant opto technologies is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certif ed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as in- dustrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant opto technologies can be found on the internet at http://www.dominant-semi.com. dominant opto technologies innovating illumination tm please contact us for more information: head quarter dominant opto technologies sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com dominant opto technologies sdn. bhd. shanghai representative office room 305, no 1600 zhong shan road (w), shanghai, 200235 p. r. china tel: +86 21 6428 6428 fax: +86 21 6428 6880 e-mail: sales_china@dominant-semi.com dominant korea sales office dominant semiconductors korea inc. rm 211 sunteak city apt. 513-15 sangdaewon-dong, jungwon-gu, seongnam-si, gyeonggi-do, 462-725, korea tel: +82-31-701-5203 fax: +82-31-701-5204 e-mail: sales_korea@dominant-semi.com dominant u.s.a sales office 25 rockaway road, 08833 lebanon, new jersey, usa tel: (908) 439-9930 cell: (908) 343-5810 fax: (908) 439-9929 e-mail: don.wendel@dominant-semi.com dominant europe sales office dominant semiconductors europe gmbh raiffeisenstr. 38, 74906 bad rappenau germany tel: +49 (0) 7264-89010-10 / +49 (0) 7264-89010-11 cell: +49 173-6907370 / +49 173-6907751 fax: +49 (0) 7264-89010-29 e-mail: gerd.wachno@dominant-semi.eu; hartmut.wettengl@dominant-semi.eu dominant india sales office c-11,vasanth business centre #86, ttk road, alwarpet chennai - 600 018, india tel: 91-44-42030616 / 516 cell: 91-9444920537 fax: 91-9444920616 e-mail: pravat.behera@dominant-semi.com


▲Up To Search▲   

 
Price & Availability of NPT-JSG-AEF-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X