Part Number Hot Search : 
74ADWR MICRF 78M08A SPN2038 LTM4637 86E30 WP711 MICRF
Product Description
Full Text Search
 

To Download NPCH25-50G1000J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k di-resistor produc ts 60 south jefferson road, whippany, nj 07981 tel: 973-887-8100 ? fax: 973-884-0445 www.aeroflex-kdi.com ? sales@aeroflex-kdi.com key : inches [millimeters] .xx .03 .xxx .010 [.x 0.8 .xx 0.25] general information when mounted on an appropriate heat sink, these chip devices provide high power dissipation in terminations and as balancing resistors in wilkenson power divider networks. laser trimming provides maximum peak and average r.f. power capability. ordering information series ppc, npc resistors, terminations high power chip C 50 & 100 ohms notes 1. the l and t dimensions are for the substrate only and do not include terminal thickness or optional tinning thickness. 2. thermal resistance (r) is measured in c/w between resistive film and mounting surface. 3. the cw power rating is based on maximum film temperature of +150c and with maximum heatsink temperature of +100c. power is based on infinite and ideal heatsink. type w termination style does not have full back plane metallization and typically handles 1/10 the rated power. 4. tinnning with sn96 lead free high temperature solder will maintain rohs compliance. general specifications solderable terminals electroplated silver over nickel (ppc) gold over nickel alloy (npc) substrate beryllium oxide ceramic resistive element thin film and thick film* example: typical model no. npc t 25-50 x j prefix tinning (see note 4) h = sn96 t = sn62 size terminal type (x, w or g) ohmic value (note a) 50r0 or 1000 ppc or npc x tolerance key f = 1% g = 2% j = 5% (standard) (see note a below) w l t b r? model (note 1) (note 1) capacitance c/w max. c/w freq. prefix in [mm] in [mm] in [mm] in [mm] (pf) typical (note 2) power ghz (**) *ppc 100-200a 0.100 [2,5] 0.200 [5,1] 0.040 [1,02] 0.030 [0,76] 0.8 0.80 20w dc-4.0 *ppc 250-250a 0.250 [6,4] 0.250 [6,4] 0.040 [1,02] 0.050 [1,27] 1.2 0.30 40w dc-2.5 *ppc 250-375a 0.250 [6,4] 0.375 [9,53] 0.040 [1,02] 0.050 [1,27] 3.5 0.15 150w dc-1.0 npc 25-50 0.025 [0,64] 0.050 [1,27] 0.010 [0,25] 0.012 [0,305] 0.3 3.90 3w dc-12.4 *npc 50-50 0.050 [1,27] 0.050 [1,27] 0.010 [0,25] 0.012 [0,305] 0.5 1.90 5w dc-10 *npc 50-100 0.050 [1,27] 0.100 [2,5] 0.010 [0,25] 0.017 [0,43] 1.0 0.72 10w dc-4.0 npc 75-150 0.075 [1,91] 0.150 [3,8] 0.010 [0,25] 0.020 [0,51] 1.8 0.29 15w dc-4.0 performance specifications note a resistance value is expressed using military 4-digit call-out. 50r0 = 50 ohms 1000 = 100 ohms other values from 10C500 ohms may be available as special order. contact factory for availability. physical dimensions top view w b t l b type x b t l b type g 50 ohms or 100 ohms 50 ohms only 50 ohms or 100 ohms b t l b type w (note 3) 0.005[0.13] max * low cost thick film models available on these sizes. consult factory for specifications. ** typical vswr for all terminations is 1.25:1 rev 8/06 rohs  


▲Up To Search▲   

 
Price & Availability of NPCH25-50G1000J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X