Part Number Hot Search : 
DT454P 2C10LI30 PJ120A 10C80 JCR1LB 825J250E BA80JC5T FDMB380
Product Description
Full Text Search
 

To Download NP63V101MTR8X11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  meritek aluminum electrolytic capacitors np series (non-polar) f eatures ? for crossover networks ? low dissipation factor s pecifications item characteristic operating temp range -40 o c to +85 o c rated working voltage 6.3 to 100vdc capacitance tolerance 20% (m) leakage current (25 o c) i 0.02cv or 4 a whichever is greater after 3 minutes i=leakage current ( a) c=nominal capacitance ( f) v=rated voltage surge voltage (25 o c) wv 6.3 10 16 25 35 50 63 100 sv 8 13 20 32 44 63 79 125 dissipation factor tan (120hz, 25 o c) wv 6.3 10 16 25 35 50 63 100 tan 0.24 0.20 0.17 0.16 0.12 0.10 0.10 0.10 low temperature stability impedance ratio at 120hz rated voltage 6.3 10 16 25 35 -100 -25 o c to +25 o c 4 3 2 2 2 -40 o c to +25 o c 10 8 6 4 2 load life after 1000 hours application of wv at 85 o c, reversing polarity every 250 hours, the capacitor shall meet the following limits. capacitance change 20% of initial value dissipation factor 150% of initial specified value leakage current initial specified value p art n umbering s ystem np 16v 222 m ta 13 x 21 meritek series voltage capacitance expressed in mic rofarads ( f). first two digits are significant figures. third digit denotes number of zeros. r denotes decimal point for values less than 10 f. tolerance C m = 20% package code ta tr blank tape & ammo tape & reel bulk case size C (d) diameter x (l) length in mm (optional) a suffix may be added to denote tape and reel/tape and ammo lead spacing or customer specific features c ase s ize d 5 6.3 8 10 13 16 f 2.0 2.5 3.5 5.0 7.5 d 0.5 0.6 0.8 s pecifications are subject to change without notice. rev.6
meritek aluminum electrolytic capacitors np series (non-polar) case size d x l (mm) max ripple current ma (rms) c ase s ize &m ax r ipple c urrent (r.c.) 85 o c, 120hz wv 6.3 10 16 f item d x l r.c. d x l r.c. d x l r.c. 10 5x11 47 22 5x11 65 6.3x11 80 33 5x11 70 6.3x11 90 8x11 110 47 6.3x11 100 6.3x11 110 bx11 130 100 8x11 160 8x11 180 10x12 230 220 10x12 260 10x12 310 10x16 380 330 10x16 350 10x16 430 13x21 480 470 10x21 470 13x21 530 13x25 630 1000 13x21 770 16x26 960 16x26 1040 2200 13x26 1250 16x32 1410 wv 25 35 50 f item d x l r.c. d x l r.c. d x l r.c. 0.1 to 0.47 5x11 13 1 5x11 19 2.2 5x11 29 3.3 5x11 40 4.7 5x11 34 5x11 38 6.3x11 48 10 6.3x11 55 6.3x11 65 6.3x11 80 22 8x11 95 8x11 110 10x12 130 33 8x11 120 10x12 140 10x12 170 47 10x12 150 10x16 190 10x16 230 100 10x16 280 10x21 310 13x21 380 220 13x21 410 13x21 510 16x26 640 330 13x25 570 16x26 640 16x32 810 470 16x26 760 16x32 850 wv 63 100 f item d x l r.c. d x l r.c. 0.1 to 0.47 5x11 13 1 5x11 19 2.2 5x11 29 6.3x11 33 3.3 6.3x11 40 8x11 46 4.7 6.3x11 48 8x11 55 10 8x11 80 10x12 95 22 10x16 140 10x21 160 33 10x21 190 13x21 220 47 13x21 240 13x26 260 100 16x26 390 16x26 430 220 16x32 640


▲Up To Search▲   

 
Price & Availability of NP63V101MTR8X11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X