Part Number Hot Search : 
DECIMATE AKD45 2SC35 SMCJ26A 5N06D UPD70325 TC646 MA4E1338
Product Description
Full Text Search
 

To Download NP1E686M0811MTS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  129 minia ture aluminum electrol ytic cap acit ors m i n i a t u r e t y p e s standard non-polarized series designed for use in circuits with reversing polarity higher voltage ratings available up to 250v load life of 2000 hours at 85 c complied to the rohs directive permissible ripple current mul tipliers dra wing non-polarized series np unit : mm item characteristics operating temperature range leakage current max. capacitance tolerance dissipation factor max. (at 120hz, 20 c) low temperature characteristics (impedance ratio at 120hz) load life (after application of the rated voltage for 2000 hours at 85 c) shelf life (at 85 c) -40 ~ +85 c i = 0.03cv or 3 a whichever is greater (after 5 minutes) 20% at 120hz, 20 c capacitance > 1000 f : tan increases by 0.02 for each 1000 f from below value. after 1000 hours no load test, leakage current, capacitance and tan are same as load life value. wv tan 6.3 0.25 10 0.23 16 0.20 25 0.15 35 0.15 50 0.12 63 0.12 80 0.12 100 0.12 160 0.15 200,250 0.20 wv z-25 c/z+20 c z-40 c/z+20 c 6.3 10 16 25~100 160~250 4 3 2 2 3 10 8 6 4 5 frequency f 50hz 120hz 300hz 1khz 10khz ? ~ 47 68 ~ 680 1000 ~ 0.75 0.80 0.85 1 1 1 1.35 1.25 1.10 1.55 1.34 1.13 2.0 1.5 1.15 leakage current capacitance change tan test method less than specified value within 20% of initial value less than 200% of specified value polarity reverse each 250 hours ? d 5 6.3 8 10 12.5 16 18 22 25.4 p 2.0 2.5 3.5 5.0 5.0 7.5 7.5 10.0 12.5 ? d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 1.0 1.0 1.5 2.0 0.5 1.0 ? d + m a x . l + max. 15 min. 4 min. p 0.5 insulating sleeve ? d 0.05 tinned copper-ply wire safety vent ( ? 6.3 up) solvent proof wv ? 100v non-polarized
130 minia ture aluminum electrol ytic cap acit ors dimensions & maximum permissible ripple current np series wv f 6.3 10 16 25 35 50 63 80 100 160 200 250 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 5 6.3 6.3 8 10 10 10 12.5 12.5 12.5 16 16 18 22 11 11 11 11.5 12.5 16 20 20 20 25 25 35.5 41 41 100 139 171 244 347 454 595 847 999 1272 1672 2221 2840 3516 5 6.3 6.3 8 10 10 10 12.5 12.5 12.5 16 16 18 22 25.4 11 11 11 11.5 12.5 16 20 20 20 25 25 35.5 40 41 51 87 120 145 210 295 396 516 729 883 1132 1463 1985 2579 3214 4290 5 6.3 6.3 8 10 10 10 10 12.5 12.5 16 16 18 22 25.4 11 11 11 11.5 12.5 16 20 20 20 25 25 35.5 40 41 51 78 107 129 184 262 347 464 553 781 1033 1338 1781 2360 2987 4004 5 6.3 6.3 8 10 10 10 10 12.5 12.5 16 16 18 22 25.4 11 11 11 11.5 12.5 16 20 20 20 25 25 35.5 40 41 51 73 103 123 175 247 331 437 535 750 984 1323 1748 2254 2890 3927 5 6.3 6.3 8 10 10 10 10 12.5 12.5 16 16 18 22 25.4 11 11 11 11.5 12.5 16 20 20 20 25 25 35.5 40 41 41 61 84 103 145 203 270 361 437 628 818 1091 1519 1968 2481 3157 5 5 5 5 5 5 5 5 5 6.3 6.3 8 10 10 10 10 12.5 16 16 18 18 22 25.4 11 11 11 11 11 11 11 11 11 11 11 11.5 12.5 16 20 20 20 25 31.5 35.5 40 41 51 12 14 18 21 26 32 38 46 55 78 94 136 189 249 329 404 574 850 1110 1503 1912 2386 3221 5 5 5 5 5 5 5 5 6.3 6.3 8 10 10 10 10 12.5 12.5 16 16 18 22 25.4 11 11 11 11 11 11 11 11 11 11 11.5 12.5 16 20 20 20 25 25 35.5 40 41 41 12 14 18 21 26 32 38 46 64 78 111 158 207 272 329 474 625 850 1164 1577 2105 2607 5 5 5 5 5 5 5 6.3 6.3 8 10 10 10 12.5 12.5 12.5 16 16 18 22 25.4 11 11 11 11 11 11 11 11 11 11.5 12.5 16 20 20 20 25 25 35.5 40 41 41 12 14 18 21 26 32 38 52 64 92 129 173 226 319 387 516 694 976 1311 1736 2299 5 5 5 5 5 5 6.3 8 8 10 10 10 12.5 12.5 16 16 16 18 22 25.4 11 11 11 11 11 11 11 11.5 11.5 12.5 16 20 20 25 25 25 35.5 40 41 41 12 14 18 21 26 32 44 62 75 107 142 189 265 348 468 573 797 1098 1443 1896 10 10 10 12.5 12.5 12.5 16 16 18 16 16 20 20 20 25 25 35.5 35.5 49 59 77 109 134 177 240 329 425 10 10 12.5 12.5 12.5 16 16 18 16 20 20 20 25 25 35.5 40 42 55 78 95 127 170 239 321 10 12.5 12.5 12.5 16 16 18 20 20 20 25 25 31.5 35.5 46 63 78 103 140 186 256 case size ? d l (mm) ripple current (ma rms) at 85 c, 120hz


▲Up To Search▲   

 
Price & Availability of NP1E686M0811MTS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X