Part Number Hot Search : 
MZ234 NJW1138M 74HC40 BH013 MC34017A 8NC0B 5A222 SK301
Product Description
Full Text Search
 

To Download NAZK331M16V8X105LLBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  55 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount aluminum electrolytic capacitors nazk series features ? cylindrical v-chip construction for surface mounting ? suit for high temperature reflow soldering (up to 260c) ? low impedance and high ripple current ? 2,000 hour load life @ +105c ? designed for automatic mounting and reflow soldering characteristics low esr component liquid electrolyte for performance data see www.lowesr.com rated voltage rating 6.3 ~ 35vdc rated capacitance range 4.7 ~ 1,000 f operating temp. range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 s.v. (vdc) 8.0 13 20 32 44 tan 0.26 0.19 0.16 0.14 0.12 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 z-40c/z+20c 33333 z-55c/z+20c 44433 load life test @ 105c all case sizes = 2,000 hours capacitance change within 30% of initial measured value tan less than 200% of the speci? ed maximum value leakage current less than the speci? ed maximum value precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com nazk 101 m 16v 6.3x8 n b f rohs compliant termination/packaging code re? ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, ? rst 2 digits are signi? cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system cap ( f) code working voltage (vdc) 6.3 10 16 25 35 4.74r7---- 4x6.1 10 100 - - 4x6.1 - 4x6.1 5x6.1 22 220 4x6.1 - 4x6.1 - 5x6.1 5x6.1 6.3x6.1 33 330 - 4x6.1 5x6.1 5x6.1 6.3x6.1 6.3x6.1 47 470 4x6.1 - 5x6.1 6.3x6.1 6.3x6.1 5x6.1 6.3x6.1 6.3x8 100 101 5x6.1 - 6.3x6.1 6.3x8 6.3x8 6.3x6.1 6.3x8 8x10.5 220 221 6.3x6.1 6.3x8 6.3x8 8x10.5 8x10.5 6.3x8 330 331 6.3x8 - 8x10.5 8x10.5 10x10.5 470 471 - 8x10.5 8x10.5 10x10.5 - 680 681 - 8x10.5 10x10.5 - - 1000 102 8x10.5 10x10.5 - - - dimensions (mm) and reel quantities case size d0.5 l max. a0.2 b0.2 i0.3 w p0.3 qty/reel 4x6.1 4 6.1 4.3 4.3 1.8 0.5~0.8 1.0 1,200 5x6.1 5 6.1 5.3 5.3 2.2 0.5~0.8 1.3 800 6.3x6.1 6.3 6.1 6.6 6.6 2.7 0.5~0.8 1.8 800 6.3x8 6.3 8.0 6.6 6.6 2.7 0.5~0.8 1.8 500 8x10.5 8.0 10.5 8.3 8.3 2.9 0.8~1.1 3.1 300 10x10.5 10.0 10.5 10.3 10.3 3.2 0.8~1.4 4.5 300 0.3mm max. d l + - i i w p a b code peak re? ow temperature n 260c l 250c peak reflow temperature codes standard values and case sizes (mm) code finish & reel size b sn-bi finish & 13" reel lb sn-bi finish & 15" reel s 100% sn finish & 13" reel ls 100% sn finish & 15" reel termination finish & packaging options codes sac alloy compatible 230c ~ 260c *see part number system for details rohs compliant includes all homogeneous materials
56 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. impedance ( ) +20c/100khz max. ripple current (ma) +105c/100khz load life hours @ +105c nazk220m6.3v4x6.1nbf 22 6.3 0.26 1.35 90 2,000 nazk470m6.3v4x6.1nbf 47 0.26 1.35 90 2,000 nazk470m6.3v5x6.1nbf 47 0.26 0.70 170 2,000 nazk101m6.3v5x6.1nbf 100 0.26 0.70 170 2,000 nazk101m6.3v6.3x6.1nbf 100 0.26 0.36 250 2,000 nazk221m6.3v6.3x6.1nbf 220 0.26 0.36 250 2,000 nazk221m6.3v6.3x8nbf 220 0.26 0.34 300 2,000 nazk331m6.3v6.3x8nbf 330 0.26 0.34 300 2,000 nazk102m6.3v8x10.5lbf 1000 0.26 0.16 600 2,000 nazk330m10v4x6.1nbf 33 10 0.19 1.35 90 2,000 nazk221m10v6.3x8nbf 220 0.19 0.34 300 2,000 nazk471m10v8x10.5lbf 470 0.19 0.16 600 2,000 nazk681m10v8x10.5lbf 680 0.19 0.16 600 2,000 nazk102m10v10x10.5lbf 1000 0.19 0.08 850 2,000 nazk100m16v4x6.1nbf 10 16 0.16 1.35 90 2,000 nazk220m16v4x6.1nbf 22 0.16 1.35 90 2,000 nazk220m16v5x6.1nbf 22 0.16 0.70 170 2,000 nazk330m16v5x6.1nbf 33 0.16 0.70 170 2,000 nazk470m16v5x6.1nbf 47 0.16 0.70 170 2,000 nazk470m16v6.3x6.1nbf 47 0.16 0.36 250 2,000 nazk101m16v6.3x6.1nbf 100 0.16 0.36 250 2,000 nazk101m16v6.3x8nbf 100 0.16 0.34 300 2,000 nazk221m16v6.3x8nbf 220 0.16 0.34 300 2,000 nazk331m16v8x10.5lbf 330 0.16 0.16 600 2,000 nazk471m16v8x10.5lbf 470 0.16 0.16 600 2,000 nazk681m16v10x10.5lbf 680 0.16 0.08 850 2,000 nazk330m25v5x6.1nbf 33 25 0.14 0.70 170 2,000 nazk330m25v6.3x6.1nbf 33 0.14 0.36 250 2,000 nazk470m25v6.3x6.1nbf 47 0.14 0.36 250 2,000 nazk101m25v6.3x8nbf 100 0.14 0.34 300 2,000 nazk221m25v8x10.5lbf 220 0.14 0.16 600 2,000 nazk331m25v8x10.5lbf 330 0.14 0.16 600 2,000 nazk471m25v10x10.5lbf 470 0.14 0.09 850 2,000 nazk4r7m35v4x6.1nbf 4.7 35 0.12 1.45 90 2,000 nazk100m35v4x6.1nbf 10 0.12 1.45 90 2,000 nazk100m35v5x6.1nbf 10 0.12 0.70 170 2,000 nazk220m35v5x6.1nbf 22 0.12 0.70 170 2,000 nazk220m35v6.3x6.1nbf 22 0.12 0.36 250 2,000 nazk330m35v6.3x6.1nbf 33 0.12 0.36 250 2,000 nazk470m35v6.3x6.1nbf 47 0.12 0.36 250 2,000 nazk470m35v6.3x8nbf 47 0.12 0.34 300 2,000 nazk101m35v6.3x8nbf 100 0.12 0.34 300 2,000 nazk101m35v8x10.5lbf 100 0.12 0.16 600 2,000 nazk221m35v8x10.5lbf 220 0.12 0.16 600 2,000 nazk331m35v10x10.5lbf 330 0.12 0.09 850 2,000 standard values, case sizes and specifications frequency 120hz 500hz 1khz 10khz 4.7 f 0.42 0.60 0.80 1.00 10 ~ 33 f 0.45 0.75 0.90 1.00 47 ~ 100 f 0.50 0.80 0.95 1.00 220 ~ 1000 f 0.60 0.85 0.95 1.00 ripple current frequency correction factors surface mount aluminum electrolytic capacitors nazk series review & compare re? ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl
57 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com diameter time above 217c peak temperature 5 seconds 6.3mm 60 sec. max. 260c 8 ~ 10mm 60 sec. max. 250c peak reflow temperature and duration case size a b c 4x6.1 1.0 2.6 1.6 5x6.1 1.4 3.0 1.6 6.3x6.1 2.1 3.5 1.6 6.3x8 2.1 3.5 1.6 8x10.5 3.0 4.1 2.2 10x10.5 4.5 4.3 2.2 a c b recommended land pattern dimensions (mm) time above 217c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 capacitors can withstand two times reflow at the above conditions. second reflow shall be at least one hour after natural cool to room temperature. surface mount aluminum electrolytic capacitors nazk series t a p feeding + - 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 t 4 + 0.1 case size a 0.5 b 0.5 c 0.3 d 0.1 p 0.1 t 0.2 t 0.1 6.3x8 7.0 7.0 16.0 7.5 12.0 8.2 0.4 8x10.5 8.7 8.7 24.0 11.5 16.0 11.0 0.4 10x10.5 10.7 10.7 24.0 11.5 16.0 11.0 0.4 case size w 1.0 qty per reel 13" (330mm) 4x6.1 14 1,200 5x6.1 14 800 6.3x6.1 18 800 6.3x8 18 500 8x10.5 26 300 10x10.5 26 300 2mm 0.5mm 13mm 0.5mm 21mm 0.8mm 330mm 2.0mm or 380mm 2.0mm 50mm min. w 3mm reel dimensions (mm) taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel.


▲Up To Search▲   

 
Price & Availability of NAZK331M16V8X105LLBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X