Part Number Hot Search : 
0JB90SI LC75372 C3500 MAC15 11200 ZM4744 24C02 RPM873
Product Description
Full Text Search
 

To Download NAZK221K35V8X105LLBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  42 ? nic components corp. .niccomp. .lowesr. .rfpassives. .smtmagnetics. 43 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com ww w.smtmagnetics. com surface mount aluminum electrolytic capacitors nazk series features ? cylindrical v-chip construction for surface mounting ? suit for high temperature reflow soldering (up to 260c) ? low impedance and high ripple current ? 2,000 hour load life @ +105c ? designed for automatic mounting and reflow soldering characteristics low esr component liquid electrolyte for performance data see www.lowesr.com designed for automatic mounting and reflow soldering low esr component rohs compliant includes all homogeneous materials *see part number system for details *see part number system for details rated voltage rating 6.3 ~ 35vdc rated capacitance range 4.7 ~ 1,000 f operating temp. range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 s.v. (vdc) 8.0 13 20 32 44 tan 0.26 0.19 0.16 0.14 0.12 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 z-25c/z+20c 2 2 2 2 2 z-40c/z+20c 3 3 3 3 3 z-55c/z+20c 4 4 4 3 3 load life test @ 105c all case sizes = 2,000 hours capacitance change within 30% of initial measured value tan less than 200% of the specif ed maximum value leakage current less than the specif ed maximum value precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nics electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your specif c application - process details with nics technical support personnel: tpmg@niccomp.com nazk 101 m 16v 6.3x6.1 n b f rohs compliant termination/packaging code reflow temperature code size in mm working voltage tolerance code m=20%, k=10% capacitance code in f, f rst 2 digits are signif cant third digit is no. of zeros, r indicates decimal for values under 10 f series rohs compliant termination/packaging code termination/packaging code termination/packaging code rohs compliant termination/packaging code ref ow temperature code ref ow temperature code ref ow temperature code rohs compliant termination/packaging code ref ow temperature code size in mm size in mm size in mm rohs compliant termination/packaging code ref ow temperature code size in mm working voltage working voltage working voltage rohs compliant termination/packaging code ref ow temperature code size in mm working voltage tolerance code m=20%, k=10% capacitance code in third digit is no. of zeros, r indicates decimal for values under 10 series series series rohs compliant termination/packaging code ref ow temperature code size in mm working voltage tolerance code m=20%, k=10% capacitance code in capacitance code in capacitance code in rohs compliant termination/packaging code ref ow temperature code size in mm working voltage tolerance code m=20%, k=10% tolerance code m=20%, k=10% tolerance code m=20%, k=10% rohs compliant rohs compliant rohs compliant part number system cap ( f) code working voltage (vdc) 6.3 10 16 25 35 4.7 4r7 - - - - 4x6.1 10 100 - - 4x6.1 - 4x6.1 5x6.1 22 220 4x6.1 - 4x6.1 - 5x6.1 5x6.1 6.3x6.1 33 330 - 5x5.5 - 6.3x5.5 - 47 470 4x6.1 - 5x6.1 6.3x6.1 6.3x6.1 5x6.1 6.3x6.1 6.3x8 100 101 5x6.1 - 6.3x6.1 6.3x8 6.3x8 6.3x6.1 6.3x8 8x10.5 220 221 6.3x6.1 6.3x8 6.3x8 8x10.5 8x10.5 6.3x8 330 331 6.3x8 - 8x10.5 8x10.5 10x10.5 470 - 8x10.5 8x10.5 8x10.5 10x10.5 - 1000 102 - 8x10.5 10x10.5 - - dimensions (mm) and reel quantities case size d0.5 l max. a0.2 b0.2 i0.3 w p0.3 qty/reel 4x6.1 4.0 6.1 4.3 4.3 1.8 0.5~0.8 1.0 1,200 5x6.1 5.0 6.1 5.3 5.3 2.2 0.5~0.8 1.3 800 6.3x6.1 6.3 6.1 6.6 6.6 2.7 0.5~0.8 1.8 800 6.3x8 6.3 8.0 6.6 6.6 2.7 0.5~0.8 1.8 500 8x10.5 8.0 10.5 8.3 8.3 2.9 0.8~1.1 3.1 300 10x10.5 10.0 10.5 10.3 10.3 3.2 0.8~1.1 4.5 300 0.3mm max. d l + - i i w p a b + - + - code peak reflow temperature n 260c l 250c code finish & reel size b sn-bi finish & 13" reel lb sn-bi finish & 15" reel peak reflow temperature codes standard values and case sizes (mm) termination finish & packaging options codes
 s 0+%%1/210'065%142  yyy pkeeqor eqo  yyy nqy'54 eqo  yyy 4(rcuukxgu eqo  yyy 5/6ocipgvkeu eqo     s 0+%%1/210'065%142  pkeeqor  nqy'54  4(rcuukxgu  y5/6ocipgvkeu 0+%2ctv0wodgt %cr
p ( 98
8fe &kuukrcvqp(cevqt
6cp g /cz+orgfcpeg
: u%-*\ /cz4krrng%wttgpv
o# u%-*\ .qcf.khg*qwtu " u% 0#<-/8:0$(       0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:.$(      0#<-/8:0$(       0#<-/8:0$(      0#<-/8:.$(      0#<-/8:.$(      0#<-/8:.$(      0#<-/8:0$(       0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:.$(      0#<-/8:.$(      0#<-/8:.$(      0#<-/8:0$(       0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:.$(      0#<-/8:.$(      0#<-/8:.$(      0#<-4/8:0$(       0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:0$(      0#<-/8:.$(      0#<-/8:$(      0#<-/8:.$(      56#0&#4&8#.7'5%#5'5+<'5#0&52'%+(+%#6+105 (tgswgpe[ *\ *\ -*\ -*\  p (     ` p (     ` p (     ` p (     4+22.'%744'06(4'37'0%;%144'%6+10(#%6145 5wthceg/qwpv#nwokpwo'ngevtqn[vke%crcekvqtu 0#<-5gtkgu
 s 0+%%1/210'065%142  pkeeqor  nqy'54  4(rcuukxgu  5/6ocipgvkeu  s 0+%%1/210'065%142  yyy pkeeqor eqo  yyy nqy'54 eqo  yyy 4(rcuukxgu eqo  yy y5/6ocipgvkeu eqo    &kcogvgt 6kogcdqxg u% 2gcm6gorgtcvwtg ugeqpfu `oo i ugeocz u% `oo i ugeocz u% 2'#-4'(.196'/2'4#674'#0&&74#6+10 %cug5k\g c d e z    z    zz    z    z    c e d 4'%1//'0&'&.#0&2#66'40&+/'05+105
oo 5wthceg/qwpv#nwokpwo'ngevtqn[vke%crcekvqtu 0#<-5gtkgu 6kog#dqxgu%
uggvcdng     6kog
5geqpfu 6gorgtcvwtg&gi% 2tgjgcvugeqpfuocz
u%`u% 2gcm6gorgtcvwtg
uggvcdng 


▲Up To Search▲   

 
Price & Availability of NAZK221K35V8X105LLBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X