Part Number Hot Search : 
20030 21CX14 MAX9118 D70N2L SEL1713K HT1016 MS2341 CMBA847
Product Description
Full Text Search
 

To Download NACZF222K63V16X17TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? surface mount nic components corpor a tion surface mount aluminum electrolytic capacitors ? cylindrical leadless type for surface mounting ? high capacitance values (up to 6800 m f) ? low impedance & high ripple current at 100k hz ? 12.5mm x 17mm ~ 18mm x 22mm size ? 4 terminals (16 & 18mm dia.) for high vibration stability ? long life (5000 hours at +105 o c) ? compatible with reflow soldering characteristics rated voltage range 6.3 ~ 100 vdc rated capacitance range 47 ~ 6800 m f operating temperature range - 40c ~ + 105c capacitance tolerance + 20% (m) max. leakage current after 2 minutes 0.01cv or 3 m a whichever is greater working voltage 6.3vdc 10vdc 16vdc 25vdc 35vdc 50vdc 63vdc 100vdc surge voltage 8.0vdc 13vdc 20vdc 32vdc 44vdc 63vdc 79vdc 125vdc max. tan d at 120hz & 20c 0.22 0.19 0.15 0.14 0.12 0.10 0.08 0.07 low temerature stability (impedance ration @ 120hz) z -25c/z +20c 2 2 2 2 2 222 z -40c/z +20c33333 333 z -55c/z +20c44444 444 high temperature load life 5000 hours at +105 o c rated wvdc capacitance change within + 20% of initial measured value ta n d less than 200% of specified value leakage current less than the specified maximum value resistance to soldering heat within the recommended reflow conditions capacitance change within + 10% of initial measured value ta n d less than the specified maximum value leakage current less than the specified maximum value cap ( m f ) code working voltage (vdc) 6.3 10 16 25 35 50 63 100 47 470 12.5x17* 68 680 12.5x17* 12.5x17* 100 1 01 12.5x17* 16x17 220 2 21 12.5x17* 16x17 18x17 330 3 31 12.5x17* 16x17 1 8x17 18x22 470 4 71 12.5x17* 16x17 1 8x17 18x22 1000 102 1 2.5x17* 1 6x17 18x17 18x17 18x22 2200 222 1 6x17 16x17 1 8x17 18x22 18x22 3300 332 1 8x17 18x17 1 8x22 18x22 4700 472 1 6x22 18x22 6800 682 1 8x22 18x22 * parts with a 12.5mm diameter have two terminals standard product and case size table d ?? ?? ? xl (mm) cap ( m f) working voltage (vdc) 6.3 10 16 25 35 50 63 100 47 0.150 68 0.150 0 .150 100 0.150 0 .090 220 0.110 0 .090 0.086 330 0.065 0 .080 0.086 0.055 470 0.065 0 .043 0.068 1000 0.065 0 .043 0.038 0 .038 0.042 2200 0.043 0 .043 0.038 0 .028 0.028 3300 0.038 0 .038 0.028 0 .028 4700 0.029 0 .028 6800 0.028 0 .028 cap ( m f) working voltage (vdc) 6.3 10 16 25 35 50 63 100 47 511 68 1020 511 100 1020 511 220 1150 1410 917 330 1205 1610 1690 1230 470 1205 1690 1900 2290 1000 1205 1690 2000 2000 2420 2200 1690 1690 2000 2490 2490 3300 2000 2000 2490 2490 4700 2205 2490 6800 2490 2490 maximum ripple current (ma rms at 100khz and 105c) maximum impedance ( w w w w w at 100khz and 20c) features naczf series new! part numbering system naczf 102 m 16v 16x17 tr 13 330mm (13) reel tape and reel size in mm working voltage tolerance code m=20%, k=10% capacitance code in m f, first 2 digits are significant, third digit is no. of zeros, r indicates decimal for values under 10 m f series link to complete case dimensions


▲Up To Search▲   

 
Price & Availability of NACZF222K63V16X17TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X