Part Number Hot Search : 
TLE625 OP207 C186X 40006 SG6848T PE5212 PENTIUM UF2JA
Product Description
Full Text Search
 

To Download MZCK03P1012KS35D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21/4/2011 mzck 03p1012/ks35d magnetic cylinder sensors magnetic cylinder sensors www.baumer.com general data type magneto-resistive version c-slots nominal operation point 4 mt difference on-off 0,5 ... 1,5 mt output indicator led yellow electrical data switching frequency < 200 khz response time / release time < 0,0025 ms output circuit pnp output current < 200 ma voltage supply range +vs 5 ... 30 vdc output function normally open (no) voltage drop vd < 1 vdc reverse polarity protection yes mechanical data cable output lateral connection types fylead connector pur m8, l=300 mm type rectangular depth 9 mm width / diameter 3,7 mm height / length 19,5 mm housing material pa66 ambient conditions operating temperature -10 ... +70 c protection class ip 67 photo connection diagram output +v s pnp bu (3) bn (1) bk (4) z 0 v dimension drawing 9 2 3, 7 19, 5 3 . a c9 3 l l le d 4 sens in g face m8 x 1 5 oil- and salt water climate resistant


▲Up To Search▲   

 
Price & Availability of MZCK03P1012KS35D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X