Part Number Hot Search : 
WT7514 5TRMPB ON1278 SOD123 02527 L6375D K2312 74AVC
Product Description
Full Text Search
 

To Download MFP-25BTC114R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l eaded r es isto r s f eat ur es power rating 1/6w, 1/4w, 0.4w, 1/2w, 0.6w, 1w, 2w, 3w resistance tolerance 0.1%, 0.25% t.c.r. 15ppm/c, 25ppm/c de r ati ng curv e for resistors operated in ambient temperatures above 70c, power rating must be derated in accordance with the curve below. rated load (%) ambient temperature (c) 160 140 120 100 80 60 40 100 80 60 40 20 20 70 155 c di m e n sio n s unit: mm st yl e di m e n sio n normal miniature l ? d h ?d mfp-12 mfp25s 3.40.3 1.90.2 282.0 0.450.05 mfp204 - 3.40.3 1.90.2 282.0 0.450.05 mfp-25 mfp50s 6.30.5 2.40.2 282.0 0.550.05 mfp207 - 6.30.5 2.40.2 282.0 0.550.05 mfp-50 mfp1ws 9.00.5 3.30.3 262.0 0.550.05 mfp100 mfp2ws 11.51.0 4.50.5 352.0 0.80.05 mfp200 mfp3ws 15.51.0 5.00.5 332.0 0.80.05 ?d h l ?d metal film resistors precision type normal & miniature style [ mfp series ] i n t r od uc tio n the mfp series metal film precision resistors are manufactured using vacuum sputtering sys - tem to deposit multiple layers of mixed metals alloy and passivative materials onto a carefully treated high grade ceramic substrate. after a helical groove has been cut in the resistive layer, tinned connecting leads of electrolytic copper are welded to the end-caps. the resistors are coated with layers of blue color lacquer. ultra high precision resistors, ultra high stability, ultra low temperature coeffcient.
note:  note: rated continuous working voltage (rcwv) = power rating x resistance value e l e c t r i c a l ch a r a c te r isti c s st yl e mfp-12 mfp25 s mfp204 mfp-25 mfp50 s mfp207 mfp-50 mfp1w s mfp100 mfp2w s mfp200 mfp3w s power rating at 70c 1/6w 1/4w 0.4w 1/4w 1/2w 0.6w 1/2w 1w 2w 3w maximum working voltage 150v 200v 250v 350v 400v 500v maximum overload voltage 300v 400v 500v 600v 700v 800v 1,000v dielectric withstanding vol. 300v 500v 700v 1,000v resistance range 10 - 1 m for e192 series value operating temp. range -55c to +155c 7hpshudwuh&rhiflhqw 15ppm/c, 25ppm/c note: special value is available on request e nv i r o nm e n ta l ch a r a c te r isti c s p e rf o rm a nc e test test m et h od a ppr aise short time overload jis-c-5202 5.5 2.5 times rcwv for 5 sec. 0.1%+0.05 dielectric withstanding voltage jis-c-5202 5.7 in v-block for 60 sec. by type 7hpshudwuh&rhiflhqw jis-c-5202 5.2 -55c to +155c by type insulation resistance jis-c-5202 5.6 in v-block >10,000m solderability jis-c-5202 6.5 2605c for 50.5 sec. 95% min. coverage resistance to solvent jis-c-5202 6.9 ipa for 1 min. with ultrasonic no deterioration of coatings and markings terminal strength jis-c-5202 6.1 direct load for 10 sec. in the direction of the terminal leads 2.5kg (24.5n) pulse overload jis-c-5202 5.8 4 times rcwv 10,000 cycles (1 sec. on, 25 sec. off) 1.0%+0.05 load life in humidity jis-c-5202 7.9 402c, 90-95% rh at rcwv for 1,000 hr. (1.5 hr. on, 0.5 hr. off) 1.0%+0.05 load life jis-c-5202 7.10 70c at rcwv for 1,000 hr. (1.5 hr. on, 0.5 hr. off) 1.0%+0.05 temperature cycling jis-c-5202 7.4 -55c ? room temp. ? +155c ? room temp. (5 cycles) 0.25%+0.05 resistance to soldering heat jis-c-5202 6.4 35010c for 30.5 sec. 0.25%+0.05


▲Up To Search▲   

 
Price & Availability of MFP-25BTC114R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X