Part Number Hot Search : 
DTQS3 DR4110 ISL94 TW0240A AOD7N65 2N1048 GU6679 L5111A
Product Description
Full Text Search
 

To Download MBRF20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  123 pin 0.405(10.27) 0.383(9.72) 0.600(15.5) 0.580(14.5) 0.560(14.22) 0.530(13.46) 0.676(17.2) 0.646(16.4) 0.191(4.85) 0.171(4.35) 0.060(1.52) 0.037(0.94) 0.027(0.69) 0.105(2.67) 0.095(2.41) 0.205(5.20) 0.195(4.95) pin1 pin3 pin2 0.014(0.36) 0.022(0.55) 0.110(2.80) 0.100(2.54) 0.330(8.38) 0.350(8.89) 0.122(3.08) 0.131(3.39) 0.140(3.56) 0.130(3.30) 0.110(2.80) 0.100(2.54) 0.172(4.36) 0.188(4.77) dia jh z k vh cx dimensions in inches and(millimeters) dia www.galaxycn.com bl galaxy electrical bl document number 0267045 features mechanical data position: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. units maximum recurrent peak reverse voltage v rrm v maximum w orking peak reverse voltage v rwm v maximum dc blocking voltage v dc v maximum average f orw ard total device 1 111 rectified current @ t c = 133 i f(av) a peak forw ard surge current 8.3 ms si ngle half b sine-w ave superimposed on rated load i fsm a maximum forw ard (i f =10a,t c =25 ) voltage per leg (i f =10a,t c =125 ) (note 1) (i f =20a,t c =25 ) (i f =20a,t c =125 ) maximum reverse current @t a =25 at rated dc blocking voltage @t a =125 maximum junction capacitance (note2) c t pf operating junction temperature range t j storage temperature range t stg 2. v r =5v dc ,(test signal range 100khz to 1mhz 63 70 70 80 150.0 galaxy electrical ito-220ab 20.0 90 100 49 56 70 80 90 100 mbrf2070ct mbrf2080ct mbrf2090ct MBRF20100CT ma 0.70 0.95 0.85 0.1 note: 1. pulse test:300 s pulse width,1% duty cycle. - 55 ---- + 175 - 55 ---- + 150 voltage range: 70 - 100 v current: 20 a metal silicon junction, majority carrier conduction. case:jedec ito-220ab,molded plastic body t erm i na l s: l ea d s, so ld era bl e per mil - std - 750 , 11 method 2026 dual schottky rectifiers v 6.0 mbrf2070ct - - - MBRF20100CT guard ring for over voltage protection. high surge capacity. f or use i n l ow vo lt age, hi g h f requency i nver t ers, f ree 111 wheelin g, and p olarit y p rotection a pp lications. polarity: as marked weight: 0.08 ounce, 2.24 grams high current capacity, low forward voltage drop. 400 v f 0.85 i r 1. inch(mm) www.datasheet.co.kr datasheet pdf - http://www..net/
document number 0267045 www.galaxycn.com bl galaxy electrical 2. 10 1 100 4000 1000 100 0.1 10 t j =25 f=1.0mhz vsig=50mvp-p 0 0.3 0.6 1.0 0.01 0.1 0.1 0.2 0.7 0.5 0.4 0.8 0.9 1.11.2 40 10 1 t j =125 t j =25 pulse width=300 ratings and characteristic curves mbrf2070ct - - - MBRF20100CT fig.3 -- typical instantaneous forward 11111v characteri sti cs per leg fi g. 4 -- typi cal reverse characteri sti cs bn per leg 111 1 fi g. 5--typi cal juncti on capaci tance per leg case temperature percent of rated peak reverse voltage, reverse voltage,volts junction capacitance, pf fi g. 1 -- forward current derati ng curve fig.2 -- maximum non-repetitive peak cc forward surge current perleg number of cycles at 60hz instantaneous forward voltage,volts www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of MBRF20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X