Part Number Hot Search : 
LM358DR 1N6674R SK1020 EMH2308 SSD1702 AQY41 07005 3AC12
Product Description
Full Text Search
 

To Download FMR0H473ZTP18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  24 super capacitors vol.05 fm series for automatic assembly the fm series includes small, resin-molded electric double-layer capacitors suitable for automatic assembly. these capacitors are ideal as long-time backup devices for minute-current loads in vcrs, audio systems, cordless telephones, and compact electronic systems. (fme types are backup devices adaptable to current consumption ma level.) features ? high adaptability to automatic assembly ? can be cleaned ? excellent voltage holding characteristics ideal for long-time supply of 1 a to several hundred a (except 3.5 v type, fme type) ? space saving applications backup of cmos microcomputers, static rams, and dtss part number system fm 0h 473 z capacitance tolerance z: +80%, ?0% nominal capacitance first two digits represent significant figures. third digit specifies number of zeros to follow f code. maximum operating voltage 0h: 5.5 vdc 0v: 3.5 vdc 0 j : 6.5 vdc super capacitor: fm series fme type fmr type fmc type fm0h223z tp 16 height of component from tape center. 16: 16 mm, 18: 18 mm tape packaging part number of bulk packaging ?bulk ?tape (ammo pack) number of packed capacitors t ape: 1000 pcs./box
super capacitors vol.05 25 markings + - 5.5 v 473 n t k1 e nominal capacitance e:fme type marking r:fmr type marking negative polarity identification date code polarity maximum rated voltage dimensions and standard ratings 10.5 0.5 (0.413) t 0.5 5 0.5 (0.197) 0.5 0.1 (0.020) 0.4 0.1 (0.016) 11.5 0.5 (0.453) 5 1 (0.197) unit: mm (inch) 0.4 (0.016) part number ammo pack fm0h103z fm0h103ztp ( ) fm0h223z fm0h223ztp ( ) fm0h473z fm0h473ztp ( ) fm0h104z fm0h104ztp ( ) fm0h224z fm0h224ztp ( ) max. rated v oltage (vdc) 5.5 5.5 5.5 5.5 5.5 nominal capacitance t mm (inch) 5.0 (0.197) 5.0 (0.197) 5.0 (0.197) 6.5 (0.256) 6.5 (0.256) v oltage holding characteristic min. (v) 4.2 4.2 4.2 4.2 4.2 max. current at 30 minutes (ma) 0.015 0.033 0.071 0.15 0.33 max. esr (at 1 khz) ( ? ) 300 200 200 100 100 w eight g (oz) 1.3 (0.046) 1.3 (0.046) 1.3 (0.046) 1.6 (0.056) 1.6 (0.056) note: to complete part number, insert lead length h. (16 or 18 mm: refer to taping specification on page 34.) 5.5 v type charge system ( f ) 0.01 0.022 0.047 0.10 discharge system ( f ) 0.014 0.028 0.06 0.13 0.22
26 super capacitors vol.05 part number ammo pack fm0v473z fm0v473ztp ( ) fm0v104z fm0v104ztp ( ) fm0v224z fm0v224ztp ( ) max. rated v oltage (vdc) 3.5 3.5 3.5 charge system (f) 0.047 0.10 0.22 t mm (inch) 5.0 (0.197) 5.0 (0.197) 6.5 (0.256) max. current at 30 minutes (ma) 0.042 0.090 0.20 max. esr (at 1 khz) ( ? ) 200 100 100 w eight g (oz) 1.3 (0.046) 1.3 (0.046) 1.6 (0.056) note: to complete part number, insert lead length h. (16 or 18 mm: refer to taping specification on page 34.) 3.5 v type part number ammo pack fme0h223z fme0h223ztp ( ) fme0h473z fme0h473ztp ( ) max. rated v oltage (vdc) 5.5 5.5 t mm (inch) 5.0 (0.197) 5.0 (0.197) max. current at 30 minutes (ma) 0.033 0.071 max. esr (at 1 khz) ( ? ) 40 20 w eight g (oz) 1.3 (0.046) 1.3 (0.046) note: to complete part number, insert lead length h. (16 or 18 mm: refer to taping specification on page 34.) fme type ( backup large current , ma order ) discharge system (f) 0.06 0.13 0.30 part number ammo pack fmr0h473z fmr0h473ztp ( ) max. rated v oltage (vdc) 5.5 t mm (inch) 6.5 max. current at 30 minutes (ma) 0.071 max. esr (at 1 khz) ( ? ) 200 w eight g (oz) 1.6 note: to complete part number, insert lead length h. (16 or 18 mm: refer to taping specification on page 34.) fmr type ( extended operating temperature range ) v oltage holding characteristic min.(v) 4.2 part number ammo pack fm0j473z fm0j473ztp ( ) max. rated v oltage (vdc) 6.5 t mm (inch) 6.5 max. current at 30 minutes (ma) 0.085 max. esr (at 1 khz) ( ? ) 200 w eight g (oz) 1.6 note: to complete part number, insert lead length h. (16 or 18 mm: refer to taping specification on page 34.) fm 6.5v type nominal capacitance charge system (f) 0.022 0.047 discharge system (f) 0.028 0.06 nominal capacitance discharge system (f) 0.062 nominal capacitance charge system (f) 0.047 discharge system (f) 0.062 nominal capacitance charge system (f) 0.047
super capacitors vol.05 27 standard ?5 c to +70?c 5.5 vdc see standard list +80%, ?0% see standard list see standard list capacitance more than 90% of initial requirement equivalent series resistance not to exceed 120% of initial requirement current (30-minute value) not to exceed 120% of initial requirement appearance no obvious abnormality. capacitance 50% or higher of initial value equivalent series resistance 4 or less times initial value capacitance 200% or below of initial value equivalent series resistance satisty initial standard value current (30-minute value) 1.5 cv (ma) or below capacitance within 20% of initial value equivalent series resistance satisty initial standard value current (30-minute value) satisty initial standard value no loosening nor permanent damage of the leads capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality 3 /4 or more of the pin surface should be covered with new solder capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance within 20% of initial value equivalent series resistance 1.2 or less times initial standard value current (30-minute value) 1.2 or less times initial standard value appearance no obuious abnormality capacitance within 30% of initial value equivalent series resistance t wice or less times initial standard value current (30-minute value) t wice or less times initial standard value appearance no obvious abnormality v oltage between terminal leads higher than 4.2 v item operating temperature range maximum operating voltage nominal capacitance range capacitance allowance equivalent series resistance current (30-minutes value) surge voltage phase 2 phase 5 phase 6 lead strengh (tensile) v ibration resistance solderability soldering heat resistance t emperature cycle humidity resistance high temperature load voltage holding characteristics (self discharge ) t est conditions conforming to jis c 5102 -1994 see characteristics measuring method. see characteristics measuring method. see characteristics measuring method. conforms to 7.14 surge voltage: 6.3 v t emperature: 70 2?c charge: 30 sec. discharge: 9 min. 30 sec. number of cycles 1000 cycles. series resistance: 0.01f: 1500 ? 0.22f: 56 ? 0.022 f: 560 ? 0.047 f: 300 ? 0.10 f: 150 ? discharge resistance: 0 ? conforms to 7.12 phase 1: +25 2 c phase 2: ?5 2 c phase 3: ?0 2 c phase 4: +25 2 c phase 5: +70 2 c phase 6: +25 2 c conforms to 8.1.2 (1) 1 kg 10sec. conforms to 8.2.3 frequency : 10 to 55 hz t est duration : 6 hours conforms to 8.4 solder temperature: 230 5 c dipping duration: 5 0.5 sec. dipped up to 1.6 mm from the lower end of the capacitor. conforms to 8.5 solder temperature: 260 10 c dipping duration: 10 1 sec. dipped up to 1.6 mm from the lower end of the capacitor. conforms to 9.3 t emperature condition: ?5 c normal temperature +70 c normal temperature number of cycles: 5 cycles conforms to 9.5 t emperature: 40 2 c relative humidity: 90 to 95% rh t est duration: 240 8 hours conforms to 9.10 t emperature: 70 2 c v oltage applied: 5.5 vdc series protection resistance: 0 ? t est duration: 1000 hours specifications 5.5 v t ype t emperature v ariation of characteristics +48 0 v oltage applied: 5.0 vdc series resistance: 0 ? charging time: 24hours t ime: 24hours t emperature: lower than 25 c humidity : lower than 70%rh charging condition storage
28 super capacitors vol.05 standard ?5 c to +70?c 3.5 vdc see standard list +80%, ?0% see standard list see standard list capacitance more than 90% of initial requirement equivalent series resistance not to exceed 120% of initial requirement current (30-minute value) not to exceed 120% of initial requirement appearance no obvious abnormality capacitance 50% or higher of initial value equivalent series resistance 4 or less times initial value capacitance 200% or below of initial value equivalent series resistance satisty initial standard value current (30-minute value) 1.5 cv (ma) or below capacitance within 20% of initial value equivalent series resistance satisty initial standard value current (30-minute value) satisty initial standard value no loosening nor permanent damage of the leads capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no considerable abnormality 3 /4 or more of the pin surface should be covered with new solder capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance within 20% of initial value equivalent series resistance 1.2 or less times initial standard value current (30-minute value) 1.2 or less times initial standard value appearance no obvious abnormality capacitance within 30% of initial value equivalent series resistance t wice or less times initial standard value current (30-minute value) t wice or less times initial standard value appearance no obvious abnormality item operating temperature range maximum operating voltage nominal capacitance range capacitance allowance equivalent series resistance current (30-minutes value) surge voltage phase 2 phase 5 phase 6 lead strengh (tensile) v ibration resistance solderability soldering heat resistance t emperature cycle humidity resistance high temperature load t est conditions conforming to jis c 5102 -1994 see characteristics measuring method. see characteristics measuring method. see characteristics measuring method. conforms to 7.14 surge voltage: 4.0 v t emperature: 70 2 c charge: 30 sec. discharge: 9 min. 30 sec. number of cycles 1000 cycles. series resistance: 0.047 f: 300 ? 0.10 f: 150 ? 0.22 f: 56 ? discharge resistance: 0 ? conforms to 7.12 phase 1: +25 2 c phase 2: ?5 2 c phase 3: ?0 2 c phase 4: +25 2 c phase 5: +70 2 c phase 6: +25 2 c conforms to 8.1.2 (1) 1 kg 10 sec conforms to 8.2.3 frequency: 10 to 55 hz t est duration: 6 hours specifications 3.5 v t ype +48 0 t emperature v ariation of characteristics conforms to 9.10 t emperature: 70 2 c v oltage applied: 3.5 vdc series protection resistance: 0 ? t est duration: 1000 hours conforms to 8.4 solder temperature: 230 5 c dipping duration: 5 0.5 sec. dipped up to 1.6 mm from for the lower end of the capacitor. conforms to 8.5 solder temperature: 260 10 c dipping duration: 10 1 sec. dipped up to 1.6 mm from for the lower end of the capacitor. conforms to 9.3 t emperature condition: ?5 c normal temperature +70 c normal temperature number of cycles: 5 cycles conforms to 9.5 t emperature: 40 2 c relative humidity: 90 to 95% rh t est duration: 240 8 hours
super capacitors vol.05 29 standard ?5 c to +70?c 5.5 vdc see standard list +80%, ?0% see standard list see standard list capacitance more than 90% of initial requirement equivalent series resistance not to exceed 120% of initial requirement current (30-minute value) not to exceed 120% of initial requirement appearance no obvious abnormality capacitance 50% or higher of initial value equivalent series resistance 3 or less times initial value capacitance 150% or below of initial value equivalent series resistance satisty initial standard value current (30-minute value) 1.5 cv (ma) or below capacitance within 20% of initial value equivalent series resistance satisty initial standard value current (30-minute value) satisty initial standard value no loosening nor permanent damage of the leads capacitance equivalent series resistance should satisty initial standard value current (30-minute value) appearance there should be no considerable abnormality 3 /4 or more of the pin surface should be covered with new solder capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance within 20% of initial value equivalent series resistance 1.2 or less times initial standard value current (30-minute value) 1.2 or less times initial standard value appearance no obvious abnormality capacitance within 30% of initial value equivalent series resistance t wice or less times initial standard value current (30-minute value) t wice or less times initial standard value appearance no obvious abnormality item operating temperature range maximum operating voltage nominal capacitance range capacitance allowance equivalent series resistance current (30-minutes value) surge voltage phase 2 phase 5 phase 6 lead strengh (tensile) v ibration resistance solderability soldering heat resistance t emperature cycle humidity resistance high temperature load t est conditions conforming jis c 5102 -1994 see characteristics measuring method. see characteristics measuring method. see characteristics measuring method. conforms to 7.14 surge voltage: 7.4 v t emperature: 70 2 c chargs: 30 sec. dischargs: 9 min. 30 sec. number of cycles 1000 cycles. series resistance: 0.022 f: 560 ? 0.047 f: 300 ? discharge resistance: 0 ? conforms to 7.12 phase 1: +25 2 c phase 2: ?5 2 c phase 3: ?0 2 c phase 4: +25 2 c phase 5: +70 2 c phase 6: +25 2 c conforms to 8.1.2 (1) 1 kg 10 sec conforms to 8.2.3 frequency: 10 to 55 hz t est duration: 6 hours conforms to 8.4 solder temperature: 230 5 c dipping duration: 5 0.5 sec. dipped up to 1.6 mm from the lower end of the capacitor. conforms to 8.5 solder temperature: 260 10 c dipping duration: 10 1 sec. dipped up to 1.6 mm from the lower end of the capacitor. conforms to 9.3 t emperature condition: ?5 c normal temperature +70 c normal temperature number of cycles: 5 cycles conforms to 9.5 t emperature: 40 2 c relative humidity: 90 to 95% rh t est duration: 240 8 hours conforms to 9.10 t emperature: 70 2 c v oltage applied: 5.5 vdc series protection resistance: 0 ? t est duration: 1000 hours specifications fme t ype +48 0 t emperature v ariation of characteristics
30 super capacitors vol.05 standard ?0 c to +85?c 5.5 vdc see standard list +80%, ?0% see standard list see standard list capacitance more than 90% of initial requirement equivalent series resistance not to exceed 120% of initial requirement current (30-minute value) not to exceed 120% of initial requirement appearance no obvious abnormality capacitance 50% or higher initial value equivalent series resistance 4 or less times initial value capacitance 30% or higher initial value equivalent series resistance 7 or less times initial value capacitance 200% or higher initial value equivalent series resistance satisfy initial standard value current (30-minute value) 1.5 cv (ma) or below capacitance within 20% of initial standard value equivalent series resistance satisfy initial standard value current (30-minute value) satisfy initial standard value no loosening nor permanent damage of the leads capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality 3 /4 or more of the pin surface should be covered with new solder. capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance within 20% of initial value equivalent series resistance 1.2 or less times initial standard value current (30-minute value) 1.2 or less times initial standard value appearance no obuious abnormality capacitance within 30% of initial value equivalent series resistance t wice or less times initial standard value current (30-minute value) t wice or less times initial standard value appearance no obvious abnormality v oltage between terminal leads higher than 4.2 v item operating temperature range maximum operating voltage nominal capacitance range capacitance allowance equivalent series resistance current (30-minutes value) surge voltage phase 2 phase 3 phase 5 phase 6 lead strengh (tensile) v ibration resistance solderability soldering heat resistance t emperature cycle humidity resistance high temperature load voltage holding characteristics (self discharge ) t est conditions conforming to jis c 5102 -1994 see characteristics measuring method. see characteristics measuring method. see characteristics measuring method. c onforms to 7.14 surge voltage: 6.3 v t emperature: 85 2?c charge: 30 sec. discharge: 9 min. 30 sec. number of cycles 1000 cycles. series resistance: 0.047 f: 300 ? discharge resistance: 0 ? conforms to 7.12 phase 1: +25 2 c phase 2: ?5 2 c phase 3: ?0 2 c phase 4: +25 2 c phase 5: +85 2 c phase 6: +25 2 c conforms to 8.1.2 (1) 1 kg 10sec. conforms to 8.2.3 frequency : 10 to 55 hz t est duration : 6 hours conforms to 8.4 solder temperature: 230 5 c dipping duration: 5 0.5 sec. dipped up to 1.6 mm from the lower end of the capacitor. conforms to 8.5 solder temperature: 260 10 c dipping duration: 10 1 sec. dipped up to 1.6 mm from the lower end of the capacitor. conforms to 9.3 t emperature condition: ?0 c normal temperature +85 c normal temperature number of cycles: 5 cycles conforms to 9.5 t emperature: 40 2 c relative humidity: 90 to 95% rh t est duration: 240 8 hours conforms to 9.10 t emperature: 85 2 c v oltage applied: 5.5 vdc series protection resistance: 0 ? t est duration: 1000 hours specifications fmr t ype t emperature v ariation of characteristics +48 0 v oltage applied: 5.0 vdc series resistance: 0 ? charging time: 24hours t ime: 24hours t emperature: lower than 25 c humidity : lower than 70%rh charging condition storage
super capacitors vol.05 31 standard ?5 c to +70?c 6.5 vdc see standard list +80%, ?0% see standard list see standard list capacitance more than 90% of initial requirement equivalent series resistance not to exceed 120% of initial requirement current (30-minute value) not to exceed 120% of initial requirement appearance no obvious abnormality capacitance 50% or higher of initial value equivalent series resistance 4 or less times initial value capacitance 200% or below of initial value equivalent series resistance satisty initial standard value current (30-minute value) 1.5 cv (ma) or below capacitance within 20% of initial value equivalent series resistance satisty initial standard value current (30-minute value) satisty initial standard value no loosening nor permanent damage of the leads capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality 3 /4 or more of the pin surface should be covered with new solder capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance within 20% of initial value equivalent series resistance 1.2 or less times initial standard value current (30-minute value) 1.2 or less times initial standard value appearance no obuious abnormality capacitance within 30% of initial value equivalent series resistance t wice or less times initial standard value current (30-minute value) t wice or less times initial standard value appearance no obvious abnormality item operating temperature range maximum operating voltage nominal capacitance range capacitance allowance equivalent series resistance current (30-minutes value) surge voltage phase 2 phase 5 phase 6 lead strengh (tensile) v ibration resistance solderability soldering heat resistance t emperature cycle humidity resistance high temperature load t est conditions conforming to jis c 5102 -1994 see characteristics measuring method. see characteristics measuring method. see characteristics measuring method. conforms to 7.14 surge voltage: 7.4 v t emperature: 70 2?c charge: 30 sec. discharge: 9 min. 30 sec. number of cycles 1000 cycles. series resistance: 0.047 f: 300 ? discharge resistance: 0 ? conforms to 7.12 phase 1: +25 2 c phase 2: ?5 2 c phase 3: ?0 2 c phase 4: +25 2 c phase 5: +70 2 c phase 6: +25 2 c conforms to 8.1.2 (1) 1 kg 10sec. conforms to 8.2.3 frequency : 10 to 55 hz t est duration : 6 hours conforms to 8.4 solder temperature: 230 5 c dipping duration: 5 0.5 sec. dipped up to 1.6 mm from the lower end of the capacitor. conforms to 8.5 solder temperature: 260 10 c dipping duration: 10 1 sec. dipped up to 1.6 mm from the lower end of the capacitor. conforms to 9.3 t emperature condition: ?5 c normal temperature +70 c normal temperature number of cycles: 5 cycles conforms to 9.5 t emperature: 40 2 c relative humidity: 90 to 95% rh t est duration: 240 8 hours conforms to 9.10 t emperature: 70 2 c v oltage applied: 6.5 vdc series protection resistance: 0 ? t est duration: 1000 hours specifications fm 6.5v t ype +48 0 t emperature v ariation of characteristics
32 super capacitors vol.05 markings + - 5.5 v 473 n t k1 c nominal capacitance c:fmc type marking negative polarity identification date code polarity maximum rated voltage dimensions and standard ratings b 0.5 t 0.5 5 0.5 d 1 0.1 d 2 0.1 a 0.5 5 1 unit: mm 0.4 fmc type t ab d 1 d 2 fmc0h473z fmc0h104z fmc0h334z fmc0h473ztp( ) fmc0h104ztp( ) fmc0h334ztp( ) 5.5 5.5 5.5 0.047 0.10 0.062 0.13 0.33 100 50 25 0.071 0.15 0.50 4.2v 4.2v 4.2v 11.5 11.5 15.0 10.5 10.5 14.0 5.0 6.5 9.0 0.5 0.5 0.6 0.4 0.4 0.6 1.3 1.6 3.5 (mm) (mm) (mm) (mm) (mm) p art number ammo pack max. rated v oltage ( vdc ) nominal capacitance charge system ( f ) discharge system ( f ) max. esr (at 1 khz) ( ? ) max. current at 30 minutes ( ma ) v oltage holding characteristic min. ( v ) ( g ) w eight more than more than more than less than less than less than less than less than less than chip parts applicable to treatment in bond hardening furnace (160 5 c for 120 10 seconds) note: to complete part number, insert lead length h. (16 or 18 mm: refer to taping specification on page 34 or 35.)
super capacitors vol.05 33 standard ?5 c to +70?c 5.5 vdc 0.047f , 0.10f , 0.33f +80%, ?0% see standard list see standard list capacitance more than 90% of initial requirement equivalent series resistance not to exceed 120% of initial requirement current (30-minute value) not to exceed 120% of initial requirement appearance no obvious abnormality. capacitance 50% or higher of initial value equivalent series resistance 4 or less times initial value capacitance 200% or below of initial value equivalent series resistance satisty initial standard value current (30-minute value) 1.5 cv (ma) or below capacitance within 20% of initial value equivalent series resistance satisty initial standard value current (30-minute value) satisty initial standard value no loosening nor permanent damage of the leads capacitance equivalent series resistance should satisty initial standard value current (30-minute value) appearance there should be no considerable abnormality 3 /4 or more of the pin surface should be covered with new solder capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance equivalent series resistance satisty initial standard value current (30-minute value) appearance no obvious abnormality capacitance within 20% of initial value equivalent series resistance 1.2 or less times initial standard value current (30-minute value) 1.2 or less times initial standard value appearance no obvious abnormality capacitance within 30% of initial value equivalent series resistance t wice or less times initial standard value current (30-minute value) t wice or less times initial standard value appearance no obvious abnormality v oltage between terminal leads higher then 4.2v item operating temperature range maximum operating voltage nominal capacitance range capacitance allowance equivalent series resistance current (30-minutes value) surge voltage phase 2 phase 5 phase 6 lead strengh (tenile) v ibration resistance solderability soldering heat resistance t emperature cycle humidity resistance high temperature load v oltage holding characteristics (self dischage) t est conditions conforming to jis c 5102 -1994 see characteristics measuring method. see characteristics measuring method. see characteristics measuring method. conforms to 7.14 surge voltage: 6.3 v t emperature: 70 2 c chargs: 30 sec. dischargs: 9 min. 30 sec. number of cycles 1000 cycles. series resistance: 0.047 f: 300 ? 0.1 f: 150 ? 0.33 f: 51 ? discharge resistance: 0 ? conforms to 7.12 phase 1: +25 2 c phase 2: ?5 2 c phase 3: ?0 2 c phase 4: +25 2 c phase 5: +70 2 c phase 6: +25 2 c conforms to 8.1.2 (1) 1 kg 10 sec conforms to 8.2.3 frequency: 10 to 55 hz t est duration: 6 hours conforms to 8.4 solder temperature: 230 5 c dipping duration: 5 0.5 sec. dipped up to 1.6 mm from the lower end of the capacitor. conforms to 8.5 solder temperature: 260 10 c dipping duration: 10 1 sec. dipped up to 1.6 mm from the lower end of the capacitor. conforms to 9.3 t emperature condition: ?5 c normal temperature +70 c normal temperature number of cycles: 5 cycles conforms to 9.5 t emperature: 40 2 c relative humidity: 90 to 95% rh t est duration: 240 8 hours conforms to 9.10 t emperature: 70 2 c v oltage applied: 5.5 vdc series protection resistance: 0 ? t est duration: 1000 hours specifications fmc t ype +48 0 t emperature v ariation of characteristics v oltage applied: 5.0 vdc series resistance: 0 ? charging time: 24hours charging condition storage t ime: 24hours t emperature: lower than 25 c humidity : lower than 70%rh
34 super capacitors vol.05 item symbol value tolerance remarks component height a 11.5 0.5 component width b 10.5 0.5 5.5 v type: 5.0/0.010 f~0.047 f, 6.5/0.10 f~0.22 f 3.5 v type: 5.0/0.047 f~0.10 f, 6.5/0.22 f component thickness c 0.5 fme type: 5.0/0.022 f~0.047 f 6.5 type: 6.5/0.022 f fmr type: 6.5/0.047 f fmc type: 5.0/0.047 f, 6.5/0.10 f lead-wire width w 4 0.5 0.1 lead-wire thickness t 3 t 3 0.4 0.1 pitch of component p 12.7 1.0 sprocket pitch p 0 12.7 0.3 sprocket hole center to lead p 1 3.85 0.7 sprocket hole to component center p 2 6.35 1.3 lead spacing f 5.0 0.5 component alignment h 2.0 max. including tiltiing caused by bending of lead wire t ape width w 18.0 hold-down tape width w 0 12.5 min. sprocket hole position w 1 9.0 0.5 hold-down tape position w 2 3.0 max. no protrusion of tape height of component from tape center h 16.0 0.5 18.0 0.5 sprocket hole diameter d 0 4.0 0.2 t 1 0.7 0.2 t 2 1.5 max. length of shipped lead l 11.0 max. unit : mm t otal tape thickness + 1.0 0.5 ? t aping specification (ammo pack) + ? p 2 b p 1 fw 4 p 0 d 0 c t 3 t 2 t 1 h ? p w 1 w 0 w h l a w 2 packing quantity 1000 pcs. / box (except fmc0h334ztp( ))
super capacitors vol.05 35 item symbol value tolerance remarks component height a 15.0 0.5 component width b 14.0 0.5 component thickness c 9.0 0.5 lead-wire width w 4 0.6 0.1 lead-wire thickness t 3 0.6 0.1 pitch of component p 25.4 1.0 sprocket pitch p 0 12.7 0.3 sprocket hole center to lead p 1 3.85 0.7 sprocket hole to component center p 2 6.35 1.3 lead spacing f 5.0 0.5 component alignment h 2.0 max. including tiltiing caused by bending of lead wire t ape width w 18.0 hold-down tape width w 0 12.5 min. sprocket hole position w 1 9.0 0.5 hold-down tape position w 2 3.0 max. no protrusion of tape height of component from tape center h 16.0 0.5 18.0 0.5 sprocket hole diameter d 0 4.0 0.2 t otal tape thickness t 1 0.67 0.2 t 2 1.7 max. length of shipped lead l 11.0 max. unit : mm + 1.0 0.5 ? t aping specifications [fmc0h334ztp( )] + - + - p 2 b p 1 fw 4 p 0 d 0 c t 3 t 2 t 1 h ? p w 1 w 0 w h l a w 2 packing quantity 400 pcs. / box
36 super capacitors vol.05 packing dimensions super capacitor top view side view label up 350 max. 350 max. 55 max. part number quantity date code outlet outlet marking of box marking shows the following items. (a) terminal direction (b) part number (c) quantity (d) date code (e) company logo packing quantity : 1000 pcs. / box (except fmc0h334ztp( )) 400 pcs. / box (fmc0h334ztp( ))


▲Up To Search▲   

 
Price & Availability of FMR0H473ZTP18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X