Part Number Hot Search : 
30DCF6 MB13CA IRDC3048 LS6505 MK325B PS394 020A0 MAX817M
Product Description
Full Text Search
 

To Download ECQE1A224KF6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. blank type 1 straight b type 2 crimped lead w type 3 3 ammo crimped taping 6 ammo crimped taping 9 reel crimped taping plastic film capacitors metallized polyester film capacitor type: ecqe(f) non-inductive construction using metallized polyester film with flame retardant epoxy resin coating n features ? self-healing property ? excellent electrical characteristics ? flame retardant epoxy resin coating n recommended applications ? general purpose usage 5 . . . . please contact us when applications are cd , ignitor etc. n explanation of part numbers 123456789101112 e c q e product code dielectric & construction rated volt. capacitance f cap. tol. suffix suffix 1 2 4 6 100vdc 250vdc 400vdc 630vdc 10 12 1a 2a 1000vdc 1250vdc 125vac 250vac j k m 5 % 10 % 20 % e c q e product code dielectric & construction rated volt. capacitance r suffix cap. tol. suffix n specifications l explanation of part number for odd size taping category temp. range (including temperature-rise on unit surface) rated voltage capacitance range capacitance tolerance dissipation factor withstand voltage insulation resistance C 40 to + 105?c 100vdc, 250vdc,400vdc, 630vdc, 1000vdc, 1250vdc,125vac, 250vac (derating of rated voltage by 1.25%/?c at more than 85?c) 0.001 to 10f(e-12) 5%(j), 10%(k), 20%(m) 1.0%max. (20?c, 1khz) ? rated volt. 100v to 630vdc between terminals : rated volt.(vdc) 5 150 % 60s ? rated volt. 1000vdc,1250vdc between terminals : rated volt.(vdc) 5 175 % 2 to 5s or 1000vac 60s between terminals to enclosure : 1500vac 60s ? rated volt. 125vac, 250vac between terminals : rated volt.(vac) 5 230 % 60s between terminals to enclosure : 1500vac 60s 100v to 630vdc: c < = 0.33f : 9000m min. (20 ?c , 100vdc 60s) c > 0.33f : 3000m . fmin. 1000vdc, 1250vdc: 10000m min. ( 20?c, 100 vdc 60s) 2000m min. ( 20?c, 500 vdc 60s) 125vac, 250vac: 2000m min. ( 20?c, 500 vdc 60s)
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors n dimensions in mm(not to scale) n packaging specifications for bulk package packing quantity:100pcs./bag n taping specifications for automatic insertion l taping style refer to the taping specification. 5 . . . . 100vdc 250vdc 400vdc 630vdc 1000vdc 1250vdc 125vac 250vac ecqe (f) ad as ab bcd e 0.56 to 0.68 k ammo ( ) f3 0.56 to 0.68 k reel ( ) f9 0.82 to 1.0 k ammo ( ) f3 1.2 to 3.3 k ammo ( ) f3 1.2 to 3.3 k ammo r( ) f 0.01 to 0.27 k ammo ( ) f3 0.33 k ammo ( ) f3 0.39 to 1.5 k ammo ( ) f3 0.01 to 0.33 k ammo r( ) f 0.39 to 1.5 k ammo r( ) f 0.01 to 0.1 k ammo ( ) f3 0.12 to 0.47 k ammo ( ) f3 0.01 to 0.1 k reel ( ) f9 0.01 to 0.1 k ammo r( ) f 0.12 to 0.47 k ammo r( ) f 0.01 to 0.033 k ammo ( ) f3 0.039 to 0.047 k ammo ( ) f3 0.056 to 0.22 k ammo ( ) f3 0.01 to 0.047 k reel ( ) f9 0.01 to 0.047 k ammo r( ) f 0.056 to 0.22 k ammo r( ) f 0.001 to 0.1 k ammo r( ) f 0.001 to 0.022 k ammo r( ) f 0.01 to 0.15 k ammo ( ) f6 0.18 to 0.47 k ammo ( ) f3 0.01 to 0.22 k ammo r( ) f 0.27 to 0.47 k ammo r( ) f 0.01 to 0.033 k ammo ( ) f6 0.01 to 0.047 k ammo r( ) f 0.056 to 0.22 k ammo r( ) f l packaging specifications cap. range ( f) taping style packing suffix rated volt. type style ad ab b c d e lead spacing 5.0mm 5.0mm 5.0mm 5.0mm 7.5mm 7.5mm see the column rating, dimensions & quantity box for packing quantity. 5 . . . . l lead spacing
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors n rating, dimensions & quantity/ammo box l rated voltage : 250vdc, capacitance tolerance : 5 % (j), 10 % (k) part no cap. (f) quantity dimensions (mm) l max. t max. fsg max. type-1 type-2,3 type-1 5mm 5mm 7.5mm ammo ammo ammo ? d h max. type-1 type-2,3 ecqe2103 m f( ) 0.01 10.3 4.3 7.4 12.4 7.5 7.5 1.0 0.60 ecqe2123 m f( ) 0.012 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2153 m f( ) 0.015 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2183 m f( ) 0.018 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2223 m f( ) 0.022 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2273 m f( ) 0.027 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2333 m f( ) 0.033 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2393 m f( ) 0.039 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2473 m f( ) 0.047 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2563 m f( ) 0.056 10.3 4.8 7.9 12.9 7.5 7.5 1.0 0.60 ecqe2683 m f( ) 0.068 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2823 m f( ) 0.082 10.3 4.9 8.0 13.0 7.5 7.5 1.0 0.60 ecqe2104 m f( ) 0.1 10.3 5.8 8.4 13.4 7.5 7.5 1.0 0.60 ecqe2124 m f( ) 0.12 10.3 6.0 9.0 14.0 7.5 7.5 1.0 0.60 ecqe2154 m f( ) 0.15 10.3 6.0 10.8 15.8 7.5 7.5 1.0 0.60 ecqe2184 m f( ) 0.18 12.0 5.0 10.3 15.3 10.0 10.0 1.0 0.60 ecqe2224 m f( ) 0.22 12.0 5.5 10.5 15.5 10.0 10.0 1.0 0.60 ecqe2274 m f( ) 0.27 12.0 6.0 11.5 16.5 10.0 10.0 1.0 0.60 ecqe2334 m f( ) 0.33 12.0 6.5 12.0 17.0 10.0 10.0 1.0 0.60 ecqe2394 m f( ) 0.39 18.5 4.9 12.0 17.0 15.0 10.0 1.0 0.60 ecqe2474 m f( ) 0.47 18.5 5.3 12.5 17.5 15.0 10.0 1.0 0.60 ecqe2564 m f( ) 0.56 18.5 5.5 13.0 18.0 15.0 10.0 1.0 0.60 ecqe2684 m f( ) 0.68 18.5 6.0 13.5 18.5 15.0 10.0 1.0 0.80 ecqe2824 m f( ) 0.82 18.5 6.5 14.5 19.5 15.0 10.0 1.0 0.80 ecqe2105 m f( ) 1.0 18.5 7.4 15.0 20.0 15.0 10.0 1.0 0.80 ecqe2125 m f( ) 1.2 18.5 8.0 15.9 20.9 15.0 10.0 1.0 0.80 ecqe2155 m f( ) 1.5 18.5 9.0 16.8 21.8 15.0 10.0 1.0 0.80 ecqe2185 m f( ) 1.8 26.0 7.5 15.5 20.5 22.5 15.0 1.0 0.80 ecqe2225 m f( ) 2.2 26.0 8.5 16.3 21.3 22.5 15.0 1.0 0.80 ecqe2275 m f( ) 2.7 26.0 9.4 17.0 22.0 22.5 15.0 1.0 0.80 ecqe2335 m f( ) 3.3 26.0 10.3 18.0 23.0 22.5 15.0 1.5 0.80 ecqe2395 m f( ) 3.9 26.0 11.0 20.5 25.5 22.5 15.0 1.5 0.80 ecqe2475 m f( ) 4.7 26.0 12.0 21.5 26.5 22.5 15.0 1.5 0.80 ecqe2565 m f( ) 5.6 31.0 11.8 21.0 26.0 27.5 22.5 1.5 0.80 ecqe2685 m f( ) 6.8 31.0 13.0 22.4 27.4 27.5 22.5 1.5 0.80 ecqe2825 m f( ) 8.2 31.0 14.3 23.5 28.5 27.5 22.5 1.5 0.80 ecqe2106 m f( ) 10.0 31.0 15.9 25.8 30.8 27.5 22.5 1.5 0.80 1,000 1,000 500 500 1,000 400 500 400 300 style n, style d: 0.01 to 0.33 f style t, style b: 0.039 to 10.0 f 0.56 12.0 5.5 10.9 15.9 10.0 10.0 1.0 0.60 0.68 12.0 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.82 12.0 6.0 13.5 18.5 10.0 10.0 1.0 0.60 1.0 12.0 6.7 14.0 19.0 10.0 10.0 1.0 0.60 1.2 18.5 5.5 12.8 17.8 15.0 10.0 1.0 0.60 1.5 18.5 6.0 13.4 18.4 15.0 10.0 1.0 0.80 1.8 18.5 6.5 14.4 19.4 15.0 10.0 1.0 0.80 2.2 18.5 7.0 15.0 20.0 15.0 10.0 1.0 0.80 2.7 18.5 8.0 15.8 20.8 15.0 10.0 1.0 0.80 3.3 18.5 8.5 16.5 21.5 15.0 10.0 1.0 0.80 3.9 26.0 7.0 16.4 21.4 22.5 15.0 1.0 0.80 4.7 26.0 7.5 17.0 22.0 22.5 15.0 1.0 0.80 5.6 26.0 8.3 17.5 22.5 22.5 15.0 1.0 0.80 6.8 26.0 9.0 18.5 23.5 22.5 15.0 1.0 0.80 8.2 26.0 10.0 20.0 25.0 22.5 15.0 1.5 0.80 10.0 26.0 11.5 21.0 26.0 22.5 15.0 1.5 0.80 part no cap. (f) quantity 500 dimensions (mm) l max. t max. fsg max. type-1 type-2,3 type-1 5mm 5mm 7.5mm ammo ammo ammo ? d h max. type-1 type-2,3 ecqe1564 m f( ) ecqe1684 m f( ) ecqe1824 m f( ) ecqe1105 m f( ) ecqe1125 m f( ) ecqe1155 m f( ) ecqe1185 m f( ) ecqe1225 m f( ) ecqe1275 m f( ) ecqe1335 m f( ) ecqe1395 m f( ) ecqe1475 m f( ) ecqe1565 m f( ) ecqe1685 m f( ) ecqe1825 m f( ) ecqe1106 m f( ) 500 1,000 400 400 500 600 style n, style d: 0.056 to 1.0 f style t, style b: 1.2 to 10.0 f suffix for lead crimped or taped type cap. tol. code s s suffix for lead crimped or taped type cap. tol. code s s n rating, dimensions & quantity/ammo box l rated voltage : 100vdc, capacitance tolerance : 5%(j), 10%(k)
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors n rating, dimensions & quantity/ammo box l rated voltage : 400vdc, capacitance tolerance : 5%(j), 10%(k) l rated voltage : 630vdc, capacitance tolerance : 5%(j), 10%(k) suffix for lead crimped or taped type. cap. tol. code part no. 0.01 12.0 4.5 7.5 12.5 10.0 10.0 1.0 0.60 0.012 12.0 4.5 7.8 12.8 10.0 10.0 1.0 0.60 0.015 12.0 5.0 8.2 13.2 10.0 10.0 1.0 0.60 0.018 12.0 4.9 10.0 15.0 10.0 10.0 1.0 0.60 0.022 12.0 5.3 10.5 15.5 10.0 10.0 1.0 0.60 0.027 12.0 5.5 10.9 15.9 10.0 10.0 1.0 0.60 0.033 12.0 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.039 12.0 6.0 13.4 18.4 10.0 10.0 1.0 0.60 0.047 12.0 6.5 13.5 18.5 10.0 10.0 1.0 0.60 0.056 18.5 5.4 10.5 15.5 15.0 10.0 1.0 0.60 0.068 18.5 5.8 11.0 16.0 15.0 10.0 1.0 0.60 0.082 18.5 6.5 12.0 17.0 15.0 10.0 1.0 0.60 0.1 18.5 6.3 14.0 19.0 15.0 10.0 1.0 0.60 0.12 18.5 6.3 14.5 19.5 15.0 10.0 1.0 0.80 0.15 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.80 0.18 18.5 8.0 16.0 21.0 15.0 10.0 1.0 0.80 0.22 18.5 9.0 16.5 21.5 15.0 10.0 1.0 0.80 0.27 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.80 0.33 26.0 7.8 17.0 22.0 22.5 15.0 1.0 0.80 0.39 26.0 8.5 17.9 22.9 22.5 15.0 1.0 0.80 0.47 26.0 9.3 18.5 23.5 22.5 15.0 1.0 0.80 0.56 26.0 10.0 20.0 25.0 22.5 15.0 1.5 0.80 0.68 26.0 11.5 21.0 26.0 22.5 15.0 1.5 0.80 0.82 31.0 11.3 20.5 25.5 27.5 22.5 1.5 0.80 1.0 31.0 12.5 21.9 26.9 27.5 22.5 1.5 0.80 1.2 31.0 13.5 23.0 28.0 27.5 22.5 1.5 0.80 1.5 31.0 15.3 24.7 29.7 27.5 22.5 1.5 0.80 1.8 31.0 16.8 27.0 32.0 27.5 22.5 1.5 0.80 2.2 31.0 19.5 29.0 34.0 27.5 22.5 1.5 0.80 ecqe6103 m f( ) ecqe6123 m f( ) ecqe6153 m f( ) ecqe6183 m f( ) ecqe6223 m f( ) ecqe6273 m f( ) ecqe6333 m f( ) ecqe6393 m f( ) ecqe6473 m f( ) ecqe6563 m f( ) ecqe6683 m f( ) ecqe6823 m f( ) ecqe6104 m f( ) ecqe6124 m f( ) ecqe6154 m f( ) ecqe6184 m f( ) ecqe6224 m f( ) ecqe6274 m f( ) ecqe6334 m f( ) ecqe6394 m f( ) ecqe6474 m f( ) ecqe6564 m f( ) ecqe6684 m f( ) ecqe6824 m f( ) ecqe6105 m f( ) ecqe6125 m f( ) ecqe6155 m f( ) ecqe6185 m f( ) ecqe6225 m f( ) cap. (f) quantity. standard 5mm odd size 5mm odd size 7.5mm 1,000 1,000 500 400 300 1,000 500 400 500 dimensions (mm) l max. t max. fs type-1 type-2,3 ? d h max. type-1 type-2,3 g max. type-1 part no. 0.01 10.3 4.3 7.4 12.4 7.5 7.5 1.0 0.60 0.012 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.015 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.018 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.022 10.3 4.8 7.9 12.9 7.5 7.5 1.0 0.60 0.027 10.3 5.5 8.0 13.0 7.5 7.5 1.0 0.60 0.033 10.3 6.0 9.0 14.0 7.5 7.5 1.0 0.60 0.039 12.0 4.9 8.0 13.0 10.0 10.0 1.0 0.60 0.047 12.0 5.0 8.3 13.3 10.0 10.0 1.0 0.60 0.056 12.0 5.0 10.0 15.0 10.0 10.0 1.0 0.60 0.068 12.0 5.4 10.5 15.5 10.0 10.0 1.0 0.60 0.082 12.0 5.8 11.0 16.0 10.0 10.0 1.0 0.60 0.1 12.0 6.3 12.0 17.0 10.0 10.0 1.0 0.60 0.12 18.5 5.0 10.0 15.0 15.0 10.0 1.0 0.60 0.15 18.5 5.0 12.4 17.4 15.0 10.0 1.0 0.60 0.18 18.5 5.4 12.5 17.5 15.0 10.0 1.0 0.60 0.22 18.5 5.9 13.0 18.0 15.0 10.0 1.0 0.60 0.27 18.5 6.5 14.3 19.3 15.0 10.0 1.0 0.80 0.33 18.5 7.0 14.9 19.9 15.0 10.0 1.0 0.80 0.39 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.80 0.47 18.5 7.8 17.0 22.0 15.0 10.0 1.0 0.80 0.56 26.0 6.5 16.0 21.0 22.5 15.0 1.0 0.80 0.68 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.80 0.82 26.0 7.9 17.3 22.3 22.5 15.0 1.0 0.80 1.0 26.0 8.5 18.0 23.0 22.5 15.0 1.0 0.80 1.2 26.0 9.5 18.9 23.9 22.5 15.0 1.0 0.80 1.5 31.0 9.5 19.0 24.0 27.5 22.5 1.0 0.80 1.8 31.0 11.0 20.5 25.5 27.5 22.5 1.5 0.80 2.2 31.0 11.0 22.0 27.0 27.5 22.5 1.5 0.80 ecqe4103 m f( ) ecqe4123 m f( ) ecqe4153 m f( ) ecqe4183 m f( ) ecqe4223 m f( ) ecqe4273 m f( ) ecqe4333 m f( ) ecqe4393 m f( ) ecqe4473 m f( ) ecqe4563 m f( ) ecqe4683 m f( ) ecqe4823 m f( ) ecqe4104 m f( ) ecqe4124 m f( ) ecqe4154 m f( ) ecqe4184 m f( ) ecqe4224 m f( ) ecqe4274 m f( ) ecqe4334 m f( ) ecqe4394 m f( ) ecqe4474 m f( ) ecqe4564 m f( ) ecqe4684 m f( ) ecqe4824 m f( ) ecqe4105 m f( ) ecqe4125 m f( ) ecqe4155 m f( ) ecqe4185 m f( ) ecqe4225 m f( ) cap. (f) quantity. 1,000 500 500 500 400 1,000 dimensions (mm) l max. t max. fs type-1 type-2,3 ? d h max. type-1 type-2,3 g max. type-1 standard 5mm odd size 5mm odd size 7.5mm style n, style d: 0.01 to 1.0 f style t, style b: 0.12 to 2.2 f style n, style d: 0.01 to 0.047 f style t, style b: 0.056 to 2.2 f ss
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors n rating, dimensions & quantity/ammo box l rated voltage : 1000vdc, 125vac, capacitance tolerance : 5 % (j), 10 % (k), 20 % (m) part no. 0.001 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0012 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0015 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0018 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0022 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0027 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0033 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0039 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0047 15.5 7.0 12.5 17.5 12.5 10.0 1.0 0.60 0.0056 15.5 7.5 13.0 18.0 12.5 10.0 1.0 0.60 0.0068 15.5 7.0 12.5 17.5 12.5 10.0 1.0 0.60 0.0082 15.5 6.5 12.0 17.0 12.5 12.5 1.0 0.60 0.01 15.5 6.0 11.0 16.0 12.5 12.5 1.0 0.60 0.012 15.5 6.0 12.0 17.0 12.5 12.5 1.0 0.60 0.015 15.5 7.0 12.5 17.5 12.5 12.5 1.0 0.60 0.018 15.5 7.5 13.0 20.0 12.5 12.5 1.0 0.80 0.022 15.5 7.5 15.5 22.5 12.5 12.5 1.0 0.80 0.027 21.0 6.0 13.0 18.0 17.5 12.5 1.0 0.80 0.033 21.0 6.5 14.0 19.0 17.5 12.5 1.0 0.80 0.039 21.0 7.0 14.5 19.5 17.5 12.5 1.0 0.80 0.047 21.0 7.5 15.5 20.5 17.5 12.5 1.0 0.80 0.056 21.0 7.5 17.0 22.0 17.5 12.5 1.0 0.80 0.068 21.08.5 18.023.017.512.51.0 0.80 0.082 21.0 9.0 18.5 23.5 17.5 12.5 1.0 0.80 0.1 21.0 10.0 20.0 25.0 17.5 12.5 1.0 0.80 0.12 26.0 9.0 18.5 23.5 22.5 17.5 1.0 0.80 0.15 26.0 10.0 20.0 25.0 22.5 17.5 1.5 0.80 0.18 26.0 10.5 22.0 27.0 22.5 17.5 1.5 0.80 0.22 26.0 12.0 23.0 28.0 22.5 17.5 1.5 0.80 ecqe10102 m ecqe10122 m ecqe10152 m ecqe10182 m ecqe10222 m ecqe10272 m ecqe10332 m ecqe10392 m ecqe10472 m ecqe10562 m ecqe10682 m ecqe10822 m ecqe10103 m ecqe10123 m ecqe10153 m ecqe10183 m ecqe10223 m ecqe10273 m ecqe10333 m ecqe10393 m ecqe10473 m ecqe10563 m ecqe10683 m ecqe10823 m ecqe10104 m ecqe10124 m ecqe10154 m ecqe10184 m ecqe10224 m f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) cap. (f) 500 400 500 400 500 400 300 dimensions (mm) l max. t max. fs type-1 type-2 ?d h max. type-1 type-2 g max. type-1 suffix for lead crimped or taped type. cap. tol. code note) making for rated voltage type f:(1000v, 125v ) ammo quantity style d: 0.001 to 0.022 f style b: 0.027 to 0.22 f
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors n rating, dimensions & quantity/ammo box l rated voltage : 1250vdc,125vac, capacitance tolerance : 5 % (j), 10 % (k), 20 % (m) part no. 0.001 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0012 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0015 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0018 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0022 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0027 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0033 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0039 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0047 15.5 7.0 12.5 17.5 12.5 10.0 1.0 0.60 0.0056 15.5 7.5 13.0 18.0 12.5 10.0 1.0 0.60 0.0068 15.5 7.5 15.0 20.0 12.5 10.0 1.0 0.60 0.0082 21.0 5.0 12.0 17.0 17.5 12.5 1.0 0.60 0.01 21.0 5.0 12.5 17.5 17.5 12.5 1.0 0.60 0.012 21.0 5.5 13.0 18.0 17.5 12.5 1.0 0.60 0.015 21.0 6.0 13.5 18.5 17.5 12.5 1.0 0.60 0.018 21.0 6.5 14.5 19.5 17.5 12.5 1.0 0.80 0.022 21.0 7.0 15.0 20.0 17.5 12.5 1.0 0.80 0.027 26.0 6.0 15.5 20.5 22.5 17.5 1.0 0.80 0.033 26.0 6.5 16.0 21.0 22.5 17.5 1.0 0.80 0.039 26.0 7.0 16.5 21.5 22.5 17.5 1.0 0.80 0.047 26.0 8.0 17.0 22.0 22.5 17.5 1.0 0.80 0.056 31.0 7.5 17.0 22.0 27.5 22.5 1.0 0.80 0.068 31.0 8.0 17.5 22.5 27.5 22.5 1.0 0.80 0.082 31.0 9.0 18.5 23.5 27.5 22.5 1.0 0.80 0.1 31.0 10.0 19.5 24.5 27.5 22.5 1.0 0.80 0.12 31.0 11.5 20.5 25.5 27.5 22.5 1.5 0.80 0.15 31.0 12.0 23.0 28.0 27.5 22.5 1.5 0.80 0.18 31.0 13.0 24.5 29.5 27.5 22.5 1.5 0.80 0.22 31.0 14.5 26.5 31.5 27.5 22.5 1.5 0.80 ecqe12102 m ecqe12122 m ecqe12152 m ecqe12182 m ecqe12222 m ecqe12272 m ecqe12332 m ecqe12392 m ecqe12472 m ecqe12562 m ecqe12682 m ecqe12822 m ecqe12103 m ecqe12123 m ecqe12153 m ecqe12183 m ecqe12223 m ecqe12273 m ecqe12333 m ecqe12393 m ecqe12473 m ecqe12563 m ecqe12683 m ecqe12823 m ecqe12104 m ecqe12124 m ecqe12154 m ecqe12184 m ecqe12224 m f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) f( ) cap. (f) quantity ammo 500 400 500 dimensions (mm) l max. t max. fs type-1 type-2 ?d h max. type-1 type-2 g max. type-1 suffix for lead crimped or taped type. cap. tol. code note) making for rated voltage type f:(1250v, 125v ) style d: 0.001to 0.0068 f style b: 0.0082 to 0.22 f
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors ** capacitance value over 0.47 f to 2.2f is avaiable. please consult us. * when using these capacitors as a across-the-line capacitor it shall be required to follow either item 1. or item 2. condition. 1.capacitor shall be connected in parallel with varistor (specified varistor voltage in table 1.) 2.voltage applied for capacitor shall not exceed other than specified in table 1, when using these capacitors. n rating, dimensions & quantity/ammo box l rated voltage : 125vac, capacitance tolerance : 5%(j), 10%(k), 20%(m) l noise suppression capacitors (across-the-line) l rated voltage : 250vac, capacitance tolerance : 5%(j), 10%(k), 20%(m) noise suppression capacitors (across-the-line) suffix for lead crimped or taped type. cap. tol. code cap. rated voltage 125vac 250vac varistor voltage 250v 470v pulse voltage 250v 0Cp 630v 0Cp table 1 part no. 0.01 12.5 5.5 10.8 15.8 10.0 10.0 1.0 0.60 0.012 12.5 6.0 11.5 16.5 10.0 10.0 1.0 0.60 0.015 12.5 6.3 9.9 14.9 10.0 10.0 1.0 0.60 0.018 12.5 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.022 12.5 6.0 11.5 16.5 10.0 10.0 1.0 0.60 0.027 12.5 5.5 10.9 15.9 10.0 10.0 1.0 0.60 0.033 12.5 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.039 12.5 6.0 13.4 18.4 10.0 10.0 1.0 0.60 0.047 12.5 6.5 14.4 19.4 10.0 10.0 1.0 0.60 0.056 18.5 5.4 10.5 15.5 15.0 10.0 1.0 0.60 0.068 18.5 5.8 11.0 16.0 15.0 10.0 1.0 0.60 0.082 18.5 6.3 12.0 17.0 15.0 10.0 1.0 0.60 0.1 18.5 6.3 14.0 19.0 15.0 10.0 1.0 0.60 0.12 18.5 6.8 14.5 19.5 15.0 10.0 1.0 0.80 0.15 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.80 0.18 18.5 8.0 16.0 21.0 15.0 10.0 1.0 0.80 0.22 18.5 9.0 16.9 21.9 15.0 10.0 1.0 0.80 0.27 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.80 0.33 26.0 7.8 17.0 22.0 22.5 15.0 1.0 0.80 0.39 26.0 8.5 17.9 22.9 22.5 15.0 1.0 0.80 0.47 26.0 9.3 18.5 23.5 22.5 15.0 1.0 0.80 ecqe2a103 m f( ) ecqe2a123 m f( ) ecqe2a153 m f( ) ecqe2a183 m f( ) ecqe2a223 m f( ) ecqe2a273 m f( ) ecqe2a333 m f( ) ecqe2a393 m f( ) ecqe2a473 m f( ) ecqe2a563 m f( ) ecqe2a683 m f( ) ecqe2a823 m f( ) ecqe2a104 m f( ) ecqe2a124 m f( ) ecqe2a154 m f( ) ecqe2a184 m f( ) ecqe2a224 m f( ) ecqe2a274 m f( ) ecqe2a334 m f( ) ecqe2a394 m f( ) ecqe2a474 m f( ) cap. (f) quantity standard 5mm odd size 7.5mm 500 1,000 500 400 300 dimensions (mm) l max. t max. fs type-1 type-2 ? d h max. type-1 type-2 g max. type-1 h max. type-1 type-2,3 part no. 0.01 10.5 4.5 7.5 12.5 7.5 7.5 1.0 0.60 0.012 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.015 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.018 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.022 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.027 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.033 10.5 4.5 7.8 12.8 7.5 7.5 1.0 0.60 0.039 10.5 4.5 7.8 12.8 7.5 7.5 1.0 0.60 0.047 10.5 5.5 8.0 13.0 7.5 7.5 1.0 0.60 0.056 10.5 5.9 8.5 13.5 7.5 7.5 1.0 0.60 0.068 10.5 6.3 9.4 14.4 7.5 7.5 1.0 0.60 0.082 10.5 6.5 9.8 14.8 7.5 7.5 1.0 0.60 0.1 10.5 6.5 11.8 16.8 7.5 7.5 1.0 0.60 0.12 12.5 5.9 11.5 16.5 10.0 10.0 1.0 0.60 0.15 12.5 6.5 12.0 17.0 10.0 10.0 1.0 0.60 0.18 12.5 7.0 12.5 17.5 10.0 10.0 1.0 0.60 0.22 12.5 7.5 13.4 18.4 10.0 10.0 1.0 0.60 0.27 18.5 6.3 12.0 17.0 15.0 10.0 1.0 0.60 0.33 18.5 6.9 12.5 17.5 15.0 10.0 1.0 0.60 0.39 18.5 7.4 13.0 18.0 15.0 10.0 1.0 0.60 0.47 18.5 7.5 15.3 20.3 15.0 10.0 1.0 0.60 ecqe1a103 m f( ) ecqe1a123 m f( ) ecqe1a153 m f( ) ecqe1a183 m f( ) ecqe1a223 m f( ) ecqe1a273 m f( ) ecqe1a333 m f( ) ecqe1a393 m f( ) ecqe1a473 m f( ) ecqe1a563 m f( ) ecqe1a683 m f( ) ecqe1a823 m f( ) ecqe1a104 m f( ) ecqe1a124 m f( ) ecqe1a154 m f( ) ecqe1a184 m f( ) ecqe1a224 m f( ) ecqe1a274 m f( ) ecqe1a334 m f( ) ecqe1a394 m f( ) ecqe1a474 m f( ) cap. (f) quantity 1,000 1,000 500 500 400 600 500 500 dimensions (mm) l max. t max. fs type-1 type-2,3 ? d g max. type-1 standard 5mm odd size 5mm odd size 7.5mm ** capacitance value over 0.47 f to 2.2f is avaiable. please consult us. style n, style d: 0.01 to 0.22 f style t, style b: 0.27 to 0.47 f style d: 0.01 to 0.047 f style b: 0.056 to 0.47 f ss


▲Up To Search▲   

 
Price & Availability of ECQE1A224KF6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X