Part Number Hot Search : 
2060C ATLV35 53A1S C123J SSW1N60A S3CT6 74479 RF621
Product Description
Full Text Search
 

To Download DTC143ZUA-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc143zua digital transistors features x epitaxial planar die construction x complementary npn types available x built-in biasing resistors absolute maximum ratings @ 25 : symbol parameter min typ max unit i c collector current --- 100 --- ma v in input voltage -5 --- +30v p d power dissipation --- 200--- mw t j junction temperature --- 150 ---  t stg storage temperatur e-55--- 150  electrical characteristics @ 25 : symbol parameter min typ max unit v i(off) 0.5 ------ v v i(on) input voltage (v cc =5v, i o =100 - a) (v o =0.3v, i o =5ma) --- --- 1.3 v v o(on) output voltage (i o =5ma,i i =0.25ma) --- 0.1 0.3 v i i input current (v i =5v) --- --- 1.8 ma i o(off) output current (v cc =50v, v i =0) - -- --- 0.5 - a g i dc current gain (v o =5v, i o =10ma) 80 --- --- r 1 input resistance 3.294.76.11 k ? r 2 /r 1 resistance ratio 8 10 12 f t transition frequency (v ce =10v, i e =5ma, f=100mhz) --- 250 --- mhz sot-323  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 1 of 3 x marking : e23 inches mm dim min max min max note a .071 .087 1.80 2.20 b .045 .053 1.15 1.35 c .079 .087 2.00 2.20 d .026 nominal 0.65nominal e .047 .055 1.20 1.40 f .012 .016 .30 .40 g .000 .004 .000 .100 h .035 .039 .90 1.00 j .004 .010 .100 .250 k .012 .016 .30 .40 a c b d e f g h j 1.90 0.70 0.90 0.65 0.65 dimensions k suggested solder pad layout 1.in 2.gnd 3.out  1 3 2 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 mm
revision: a 2011/01/01 www. mccsemi .com 2 of 3 mcc tm micro commercial components typical characteristics dtc143zua
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-tp tape&reel;3kpcs/reel


▲Up To Search▲   

 
Price & Availability of DTC143ZUA-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X