Part Number Hot Search : 
DZD30 1N4005G SEMIX TIP34B DG901 SKY65 HPR109WH 2762A
Product Description
Full Text Search
 

To Download CTF6-ZA0B4C450-200000KD6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  38 cardinal components, inc., 155 rt. 46 w, wayne, nj. 07470 tel: (973)785-1333 fax: (973)785-0053 http://www.cardinalxtal.com e-mail: cardinal@cardinalxtal.com 38 cardinal components cardinal components tuning fork crystals cardinal ? s tuning fork crystals provide a cost-effective approach for time-management products. specifications: frequency range: 32.768 khz standard 30.000 ~ 200.000 khz available operating temperature: -10 c ~ +60 c standard temperature coefficient: -(0.035 0.008) ppm/ c 2 frequency tolerance: 30 ppm standard (at 25 c) load capacitance: 12.5 pf, 6.0 pf resistance: 50,000 ? max standard: shunt capacitance: 1.7 pf max aging: 3 ppm max first year drive level: 1 w max optional features: formed leads vinyl sleeves ctf6 ctf8 load cap. d6 = 6.0 pf d12.5 = 12.5 pf series ctf6 ctf8 operating temp. a0 = -10 c ~ +60 c a1 = -10 c ~ +70 c a2 = -40 c ~ +85 c tolerance c1 = 100 c2 = 50 c3 = 30 c4 = 10 frequency resistance added features w = vinyl sleeving z = tape and reel stability b1 = 100 b2 = 50 b3 = 30 b4 = 10 * note: the above abc combinations cover basic specification options. we tailor our crystal specifications to meet customer requirements. please contact our sales department if you don ? t see exactly what you need. ctf6 f a* b3 d12.5 32.768k 50 c3 series ctf6 ctf8 a3 = - 5 5 c ~ +125 c part numbering example: ctf6 - a1 b2 c3 50 - 32.768k d12.5


▲Up To Search▲   

 
Price & Availability of CTF6-ZA0B4C450-200000KD6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X