Part Number Hot Search : 
1015M 5KP220A 190HOP SM3P2 MPC7410 2SK1449 SMBT3906 KV1300NT
Product Description
Full Text Search
 

To Download CRCW06030000ZSTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical questions, cont act: filmresistors.thic kfilmchip@vishay.com document number: 20008 114 revision: 13-oct-08 d../crcw.... vishay lead (pb)-bearing thick film, rectangular chip resistors features ? high volume product suitable for commercial and special applications ? excellent stability ( r/r 1 % for 1000 h at 70 c) ? lead (pb)-bearing solder contacts on ni barrier layer ? metal glaze on high quality ceramic ? protective overglaze notes ? these resistors do not feature a limited li fetime when operated within the permissible limits. however, resistance value drift increasing over operating time may result in exceeding a limi t acceptable to the specific application, thereby est ablishing a functional lifeti me. ? marking and packaging: see appr opriate catalog or web pages ? power rating depends on the max. temperature at the solder poi nt, the component placement density and the substrate material standard electrical specifications model size power rating p 70 c w limiting element voltage max. v ? temperature coefficient ppm/k tolerance % resistance range e-series inch metric d10/crcw0402 0402 1005 0.063 50 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 1.5 a d11/crcw0603 0603 1608 0.10 75 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 2.0 a d12/crcw0805 0805 2012 0.125 150 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 2.5 a d25/crcw1206 1206 3216 0.25 200 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 3.5 a crcw1210 1210 3225 0.33 200 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 4.0 a crcw1218 1218 3246 1.0 200 100 200 1 5 1r0 - 2m2 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 7.0 a crcw2010 2010 5025 0.50 400 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 5.0 a crcw2512 2512 6332 1.0 500 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 7.0 a
document number: 20008 for technical questions, contact: filmresistors.th ickfilmchip@vishay.com www.vishay.com revision: 13-oct-08 115 d../crcw.... lead (pb)-bearing thick film, rectangular chip resistors vishay notes (1) for sizes 0402 until 1206 the measuring conditions are in acc. to en 140401-802. for all other sizes the result depends on the solder pad dimensions. (2) rated voltage: (3) the power dissipation on the resistor gener ates a temperature rise against the lo cal ambient, depending on the heat flow suppor t of the printed-circuit board (thermal resistance). the rated dissipation applies only if the pe rmitted film temperature of 155 c is n ot exceeded. notes (4) preferred way for ordering products is by use of the part number (5) please refer to table packaging, see next page technical specifications parameter unit d10/ crcw0402 d11/ crcw0603 d12/ crcw0805 d25/ crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 rated dissipation at 70 c (3) w 0.063 0.1 0.125 0.25 0.33 1.0 0.5 1.0 limiting element voltage (2) v ? 50 75 150 200 200 200 400 500 insulation voltage (1 min) v peak > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 thermal resistance (1) k/w 870 550 440 220 140 65 88 65 insulation resistance > 10 9 category temperature range c - 55 to + 155 failure rate h -1 0.3 x 10 -9 weight/1000 pieces g 0.65 2 5.5 10 16 29.5 25.5 40.5 p x r part number and product description part number: crcw0 8 05562rfkta (4) r w 8 5 6r t model crcw0402 crcw0603 crcw0 8 05 crcw1206 crcw1210 crcw121 8 crcw2010 crcw2512 ta tc te tg ti tl tb td tf th tk ba special up to 2 digits product description: crcw 0 8 05 5620 f 100 rt1 crcw 0 8 05 5620 f 100 rt1 model size resista n ce v alue tolera n ce packagi n g (5) 100 ppm/k 200 ppm/k 6 8 5 = 6. 8 m 224 = 220 k f = 1 % j = 5 % z = zero ohm j u mper rt1 rt6 rt4 r67 rg1 r20 rt5 rt7 r02 r 8 2 rt9 b27 crc w v alue r = decimal k = tho u sand m = million 0000 = j u mper tolera n ce f = 1 % j = 5 % z = zero ohm j u mper k = 100 ppm/k n = 200 ppm/k s = j u mper or special tcr tcr packagi n g (5) c c0 0 5 2 fk a 0402 0603 0 8 05 1206 1 % = 3 sig.digits, pl u s m u ltiplier 5 % = 2 sig.digits, pl u s m u ltiplier 1201 121 8 2010 2512
www.vishay.com for technical questions, cont act: filmresistors.thic kfilmchip@vishay.com document number: 20008 116 revision: 13-oct-08 d../crcw.... vishay lead (pb)-bearing thick film, rectangular chip resistors dimensions packaging model reel bulk tape width diameter pitch pieces/ reel packaging code pieces packaging code part number product desc. part number product desc. paper blister pa p er blister d10/crcw0402 8 mm 180 mm/7" 2 mm 10 000 td rt7 50 000 ba b27 330 mm/13" 2 mm 50 000 te rf4 d11/crcw0603 8 mm 180 mm/7" 4 mm 5000 ta ti rt1 rg1 25 000 ba 285 mm/11.25" 4 mm 10 000 tb rt5 b27 330 mm/13" 4 mm 20 000 tc tl rt6 r20 d12/crcw0805 8 mm 180 mm/7" 4 mm 5000 ta ti rt1 rg1 10 000 ba 285 mm/11.25" 4 mm 10 000 tb rt5 b27 330 mm/13" 4 mm 20 000 tc tl rt6 r20 d25/crcw1206 8 mm 180 mm/7" 4 mm 5000 ta ti rt1 rg1 285 mm/11.25" 4 mm 10 000 tb rt5 330 mm/13" 4 mm 15 000 tl r20 330 mm/13" 4 mm 20 000 tc rt6 crcw1210 12 mm 180 mm/7" 4 mm 5000 ta rt1 285 mm/11.25" 4 mm 10 000 tb rt5 330 mm/13" 4 mm 20 000 tc rt6 crcw1218 12 mm 180 mm/7" 4 mm 4000 tk rt9 crcw2010 12 mm 180 mm/7" 4 mm 4000 tf r02 crcw2512 12 mm 180 mm/7" 8 mm 2000 tg r67 4 mm 4000 th r82 size dimensions [in millimeters] solder pad dimensions [in millimeters] reflow soldering wave soldering inch metric l w h t1 t2 ab l ab l 0402 1005 1.0 0.05 0.5 0.05 0.35 0.05 0.25 0.05 0.2 0.1 0.4 0.6 0.5 0603 1608 1.55 + 0.10 - 0.05 0.85 0.1 0.45 0.05 0.3 0.2 0.3 0.2 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 2.0 + 0.20 - 0.10 1.25 0.15 0.45 0.05 0.3 + 0.20 - 0.10 0.3 0.2 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 3.2 + 0.10 - 0.20 1.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 0.9 1.7 2.0 1.1 1.7 2.3 1210 3225 3.2 0.2 2.5 0.2 0.55 0.05 0.45 0.2 0.4 0.2 0.9 2.5 2.0 1.1 2.5 2.2 1218 3246 3.2 + 0.10 - 0.20 4.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 1.05 4.9 1.9 1.25 4.8 1.9 2010 5025 5.0 0.15 2.5 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 2.5 3.9 1.2 2.5 3.9 2512 6332 6.3 0.2 3.15 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 3.2 5.2 1.2 3.2 5.2
document number: 20008 for technical questions, contact: filmresistors.th ickfilmchip@vishay.com www.vishay.com revision: 13-oct-08 117 d../crcw.... lead (pb)-bearing thick film, rectangular chip resistors vishay functional performance 1000 100 10 1 0.1 0.01 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 2512 121 8 2010 1206 0 8 05 0603 0402 sin g le pulse maxim u m p u lse load, single p u lse; applica b le if p 0 and n 1000 and u u max ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration t i (s) pulse load p max (w) continuous pulse continuous pulse load p max (w) 100 10 1 0.10 0.01 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 121 8 121 8 1206 0 8 05 0603 0402 maxim u m p u lse load, contin u o u s p u lses; applica b le if p p ( ? am b ) and ? ? max ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration t i (s) 2000 200 0 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 110 pulse volta g e maxim u m p u lse v oltage, single and contin u o u s p u lses; applica b le if p p max ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration t i (s) 400 600 8 00 1000 1200 1400 1600 1 8 00 pulse volta g e ? max (v) 2512 2010 1206/1210/121 8 0 8 05 0603 0402
www.vishay.com for technical questions, cont act: filmresistors.thic kfilmchip@vishay.com document number: 20008 118 revision: 13-oct-08 d../crcw.... vishay lead (pb)-bearing thick film, rectangular chip resistors 0402 0603 0 8 05 1206 1210 2010 2512 90 8 0 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 power in w te mperature rise in c 121 8 temperature rise - 55 - 25 0 25 50 75 100 125 155 175 120 100 8 0 60 40 20 0 70 deratin g ambient temperature in c rated power in % 100 1k 10k 100k 1m 10m 11 0 100 90 8 0 70 60 50 40 30 20 10 resistance v alue in non-linearity a 3 in db 1206 0 8 05 0603 0402 non-linearity 100 1k 10k 100k 1m 10m 100 10 1 0.1 resistance v alue in current noise in v/ v 0402 0603 0 8 05 1206 current noise
document number: 20008 for technical questions, contact: filmresistors.th ickfilmchip@vishay.com www.vishay.com revision: 13-oct-08 119 d../crcw.... lead (pb)-bearing thick film, rectangular chip resistors vishay d 25.. ap d12.. ap d 1 0.. ap d1 1.. ap 10 k 1 m 10 m 140 120 100 8 0 60 40 20 0 ? s = f [ ? r ] parameter: ? a 20 40 60 8 0 100 120 140 160 1 8 0 load in w 0.01 0.1 1 20 40 60 8 0 100 120 140 160 1 8 0 surface temperature ? s in c 0.01 0.1 1 10 1 0.1 0.01 resistance chan g e / % r 0.5 0.4 0.3 0.2 0.1 0 ? r = f [p] parameter: size 140 120 100 8 0 60 40 20 0 stability nomo g ram typical values (for handlin g see g eneral explanations) resistance chan g e [ / ] in % after 1000 h temperature rise ? r in c ? a = 20 c 40 c 60 c 8 0 c 100 c 120 c 140 c t = 1 0 0 0 0 0 h 1 0 0 0 0 h 5 0 0 0 h 2 0 0 0 h 1 0 0 0 h surface temperature ? s in c r / (t) = f [ / (t = 1000 h)] parameter: time r r r r / [t = 1000 h] = f [ ? s ] parameter: resistance value r r r r 0.25 w 0.125 w 0.0625 w 120 100 8 0 60 40 20 12 3 5 7 10 2 3 5 7 100 2 3 5 7 60 8 0 100 120 140 s u rface temperat u re ? s [c] nu m b er of mo u nted resistors [pieces] power ratin g as a function of packa g in g density ( g uideline) ? a = 20 c ? a = [c] ? a = 40 c ? a = 60 c ? a = 8 0 c ? a = 10 0 c ? a = 120 c
www.vishay.com for technical questions, cont act: filmresistors.thic kfilmchip@vishay.com document number: 20008 120 revision: 13-oct-08 d../crcw.... vishay lead (pb)-bearing thick film, re ctangular chip resistors test procedures and requirements en 60115-1 test (clause) conditions of test requirements stability class 1 or better stability class 2 or better stability for product types: 1 to 10 m 1 to 10 m d../crcw... resistance (4.5) - 1 % 5 % temperature coefficient (4.8.4.2) 20/- 55/20 c and 20/125/20 c 100 ppm/k 200 ppm/k overload (4.13) u = 2.5 x ( p 70 x r ) 1/2 2 x u max. ; duration: according the style ( 0.25 % r + 0.05 ) ( 0.5 % r + 0.05 ) solderability (4.17.5) aging 4 h at 155 c, dryheat solder bath method; 235 c; 2 s visual examination good tinning ( 95 % covered) no visible damage resistance to soldering heat (4.18.2) solder bath method; (260 5) c; (10 1) s ( 0.25 % r + 0.05 ) ( 0.5 % r + 0.05 ) rapid change of temperature (4.19) 30 min at lct = - 55 c; 30 min at uct = 125 c; 5 cycles ( 0.25 % r + 0.05 ) ( 0.5 % r + 0.05 ) damp heat, steady state (4.24) (40 2) c; 56 days; (93 3) % rh ( 1 % r + 0.05 ) ( 2 % r + 0.1 ) climatic sequence (4.23) 16 h at uct = 125 c; 1 cycle at 55 c; 2 h at lct = - 55 c; 1 h/1 kpa at 15 c to 35 c; 5 cycles at 55 c u = ( p 70 r ) 1/2 u = u max. ; whichever is less severe ( 1 % r + 0.05 ) ( 2 % r + 0.1 ) endurance at 70 c (4.25.1) u = ( p 70 r ) 1/2 u = u max. ; whichever is less severe 1.5 h on; 0.5 h off; 70 c; 1000 h ( 1 % r + 0.05 ) ( 2 % r + 0.1 ) extended endurance (4.25.1.8) duration extended to 8000 h (2 % r + 0.1 ) (4 % r + 0.1 ) endurance at upper category temperature (4.25.3) uct = 125 c; 1000 h (1 % r + 0.05 ) (2 % r + 0.1 ) applicable specifications ? en 60115-1 generic specification ? en 140400 sectional specification ? en 140401-802 detail specification ? iec 60068-2-x variety of env ironmental test procedures ? iec 60286-3 packaging of smd components
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of CRCW06030000ZSTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X