|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
70 71 smd shielded type : cdmpih ** d ** /t125 series low leakage flux type usable up to 125?c (including self heating) low leakage flux type fw
?
go $ % . 1 * ) % 5 z $ % . 1 * ) % 5 z $ % . 1 * ) % 5 tmmo ??7x?
ctmvz a ?w~ 3st??glo0?'sx!?b?\quk??bwpz]? ?<^m{ ??8tmmoxsed<^m{ ordering code other cdmpih60d48/t125np - : parts no. : tolerance of inductance m (20%) p (25%) : packing c (carrier tape) b (box) *a v o t?0?v v?v?v`hz??????u? ??w ?? qs ??v?qb?{ *b 9s ???v v?v?v`hz??w9s u? 5 ?qs??vw???qb ?{ 5 b ? *a saturation current : this indicates the value of d.c. current when the inductance decreases to 65% of its nominal value. *b temperature rise current : the actual current when temperature of coil becomes ?t=40 c. (ta=20 c) ???????) ?????? *t : - type : cdmpih60d48/t125, cdmpih75d43/t125, cdmpih10d48/t125 parts no. l (h) 3r9 4r3 4r7 5r6 6r2 6r8 7r5 100 110 150 220 330 470 680 101 151 221 3.9 4.3 4.7 5.6 6.2 6.8 7.5 10 11 15 22 33 47 68 100 150 220 33m(27m) 41m(33m) 58m(46m) 89m(71m) 140m(112m) 208m(166m) 255m(204m) 302m(242m) 460m(368m) 18.5m(15m) 24.0m(19m) 27.5m(22m) 36m(29m) 64m(52m) 103m(83m) 139m(112m) 214m(172m) 275m(220m) 7.4 6.5 5.6 4.7 3.3 2.7 2.25 1.85 1.55 5.7 5.0 4.4 3.6 2.6 2.1 1.75 1.40 1.20 5.5 4.8 4.4 4.0 3.4 2.2 1.70 1.40 1.25 28m(22m) 43m(34m) 52m(42m) 65m(53m) 79m(63m) 143m(114m) 210m(168m) 315m(253m) 390m(315m) 585m(470m) 1.01(805m) 4.4 3.7 3.1 2.5 2.1 1.7 1.4 1.2 1.0 800m 650m 3.5 2.9 2.4 1.9 1.6 1.3 1.1 900m 750m 600m 500m 3.6 2.8 2.6 2.4 2.2 1.5 1.2 1.0 800m 650m 500m 4.1 3.2 2.5 2.1 1.7 1.4 1.2 950m 800m 3.4 2.6 2.1 1.7 1.4 1.1 950m 800m 650m 3.5 3.2 2.5 1.9 1.5 1.2 1.15 1.05 850m measuring freq. (l) cdmpih60d48/t125 cdmpih75d43/t125 cdmpih10d48/t125 tolerance of inductance cdmpih60d48/t125 cdmpih75d43/t125 cdmpih10d48/t125 100khz, 1v 100khz, 1v 100khz, 1v 3.9h C 6.2h 25% (p), 10h C 100h 20% (m) 4.7h C 6.8h 25% (p), 10h C 220h 20% (m) 4.3h C 7.5h 25% (p), 11h C 100h 20% (m) cdmpih60d48/t125 cdmpih75d43/t125 saturation current (a) *a 20 c 125 c saturation current (a) *a 20 c 125 c t emperature rise current (a) *b temperature rise current (a) *b d.c.r.(?) : max.(typ.) saturation current (a) *a 20 c 125 c t emperature rise current (a) *b d.c.r.(?) : max.(typ.) d.c.r.(?) : max.(typ.) cdmpih10d48/t125 ~ ]?wmx a ???w?t / 1 ? ?zo<^m{ ~ to order a product, please add " np " after the product type e.g. ordering code : type name np about cdmpih60d48/t125, cdmpih75d43/t125, cdmpih10d48/t125 *this specification might be changed without notice due to under developing and improving. please contact us for our mass production schedule.thank you for your understanding. smd shielded type : cdmpih ** d ** /t125 series low leakage flux type usable up to 125?c (including self heating) low leakage flux type smd shielded type cdmpih ** d ** /t125 series ???90 ?? ??? low leakage flux type usable up to 125?c (including self heating) outline cdmpih60d48/t125 dimensions (mm) land patterns (mm) wire construction construction provisional provisional cdmpih75d43/t125 dimensions (mm) land patterns (mm) wire ( 4.7h - 220h ) ( 3.9h - 100h ) dimensions (mm) land patterns (mm) wire construction cdmpih10d48/t125 provisional ( 4.3h - 100h ) low leakage flux type usable up to 125c including self heating power inductor which targets car navigation or consumer electric which dose not requires the high reliability level. max. 5.0 max. 10.3 max. 10.7 3.4 1.6 7.2 3.6 6.8 2.2 2.2 max. 6.2 max. 5.0 1.8 max. 6.6 1.0 4.3 2.2 1.83.6 1.8 max. 7.7 max. 4.5 2.0 max. 8.1 (5.0) 1.4 2.4 2.0 4.6 2.0 ?a l ?t qa{u z$?m?????3???? \;+p?90 ?{????;+2zt ? c`hz~ c??? ??p?;pv??????pb{ ? go $ >? $ >? $ * ???? go ? go $ * ???? go ? go $ >? $ * ?? ?? go new new new 70 71 smd shielded type : cdmpih ** d ** /t125 series low leakage flux type usable up to 125?c (including self heating) low leakage flux type fw ? go $ % . 1 * ) % 5 z $ % . 1 * ) % 5 z $ % . 1 * ) % 5 tmmo ??7x? ctmvz a ?w~ 3st??glo0?'sx!?b?\quk??bwpz]? ?<^m{ ??8tmmoxsed<^m{ ordering code other cdmpih60d48/t125np - : parts no. : tolerance of inductance m (20%) p (25%) : packing c (carrier tape) b (box) *a v o t?0?v v?v?v`hz??????u? ??w ?? qs ??v?qb?{ *b 9s ???v v?v?v`hz??w9s u? 5 ?qs??vw???qb ?{ 5 b ? *a saturation current : this indicates the value of d.c. current when the inductance decreases to 65% of its nominal value. *b temperature rise current : the actual current when temperature of coil becomes ?t=40 c. (ta=20 c) ???????) ?????? *t : - type : cdmpih60d48/t125, cdmpih75d43/t125, cdmpih10d48/t125 parts no. l (h) 3r9 4r3 4r7 5r6 6r2 6r8 7r5 100 110 150 220 330 470 680 101 151 221 3.9 4.3 4.7 5.6 6.2 6.8 7.5 10 11 15 22 33 47 68 100 150 220 33m(27m) 41m(33m) 58m(46m) 89m(71m) 140m(112m) 208m(166m) 255m(204m) 302m(242m) 460m(368m) 18.5m(15m) 24.0m(19m) 27.5m(22m) 36m(29m) 64m(52m) 103m(83m) 139m(112m) 214m(172m) 275m(220m) 7.4 6.5 5.6 4.7 3.3 2.7 2.25 1.85 1.55 5.7 5.0 4.4 3.6 2.6 2.1 1.75 1.40 1.20 5.5 4.8 4.4 4.0 3.4 2.2 1.70 1.40 1.25 28m(22m) 43m(34m) 52m(42m) 65m(53m) 79m(63m) 143m(114m) 210m(168m) 315m(253m) 390m(315m) 585m(470m) 1.01(805m) 4.4 3.7 3.1 2.5 2.1 1.7 1.4 1.2 1.0 800m 650m 3.5 2.9 2.4 1.9 1.6 1.3 1.1 900m 750m 600m 500m 3.6 2.8 2.6 2.4 2.2 1.5 1.2 1.0 800m 650m 500m 4.1 3.2 2.5 2.1 1.7 1.4 1.2 950m 800m 3.4 2.6 2.1 1.7 1.4 1.1 950m 800m 650m 3.5 3.2 2.5 1.9 1.5 1.2 1.15 1.05 850m measuring freq. (l) cdmpih60d48/t125 cdmpih75d43/t125 cdmpih10d48/t125 tolerance of inductance cdmpih60d48/t125 cdmpih75d43/t125 cdmpih10d48/t125 100khz, 1v 100khz, 1v 100khz, 1v 3.9h C 6.2h 25% (p), 10h C 100h 20% (m) 4.7h C 6.8h 25% (p), 10h C 220h 20% (m) 4.3h C 7.5h 25% (p), 11h C 100h 20% (m) cdmpih60d48/t125 cdmpih75d43/t125 saturation current (a) *a 20 c 125 c saturation current (a) *a 20 c 125 c t emperature rise current (a) *b temperature rise current (a) *b d.c.r.(?) : max.(typ.) saturation current (a) *a 20 c 125 c t emperature rise current (a) *b d.c.r.(?) : max.(typ.) d.c.r.(?) : max.(typ.) cdmpih10d48/t125 ~ ]?wmx a ???w?t / 1 ? ?zo<^m{ ~ to order a product, please add " np " after the product type e.g. ordering code : type name np about cdmpih60d48/t125, cdmpih75d43/t125, cdmpih10d48/t125 *this specification might be changed without notice due to under developing and improving. please contact us for our mass production schedule.thank you for your understanding. smd shielded type : cdmpih ** d ** /t125 series low leakage flux type usable up to 125?c (including self heating) low leakage flux type smd shielded type cdmpih ** d ** /t125 series ???90 ?? ??? low leakage flux type usable up to 125?c (including self heating) outline cdmpih60d48/t125 dimensions (mm) land patterns (mm) wire construction construction provisional provisional cdmpih75d43/t125 dimensions (mm) land patterns (mm) wire ( 4.7h - 220h ) ( 3.9h - 100h ) dimensions (mm) land patterns (mm) wire construction cdmpih10d48/t125 provisional ( 4.3h - 100h ) low leakage flux type usable up to 125c including self heating power inductor which targets car navigation or consumer electric which dose not requires the high reliability level. max. 5.0 max. 10.3 max. 10.7 3.4 1.6 7.2 3.6 6.8 2.2 2.2 max. 6.2 max. 5.0 1.8 max. 6.6 1.0 4.3 2.2 1.83.6 1.8 max. 7.7 max. 4.5 2.0 max. 8.1 (5.0) 1.4 2.4 2.0 4.6 2.0 ?a l ?t qa{u z$?m?????3???? \;+p?90 ?{????;+2zt ? c`hz~ c??? ??p?;pv??????pb{ ? go $ >? $ >? $ * ???? go ? go $ * ???? go ? go $ >? $ * ?? ?? go new new new |
Price & Availability of CDMPIH10D48T125NP-110MC |