Part Number Hot Search : 
74477003 020A0 29F200 BZX84C75 ICS8530 SD1616A MAX528 161A1
Product Description
Full Text Search
 

To Download CDEP145NP-0R6MB-170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power inductors type: cdep145 please refer to the sales offices on our website fo r a representative near you www.sumida.com 1/2 10. 2 0. 2 max. 6.0 14. 5 0 .4 1 4 . 5 0 . 4 2 . 6 0 . 2 2 . 5 0 . 2 9 . 0 0 . 2 2 . 6 0 . 2 6 . 0 1 2 . 0 10.2 15.5 2 . 8 product description ? 14.9 14.9mm max. (l w), 6.0mm max. height ? standard type and high power type are available. ? inductance range : 0.68 6.1 h(standard type ); 0.56 5.0 h (high power type). ? saturation current range: 10.4 30.0a(standard type ) ;13.1 36.0a (high power type). ? temperature rise current range: 9.5 23a ? in addition to the standards versions shown here, c ustom inductors are also available to meet your exa ct requirements. feature ? super high current inductors. ? mn-zn core used, flat wire used. ? ideally used in portable computer cpu power supply. ? qualification to aec-q200 ? rohs compliance dimensions (mm) land pattern (mm) schematics (bottom)
power inductors type: cdep145 please refer to the sales offices on our website fo r a representative near you www.sumida.com 2/2 specification 1. standard type saturation current a 1 part name stamp inductance h 100khz/1v d.c.r. (m ) max.(typ.) (at 20 ) (at 20 ) (at100 ) temperature rise current (a) 2 cdep145np-0r6m -170 0r6m 0.68 20 1.7(1.4) 30.0 25.6 23.0 cdep145np-1r5m -170 1r5m 1.5 20 3.0(2.5) 19.8 17.0 19.5 cdep145np-2r7m -170 2r7m 2.7 20 4.6(3.8) 15.2 13.0 15.0 cdep145np-4r2m -170 4r2m 4.2 20 7.4(6.2) 12.3 10.6 12.0 cdep145np-6r1m -170 6r1m 6.1 20 10.8(9.0) 10.4 8.8 9.5 2. high power type saturation current a 1 part name stamp inductance h 100khz/1v d.c.r. (m ) max.(typ.) (at 20 ) (at 20 ) (at100 ) temperature rise current (a) 2 cdep145np-0r5m -140 0r5m 0.56 20 1.7(1.4) 36.0 31.2 23.0 cdep145np-1r2m -140 1r2m 1.2 20 3.0(2.5) 25.0 20.8 19.5 cdep145np-2r2m -140 2r2m 2.2 20 4.6(3.8) 19.2 16.0 15.0 cdep145np-3r5m -140 3r5m 3.5 20 7.4(6.2) 15.4 13.0 12.0 cdep145np-5r0m -140 5r0m 5.0 20 10.8(9.0) 13.1 10.8 9.5 description of part name cdep145np-0r6m -170 1.saturation current: the dc current at which the i nductance decreases to 75% of it's nominal value 2 temperature rise current:the dc current at which the temperature rise is t 40 .(ta 20 ) b box c carrier tape


▲Up To Search▲   

 
Price & Availability of CDEP145NP-0R6MB-170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X