Part Number Hot Search : 
BPC351 AON7242 D5251B LC66358 C0201 AT512 CX2VSSM3 SR130
Product Description
Full Text Search
 

To Download APT2012SGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaa8210 rev no: v.5 date: mar/19/2005 page: 1 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp:1203001868 package dimension s description the super bright green source color devices are made with gallium phosphide green light emitting diode . APT2012SGC super bright green 2.0x1.25mm smd chip led lamp features  2.0mmx1.25mm smt led,0.75mm thickness.  low power consumption.  wide viewing angle.  ideal for backlight and indicator.  various colors and lens types available.  package : 2000pcs / reel.  rohs compliant. notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. specifications are subject to change without notice.
spec no: dsaa8210 rev no: v.5 date: mar/19/2005 page: 2 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp:1203001868 selection guid e note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c part no. dice lens type iv (mcd) @ 20ma viewing angle min. typ. 2 ? 1/2 APT2012SGC super bright green (gap) water clear 4 15 120 note: 1. 1/10 duty cycle, 0.1ms pulse width. symbol parameter device typ. max. test conditions units peak peak wavelength super bright green 565 nm i f =20ma d dominant wavelength super bright green 568 nm i f =20ma ? 1/2 spectral line half - width super bright green 30 nm i f =20ma c capacitance super bright green 15 pf v f =0v;f=1mhz v f forward voltage super bright green 2.2 2.5 v i f =20ma i r reverse current super bright green 10 ua v r = 5v parameter super bright green units power dissipation 105 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature - 40c to +85c
spec no: dsaa8210 rev no: v.5 date: mar/19/2005 page: 3 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp:1203001868 super bright green APT2012SGC
spec no: dsaa8210 rev no: v.5 date: mar/19/2005 page: 4 of 4 approved: j. lu checked: allen liu drawn: y.w.wang erp:1203001868 recommended soldering pattern (units : mm ) APT2012SGC remarks: if special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/ - 1nm 2. luminous intensity: +/ - 15% 3. forward voltage: +/ - 0.1v note: accuracy may depend on the sorting parameters. tape specifications (units : mm )


▲Up To Search▲   

 
Price & Availability of APT2012SGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X