611 industrial way west, eatontown, nj 07724 tel: 732-460- 0212 fax: 732-460-0214 sales@advanced-control.com www.a dvanced-control.com frequency noise 1db supply standard part range gain figure compression ip3 voltage case number (mhz) (db min) (db max) (+dbm min) (+dbm typ) (vdc) style l10-1 10 10 6.0 16 26 15 s026 l30apl 25 - 35 21 1.1 10 20 15 s026 l30a-3 25 - 35 25 2.5 15 25 15 s026 l30b 25 - 35 40 1.1 10 20 15 s025 l30c-1f 25 - 35 60 1.2 25 35 15 s024 l30-2b 25 - 35 80 1.3 10 20 15 s022 l60b 55 - 65 40 1.1 10 20 15 s025 l60e-2 55 - 65 70 1.0 15 25 15 s025 l60f 50 - 70 60 1.1 10 20 15 s025 l65a 55 - 75 20 1.4 5 15 15 s026 l70h 40 - 100 35 1.5 10 20 15 s025 l70b 40 - 100 40 1.1 10 20 15 s025 l135mf 130 - 140 45 1.3 0 10 15 s025 l150a 135 - 165 35 1.3 5 15 15 s025 l160a 130 - 190 40 1.4 7 17 15 s025 l140a 70 - 210 30 1.1 5 15 15 s025 acam7516 220 - 280 30 1.3 7 17 15 s024 l250f 220 - 280 43 1.3 3 13 15 s025 l270b 220 - 320 33 1.4 3 13 15 s025 l312a 300 - 325 35 1.4 15 25 15 s025 l430ef 400 - 460 45 1.4 10 20 15 s025 l450e 430 - 480 30 1.3 10 20 15 s025 l600a 575 - 625 37 1.7 20 30 20 s025 l735a 735 - 765 26 1.8 5 15 15 s025 l850rm 845 - 855 30 3.5 3 13 15 s024 l835a 800 - 870 15 1.5 10 20 15 s025 l900a-1 850 - 950 25 2.0 5 15 15 s025 l1000a 950 - 1050 25 2.6 6 16 15 s025 l1090b 1040 - 1090 27 2.5 5 15 15 s025 l11gb-1 960 - 1215 17.5 2.0 10 20 15 s026 l1225a 1125 - 1350 12 3.0 3 13 15 s025 l1300 1215 - 1365 30 2.0 3 13 15 s025 l13ge 1200 - 1400 25 2.0 18 28 15 s025 l13gsa-2 1200 - 1400 60 5.0 7 17 15 s024 l1479 1429 - 1529 18 3.5 0 10 15 s025 l1475a 1420 - 1545 10 5.0 0 10 12 s026 l157ga 1550 - 1600 30 2.0 5 15 15 s025 l1690a 1670 - 1710 30 2.3 0 10 20 s025 anl1800m12-25 1700 - 1800 44 1.2 15 25 24 s003 ANP1800M2-23 1700 - 1800 44 2.0 23 33 24 s003 anl1865m15-30 1850 - 1865 35 1.5 20 30 15 s025 anp1990m12-15 1850 - 1990 25 1.2 15 25 16 s003 anp1990m12-30 1850 - 1990 35 1.5 20 30 15 s025 anl2g5-20 1700 - 2000 10 5.0 10 20 15 s013 today?s communications systems require low noise amplifiers that can amplify the smallest of signals without generating distortion in the presence of adjacent strong sign als. advanced control components produces a line of low noise amplifiers offering low noise figure, moderate gain and some of the hig hest dynamic range specifications available in the industry. advanced control components designs and manufactures a wide variety of low noise amplifiers from rf to millimeter-wave frequencies. the tabl es below list a small portion of the units we have designed. most parameters such as bandwidth, gain, noise figure, compression point etc. can be tailored to your requirements. contact the factory to discuss any modifications or additions of special functions such as gain control, power monitoring, temperature compensation, etc. all models are available with hermetic seal and high-rel screening for mil and spaced-based applications. low noise amplifiers
611 industrial way west, eatontown, nj 07724 tel: 732-460- 0212 fax: 732-460-0214 sales@advanced-control.com www.a dvanced-control.com frequency noise 1db supply standard part range gain figure compression ip3 voltage case number (mhz) (db min) (db max) (+dbm min) (+dbm typ) (vdc) style anp2120m15-10 2030 - 2120 30 1.5 10 20 15 s003 l215gc 2100 - 2200 29 3.0 5 15 15 s024 anl2220m12-25 2130 - 2220 25 1.2 15 25 15 s003 l22gbalc 2100 - 2300 15 4.0 3 13 15 s025 anp2300m12-10 2200 - 2300 25 1.2 10 20 12 s003 anl2400m15-20 1700 - 2400 23 1.5 10 20 15 s006 l245ga 1800 - 2400 20 3.5 0 10 15 s025 l29ga 2400 - 2700 25 2.4 5 15 15 s024 l3ga 2900 - 3100 20 4.0 10 20 15 s025 notes: ? all specifications guaranteed at +25c. ? operating temperature range: - 50c to +70c. extended operati ng temperature range available, ? vswr is specified at 2.0:1 maximum input and output at 50 ? . typical performance is 1.7:1. ? all models can be optimized for different frequency ranges. ? custom packaging is available for all models. ? standard package finish: chemical f ilm per mil-c-5541, class c. ? rf connectors per mil-prf-39012 (sma female standard) environmental specifications: screening : mil-e-5400, mil-std-202, mi l-e-16400 standard screening : operating temp: -50c to +70c inte rnal visual per mil-std-883, method 2017 storage temp: -65c to +125c temper ature cycle: -65c to +100c, 10 cycles humidity: mil-std-202f, m103, cond b optional high-rel screening (ref mil-prf-38534) : shock: mil-std-202f, m213, cond b inte rnal visual per mil-std-883, method 2017 altitude: mil-std-202f, m105, cond b stabi lization bake per mil-std-883, method 1008 vibration: mil-std-202f, m204, cond b te mperature cycle per mi l-std-883, method 1010 thermal shock: mil-std-202f, m107, cond a cons tant acceleration per mil-std-883, method 2001 temperature cycle: mil-std-202f, m105c, co nd d burn-in per mil-std-883, method 1015 leak test per mil-std-883, method 1014 external visual per mil-std-883, method 2009 refer to standard amplifier outline drawing specification for mechanical details * contact the factory for price and delivery or to discuss options and custom requirements advanced control components is your source for custom am plifiers and amplifier assemblies. with complete design and test capability to 40ghz, we have the resources to hel p develop and realize a new design, build to an existing specification or replace an obsolete component. from comm ercial to space qualified applications, we can help. in addition to high performance amplifier design capa bility, advanced control components produces custom amplifier-based multi-function assemblies to 40ghz. with our extensive expertise, we can integrate a wide variety of components and functions such as mixers, limiters, switches, a ttenuators, combiners/dividers, filters, detectors, etc. additional capabilities include microprocessor control and monitoring, rf signal monitoring, and power supply conditioning. contact the factory to discuss your design and application. lna-0205 ? supply voltage options ? voltage-controlled gain ? temperature compensation ? input and output limiting ? integrated filters ? unit-to-unit gain and phase matching ? detected outputs ? power monitoring options: ? custom frequency ranges available to 40ghz ? alternate standard and custom packaging ? available as open cards or drop-in modules ? hermetic seal ? integrated power supplies ? multiple outputs ? interstage access points ? hi-rel screening
|