Part Number Hot Search : 
UM37528S DGGGR 200001 B0520LW RBV1504 TLP260J 0805C 40N10
Product Description
Full Text Search
 

To Download 871C-DT15NP30-D4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inductive proximity sensors r2?83 f description bulletin 871c inductive proximity sensors are self-contained, general purpose, solid-state devices designed to sense the presence of ferrous and non-ferrous metal objects without touching them. the switch body consists of a plastic face and either a nickel-plated brass barrel or plastic barrel. the electronic circuitry is potted for protection against shock, vibration, and contamination. these sensors are available in 3, 4, 5, 8, 12, 18 and 30mm diameters, with smooth or threaded barrels. connection options include a 2m cable, micro quick-disconnect, and pico quick-disconnect. features  cable or quick-disconnect styles  short circuit protection   overload protection   transient noise protection  false pulse protection  reverse polarity protection  ce marked for all applicable directives (most models)  ac full-featured and dc models only. styles dc 3-wire small diameter page r2?84 dc 3-wire extended temperature range page r2?87 . . . . . . ac 2-wire full-featured page r2?89 . . ac 2-wire plastic barrel page r2?92 . . namur intrinsically safe page r2?94 . analog output page r2?97 . . . . . . . . . . accessories cordsets page r8?1 . . . . . . . . . . . . . . . . conduit adaptors page r2?195 . . . . . . . mounting brackets, spring return style page r2?196 . . . . . mounting brackets, swivel/tilt style page r2?198 . . . . . . . . mounting brackets, right angle style page r2?199 . . . . . . . mounting brackets, clamp style page r2?200 . . . . . . . . . . . end caps page r2?206 . . . . . . . . . . . . . mounting nuts page r2?207 . . . . . . . . . lock washers page r2?209 . . . . . . . . . . general information torque chart page r2?211 . . . . . . . . . . . metric/english conversion chart page r11?6 . . . . . . . . bulletin 871c plastic face/plastic barrel or nickel-plated brass barrel
inductive proximity sensors r2?84 
  ()   * 
  ( + +)  *' 
  ()  * $   ( + +)  ' features  3-wire operation  3-conductor, 3-pin or 4-pin connection  10?30v dc  normally open or normally closed output  false pulse, transient noise, reverse polarity and short circuit protections (most models)  ce marked for all applicable directives (except for 3mm models) specifications  
  (  
    250      05<8054  0578056   05.8057 **  05.8057 871c 3-wire dc plastic face/small threaded or smooth nickel-plated brass barrel "! ) 
 ).(
 0
(& ( & ("  '$- 2-      


4   
'#  - 
,  
 # %
  

)%" 0
(! , . &$
@!! 200 052 208.0%) 356% 6e 26e
*  : *   : *  : *  "   #  !**      " ; * !. # &2'3'.'7'23'2.:/<"  
#:/6"- 
#": 639#@   *     3 "/56! #    .   % ( )    .* * 
 , n a+ *   c  836  i<0 "82.  i264 # .0'22 66bc'2*  '.*  >5?!! 300 : * 
inductive proximity sensors r2?85 product selection   4 !
 

( " 
 0 +,
(  (4!$  "!  - 4 !


(" 
 !!1
3 , 0 
(
+,
( 6
-12;3 $-  <"- .   0 / "0 03# n +  .000 ="44@=% o .   05/"0503# n 5+5  .000 ="4@=% o 7   0 4 "0 0.# n +  .000 ="44>=% ="44>=@ 7   054"050.# n 5+5  .000 ="4>=% o 7    0 / "0 03# n +  .000 ="44>=% o 7    05/"0503# n 5+5  .000 ="4>=% o 6    2 "0 07# n +  .000 ="44?=% ="44?=@ 6    2"0507# n 5+5  .000 ="4?=% ="4?=@ ,     ()  "83j3"/56! ## a=@= qd cordsets and accessories " 
(4!$ +       ,483      ,483 &    ,3829/8,38300   * ,3830/ &    ,3830<8,38304 871c 3-wire dc plastic face/small threaded or smooth nickel-plated brass barrel
inductive proximity sensors r2?86 dimensions?mm (inches) wiring diagram cable style $)   3"/56! # 3 "/56! # $)   ! , , 441
.
(3 41 
(3 i 208.0%) 8 $  i8  a i 8 $ 8 i 208.0%) a   4 !-0
441
.
(3 41 
(3 i 208.0%) 8 $ i8 a   i 8 $ 8 i 208.0%) a   4 !-  !!1
, 3 ! ,"! ,; ,    .50 o n .50"0523# 3350"054<# o 750 o n 750"052/# 3650"0594# o o &7;056 n 750"052/# 3350"054<# o o &6;056 n 650"0530# 3650"0594# o pico qd style ) $)     $) ! , , 441
.
(3 7 . 2 i 8 8 i 208.0%) $ 4 !-0
41 
(3 7 . 2 8 i 208.0%) i8 $ !!1
, 3 ! ,"! ,; ,    " 750 o n 750"052/# .450"2560# 2950"05<7# o o &6;056 n 650"0530# .450"2560# 3.50"0590# o 871c 3-wire dc plastic face/small threaded or smooth nickel-plated brass barrel
inductive proximity sensors r2?87 
         description bulletin 871c inductive proximity sensors are self-contained, solid state devices designed for most industrial applications where it is required to sense the presence of metal objects without touching them. these special extended temperature models are ideal for industrial environments where temperatures can reach as high as 212  f (100  c) or as low as ?40  f (?40  c). they are available for current source (pnp) operation with a normally open output. each switch has a plastic face and a nickel-plated brass housing which meet nema 1, 2, 3, 4, 12, 13 and ip67 (iec 529) enclosure standards. the electronic circuitry is potted for protection against shock, vibration, and contamination. these sensors are available in 12, 18, and 30mm diameters. connection options include: 2m (6.5ft) pur cable or micro quick-disconnect (4 pin, 1 keyway). specifications features  3-wire operation  3-conductor or 4-pin connection  10?30v dc  extended temperature range  normally open output  short circuit, false pulse, reverse polarity, overload and transient noise protection  ce marked for all applicable directives  
  (  
    250      059  056   0576 **  057 871c 3-wire dc extended temperature plastic face/threaded nickel-plated brass barrel ) 
 ).(
 0
(& ( & ("  '$- 2-      


4   
'#  - 
,  
0#  
 # %
  

)%" 0
(! , . &$
28300 20  208.0%) 357% 20e 26e
*  : *  : *  : *  : *  : *   !**       &2'3'.'7'23'2.':/<": 639#   *     3 "/56! #     .   >, ( )    7*    
 +  + *   c  870  i200 "870  i323 # .0'22 66bc'2*  '.* 
inductive proximity sensors r2?88 product selection  4 !
 

( " 
 0 +,
(  (4!$  "! 4 !
  

(  " 
 !!1
, 3 , 0 
(
+,
( 6
-12;3 $-  <"- 23 3"0504# n +  3000 ="4=8 ="4="> 23 7"052/#  5+5  2000 =">4=8 =">4="> 24 6"0530# n +  2000 ="?4 =8 ="?4 ="> 24 4"05.2#  5+5  600 =" 4 =8 =" 4 ="> .0 20"05.9# n +  600 ="/4@/=8 ="/4@/="> .0 26"0569#  5+5  .00 ="?4@/=8 ="?4@/="> ,     ()  "83j3"/56! ## a"=>= qd cordsets and accessories " 
(4!$ +       ,483      ,483 &    ,3829/8,38300   * ,3830/ &    ,3830<8,38304 dimensions?mm (inches) wiring diagram cable style $)   ) 3 "/56! # 41 
(3 + 8 $ a 8 i   208.0%) 4 !-0
!!1
, 3 ,; ,    " &23?2 n 23 0 "0 7<# 7050"256<# o &23?2  2350"057<# .750"25.7# /50"0537# &24?2 n 24 0 "0 <2# 70 0 "2 6<# 7050"256<# o &24?2  2450"05<2# 7050"256<# .350"253/# 450"05.2# &.0 ? 2 6 n .0 0 "2 24# 7050"256<# o &.0?256  .050"2524# 3450"2523# 2350"057<# micro qd style &23?2 )   $) 41 
(3 4 !-0
8 i $ 32 .7 208.0%) 8i !!1
, 3 ,; ,    " &23?2 n 23 0 "0 7<# 7050"256<# o &23?2  2350"057<# .750"25.7# /50"0537# &24?2 n 24 0 "0 <2# /0 0 "3 ./# 7050"256<# o &24?2  2450"05<2# /050"35./# .350"253/# 450"05.2# &.0 ? 2 6 n .0 0 "2 24# 7050"256<# o &.0?256  .050"2524# 3450"2520# 2350"057<# 871c 3-wire dc extended temperature plastic face/threaded nickel-plated brass barrel
inductive proximity sensors r2?89 !     !     !
   ? features  2-wire operation  2-conductor or 3-pin connection  40?250v ac  normally open or normally closed output  short circuit, false pulse, overload, and transient noise protection  ul listed, csa certified, and ce marked for all applicable directives specifications  
  (  
    250      059  056   0576 **  057 871c 2-wire ac full featured plastic face/threaded nickel-plated brass barrel 360 700 6 3 7 525<  230% 708360% 6% 360' 6% 700 20% 20 20% 20 20e       *   20e
*  : *  : *  : *  : *  >$  '   ! '   !**       &2'3'.'.,'7'7?'/'/'23'2.:/<": 639#   *     3 "/56! #    3   % (  )    .*    
 .*  
 , + *   c  = a    " # 836  i<0 "82.  i264 # .0'22 66bc'2*  '.*  ) 
 
!!) 

 ,
1-3 ).(
 0
(& ( & ("  '$- 2-      


4   
,  
0#  
 # %
  

)%" 0
(! , . &$
!!  !! "!
inductive proximity sensors r2?90 product selection  4 !
 

( " 
 0 +,
(  (4!$  "! 4 !


(" 
 !!1
, 3 , 0 
(
+,
( 6
-12;3 $- 
<"-  <"- 23 3 "0 04# n 5+5 .0 o =4=4@ =4='@ 23 3"0504# n 5 5 30 o ==4@ =='@ 24 6 "0 30# n 5+5 .0 =?4 = =?4 =4@ =?4 ='@ 24 6"0530# n 5 5 30 =? = =? =4@ =? ='@ .0 20 "0 .9# n 5+5 .0 =/4@/= =/4@/=4@ =/4@/='@ .0 20"05.9# n 5 5 30 =/@/= =/@/=4@ =/@/='@ ,     ()  "8/j254"/! #'83j3"/56! ## a4=@=b a'=@= qd cordsets and accessories " 
(4!$ +       ,483 &    ,3829/8,38300   * ,3830/ &    ,3830<8,38304 871c 2-wire ac full featured plastic face/threaded nickel?plated brass barrel
inductive proximity sensors r2?91 dimensions?mm (inches) wiring diagram cable style ) $)   c 3 "/56! # 4 !-0
4 !-  $ a  = n a $ a  = n a note: load can be switched to brown wire. !!1
, 3 ,; ,    " &24?2 n 2450"05<2# <056"35<4# 6<56"353/# 054"050.# &.0?256 n .050"2524# <<57".506# /.57"3560# 054"050.# mini qd style $) <482/ 83   ) $ =  2 . 3 4 !- 0
 4 !-  note 1: no ground wire on 12mm. attach housing to ground. note 2: load can be switched to pin 3. !!1
, 3 ,;    " &23?2 2350"057<# 4.5.".534# .<56"2574# &24?2 2450"05<2# <356"3546# 6357"350/# 054"050.# &.0?256 .050"2524# 4/56".572# /35/"357<# micro qd style $) 23830>83 )   2 3 . =  $ 4 !- 0
 4 !-  note 1: no ground wire on 12mm. attach housing to ground. note 2: load can be switched to pin 2. !!1
, 3 ,;    " &23?2 2350"057<# 465.".5./# .4522"2560# &24?2 2450"05<2# 405.".52/# 6/5<"353.# 054"050.# &.0?256 .050"2524# 465<".5.<# /35/"357<# 871c 2-wire ac full featured plastic face/threaded nickel-plated brass barrel
inductive proximity sensors r2?92 !
    features  2-wire operation  2-conductor connection  24?250v ac  normally open or normally closed output  transient noise protection  ce marked for all applicable directives specifications  
  (  
    250      05<8054  0578056   05.8057 **  05.8057 871c 2-wire ac plastic face/threaded plastic barrel ) 

 ,
1-3 ).(
 0
(& ( & ("  2-   

4   
 # %
  

)%" 0
(! , . &$
240 .00 2 . 525< 378360% 22% 30e
*  : *   !**       &2'3'.'7'7?'23'2.:/<": 639#       3 "/56! #    3   % , + *   c  836  i66 "82.  i2.2 # .0'22 66bc'2*  '.*   !! @/!! "!
inductive proximity sensors r2?93 product selection  4 !
 

( " 
 0 +,
(  (4!$    "! 4 ! 
    

( "  
 !!1
, 3 , 0     
(
+,
( 6
-12;3 $- 6 "0 30# n 5+5 =? 24 6"0530# n 5 5 ="? 24 4 "0 .2#  5+5 = ' 4"05.2#  5 5 4 =" ' 20 "0 .9# n 5+5 4 =/@/ .0 20"05.9# n 5 5 ="/@/ .0 26 "0 69#  5+5 =?'@/ 26"0569#  5 5 ="?'@/ accessories " 
(4!$      ,483 &    ,3829/8,38300   * ,3830/ &    ,3830<8,38304 dimensions?mm (inches) wiring diagram cable style $)   ) 3"/56! # load black blue load black blue 4 !-0
4 !-  note: load can be switched to black wire. , ; , !!1
, 3 ,; ,    " &24?2 n 24 0 "0 <2# 42 0 ". 29# &24?2   2450"05<2# 4250".529# /2 0 "3 70# 3 0 "0 04# &.0 ? 2 6 n .0 0 "2 24# 42 0 ". 29# /250"3570# 350"0504# &.0?256   .050"2524# 4250".529#  unshielded proximity sensors require a metal-free zone around the sensing face. any metal immediately opposite the sensing face should be no closer than 3 times the rated nominal sensing distance of the sensor. 871c 2-wire ac plastic face/threaded plastic barrel
inductive proximity sensors r2?94 ,!-. 
   ,!-.     ? description for allen-bradley namur style sensors, the sensor input and output conforms to namur specifications (din 19 234) allowing these sensors to be used with any approved namur style amplifier/ isolator. allen-bradley?s namur style sensors are intrinsically safe when used with an approved intrinsically safe namur style isolator. the 871c namur style family of sensors can be used in class i, ii, iii; division 1 and 2; groups a, b, c, d, e, f, and g as well as zones 0, 1, 2; groups iia, iib, iic when used with allen-bradley?s namur style isolators/amplifiers. installation must be in accordance with the national electrical code, ansi/isa rp12.6, or per other regulations by authority having jurisdiction over the installation site as appropriate. features  2-wire namur operation  8, 12, 18, and 30mm sizes  short barrel length  shielded and unshielded models  fm, csa, and cenelec (kema) approved specifications  
  (  
    250      05<8054  0578056   05.8057 **  053805. entity parameters 
 % ;  %  :   b  $  '4 4d , ! !  $, : 
5 
g-!-$  
  -: ! 871c 2-wire namur nickel-plated brass barrel, plastic face &>," ! ):293.7# r2 p. 6826%) "453%)  5', j2'):293.7# r6e r20e 20e
*  : *  ,  c  * !  ,  c  * !  ,  c  * !  ,  c  * !  &7':/<": 639# &**  8 :'::':::@)    2'3@=*'' ')'''= 8 :@k 0'2'3@=*:: '::'::@/ **  8 :'::':::@)    2'3@=*'' ')'''= 8 :@k 0'2'3@=*:: '::':: $  "v&# **  8=*::'::':: @k 0'2'3"; :: /#  !**        3"/56! #  3  m331=% ( )    7*    
  836   /0  "82.   270  # .0'22 66bc'2*  '.*    *    ' *  ! 0 ) 
( 
 ) 
($ 
 0
(& ( '& ( '$- 2-   '#  - 
   


4   
,  
0#  
%
   # 

)%" 0
(! , . &$
2  
(
inductive proximity sensors r2?95 product selection  4 !
 

( " 
 0 +,
(  (4!$    "! 4 ! 
    

( " 
 !!1
, 3 , 0  
(
 +   ,
( 6
-12;3 $-  <"- 4 2"050.# n 3000 ="2 = ="2 ="> 4 3"050/#  2000 ="2 = ="2 ="> 23 3"0504# n 3000 ="2= ="2="> 23 7"052/#  &>, 2000 ="2>= ="2>="> 24 6"0530# n &>, ):293.7 2000 ="2? = ="2? ="> 24 4"05.2#  600 ="2  = ="2  ="> .0 20"05.9# n 600 ="2/@/= ="2/@/="> .0 26"0569#  .00 ="2?@/= ="2?@/="> ,     ()  "83j3"/56! ## a"=>=   intrinsically safe wiring labels 897h?l1 or 897h?l2 must be applied every 7.6m (25ft). qd cordsets and accessories " 
(4!$ +       ,483      ,483 &>, * ! :  ,38326 :    !
 1   $  ,3832/ &    ,3829/8,38300   * ,3830/ &    ,3830<8,38304 dimensions?mm (inches) wiring diagram cable style   3 "/56! # &>, =  :  a  i 8 !!1
, 3 ,; ,    &4;2 n 4 0 "0 .2# o &4;2  450"05.2# 650"0530# &23;2 n 23 0 "0 7<# .0 0 "2 24# o &23;2  2350"057<# .050"2524# /50"0537# &24;2 n 24 0 "0 <2# o &24;2  2450"05<2# 450"05.2# &.0;26 n .0 0 "2 24# 70 0 "2 6<# o &.0 ; 2 56  .0 5 0  "2 5 24# 7 0 5 0  "2 56< # 2350"057<# 871c 2-wire namur, cable style nickel-plated brass barrel, plastic face
inductive proximity sensors r2?96 dimensions?mm (inches) wiring diagram micro qd style &23?2 )   41 
(3 4 !-0
8 i 32 .7 &>, =  :  !!1
, 3 ,; ,    " &4;2 n 4 0 "0 .2# 3450"2520# o &4;2  450"05.2# 3.50"0592# 650"0530# &23;2 n 23 0 "0 7<# 60 0 "2 9<# .050"2524# o &23;2  2350"057<# 6050"259<# 3750"0597# /50"0537# &24;2 n 24 0 "0 <2# .050"2524# o &24;2  2450"05<2# 3350"054<# 450"05.2# &.0;26 n .0 0 "2 24# /0 0 "3 ./# 7050"256<# o &.0 ; 2 56  .0 5 0  "2 5 24# /0 5 0  "3 5 ./# 3450"2520# 2350"057<# 871c 2-wire namur nickel-plated brass barrel, plastic face
inductive proximity sensors r2?97 
   description bulletin 871c inductive proximity sensors are self-contained, solid-state devices designed to sense the presence of metal objects without touching them. this special version provides a 0?10v sourcing analog output proportional to the sensing distance. this device is enclosed by a plastic face and a nickel-plated brass housing which meets nema 1, 2, 3, 4, 12, 13 and ip67 (iec 529) enclosure standards. the electronic circuitry is potted for protection against shock, vibration and contamination. this sensor is available in 12, 18 and 30mm diameters with a 2m (6.5ft.) pvc cable connection. features  3-wire operation  18?30v dc  short circuit, overload, reverse polarity, and transient noise protection  0?10v sourcing analog output  ce marked for all applicable directives specifications  
  (  
    250       05<8054  0578056   05.8057 **  053805. 871c analog output, 3-wire dc plastic face/nickel-plated brass barrel 
 (0 ) 
 0
(& ( '$- ' +'  09  " 
 )
- 
 ! 
 

4   
'#  - 
,  
0#  
%
  

)%" 0
(! , . &$
0820%  6 248.0%)  2e 20e 250% 0536% /536e  05.% : *  : *  : *  : *  &2'3'.'7'23'2.@:/<": 639#'  *  ' *  !  "#   3 "/56! #    .  %  836   i<0  "82.   i264  # .0'22 66bc'2*  '.*  !!  !! @/!! 05<% 052% 0.5<6% 054<6%
inductive proximity sensors r2?98 product selection  "! )
 

(" 
 !!1
, 3 , 0 
(
+,
( 6
-12;3  (4!$ 23 0568356"050380520# n  %    200 ="@=% 24 287"05078052/# n  %    200 ="> =% .0 <827"053<80566#   %    .0 =">@/=% qd cordsets and accessories " 
(4!$      ,483 &    ,3829/8,38300   * ,3830/ &    ,3830<8,38304 dimensions?mm (inches)   3 "/56! # !!1
, 3 ,;    23 23"057<# <0 "3 <6# 24 24"05<2# <0"35<6# 40".526# .0 .0"2524# 64"3534# 40  ".526# wiring diagrams a  + ? i $    248.0%) 12mm 18mm 30mm a  + ? i $    248.0%) a  + ? $    248.0%) nominal output 12mm 18mm 30mm 2% 9% )      056 356 + * 0536% 2% 9% )      2 7 + * 05.<6% 2% 9% )      < 27 + * 054<6% 871c analog output, 3-wire dc plastic face/nickel-plated brass barrel


▲Up To Search▲   

 
Price & Availability of 871C-DT15NP30-D4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X