Part Number Hot Search : 
M54617P SP723APP B3150 ST7271N3 LBT20006 100PG C4274 PT22431
Product Description
Full Text Search
 

To Download 800-035EFBBBZNPN-72 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com j-1 e-mail: sales@glenair.com a b c d e f g h j k l m n p 100base-t cordset with 4 pin series 800 connector series 80 mighty mouse asap cordsets for ethernet, ieee 1394 and usb 2.0 asap cordsets for high speed serial data how to order cordsets step 1: select the connector series table1 lists the six types of series 80 connectors. for more information on selecting a connector, please refer to the connector selection chart in the introduction. step 2: select the cable table 2 contains speci? cations for standard data cables. the cable type also determines the connector layout. 4 pin connectors are used for 4 wire cables, and tem pin connectors are used for 8 wire cocables. step 3: select a cable jacket table 3 shows available jacket options. choose fep ? ourocarbon jackets for airframe and avionics applications, or choose low smoke/zero halogen polyurethane jackets for soldier systems, vehicles, and transit systems. step 4: select a cable-to-connector interface table 3 provides three ways to attach the cable to the connector: 1. polyamide boot, overmolded with ? exible strain relief 2. aluminum backshell, shielded, watertight a nd removable 3. heat-shrink boot, low smoke/ zero halogen step 5: select a connector con? guration table 1 shows connector codes for specifying plug versus receptacle and pin versus socket contacts. add a plating code, keying option and length. upgrade commercial high speed serial interconnects to mil spec performance. glenairs asap mighty mouse cordsets are available for 100base-t, gigabit ethernet, iee 1394 and usb 2.0 applications. these cordsets combine aerospace-grade data cables with series 80 mighty mouse harsh environment connectors for maximum performance and minimum size. fep jackets meet faa flammability requirements. or, choose low smoke/ zero halogen polyurethane jackets for mass transit or shipboard applications. three strain relief options C overmolded, threaded backshell or heatshrink boots.
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com j-2 e-mail: sales@glenair.com a b c d e f g h j k l m n p table 1: how to order series 80 cordsets for high speed data sample part number 801-021 b r p a c m p z C 72 connector series cable cable jacket strain relief connector end a p1 connector end b p2 shell material / finish protective cover shell pol. pos. oal length 800-035 series 800 cordset, unf threaded coupling, hex nut 801-021 series 801 cordset, double- start threaded coupling 803-007 series 803 cordset, push- pull with bayonet lock coupling 804-013 series 804 cordset, quick- disconnect push- pull 805-007 series 805 cordset, tri- start threaded coupling with ratchet and ground spring a 100base-t ethernet 4 cond. utp, oal shield 4 pin connector b 100base-t ethernet quad, oal shield, 4 pin connector c 1000base- t gigabit ethernet 8 cond. utp, oal shield, 10 pin connector d ieee 1394 hi-speed quad 110 ohm, 4 pin connector e usb 2.0, two #22 power, one stp #26 f two stp, 100 ohm, oal shield, 4 pin connector g four stp, 100 ohm, oal shield, 10 pin connector f fep flourocarbon jacket, translucent blue p low smoke/ zero halogen polyurethane jacket, black p polyamide overmold b aluminum backshell h heat-shrink boot, low smoke/ zero halogen a plug, with male pin contacts b plug, with female socket contacts c receptacle, with male pin contacts d receptacle, with female socket contacts a plug, with male pin contacts b plug, with female socket contacts c receptacle, with male pin contacts d receptacle, with female socket contacts n no connector (single- ended) m aluminum / electroless nickel nf aluminum / cadmium with olive drab chromate zn aluminum / zinc-nickel with olive drab chromate znu aluminum / zinc-nickel with black chromate z1 stainless steel / passivated tbd p metal protective covers included n no covers supplied n normal x pos. x y pos. y z pos. z overall length in inches 12 inch min. series 80 mighty mouse asap cordsets for ethernet, ieee 1394 and usb 2.0
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com j-3 e-mail: sales@glenair.com a b c d e f g h j k l m n p table 2: cable specifications cable code a b c d e f g cable type 100base-t 100base-t 1000base-t ieee 1394 usb 2.0 100 stp 100 stp construction utp quad utp quad stp stp stp number of pairs 24-124 number of conductors 4484448 conductor awg 24 24 24 24 26 & 22 26 26 conductor material scca scca scca scca scca scca scca conductor insulation fep fep fep ptfe fep fep fep inner shield am am am sccb am am am outer shield sccb sccb sccb sccb sccb sccb sccb shield coverage 95% min. 95% min. 92% 95% 95% 95% 95% impedance 100 10 100 10 100 10 110 6 90 13 capacitance (pf/ft.) 13.0 15.6 14.5 12.0 13.0 propagation velocity 80% 69.5% 70% skew (ps/ft.) 3.5 attenuation (db/100 ft.) 10mhz 1.9 1.9 2.4 6.8 attenuation db/100 ft.) 100 mhz 6.7 6.7 8.0 attenuation (db/100 ft.) 500 mhz 15.5 attenuation (db/100 ft.) 1ghz 22.5 near-end crosstalk db @10mhz 47 53 50.3 near-end crosstalk db @100mhz 32 38 35.3 dielectric withstanding voltage 1500 vac 1500 vac 1500 vac 1000 vac table 3: cable jacket options jacket code f r jacket material extruded fep low smoke/ zero halogen polyurethane typical use airframe, avionics, missile dismounted soldier,shipboard, armored vehicle, railcar ul rating 94 v-0 94 v-0 faa flammability far 23.1359 far 25.853(a) far 25.869(a)(4) far 25.853(a) temperature range -30 to +105 c. resistance to solvents excellent excellent flexibility good excellent abrasion resistance excellent excellent color translucent blue black smoke index nes 711 24 toxicity index nes 713 3.9 oxygen index astm d-2863 95% 28% overall cable diameter cable code diameter cable code diameter a .210 (5.33) a b .175 (4.45 b c .265 (6.73) c d .190 (4.83) d ee ff gg series 80 mighty mouse asap cordsets for ethernet, ieee 1394 and usb 2.0
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com j-4 e-mail: sales@glenair.com a b c d e f g h j k l m n p table 4: cable-to-connector interface (strain relief) strain relief code p b h polyamide overmold aluminum backshell heat-shrink boot material polyamide 6061-t6 aluminum polyole? n max. operating temperature 105 c. 150c. 105 c. hardness 75 shore a n/a low temperature brittle point < -45c. n/a <-55c. volume resistivity >10 12 ohms cm n/a dielectric strength >12 kv/mm n/a >12 kv/mm flammability (ul 94) v0 vertical burn n/a v0 vertical burn smoke index (nes 711) <10 n/a 9.0 toxicity index (nes 713) <7 n/a 1.9 resistance to ozone excellent n/a excellent oil resistance good n/a good polar solvents (alcohol) poor n/a good non-polar solvents good n/a good fuel resistance good n/a fair immersion 1 meter mil-std-810 method 512 ip67 1 meter mil-std-810 method 512 part number (not sold separately) 390ms076 809s060 series 80 mighty mouse asap cordsets for ethernet, ieee 1394 and usb 2.0
asap cordset dimensions strain relief code p polyamide overmold strain relief code b metal backshell strain relief code h heatshrink boot ? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com j-5 e-mail: sales@glenair.com a b c d e f g h j k l m n p series 80 mighty mouse asap cordsets for ethernet, ieee 1394 and usb 2.0 b max. series 800 plug shown polyamide overmolded strain relief a max. length + 2.0/-0.0 (+50.8/ -0.0) 12 in. (300 mm.) min. series 800 receptacle shown optional protective cover with polyurethane wire rope shielded jacketed cable f max. series 800 plug shown boot, heat-shrink zero halogen e max. length + 2.0/-0.0 (+50.8/ -0.0) 12 in. (300 mm.) min. series 800 receptacle shown optional protective cover with polyurethane wire rope shielded jacketed cable dimensions cable code type number of connector pins nom. cable dia. a max. b max. c max. d max. e max. f max. in. mm. in. mm. in. mm. in. mm. in. mm. in. mm. in. mm. a 2 pair utp 100 4 .210 5.33 2.50 63.5 .56 14.2 2.10 53.3 .53 13.5 1.60 40.6 .47 11.9 b quad 100 4 .175 4.45 2.50 63.5 .56 14.2 2.10 53.3 .53 13.5 1.60 40.6 .47 11.9 c 4 pair utp 100 10 .265 6.75 2.50 63.5 .68 17.3 2.10 53.3 .60 15.2 1.60 40.6 .58 14.7 d quad 110 4 .190 4.83 2.50 63.5 .56 14.2 2.10 53.3 .53 13.5 1.60 40.6 .47 11.9 e usb 90 4 2.50 63.5 .56 14.2 2.10 53.3 .60 15.2 1.60 40.6 .47 11.9 f 2 pair stp 100 4 2.50 63.5 .56 14.2 2.10 53.3 .60 15.2 1.60 40.6 .47 11.9 g 4 pair stp 100 10 2.50 63.5 .68 17.3 2.10 53.3 .60 15.2 1.60 40.6 .58 14.7 d max. series 800 plug shown backshell 370ms076...n with compression nut c max. length + 2.0/-0.0 (+50.8/ -0.0) 12 in. (300 mm.) min. series 800 receptacle shown optional protective cover with polyurethane wire rope shielded jacketed cable
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com j-6 e-mail: sales@glenair.com a b c d e f g h j k l m n p series 80 mighty mouse asap cordsets for ethernet, ieee 1394 and usb 2.0 p1 p2 wiring diagram cable type a 100base-t utp p1 p2 1 blue 1 3 white 3 2 orange 2 4 green 4 4 3 2 1 wiring diagram cable type b 100base-t quad p1 p2 1 blue 1 2 red 2 3 yellow 3 4 green 4 pin connector mating face 4 3 2 1 socket connector mating face wiring schematics for type a and type b cable pin connector mating face socket connector mating face wiring schematic for type c cable for gigabit ethernet applications 3 1 8 10 4 7 wiring diagram cable type c 1000base-t utp p1 p2 2 blue 2 7 wht/blu 7 3 orange 3 6 wht/orn 6 4 green 4 9 wht/grn 9 8 brown 8 5 wht/brn 5 1 n/c 1 10 n/c 10 3 1 8 10 4 7 10 pin connector for gigabit ethernet
wiring schematic for type d quad cable for ieee 1394 applications wiring schematic for type e cable for usb 2.0 applications ? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com j-7 e-mail: sales@glenair.com a b c d e f g h j k l m n p p2 4 3 2 1 wiring diagram cable type e usb 2.0 p1 p2 1 red vbus 1 2 white d- 2 3 green d+ 3 4 black gnd 4 pin connector mating face 4 3 2 1 socket connector mating face #22 awg (red, blk) #26 awg twisted pair (grn, wht) drain wire jacket braid shield braid shield p1 series 80 mighty mouse asap cordsets for ethernet, ieee 1394 and usb 2.0 p1 p2 4 3 2 1 wiring diagram cable type d 1394 quad p1 p2 1 blue 1 2 red 2 3 orange 3 4 green 4 pin connector mating face 4 3 2 1 socket connector mating face 4 pin connector for ieee 1394
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com j-8 e-mail: sales@glenair.com a b c d e f g h j k l m n p wiring schematic for type g cable for 100 ohm stp applications pin connector mating face socket connector mating face 3 1 8 10 4 7 3 1 8 10 4 7 wiring diagram cable type g four stp p1 p2 1 blue 1 4 white 2 2 blue 3 3 white 4 7 blue 5 10 white 6 8 blue 7 9 white 8 5 n/c 9 6 n/c 10 series 80 mighty mouse asap cordsets for ethernet, ieee 1394 and usb 2.0 wiring schematic for type f cable for 100 ohm stp applications 4 3 2 1 pin connector mating face 4 3 2 1 socket connector mating face wiring diagram cable type f tw0 100 ohm shielded twisted pairs with overall shield p1 p2 1 blue 1 3 white 3 2 blue 2 4 white 4


▲Up To Search▲   

 
Price & Availability of 800-035EFBBBZNPN-72

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X