Part Number Hot Search : 
2SC36 L63ID HC123 ST441 2SC36 TDA381 LVC540B L63ID
Product Description
Full Text Search
 

To Download 800-020-AA2ZM9-19NA-48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com e-18 e-mail: sales@glenair.com series 800 a b c d e f g h j k l m n p series 802 aqua mouse 3500 psi rated series 802 overmolded cordset how to order series 802 overmolded cordsets sample part number 802-019 C a c 2 z1 9-19 n a C 48 series end a connector end b connector wire size shell material / finish insert arr. protective cover shell key pos. length 802-019 overmolded cordset, shielded, with polyurethane cable jacket 1 meter immersion 800-020 overmolded cordset, shielded, with neoprene jacket and polyurethane overmolding, 2500 psi rated a plug, with male pin contacts b plug, with female socket contacts c receptacle, with male pin contacts d receptacle, with female socket contacts a plug, with male pin contacts b plug, with female socket contacts c receptacle, with male pin contacts d receptacle, with female socket contacts n no connector (single- ended) 2 #22 awg 4 #24 awg (std.) 6 #26 awg 8 #28 awg z1 stainless steel / passivated zm stainless steel / electroless nickel plated 5-3 6-1 6-4 6-7 7-1 7-10 8-13 9-4 9-19 10-26 12-2 12-37 14-55 15-85 p metal protective covers included n no covers supplied a pos. a (normal) b pos. b c pos. c d pos. d overall length in inches 12 inch min . 802 series cordsets for harsh environments glenairs aqua mouse overmolded cordsets offer watertight sealing and excellent cold temperature flexibility. these cables are 100% tested and ready to use. two cable types C standard polyamide overmolded cordsets offer good chemical resistance and are rated for one meter immersion. for maximum performance and 2500 psi rating, choose neoprene jacket and thermoset polyurethane overmolding. shielded C 90% braid coverage and band-it? shield termination meet emi requirements. simpli? ed ordering, no minimums
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com e-19 e-mail: sales@glenair.com series 800 a b c d e f g h j k l m n p series 802 aqua mouse 3500 psi rated series 802 harsh environment cordset specifications cable jacket material thermoplastic polyurethane, black, ul 94 v-0 rated, or neoprene rubber per astm d2000 cable shield nickel-coated copper braid, 90% minimum coverage conductors silver coated stranded wire, tfe insulated, per m22759/11 band-it ? shield termination band stainless steel current rating up to 5 amp continuous duty with #22 awg wire test voltage (dielectric withstanding voltage) 500 vac rms sea level, 100 vac rms 70,000 feet insulation resistance 200 megohms minimum contact resistance see table i operating temperature -30 c. to +105 c. immersion polyamide overmold: 1 meter water immersion for 1 hour per mil-std-810 method 512 (ip68). polyurethane overmold: 3500 psi hydrostatic pressure solvent resistance, polyamide overmold excellent resistance to most solvents, fuels, and oils; poor resistance to strong acids and bipolar solvents (alcohol) electrical resistance (8 milliohms mated contacts) + (wire resistance) shielding effectiveness 50 db minimum from 100mhz to 1000mhz. dimensions shell size a max. b max. c max. d max. e max. in. mm. in. mm. in. mm. in. mm. in. mm. 5 2.00 50.8 .49 12.5 1.50 38.1 .49 12.5 1.65 41.9 6 2.50 63.5 .56 15.7 1.50 38.1 .56 15.7 1.65 41.9 7 2.50 63.5 .68 17.3 1.70 43.2 .68 17.3 1.70 43.2 8 2.50 63.5 .74 18.8 1.75 44.5 .74 18.8 1.75 44.5 9 2.50 63.5 .81 20.6 1.75 44.5 .81 20.6 1.75 44.5 10 2.75 69.9 .87 22.1 1.75 44.5 .87 22.1 1.75 44.5 12 3.00 76.2 .93 23.6 1.75 44.5 .93 23.6 1.75 44.5 14 3.50 88.9 1.12 28.5 1.75 44.5 1.12 28.5 1.75 44.5 15 3.75 95.3 1.18 30.0 2.00 50.8 1.18 30.0 2.00 50.8 length + 2.0/-0.0 (+50.8/ -0.0) 12 in. (300 mm.) min. a max. b max. series 802 plug series 802 receptacle optional protective cover with polyurethane wire rope overmolded strain relief shielded jacketed cable right angle cordsets how to order right angle cordsets insert the letter r after the end a or end b connector letter designator. example straight cable 802-019-ac4z16-4pa-72 right angle 802-019-a r c r 4z16-4pa-72 d max. master key located 180 from cable exit length + 2.0/-0.0 (+50.8/ -0.0) 12 in. (300 mm.) min. c max. e max.


▲Up To Search▲   

 
Price & Availability of 800-020-AA2ZM9-19NA-48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X