Part Number Hot Search : 
2N411 A43L8316 SMCJ75 BUX84S SB310 CDLL256 18629137 F7103
Product Description
Full Text Search
 

To Download 74HC373 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 octal transparent d-type latches w ith 3-state outputs general description 74HC373 is fabricated with high-speed silicon gate cmos technology. it has the high noise immunity and low power consumption of standard cmos integrated circuits. the eight latches in 74HC373 devices are transparent d-type latches. while the latch-enable (le) input is high, the q outputs follow the data (d) inputs. when le is low, the q outputs are latched at the levels that were set up at the d inputs. an output-enable input (oe) makes the eight outputs in either a normal logic state (high or low logic levels) or the high-impedance state. in the high-impedance state, the outputs neither load nor drive the bus lines significantly. the high- impedance state and increased drive provide the capability to drive bus lines without interface or pull-up components. oe does not affect the internal operations of the latches. old data can be retained or new data can be entered while the outputs are off. these 8-bit latches with 3-state outputs are designed specifically for driving highly capacitive or relatively low-impedance loads. they are particularly suitable for implementing buffer registers, i/o ports, bi-directional bus drivers, and working registers. features ? wide operating supply voltage range: 2-6v ? 8 high-current latches with 3-state outputs in a single package ? full parallel access for loading ? low input current: 1 a (max.) ? low power consumption: 80 a (max.) logic diagram oe (1) le (11) functional description truth table inputs outputs oe le d q l h h h l h l l l l x q 0 h x x z h = high level (steady state). l= low level (steady state) x = irrelevant (any input, including transitions) 1d c1 2 d c1 3 d c1 4 d c1 5 d c1 6 d c1 7 d c1 8d c1 1d (3) 2d (4) 3d (7) 4d (8) 5d (13) 6d (14) 7d (17) 8d (18) 1q (2) 2q (5) 3q (6) 4q (9) 5q (12) 6q (15) 7q (16) 8q (19)
2 absolute maximum ratings parameter value unit dc supply voltage (vcc) - 0.5 ~ + 7.0 v dc input or output voltage (v in , v out ) -0.5 to vcc +0.5 v dc current drain per pin, any output (i out ) 35 ma dc current per pin, vcc or gnd (icc) 70 ma storage temperature( t stg ) -65 ~ +150 note : 2. all unused inputs of the device must be held at vcc or gnd to ensure proper device operation. dc electrical characteristics ( apply across temperature range unless otherwise specified) t a -40 ~ +85 parameter test conditions vcc min. typ. max. min. max. unit 2v 1.9 1.998 1.9 4.5v 4.4 4.499 4.4 i oh = -20ua 6v 5.9 5.999 5.9 i oh = -6ma 4.5v 3.98 4.3 3. 84 v oh v i =v ih or v il i oh =-7.8ma 6v 5.48 5.8 5. 34 v 2v 0.002 0.1 0.1 4.5v 0.001 0.1 0.1 i ol = 20ua 6v 0.001 0.1 0.1 i ol = 6ma 4.5v 0.17 0.26 0.33 v ol v i =v ih or v il i ol = 7.8ma 6v 0.15 0.26 0.33 v i i v i = v cc or 0 6v
3 timing requirements over recommended operating temp erature ( unless otherwise specified ) t a = 25  -40 ~ +85 parameter v dd min max min max unit  2.0 v  80     100    tw pulse duration, le high 4.5v  16    20  ns  6.0 v  14    17    2.0 v  50    63   tsu setup time, data before le  4.5v  10    13  ns  6.0 v  9    11     2.0 v  20    24   th hold time, data after le  4.5v  10    12  ns  6.0 v  10    12   ac electrical characteristics over recommended oper ating temperature, cl = 50 pf ( unless otherwise specified ) parameter from to v dd t a = 25  -40 ~ +85  (input) (output)  min typ max min max unit    2.0 v  58  150    190   d q 4.5v  15  30    38  ns   6.0 v  13  26    32   2.0 v  73 175    220   4.5v  18 35    44   tpd le any q 6.0 v  15 30    38    ___  2.0 v  65  150    190   ten oe any q 4.5v  17  30    38  ns    6.0 v  14  26    32   2.0 v  50  150    190   4.5v  15  30    38   tdis   ___ oe any q  6.0 v  13  26    32      2.0 v  28  60    75   t t any q 4.5v  8  12   15  ns    6.0 v  6  10    13  
4 ac electrical characteristics over recommended oper ating temperature, cl = 150 pf ( unless otherwise specified ) parameter from to v dd t a = 25  -40 ~ +85  (input) (output)  min typ max min max unit    2.0 v  82  200    250   d q 4.5v  22  40    50  ns   6.0 v  19  34    43   2.0 v  100 225    285   4.5v  24 45    57   tpd le any q 6.0 v  20 38    48    ___  2.0 v  90  200    250   ten oe any q 4.5v  23  40    50  ns    6.0 v  19  34    43      2.0 v  45  210   265   t t any q 4.5v  17  42    53  ns    6.0 v  13  36    45   ac switching waveform and ac test circuit voltage waveforms pulse durations voltage waveforms setup & hold and input rise & fall times voltage waveforms propagation delay and output transition times voltage waveforms enable and disable times for 3-state outputs t w 50% 50% 50% 50% low-level pulse v cc 0v v cc 0v high-level pulse tr 50% 10% 90% 90% 50% 10% t f vcc 0 v input 0 v input 50% t su vcc t h reference data 50% 50% 50% 90% 50% 10% tpzl tplz tphz vcc 0 v v ol v oh , 0 v tpzh , vcc output control (low-level enabling) output waveform1 output waveform 2 , vcc tplh tr tphl t f t f tr tphl tplh 50% 50% 50% 10% 90% 90% 50% 10% 90% 50% 10% 90% 50% 10% input in-phase output out-of-phase output vcc 0 v v oh v ol v oh v ol
5 parameter r l c l s1 s2 t pzh open closed t en t pzl 1k ? 50 pf or 150 pf closed open t phz open closed t dis t plz 1k ? 50 pf closed open t pd or t t - 50 pf or 150 pf open open notes: a. c l includes probe and test-fixture capacitance. b. waveform 1 is for an output with internal condit ions such that the output is low except when disabled by the output control. waveform 2 is for an output with internal condition s such that the output is high except when disabled by the output control. c. phase relationships between waveforms were chose n arbitrarily. all input pulses are supplied by generators having the following characteristics: prr 0 1 mhz, zo = 50 ? , t r =6ns, t f =6ns. d. the outputs are measured one at a time with one input transition per measurement. e. t plz and t phz are the same as t dis . f. t pzl and t pzh are the same as t en . g. t plh and t phl are the same as t pd . pin description pin no. symbol description 3, 4, 7, 8, 13, 14, 17, 18 2, 5, 6, 9, 12, 15, 16, 19 10 1 11 20 1d - 8d 1q - 8q gnd oe le vcc data inputs outputs ground (0v) output-enable latch-enable positive power supply 1d 2d 2q 3q 7d oe 1q 6d 1 10 20 11 4d 5d 3d 4q gnd 5q le 8d 8q 7q 6q vcc pin configuration (dip-20) logic symbol 1d 2d 3d 4d 5d 6d 7d 8d 1q 2q 3q 4q 5q 6q 7q 8q oe le 3 4 7 8 13 14 17 18 2 5 6 9 12 15 16 19 11 1 v dd s1 s2 r l test point from output under test c l (see note a)
6 pad diagram the coordinate of each pad 8q (-326.1, -808.7) 4q (237.7, 718.5) v cc (-151.7, -816.1) gnd (42.5, 729.9) oe (82.5, -808.7) le (-160.5, 718.6) 1q (237.7, -808.7) 5q (-326.1, 718.6) 1d (388.3, -673.1) 5d (-476.5, 568.7) 2d (388.3, -457.3) 6d (-476.5, 352.9) 2q (388.0, -132.2) 6q (-476.5, 24.7) 3q (388.0, 25.6) 7q (-476.5, -135.0) 3d (388.1, 351.8) 7d (-476.5, -457.2) 4d (388.1, 567.6) 8d (-476.5, -673.0) note: substrate should be connected to vcc or left it open. 74HC373 pad size = 90 um x 90 um die size = 49 mil x 77 mil 1d 2d 2q 4q 3q 3d 4d 5q le gnd 5d 6d 6q 8d vcc oe 1q 8q 7d 7q


▲Up To Search▲   

 
Price & Availability of 74HC373

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X