type? n? male? ezfit ?? for? 1/2? in? fxl - 540? cable ? ? 540EZNMV2 ? characteristics ?? general specifications interface? n? male? body? style? straight? brand? ezfit ?? mounting? angle? straight? ?? electrical specifications connector? impedance? 50? ohm? operating? frequency? band? 0? C ? 8800? mhz? cable? impedance? 50? ohm? 3rd? order? imd,? typical? - 115? dbm? @? 1890? mhz? 3rd? order? imd? test? method? two? +43? dbm? carriers? rf? operating? voltage,? maximum? (vrms)? 990.00? v? dc? test? voltage? 2000? v? outer? contact? resistance,? maximum? 0.30? mohm? inner? contact? resistance,? maximum? 2.00? mohm? insulation? resistance,? minimum? 5000? mohm? average? power? 0.6? kw? @? 900? mhz? peak? power,? maximum? 10.00? kw? insertion? loss,? typical? 0.05? db? shielding? effectiveness? - 110? db? product specifications ? 2011?commscope, inc. all rights reserved. all trademarks identified by ? or ? are registered trademarks or trademarks, respectively, of commscope.all specifications are subject to change. see www.commscope.com/andrew for the most current information. page 1 of 3 2/23/2011
outline drawing ?? ?? ?? ?? outer? contact? attachment? method? clamp???|???tool - flare? inner? contact? attachment? method? captivated? outer? contact? plating? trimetal? inner? contact? plating? silver? attachment? durability? 25? cycles? interface? durability? 500? cycles? interface? durability? method? iec? 61169 - 16:9.5? connector? retention? tensile? force? 1112? n? ? ? |? ? ? 250? lbf? connector? retention? torque? 3.95? n - m? ? ? |? ? ? 35.00? in? lb? insertion? force? 66.72? n? ? ? |? ? ? 15.00? lbf? insertion? force? method? mil - c - 39012c - 3.12,? 4.6.9? pressurizable? no? coupling? nut? proof? torque? 4.52? n - m? ? ? |? ? ? 40.00? in? lb? coupling? nut? retention? force? 444.82? n? ? ? |? ? ? 100.00? lbf? coupling? nut? retention? force? method? mil - c - 39012c - 3.25,? 4.6.22? ?? nominal? size? 1/2? in? diameter? 22.00? mm? ? ? |? ? ? 0.87? in? length? 62.60? mm? ? ? |? ? ? 2.46? in? weight? 79.17? g? ? ? |? ? ? 0.17? lb? product specifications 540EZNMV2 ? 2011?commscope, inc. all rights reserved. all trademarks identified by ? or ? are registered trademarks or trademarks, respectively, of commscope.all specifications are subject to change. see www.commscope.com/andrew for the most current information. page 2 of 3 2/23/2011
?? environmental specifications operating? temperature? - 55? c? to? +85? c? ( - 67? f? to? +185? f)? storage? temperature? - 55? c? to? +85? c? ( - 67? f? to? +185? f)? immersion? depth? 1? m? immersion? test? mating? mated? immersion? test? method? iec? 60529:2001,? ip68? water? jetting? test? mating? mated? water? jetting? test? method? iec? 60529:2001,? ip66? moisture? resistance? test? method? mil - std - 202f,? method? 106f? mechanical? shock? test? method? mil - std - 202,? method? 213,? test? condition? i? thermal? shock? test? method? mil - std - 202f,? method? 107g,? test? condition? a - 1,? low? temperature? - 55? c? vibration? test? method? iec? 60068 - 2 - 6? corrosion? test? method? mil - std - 1344a,? method? 1001.1,? test? condition? a? ?? standard conditions attenuation,? ambient? temperature? 20? c? ? ? |? ? ? 68? f? average? power,? ambient? temperature? 40? c? ? ? |? ? ? 104? f? return loss/vswr frequency? band vswr return? loss? (db) 50 C 1000? mhz 1.02 38.00 1000 C 1900? mhz 1.03 35.00 1900 C 2200? mhz 1.04 34.00 2200 C 2700? mhz 1.07 29.00 2700 C 3600? mhz 1.11 26.00 3600 C 6000? mhz 1.20 21.00 6000 C 8000? mhz 1.22 20.00 regulatory compliance/certifications agency classification iso? 9001:2008 designed,? manufactured? and/or? distributed? under? this? quality? management? system *? footnotes immersion? depth? immersion? at? specified? depth? for? 24? hours? insertion? loss,? typical? 0.05?freq? (ghz)? (not? applicable? for? elliptical? waveguide)? product specifications 540EZNMV2 ? 2011?commscope, inc. all rights reserved. all trademarks identified by ? or ? are registered trademarks or trademarks, respectively, of commscope.all specifications are subject to change. see www.commscope.com/andrew for the most current information. page 3 of 3 2/23/2011
|