Part Number Hot Search : 
D0G6B5 MC74HC1 HF50ACB PD100 MAX6496 2N6287 DS751 D2N103LX
Product Description
Full Text Search
 

To Download 2SD1396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SD1396 d escription with to-3pn package built-in damper diode high voltage ,high reliability high speed switching applications for horizontal output applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 7 v i c collector current (dc) 2.5 a i cm collector current-peak 10 a p c collector power dissipation t c =25 80 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SD1396 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector- emitter breakdown voltage i c =100ma; r be = < 800 v v (br)cbo collector-base breakdown voltage i c =5ma; i e =0 1500 v v (br)ebo emitter-base breakdown voltage i e =200ma; i c =0 7 v v cesat collector-emitter saturation voltage i c =2a; i b =0.6a 8.0 v v besat base-emitter saturation voltage i c =2a; i b =0.6a 1.5 v i cbo collector cut-off current v cb =800v; i e =0 10 a i ebo emitter cut-off current v eb =4v; i c =0 40 130 ma h fe dc current gain i c =0.5a ; v ce =5v 8 f t transition frequency i c =0.5a ; v ce =10v 3 mhz t f fall time i c =2a;i b1 =0.6a; i b2 =-1.2a, v cc =200v; r l =100 c 0.7 s v f diode forward voltage i ec =2.5a 2.0 v
savantic semiconductor product specification 3 silicon npn power transistors 2SD1396 package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SD1396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X