Part Number Hot Search : 
AS7805A RBK83240 TOIM4232 A5764 CM6800AG 74F524CW 4040A MAX3260
Product Description
Full Text Search
 

To Download 240-021H15SZNPGB-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d-subminiatrure connectors e-4 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2008 glenair, inc. printed in u.s.a. cage codes 06324 www.glenair.com e-mail: sales@glenair.com e 240-021 d-subminiature connector emi filtered (mil-dtl-24308 type) .236 (6.0) .229 (5.6) pin b socket (outside) c .220 (5.6) max .248 (6.3) .238 (6.0) socket d pin (inside) g f a b pin (inside) d socket (outside) .180 .020 (4.6 .5) ? .030 .001 (0.76 .03) standard ? .020 .001 (0.50 .03) high density e standard #20 solder cup .042 (1.1) min i.d. hd #22 solder cup .0345 (.8763 min i.d. h .065 .005 (1.7 .1) 2 x ? .125/.120 (3.2/3.0) or 4-40 clinch application notes 1. materials/finishes: shells - see table ii insulators - high grade rigid dielectric/n.a. contacts - copper alloy/gold plated 2. assembly to be indentifed with date code, cage code, glenair p/n, and serial number 3. electrical performance: dielectric withstanding voltage class a and b: 100 vdc all others: 500 vdc insulation resistance: 5,000 megohms @ 100 vdc current rating standard density: 7.5 amps maximum current rating high density: 5 amps maximum 4. dimensions b and d taken from inside of shell for pin/plug and outside for socket/receptacle 5. metric dimensions (mm) are indicated in parentheses shell material/finish (see table ii) filter connector product code mil-c-24308 type filter type (see table iii) contact density s - standard h - high hardware options (see table v) 240 - 021 s 15s j p g b C s shell size and contact type (see table i) filter value (see table iv) termination type p - pc tails s - solder cups
d-subminiatrure connectors e-5 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2008 glenair, inc. printed in u.s.a. cage codes 06324 www.glenair.com e-mail: sales@glenair.com e 240-021 d-subminiature connector emi filtered (mil-dtl-24308 type) table ii: shell material/finish symbol material finish description j aluminum yellow cadmium m electroless nickel mt ni-ptfe 1000 hour grey tm nickel fluorocarbon polymer zn zinc nickel table i: dimensions shell size number of contacts a .015 (0.38) b .005 (0.13) c .005 (0.13) d .005 (0.13) e .015 (0.38) f max g max std hd 1 9p 15p 1.213 (30.8) .666 (16.9) .984 (25.0) .329 (8.4) .494 (12.5) .769 (19.5) .432 (11.0) 9s 15s 1.213 (30.8) .643 (16.3) .984 (25.0) .311 (7.9) .494 (12.5) .769 (19.5) .432 (11.0) 2 15p 26p 1.541 (39.1) .994 (25.2) 1.312 (33.3) .329 (8.4) .494 (12.5) 1.093 (27.8) .432 (11.0) 15s 26s 1.541 (39.1) .971 (24.7) 1.312 (33.3) .311 (7.9) .494 (12.5) 1.635 (41.5) .432 (11.0) 3 25p 44p 2.088 (53.0) 1.534 (39.0) 1.852 (47.0) .329 (8.4) .494 (12.5) 1.635 (41.5) .432 (11.0) 25s 44s 2.088 (53.0) 1.511 (38.4) 1.852 (47.0) .311 (7.9) .494 (12.5) 2.282 (58.0) .432 (11.0) 4 37p 62p 2.729 (69.3) 2.182 (55.4) 2.500 (63.5) .329 (8.4) .494 (12.5) 2.282 (58.0) .432 (11.0) 37s 62s 2.729 (69.3) 2.159 (54.8) 2.500 (63.5) .311 (7.9) .494 (12.5) 2.282 (58.0) .432 (11.0) 5 50p 78p 2.635 (66.9) 2.079 (52.8) 2.406 (61.1) .441 (11.2) .605 (15.4) 2.188 (55.6) .544 (13.8) 50s 78s 2.635 (66.9) 2.064 (52.4) 2.406 (61.1) .423 (10.7) .605 (15.4) 2.188 (55.6) .544 (13.8) 6 x 104p 2.729 (69.3) 2.212 (56.2) 2.500 (63.5) .503 (12.8) .668 (17.0) 2.312 (58.7) .606 (15.4) 104s 2.729 (69.3) 2.189 (55.6) 2.500 (63.5) .486 (12.3) .668 (17.0) 2.312 (58.7) .606 (15.4) table iii: filter type symbol filter type h .010 (0.25) p pi-circuit .610 ((15.5) c c-circuit .380 (9.7) table iv: capacitor array code and capacitance range class pi-circuit (pf) c-circuit (pf) a 38,000 - 56,000 19,000 -28,000 b 32,000 - 45,000 16,000 - 22,500 c 18,000 - 33,000 9.000 - 16,500 d 8,000 - 12,000 4,000 - 6,000 e 3,300 - 5,000 1,650 - 2,500 f 800 - 1,300 400 - 650 g 400 - 600 200 - 300 table v: hardware options symbol hardware b no hardware c 4-40 clinch nut


▲Up To Search▲   

 
Price & Availability of 240-021H15SZNPGB-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X