Part Number Hot Search : 
BCV29TA P6KE68 74LS160A TC534 ZN427E8 TM8309 KF5N50DR AMIS30
Product Description
Full Text Search
 

To Download Z0103DA1AA2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  december 2010 doc id 7474 rev 10 1/12 12 z01 standard 1a triacs features on-state rms current, i t(rms) 1 a repetitive peak off-state voltage, v drm /v rrm 600 or 800 v triggering gate current, i gt (q1) 3 to 25 ma description the z01 series is suitable for general purpose ac switching applications. these devices are typically used in applications such as home appliances (electrovalve, pump, door lock, small lamp control), fan speed controllers,... different gate current sens itivities are available, allowing optimized performance when driven directly through microcontrollers. a2 a1 g a2 a1 g a1 a2 g a1 a2 g a2 to-92 z01xxa sot-223 z01xxn smbflat-3l z01xxmuf www.st.com
characteristics z01 2/12 doc id 7474 rev 10 1 characteristics table 1. absolute maximum ratings symbol parameter value unit i t(rms) on-state rms current (full sine wave) sot-223 t tab = 90 c 1a to-92 t l = 50 c smbflat-3l t tab = 107 c i tsm non repetitive surge peak on-state current (full cycle, t j initial = 25 c) f = 50 hz t = 20 ms 8 a f = 60 hz t = 16.7 ms 8.5 i 2 ti 2 t value for fusing t p = 10 ms 0.35 a 2 s di/dt critical rate of rise of on-state current i g = 2 x i gt , t r 100 ns f = 120 hz t j = 125 c 20 a/s i gm peak gate current t p = 20 s t j = 125 c 1 a p g(av) average gate power dissipation t j = 125 c 1 w t stg t j storage junction temperature range operating junction temperature range - 40 to + 150 - 40 to + 125 c table 2. electrical characteristics (t j = 25 c, unless otherwise specified) symbol test conditions quadrant z01 unit 03 07 09 10 i gt (1) 1. minimum i gt is guaranteed at 5% of i gt max. v d = 12 v, r l = 30 i - ii - iii max. 3 5 10 25 ma iv 5 7 10 25 v gt all max. 1.3 v v gd v d = v drm , r l = 3.3 k , t j = 125 c all min. 0.2 v i h (2) i t = 50 ma max. 7 10 10 25 ma i l i g = 1.2 i gt i - iii - iv max. 7101525 ma ii 15 20 25 50 dv/dt (2) v d = 67% v drm gate open t j = 110 c min. 10 20 50 100 v/s (dv/dt) c (2) 2. for both polarities of a2 referenced to a1. (di/dt) c = 0.44 a/ms, t j = 110 c min. 0.5 1 2 5 v/s
z01 characteristics doc id 7474 rev 10 3/12 table 3. static characteristics symbol test conditions value unit v tm (1) 1. for both polarities of a2 referenced to a1. i tm = 1.4 a, t p = 380 s t j = 25 c max. 1.6 v v to (1) threshold voltage t j = 125 c max. 0.95 v r d (1) dynamic resistance t j = 125 c max. 400 m i drm i rrm v drm = v rrm t j = 25 c max. 5a t j = 125 c 0.5 ma table 4. thermal resistances symbol parameter value unit r th(j-t) junction to tab (ac) sot-223 max. 25 c/w r th(j-t) junction to tab (ac) smbflat-3l 14 r th(j-i) junction to lead (ac) to-92 60 r th(j-a) junction to ambient s (1) = 5 cm 2 sot-223 60 smbflat-3l 75 to-92 150 1. s = copper surface under tab. figure 1. maximum power dissipation versus on-state rms current (full cycle) figure 2. on-state rms current versus lead (to-92) or tab (sot-223, smbflat- 3l) temperature (full cycle) p(w) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.00 0.25 0.50 0.75 1.00 1.25 1.50 i (a) t(rms) =180 180 0 2 550 7 5 1 00 12 5 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i (a) t(rms) sot-223 to-92 t or (c) l t tab smbf3l
characteristics z01 4/12 doc id 7474 rev 10 figure 3. on-state rms current versus ambient temperature (free air convection full cycle) figure 4. relative variation of thermal impedance versus pulse duration (z th(j-a) ) i (a) t(rms) 0 25 50 75 100 125 0.0 0.2 0.4 0.6 0.8 1.0 1.2 r = 60c/w (sot-223) th(j-a) r = 150c/w (to-92) th(j-a) t (c) amb r th (j-a) = 100c/w (smbflat-3l) 0.01 0.10 1.00 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 1.0e+03 z01xxmuf copper surface area = 5cm2 z01xxa z01xxn k=[z /r th(j-a) th(j-a) ] t (s) p figure 5. relative variation of holding current and latching current versus junction temperature (typ. values) figure 6. relative variation of gate trigger current (i gt ) and voltage (v gt ) versus junction temperature i,i [t] / hl j i , i [t =25 c ] hl j 0.0 0.5 1.0 1.5 2.0 2.5 -50 -25 0 25 50 75 100 125 i h i l t (c) j 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -50 -25 0 25 50 75 100 125 t j (c) i gt ,v gt [t j ]/i gt ,v gt [t j =25 c] i gt q1-q2 v gt q1-q2-q3-q4 i gt q3 i gt q4 figure 7. surge peak on-state current versus number of cycles figure 8. non-repetitive surge peak on-state current and corresponding value of i 2 t sinusoidal pulse width 0 1 2 3 4 5 6 7 8 9 1 10 100 1000 number of cycles repetitive t = 95 c amb non repetitive t initial = 25 c j i (a) tsm one cycle t = 20 ms 0.01 0.10 1.00 10.00 0.1 1.0 10.0 100.0 t (ms) p i (a), i t (a s) tsm 22 it 2 di/dt limitation: 20a/s t initial = 25c j i tsm
z01 characteristics doc id 7474 rev 10 5/12 figure 13. relative variation of static dv/dt immunity versus junction temperature (gate open) figure 9. on-state characteristics (maximum values) (i tm = f(v tm ) figure 10. relative variation of critical rate of decrease of main current versus (dv/dt) c i (a) tm 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0.1 1.0 10.0 v (v) tm t = max. j t j t = 25c j t =max. j v =0.95 v r =400 m t0 d 0.1 1.0 10.0 100.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 z0103 z0107 z0110 z0109 (di/dt)c [(dv/dt)c] / specified (di/dt)c (dv/dt)c (v/s) figure 11. relative variation of critical rate of decrease of main current (di/dt) versus junction temperature figure 12. sot-223 and smbflat-3l thermal resistance junction to ambient versus copper surface under case 0 25 50 75 100 125 0 1 2 3 4 5 6 (di/dt)c [t ] / specified] j (di/dt)c [t j t (c) j 50 60 70 80 90 100 110 120 130 140 sot223 150 160 170 0 12 3 4 5 r (c/w) th(j-a) s(cm2) cu smbf3l 0 1 2 3 4 5 6 25 50 75 100 125 t j (c) dv/dt [t j ]/dv/dt[t j =125 c] v d =v r =402v
ordering information scheme z01 6/12 doc id 7474 rev 10 2 ordering information scheme figure 14. ordering information scheme z 01 03 m a [blank] 1aa2 triac series current sensitivity voltage package packing mode 01 = 1 a 03 = 3 ma 07 = 5 ma 09 = 10 ma 10 = 25 ma m = 600 v n = 800 v a = to-92 n = sot-223 uf = smbf3l 1aa2 = to-92 bulk 2al2 = to-92 ammopack 5al2 = to-92 tape and reel 5aa4 = sot-223 tape and reel blank = smbflat-3l tape and reel 13? 7? 6aa4 = sot-223 tape and reel 13?
z01 ordering information scheme doc id 7474 rev 10 7/12 table 5. product selector order code voltag e sensitivity type package 600 v 800 v z0103ma x 3 ma standard to-92 z0103mn x 3 ma standard sot-223 z0103na x 3 ma standard to-92 z0103nn x 3 ma standard sot-223 z0107ma x 5 ma standard to-92 z0107mn x 5 ma standard sot-223 z0107na x 5 ma standard to-92 z0107nn x 5 ma standard sot-223 z0109ma x 10 ma standard to-92 z0109mn x 10 ma standard sot-223 z0109na x 10 ma standard to-92 z0109nn x 10 ma standard sot-223 z0110ma x 25 ma standard to-92 z0110mn x 25 ma standard sot-223 z0110na x 25 ma standard to-92 z0110nn x 25 ma standard sot-223 z0103muf x 3 ma standard smbflat-3l z0107muf x 5 ma standard smbflat-3l z0109muf x 10 ma standard smbflat-3l
packaging information z01 8/12 doc id 7474 rev 10 3 packaging information epoxy meets ul94, v0 lead-free packages in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 15. sot-223 footprint dimensions (in millimeters) table 6. sot-223 dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a 1.80 0.071 a1 0.02 0.10 0.001 0.004 b 0.60 0.70 0.85 0.024 0.027 0.033 b1 2.90 3.00 3.15 0.114 0.118 0.124 c 0.24 0.26 0.35 0.009 0.010 0.014 d (1) 1. do not include mold flash or protrusions. mold flas h or protrusions shall not exceed 0.15mm (0.006inches) 6.30 6.50 6.70 0.248 0.256 0.264 e 2.3 0.090 e1 4.6 0.181 e (1) 3.30 3.50 3.70 0.130 0.138 0.146 h 6.70 7.00 7.30 0.264 0.276 0.287 v10 max a a1 e1 d b1 h e e 12 4 3 b v c 3.25 1.32 7.80 5.16 1.32 2.30 0.95
z01 packaging information doc id 7474 rev 10 9/12 figure 16. smbflat-3l footprint dimensions table 7. to-92 dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a1.35 0.053 b 4.70 0.185 c2.54 0.100 d4.40 0.173 e 12.70 0.500 f 3.70 0.146 a 0.50 0.019 table 8. smbflat-3l dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.90 1.10 0.035 0.043 b 0.35 0.65 0.014 0.026 b4 1.95 2.20 0.07 0.087 c 0.15 0.40 0.006 0.016 d 3.30 3.95 0.130 0.156 e 5.10 5.60 0.201 0.220 e1 4.05 4.60 0.156 0.181 l 0.75 1.50 0.030 0.059 l1 0.40 0.016 l2 0.60 0.024 e 1.60 0.063 a f c b a de d a l 2x l l2 l1 l1 l2 2x e e1 b4 c e b 2x millimeters (inches) 1.20 (0.047) 2.07 (0.082) 0.51 (0.020) 0.51 (0.020) 1.20 (0.047) 3.44 (0.136) 5.84 (0.230) 2.07 (0.082)
packaging information z01 10/12 doc id 7474 rev 10 figure 17. footprint and connectors for sot-223 or smbflat-3l (dimensions in mm) sot-223 sot-223 sot-223 sot-223 smbf3l smbf3l smbf3l 3.42 1.50 3.25 1.32 2.92 1.19 1.32 0.95 7.80 2.30 1.10 0.85 2.07 1.20 0.51 1.20 1.95 2.22 1.08 1.35 1.08 1.30 0.46 0.61 1.19 1.47 5.84 2.07 solder resist solder lands solder paste connector line
z01 ordering information doc id 7474 rev 10 11/12 4 ordering information 5 revision history table 9. ordering information order code (1) 1. xx = sensitivity, y = voltage marking (1) package weight base quantity delivery mode z01xxya 1aa2 z01xxya to-92 0.2 g 2500 bulk z01xxya 2al2 z01xxya to-92 0.2 g 2000 ammopack z01xxya 5al2 z01xxya to-92 0 .2 g 2000 tape and reel z0103yn 5aa4 z3y sot-223 0.12 g 1000 tape and reel z0107yn 5aa4 z7y sot-223 0.12 g 1000 tape and reel z0109yn 5aa4 z9y sot-223 0.12 g 1000 tape and reel z0103muf z3m smbflat-3l 46.78 mg 5000 tape and reel z0107muf z7m smbflat-3l 46.78 mg 5000 tape and reel z0109muf z9m smbflat-3l 46.78 mg 5000 tape and reel table 10. document revision history date revision changes oct-2001 4 last update. 10-feb-2005 5 package: to-92 tape and reel delivery mode 5al2 added. 09-may-2005 6 table 4 on page 2: typo. mistake corrected 1. (dv/dt)c instead of (di/dt)c 2. v/s unit instead of a/ms 21-apr-2006 7 reformatted to current standard. table 2 on page 2: typo corrected. values for i gt split into two separate rows. 10-oct-2006 8 table 2: modified test conditions for (dv/dt) c. changed ?ambient? to ?lead or tab? in figure 2. 20-oct-2010 9 package: sot-223 13? tape and reel added = 6aa4 14-dec-2010 10 added package smbflat-3l. updated dimensions in ta b l e 6 . updated figure 3 and figure 12 . updated table 5: product selector .
z01 12/12 doc id 7474 rev 10 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of Z0103DA1AA2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X