Part Number Hot Search : 
10022H Z5237 WT751002 DR200 SMA78 S2200 AT42Q NDC7002
Product Description
Full Text Search
 

To Download VFSMC-31J12E200-8000MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystals vfsmc-3 75 south street, hopkinton, ma 01748 800-982-5737 508-435-6831 fax: 508-435-5289 www.valpeyfisher.com 24 vfsmc? plastic encased smd crystal features low profile (5,0mm) industry standard compact design space saving cost effective options tape & reel #1 #4 #2 #3 0.063" 0.008" (1,6 0,2mm) 0.118" 0.008" (3,0 0,2mm) 0.142" 0.008" (3,6 0,2mm) 0.047" 0.012" (1,2 0,3mm) 0.181" 0.008" (4,6 0,2mm) 0.197" 0.012" (5,0 0,3mm) 0.095" (2,4mm) 0.079" (2,0mm) 0.268" (6,7mm) 0.062" (1,6mm) 0.095" (2,4mm) 0.134" (3,4mm) 0.370" 0.008" (9,4 0,2mm) 0.508" 0.012" (12,9 0,3mm) 0.173" 0.008" (4,4 0,2mm) 0.197" 0.008" (5,0 0,2mm) recommended solder pad layout parameter unit condition min typ max note frequency mhz 3.579545 70.000 range frequency ppm @25? ?0 tolerance c l = 12.5pf frequency ppm -10? to 70? ?00 ref: @ stability 25? operating ? -10 +60 temperature range storage c -55 125 temperature range shunt pf 7.0 capacitance (c o ) load pf customer 10.0 series capacitance (c l ) specified drive level mw 0.1 aging per year ppm @25? -5.0 +5.0 frequency range mode max esr ( ? ) 3.579 - 4.000 fundamental 200 4.000 - 5.000 fundamental 150 5.000 - 6.000 fundamental 120 6.000 - 7.000 fundamental 100 7.000 - 9.000 fundamental 80 9.000 - 13.000 fundamental 60 13.000 - 20.000 fundamental 40 20.000 - 30.000 fundamental 30 30.000 - 70.000 3rd overtone 100 note: please reference ?uilding a part number?on page 36 if the desired specification is not found in the ?tandard crystal part number chart?on pages 13?4. all specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of VFSMC-31J12E200-8000MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X