Part Number Hot Search : 
32422 TMA1215 S9S08EL 59008 PCA954 PI3B3251 IDT7005 MG200
Product Description
Full Text Search
 

To Download SZ5B62SMSS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet features: ? hermetically sealed in glass ? axial lead rated at 500 mw ? surface mount rated at 800 mw ? available in axial (__), round tab surface mount (sm) and square tab surface mount (sms) versions ? available to tx, txv, and space levels 5 / ? available in 10% and 5% tolerances. for other voltage tolerances, contact factory. note: all specifications are subject to change without notification. scd's for these devices should be reviewed by ssdi prior to release. maximum ratings symbol value units nominal zener voltage v z 2.4 - 200 v zener current axial sm, sms i zm 2.2 - 198 3.3 ? 297 ma continuous power axial sm, sms p d 500 800 mw operating and storage temp. top, tstg -65 to +175 oc thermal resistance, junction to lead, l=3/8? (for axial) junction to end cap (for sm, sms) junction to ambient (for all) r jl r je r ja 250 150 300 oc/w part number/ordering information 2 / sz5 __ __ __ __ screening 5 / __ = not screened tx = tx level txv = txv s = s level (for sm, use ?s) package type 4 / __ = axial leaded sm = surface mount round tab sms = surface mount square tab voltage/family 2.4 thru 200 = 2.4v thru 200v, see table on page 2 voltage tolerance a = 10% voltage tolerance b = 5% voltage tolerance sz5a2.4 thru sz5a200 500mw and 800mw 2.4 ? 200 volts zener diodes dim min. max a .060? .090? b .120? .200? c 1.00? --- d .018? .022? axial (__) all dimensions are prior to soldering dim min. max. a .057? .067? b .130? .146? c .010? .022? d body to tab clearance: .001? round tab (sm) all dimensions are prior to soldering dim min. max. a .093? .097? b .175? .210? c .023? .027? d body to tab clearance: .001? square tab (sms) all dimensions are prior to soldering data sheet #: z00002f doc
notes: 1/ all zener voltages are measured with an automated test set using a 35 msec test time. longer or shorter test time will hav e a corresponding effect on the measured value due to heating effects. 2/ for ordering information, price, operating curves, and availability- contact factory. 3/ zener impedance is derived from the ac voltage divided by the ac current with rms value of 10% of dc zener test current superimposed on the test current. 4/ ssdi standard marking consists of a contrasting color cathode dot or band. part number information is in cluded on packaging labels. 5/ screening based on mil-prf-19500. screening flows available on request. 6/ suffix ?sm? for round tab surface mount and ?sms? for square tab surface mount . data sheet z00002f solid state devices, inc. sz5a2.4 thru sz5a200 electrical characteristics @ 25c (unless otherwise specified) max. continuous current part number 6 / nominal zener voltage 1 / zener test current maximum zener impedance 3 / maximum reverse leakage current typical temperature coefficient axial surface mount voltage tolerance vz @ izt izt zz @ izt zzk@250 ua ir @ vr vr- 10% vr- 5% tc @ izt izm izm 10% 5% volts ma ohms a volts volts %/ oc ma ma sz5a2.4 sz5a2.5 sz5a2.7 sz5a2.8 sz5a3 sz5b2.4 sz5b2.5 sz5b2.7 sz5b2.8 sz5b3 2.4 2.5 2.7 2.8 3 20 20 20 20 20 30 30 30 30 29 1200 1250 1300 1400 1600 100 100 75 75 50 0.95 0.95 0.95 0.95 0.95 1 1 1 1 1 -0.085 -0.085 -0.080 -0.080 -0.075 198 182 168 162 152 297 273 252 243 228 sz5a3.3 sz5a3.6 sz5a3.9 sz5a4.3 sz5a4.7 sz5b3.3 sz5b3.6 sz5b3.9 sz5b4.3 sz5b4.7 3.3 3.6 3.9 4.3 4.7 20 20 20 20 20 28 24 23 22 19 1600 1700 1900 2000 1900 25 15 10 5 5 0.95 0.95 0.95 0.95 1.9 1 1 1 1 2 -0.070 -0.065 -0.060 +0.055 +0.030 138 126 117 106 97 207 189 175.5 159.0 145.5 sz5a5.1 sz5a5.6 sz5a6 sz5a6.2 sz5a6.8 sz5b5.1 sz5b5.6 sz5b6 sz5b6.2 sz5b6.8 5.1 5.6 6.0 6.2 6.8 20 20 20 20 20 17 11 7 7 5 1600 1600 1600 1000 750 5 5 5 5 3 1.9 2.9 3.3 3.8 4.8 2 3 3.5 4 5 +0.030 +0.038 +0.038 +0.045 +0.050 89 81 76 73 67 133.5 121.5 114.0 109.5 100.5 sz5a7.5 sz5a8.2 sz5a8.7 sz5a9.1 sz5a10 sz5b7.5 sz5b8.2 sz5b8.7 sz5b9.1 sz5b10 7.5 8.2 8.7 9.1 10 20 20 20 20 20 6 8 8 10 17 500 500 600 600 600 3 3 3 3 3 5.7 6.2 6.2 6.7 7.6 6 6.5 6.5 7 8 +0.058 +0.062 +0.065 +0.068 +0.075 61 55 52 50 45 91.5 82.5 78.0 75.0 67.5 sz5a11 sz5a12 sz5a13 sz5a14 sz5a15 sz5b11 sz5b12 sz5b13 sz5b14 sz5b15 11 12 13 14 15 20 20 9.5 9.0 8.5 22 30 13 15 16 600 600 600 600 600 2 1 0.5 0.1 0.1 8.0 8.7 9.4 9.5 10.5 8.4 9.1 9.9 10 11 +0.076 +0.077 +0.079 +0.082 +0.082 41 38 35 32 30 61.5 57.0 52.5 48.0 45.0 sz5a16 sz5a17 sz5a18 sz5a19 sz5a20 sz5b16 sz5b17 sz5b18 sz5b19 sz5b20 16 17 18 19 20 7.8 7.4 7.0 6.6 6.2 17 19 21 23 25 600 600 600 600 600 0.1 0.1 0.1 0.1 0.1 11.4 12.4 13.3 13.3 14.3 12 13 14 14 15 +0.083 +0.084 +0.085 +0.086 + 0.086 28 27 25 24 23 42.0 40.5 37.5 36.0 34.5 sz5a22 sz5a24 sz5a25 sz5a27 sz5a28 sz5b22 sz5b24 sz5b25 sz5b27 sz5b28 22 24 25 27 28 5.6 5.2 5.0 4.6 4.5 29 33 35 41 44 600 600 600 600 600 0.1 0.1 0.1 0.1 0.1 16.2 17.1 18.1 20 20 17 18 19 21 21 +0.087 +0.088 +0.089 +0.090 +0.091 21 19 18 17 16 31.5 28.5 27.0 25.5 24.0 sz5a30 sz5a33 sz5a36 sz5a39 sz5a43 sz5b30 sz5b33 sz5b36 sz5b39 sz5b43 30 33 36 39 43 4.2 3.8 3.4 3.2 3.0 49 58 70 80 93 600 700 700 800 900 0.1 0.1 0.1 0.1 0.1 22 24 26 29 31 23 25 27 30 33 +0.091 +0.092 +0.093 +0.094 +0.095 15 14 13 12 10.6 22.5 21.0 19.5 18.0 15.9 sz5a47 sz5a51 sz5a56 sz5a60 sz5a62 sz5b47 sz5b51 sz5b56 sz5b60 sz5b62 47 51 56 60 62 2.7 2.5 2.2 2.1 2.0 105 125 150 170 185 1000 1100 1300 1400 1400 0.1 0.1 0.1 0.1 0.1 34 37 41 44 45 36 39 43 46 47 +0.095 +0.096 +0.096 +0.097 +0.097 9.7 8.9 8.1 7.6 7.3 14.55 13.35 12.15 11.40 10.95 sz5a68 sz5a75 sz5a82 sz5a87 sz5a91 sz5b68 sz5b75 sz5b82 sz5b87 sz5b91 68 75 82 87 91 1.8 1.7 1.5 1.4 1.4 230 270 330 370 400 1600 1700 2000 2200 2300 0.1 0.1 0.1 0.1 0.1 49 53 59 65 66 52 56 62 68 69 +0.097 +0.098 +0.098 +0.099 +0.099 6.7 6.1 5.5 5.2 5.0 10.05 9.15 8.25 7.80 7.50 sz5a100 sz5a110 sz5a120 sz5a130 sz5a140 sz5b100 sz5b110 sz5b120 sz5b130 sz5b140 100 110 120 130 140 1.3 1.1 1.0 0.95 0.90 500 750 900 1100 1300 2600 3000 4000 4500 4500 0.1 0.1 0.1 0.1 0.1 72 80 86 94 101 76 84 91 99 106 +0.110 +0.110 +0.110 +0.110 +0.110 4.5 4.1 3.8 3.5 3.2 6.75 6.15 5.70 5.25 4.80 sz5a150 sz5a160 sz5a170 sz5a180 sz5a190 sz5a200 sz5b150 sz5b160 sz5b170 sz5b180 sz5b190 sz5b200 150 160 170 180 190 200 0.85 0.80 0.74 0.68 0.66 0.65 1500 1700 1900 2200 2400 2500 5000 5500 5500 6000 6500 7000 0.1 0.1 0.1 0.1 0.1 0.1 108 116 116 130 137 144 114 122 129 137 144 152 +0.110 +0.110 +0.110 +0.110 +0.110 +0.110 3.0 2.8 2.7 2.5 2.4 2.2 4.50 4.20 4.05 3.75 3.60 3.30


▲Up To Search▲   

 
Price & Availability of SZ5B62SMSS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X