Part Number Hot Search : 
FCBGA Z150SG MXD1818 CM6571 DTA123JE CX4VSM4 ISL94212 D720112
Product Description
Full Text Search
 

To Download SPL505YC256BTT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  clock generator for intel ? bearlake chipset spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 1 of 27 2200 laurelwood road, santa clara, ca 95054 tel:(4 08) 855-0555 fax:(408) 855-0550 www.spectralinear.com features ? compliant to intel ? ck505 ? selectable cpu frequencies ? differential cpu clock pairs ? 100 mhz differential src clocks ? 100 mhz differential lcd clock ? 96 mhz differential dot clock ? 48 mhz usb clocks ? 33 mhz pci clock ? 25 mhz wol or pata clock ? 27 mhz non-spread video clock ? buffered reference clock 14.318 mhz ? low-voltage frequency select input ?i 2 c support with readback capabilities ? triangular spread spectrum profile for maximum electromagnetic interference (emi) reduction ? 3.3v power supply/0.7v for diff ios ? 56-pin tssop and ssop package table 1. output configuration table cpu src pci ref dot96 usb_48m lcd x2/x3 x8/12 x6 x 1 x 1 x 1 x1 pin configuration block diagram pci_0 / oe#_0/2_a 1 56 sclk vdd_pci 2 55 sdata pci_1 / oe#_1/4_a 3 54 ref0 / fsc / test_sel pci_2 / tme 4 53 vdd_ref pci_3 / cfg0* 5 52 xtal_in pci_4 / src5_en 6 51 xtal_out pcif_0 / itp_en 7 50 vss_ref vss_pci 8 49 fsb / test_mode vdd_48 9 48 ck_pw rgd / pw rdw n# usb_48 / fsa 10 47 vdd_cpu vss_48 11 46 cpu0 vdd_io 12 45 cpu0# src0 / dot96 13 44 vss_cpu src0# / dot96# 14 43 cpu1 vss_io 15 42 cpu1# vdd_pll3 16 41 vdd_cpu_io src1 / lcd_100/se1 17 40 io_vout src1# / lcd_100#/se2 18 39 src8 / cpu2_itpt vss_pll3 19 38 src8# / cpu2_itpc vdd_pll3_io 20 37 vdd_src_io src2 / sata 21 36 src7 / oe#_8 src2# / sata# 22 35 src7# / oe#_6 vss_src 23 34 vss_src src3/oe#_0/2_b 24 33 src6 src3# / oe#_1/4_b 25 32 src6# vdd_src_io 26 31 vdd_src src4 27 30 src5 / pci_stop# src4# 28 29 src5# / cpu_stop# * internal pull-down spl505yc256bt/s
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 2 of 27 pin definitions pin no. name type description 1 pci_0/oe#_0/2_a i/o, se 33 mhz clock/3.3v oe# input mappable via i2c to control either src 0 or src 2. default pci0 2 vdd_pci pwr 3.3v power supply for pci pll. 3 pci_1/oe#_1/4_a i/o, se 33 mhz clock/3.3v oe# input mappable via i2c to control either src 1 or src 4. default pci1. 4 pci_2/tme i/o, se 3.3v tolerance input for overclocking enable pin 33 mhz clock. refer to dc electrical specifications table for vil_fs and vih_fs specifica- tions. 5 pci_3/cfg0 i/o, se, pd 3.3v tolerant input for cpu frequency selection/33 mhz clock. refer to dc electrical specifications table for vil_pci3/cfg0 and vih_pci3/cfg0 specifications . 6 pci_4/src5_sel i/o, se 3.3v tolerant inpu t to enable src5/33 mhz clock output. (sampled on the ck_pwrgd assertion) 1 = src5, 0 = cpu_stop# 7 pcif_0/itp_en i/o, se 3.3v lvttl input to enable src8 or cpu2_itp/33 mhz clock output. (sampled on the ck_pwrgd assertion) 1 = cpu2_itp, 0 = src8 8 vss_pci gnd ground for outputs. 9 vdd_48 pwr 3.3v power supply for outputs and pll. 10 usb_48/fsa i/o 3.3v tolerant input for cpu frequency selection/fixed 48 mhz clock output. refer to dc electrical specifications table for vil_fs and vih_fs specifica- tions. 11 vss_48 gnd ground for outputs. 12 vdd_io pwr 0.7v power supply for outputs. 13 src0/dot96 o, dif 100 mhz dif ferential serial reference cl ocks/fixed 96 mhz clock output. selected via i2c default is src0. 14 src0#/dot96# o, dif 100 mhz dif ferential serial reference cl ocks/fixed 96 mhz clock output. selected via i2c default is src0. 15 vss_io gnd ground for pll2. 16 vdd_pll3 pwr 3.3v power supply for pll3 17 src1/lcd_100/se1 o, dif, se 100 mhz differential serial reference clocks/100 mhz lcd video clock/se1 and se2 clocks. default src1 18 src1#/lcd_100#/se2 o, dif, se 100 mhz differential serial reference clocks/100 mhz lcd video clock/se1 and se2 clocks. default src1 19 vss_pll3 gnd ground for pll3. 20 vdd_pll3_io pwr 0.7v power supply for pll3 outputs. 21 src2/sata o, dif 100 mhz differential serial reference clocks / 100mhz sata clock 22 src2#/sata# o, dif 100 mhz differential serial reference clocks / 100mhz sata clock 23 vss_src gnd ground for outputs. 24 src3/oe#_0/2_b i/o, dif 100-mhz differential serial reference clocks / 3.3v oe#_0/2_b, input, mappable via i2c to control either src 0 or src 2 25 src3#/oe#_1/4_b i/o, dif 100-mhz differential serial referenc e clocks / 3.3v oe#_1/4_b input, mappable via i2c to control either src 1 or src 4. default src3 26 vdd_src_io pwr 0.7v power supply for src outputs. 27 src4 o, dif 100 mhz different ial serial reference clocks. 28 src4# o, dif 100 mhz different ial serial reference clocks. 29 src5#/pci_stop# i/o, dif 3.3v tolerant input for stopping pci and src outputs /100 mhz differential serial reference clocks.
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 3 of 27 30 src5/cpu_stop# i/o, dif 3.3v tolerant input for stopping cpu outputs/100 mhz differential serial reference clocks. 31 vdd_src pwr 3.3v power supply for src pll. 32 src6# o, dif 100 mhz different ial serial reference clocks. 33 src6 o, dif 100 mhz different ial serial reference clocks. 34 vss_src gnd ground for outputs. 35 src7#/oe#_6 i/o, dif 100 mhz differential serial referenc e clocks/3.3v oe#6 input controlling src6. default src7. 36 src7/oe#_8 i/o, dif 100 mhz differential serial referenc e clocks/3.3v oe#8 input controlling src8. default src7. 37 vdd_src_io pwr 0.7v power supply for src outputs. 38 src8#/cput2_itp# o, dif selecta ble differential cpu or src clock output. itp_en = 0 @ ck_pwrgd assertion = src8 itp_en = 1 @ ck_pwrgd assertion = cpu2 note: cpu2 is an iamt clock in iamt mode depending on the configuration set in byte 11 bit3:2. 39 src8/cpuc2_itp o, dif selectable differential cp u or src clock output. itp_en = 0 @ ck_pwrgd assertion = src8 itp_en = 1 @ ck_pwrgd assertion = cpu2 note: cpu2 is an iamt clock in iamt mode depending on the configuration set in byte 11 bit3:2. 40 io_vout o integrated linear regulator control. 41 vdd_cpu_io pwr 0.7v power supply for cpu outputs. 42 cpu1# o, dif differential cpu clock outputs. note: cpu1 is an iamt clock in iamt mode depending on the configuration set in byte 11 bit3:2. 43 cpu1 o, dif differential cpu clock outputs. note: cpu1 is an iamt clock in iamt mode depending on the configuration set in byte 11 bit3:2. 44 vss_cpu gnd ground for outputs. 45 cpu0# o, dif differential cpu clock outputs. 46 cpu0 o, dif differential cpu clock outputs. 47 vdd_cpu pwr 3.3v power supply for cpu pll. 48 ck_pwrgd/pwrdwn# i 3.3v lvttl input. this pin is a level sensitive strobe used to latch the fs_a, fs_b, fs_c, fs_d, src5_sel, and itp_en. after ck_pwrgd (active high) assertion, this pin becomes a real-time input for asserting power down (active low). 49 fsb/test_mode i 3.3v tolerant input for cpu frequency selection. selects ref/n or tri-state when in test mode 0 = tri-state, 1 = ref/n. refer to dc electrical specifications table for vil_fs and vih_fs specifica- tions. 50 vss_ref gnd ground for outputs. 51 xout o, se 14.318 mhz crystal output. 52 xin i 14.318 mhz crystal input. 53 vdd_ref pwr 3.3v power supply for outputs and also maintains smbus registers during power-down. 54 ref0/fsc/test_sel i/o 3.3v toler ant input for cpu frequency select ion/fixed 14.318 clock output. selects test mode if pulled to v ihfs_c when ck_pwrgd is asserted high. refer to dc electrical specifications table for v ilfs_c , v imfs_c , v ihfs_c speci- fications. 55 smb_data i/o smbus compatible sdata. 56 smb_clk i smbus compatible sclock. pin definitions (continued) pin no. name type description
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 4 of 27 frequency select pin (fsa, fsb, and fsc) to achieve host clock frequency selection, apply the appro- priate logic levels to fs_a, fs_b, and fs_c, inputs before ck_pwrgd assertion (as seen by the clock synthesizer). when ck_pwrgd is sampled high by the clock chip (indicating processor ck_pwrgd voltage is stable), the clock chip samples the fs_a, fs_b, and fs_c, input values. for all logic levels of fs_a, fs_b, and fs_c ck_pwrgdemploys a one-shot functionality, in that once a valid high on ck_pwrgd has been sampled, all further ck_pwrgd fs_a, fs_b, and fs_c, transitions will be ignored, except in test mode. serial data interface to enhance the flexibility and functi on of the clock synthesizer, a two-signal serial interface is provided. through the serial data interface, various device functions, such as individual clock output buffers, can be individually enabled or disabled. the registers associated with the serial data interface initialize to their default setting upon power-up, and therefore use of this interface is optional. clock device register changes are normally made upon system initialization, if any are required. the interface c annot be used during system operation for power management functions. data protocol the clock driver serial protocol accepts byte write, byte read, block write, and block read opera tions from the controller. for block write/read operation, t he bytes must be accessed in sequential order from lowest to highest byte (most significant bit first) with the ability to stop after any complete byte has been transferred. for byte write and byte read operations, the system controller can access individually indexed bytes. the offset of the indexed byte is encoded in the command code, as described in table 2 . the block write and block read protocol is outlined in table 3 while table 4 outlines the corresponding byte write and byte read protocol. the slave receiver address is 11010010 (d2h) . frequency select pin (fsa, fsb, and fsc) input conditions output frequency fsc fsb fsa cpu (mhz) src (mhz) sata (mhz) dot96 (mhz) usb (mhz) pci (mhz) ref (mhz) fsel_2 fsel_1 fsel_0 1 0 1 100 100 100 96 48 33.3 14.318 0 0 1 133 0 1 1 166 0 1 0 200 0 0 0 266 1 0 0 333 1 1 0 400 1 1 1 200 table 2. command code definition bit description 7 0 = block read or block write operation, 1 = byte read or byte write operation (6:0) byte offset for byte read or byte write operation. for block read or blo ck write operations, these bits should be '0000000'
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 5 of 27 control registers table 3. block read and block write protocol block write protocol block read protocol bit description bit description 1start 1start 8:2 slave address?7 bits 8:2 slave address?7 bits 9 write 9 write 10 acknowledge from slave 10 acknowledge from slave 18:11 command code?8 bits 18:11 command code?8 bits 19 acknowledge from slave 19 acknowledge from slave 27:20 byte count?8 bits (skip this step if i 2 c_en bit set) 20 repeat start 28 acknowledge from slave 27:21 slave address?7 bits 36:29 data byte 1?8 bits 28 read = 1 37 acknowledge from slave 29 acknowledge from slave 45:38 data byte 2?8 bits 37:30 byte count from slave?8 bits 46 acknowledge from slave 38 acknowledge .... data byte/slave acknowledges 46:39 data byte 1 from slave?8 bits .... data byte n?8 bits 47 acknowledge .... acknowledge from slave 55:48 data byte 2 from slave?8 bits .... stop 56 acknowledge .... data bytes from slave/acknowledge .... data byte n from slave?8 bits .... not acknowledge .... stop table 4. byte read and byte write protocol byte write protocol byte read protocol bit description bit description 1start 1start 8:2 slave address?7 bits 8:2 slave address?7 bits 9write 9write 10 acknowledge from slave 10 acknowledge from slave 18:11 command code?8 bits 18:11 command code?8 bits 19 acknowledge from slave 19 acknowledge from slave 27:20 data byte?8 bits 20 repeated start 28 acknowledge from slave 27:21 slave address?7 bits 29 stop 28 read 29 acknowledge from slave 37:30 data from slave?8 bits 38 not acknowledge 39 stop byte 0: control register 0 bit @pup name description
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 6 of 27 7 hw fs_c cpu frequency select bit, set by hw 6 hw fs_b cpu frequency select bit, set by hw 5 hw fs_a cpu frequency select bit, set by hw 4 0 iamt_en set via smbus or by combination of pwrdwn, cpu_stp, and pci_stp 0 = legacy mode, 1 = iamt enabled, sticky 1 3 0 reserved reserved 2 0 src_main_sel select source for src clock, 0 = src_main = pll1, pll3_cfb table applies 1 = src_main = pll3, pll3_cfb table does not apply 1 0 sata_sel select source of sata clock 0 = sata src_main, 1= sata pll2 0 1 pd_restore save config. in powerdown 0 = config. cleared, 1 = config. saved byte 0: control register 0 byte 1: control register 1 bit @pup name description 7 0 src0_sel select for src0 or dot96, 0 = src0, 1 = dot96 6 0 pll1_ss_dc select for down or center ss, 0 = down spread, 1 = center spread 5 0 pll3_ss_dc select for down or center ss, 0 = down spread, 1 = center spread 4 0 pll3_cfb3 bit 4:1 only apply when src_sel=0 0000 = pll3 disable default pll3 off, src1 = src_main 0001 = 100 mhz 0.5% ssc stby pll3 on, src1 = src_main 0010 = 100 mhz 0.5% ssc only src1 sourced from pll3 0011 = 100 mhz 1.0% ssc only src1 sourced from pll3 0100 = 100 mhz 1.5% ssc only src1 sourced from pll3 0101 = 100 mhz 2.0% ssc only src1 sourced from pll3 0110 = reserved 0111 = reserved 1000 = reserved note: se clocks required to be 1001 = reserved enabled through byte 8 bit1:0 1010 = reserved 1011 = 27mhz_nss on se1 and se2 1100 = 25mhz on se1 and se2 1101 = 25mhz on se1 and se2 disabled (set whenpci3/cfb0 is set high to config to hw mode 3) 1110 = reserved 1111 = reserved 3 0 pll3_cfb2 2 0 pll3_cfb1 1 1 pll3_cfb0 0 1 pci_sel select pci clock sour ce from pll1 or src_main 0 = pll1, 1 = src_main byte 2: control register 2 bit @pup name description 7 1 ref_oe output enable for ref 0 = output disabled, 1 = output enabled 6 1 usb_oe output enable for usb 0 = output disabled, 1 = output enabled 5 1 pcif0_oe output enable for pcif0 0 = output disabled, 1 = output enabled 4 1 pci4_oe output enable for pci4, 0 = output disabled, 1 = output enabled 3 1 pci3_oe output enable for pci3, 0 = output disabled, 1 = output enabled
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 7 of 27 2 1 pci2_oe output enable for pci2, 0 = output disabled, 1 = output enabled 1 1 pci1_oe output enable for pci1, 0 = output disabled, 1 = output enabled 0 1 pci0_oe output enable for pci0, 0 = output disabled, 1 = output enabled byte 2: control register 2 (continued) bit @pup name description byte 3: control register 3 bit @pup name description 7 1 src11_oe output enable for src11, 0 = output disabled, 1 = output enabled 6 1 src10_oe output enable for src10, 0 = output disabled, 1 = output enabled 5 1 src9_oe output enable for src9, 0 = ou tput disabled, 1 = output enabled 4 1 src8/itp_oe output enable for src8 or itp, 0 = output disabled, 1 = output enabled 3 1 src7_oe output enable for src7, 0 = ou tput disabled, 1 = output enabled 2 1 src6_oe output enable for src6, 0 = ou tput disabled, 1 = output enabled 1 1 src5_oe output enable for src5, 0 = ou tput disabled, 1 = output enabled 0 1 src4_oe output enable for src4, 0 = ou tput disabled, 1 = output enabled byte 4: control register 4 bit @pup name description 7 1 src3_oe output enable for src3, 0 = output disabled, 1 = output enabled 6 1 src2/sata_oe output enable for sata/src2, 0 = output disabled, 1 = output enabled 5 1 src1_oe output enable for src, 0 = output disabled, 1 = output enabled 4 1 src0/dot96_oe output enable for src0/dot96 0 = output disabled, 1 = output enabled 3 1 cpu1_oe output enable for cpu1, 0 = output disabled, 1 = output enabled 2 1 cpu0_oe output enable for cpu0, 0 = output disabled, 1 = output enabled 1 1 pll1_ss_en enable pll1?s spread modulation, 0 = spread disabled 1 = spread enabled 0 1 pll3_ss_en enable pll3?s spread modulation 0 = spread disabled, 1 = spread enabled byte 5: control register 5 bit @pup name description 7 0 oe#_0/2_en_a enable oe#_0/2 (clk req) 0 = disabled oe#_0/2, 1 = enabled oe#_0/2, 6 0 oe#_0/2_sel_a set oe#_0/2 src0 or src2 0 = oe#_0/2 src0, 1 = oe#_0/2 src2 5 0 oe#_1/4_en_a enable oe#_1/4 (clk req) 0 = disabled oe#_1/4, 1 = enabled oe#_1/4, 4 0 oe#_1/4_sel_a set oe#_1/4 src1 or src4 0 = oe#_1/4 src1, 1 = oe#_1/4 src4 3 0 oe#_0/2_en_b enable oe#_0/2 (clk req) 0 = disabled oe#_0/2 1 = enabled oe#_0/2 2 0 oe#_0/2_sel_b set oe#_0/2 src0 or src2 0 = oe#_0/2 src0, 1 = oe#_0/2 src2 1 0 oe#_1/4_en_b enable oe#_1/4 (clk req) 0 = disabled oe#_1/4, 1 = enabled oe#_1/4, 0 0 oe#_1/4_sel_b set oe#_1/4 src1 or src4 0 = oe#_1/4 src1, 1 = oe#_1/4 src4
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 8 of 27 byte 6: control register 6 bit @pup name description 7 0 oe#_6_en enable oe#_6 (clk req) src6 6 0 oe#_8_en enable oe#_8 (clk req) src8 5 0 oe#_9_en enable oe#_9 (clk req) src9 4 0 oe#_10_en enable oe#_10 (clk req) src10 3 0 reserved reserved 2 0 reserved reserved 1 0 lcd_100_stp_ctrl allows control of lcd_100 with assertion of pci_stop# 0 = free runninglcd_100, 1 = stopped with pci_stop# 0 0 src_stp_ctrl allows control of src with assertion of pci_stop# 0 = free running src 1 = stopped with pci_stop# byte 7: vendor id bit @pup name description 7 0 rev code bit 3 revision code bit 3 6 0 rev code bit 2 revision code bit 2 5 0 rev code bit 1 revision code bit 1 4 1 rev code bit 0 revision code bit 0 3 1 vendor id bit 3 vendor id bit 3 2 0 vendor id bit 2 vendor id bit 2 1 0 vendor id bit 1 vendor id bit 1 0 0 vendor id bit 0 vendor id bit 0 byte 8: control register 8 bit @pup name description 7 0 device_id3 0000 = ck505 yellow cover device, 56-pin tssop 0001 = ck505 yellow cover device, 64-pin tssop 0010 = ck505 yellow cover device, 48-pin qfn (reserved) 0011 = ck505 yellow cover device, 56-pin qfn (reserved) 0100 = ck505 yellow cover device, 64-pin qfn (reserved) 0101 = ck505 yellow cover device, 72-pin qfn (reserved) 0110 = ck505 yellow cover device, 48-pin ssop (reserved) 0111 = ck505 yellow cover device, 56-pin ssop (reserved) 1000 = reserved 1001 = reserved 1010 = reserved 1011 = reserved 1100 = reserved 1101 = reserved 1110 = reserved 1111 = reserved 7 0 device_id2 5 0 device_id1 4 0 device_id0 3 0 reserved reserved 2 0 reserved reserved 1 0 se1_oe se1 output enable 0 = output disabled, 1 = output enabled 0 0 se2_oe se2 output enable 0 = output disabled, 1 = output enabled byte 9 control register 9 bit @pup name description
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 9 of 27 7 0 pcif0_stp_ctrl allows control of pcif0 with assertion of pci_stop# 0 = free running pcif, 1 = stopped with pci_stop# 6 hw_pin tme_strap trusted mode enable strap status, 0 = normal, 1 = no overclocking 5 1 ref_dsc1 ref drive strength control, see byte 18 for more setting 0 = low, 1 = high 4 0 test_mode_sel mode select either ref/n or tri-state 0 = all output tri-state, 1 = all output ref/n 3 0 test_mode_entry allow entry into test mode 0=normal operation, 1=enter test mode 2 1 io_vout2 io_vout[2,1,0] 000 = 0.3v 001 = 0.4v 010 = 0.5v 011 = 0.6v 100 = 0.7v 101 = 0.8v, default 110 = 0.9v 111 = 1.0v 10 io_vout1 01 io_vout0 byte 9 control register 9 byte 10 control register 10 bit @pup name description 7 hw src5_en_strap read only bit for src5_en_strap 0 = cpu/pci_stop enabled, 1 = src5 pair enabled 6 1 pll3_en pll3 enabled 0 = pll3 disabled, 1 = pll3 enabled 5 1 pll2_en pll2 enabled 0 = pll2 disabled, 1 = pll2 enabled 4 1 src_div_en src divider enabled 0 = src divider disabled, 1 = src divider enabled 3 1 pci_div_en pci divider enabled 0 = pci divider disabled, 1 = pci divider enabled 2 1 cpu_div_en cpu divider enabled 0 = cpu divider disabled, 1 = cpu divider enabled 1 1 cpu1_stp_crtl allow control of cpu1 with assertion of cpu_stop# 0 = free running, 1 = stopped with cpu_stop# 0 1 cpu0_stp_crtl allow control of cpu0 with assertion of cpu_stop# 0 = free running, 1 = stopped with cpu_stop# byte 11 control register 11 bit @pup name description 7 hw pci3_cfg1 6 hw pci3_cfg0 5 0 25mhz_en_se1 25mhz output enabled applies to powerdown / m1 (only applies when pci3/cgfg0 strap is set high to enter hw mode 3) 0 = 25mhz disabled in powerdown / m1 1 = 25mhz enabled in powerdown / m1; sticky 1 4 1 reserved reserved output ssc output ssc output ssc 0 0 0 -def cpu / src / pci33 down usb na -- -- 0 1 1 cpu down usb na src/pci33 down 1 0 2 cpu center usb na src/pci33 down 1 1 3 cpu center usb/25m na src/pci33 down pll2 pll3 pci3/ cgf1 pci3/ cgf0 mode pll1
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 10 of 27 3 0 cpu2_amt_en 2 1 cpu1_amt_en 1 hw pci-e_gen2 pci-e_gen2 compliant 0 = non gen2, 1= gen2 compliant 0 1 cpu2_stp_crtl allow control of cpu2 with assertion of cpu_stop# 0 = free running, 1 = stopped with cpu_stop# byte 11 control register 11 pcif0/itp_en amt_en cpu2_amt_en cpu1_amt_en description x1 0 0reserved x 1 0 1 cpu1 = m1 clock 1 1 1 0 cpu2 - m1 clock 1 1 1 1 cpu1 and cpu2 = m1 clock byte 12 byte count bit @pup name description 7 0 reserved reserved 6 0 reserved reserved 5 0 bc5 byte count 4 0 bc4 byte count 3 1 bc3 byte count 2 1 bc2 byte count 1 0 bc1 byte count 0 1 bc0 byte count byte 13 control register 13 bit @pup name description 7 1 usb_dsc1 usb drive strength control, see byte 18 for more setting 0 = low, 1= high 6 1 pci/pcif_dsc1 pci drive strength control, see byte 18 for more setting 0 = low, 1 = high 5 0 reserved reserved 4 0 sata_ss_en enable sata spread modulation, 0 = spread disabled 1 = spread enabled 3 1 en_cfg0_set by defalult cfg0 pin strap sets the smbus initial values to select the hw mode. when this bit is written0, subs equent smbus accesses is the lathes open state, can overwrite the cfg0 pin setting into the smbus bits and set the mode before the m0 state: specif ically b0b2, b1b[6,4,3], b9b1, b11b5 2 1 se1/se2_dsc1 se1 and se2 drive strength control, see byte 18 for more setting 0 = low, 1 = high 1 1 reserved reserved 0 1 sw_pci sw pci_ stp# function 0 = sw pci_stp assert, 1 = sw pci_stp deassert when this bit is set to 0, all stoppable pci, pcif and src outputs will be stopped in a synchronous manner with no short pulses. when this bit is set to 1, all stopped pci, pcif and src outputs will resume in a synchronous manner with no short pulses. byte 14 control register 14 bit @pup name description
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 11 of 27 7 0 cpu_daf_n7 if prog_cpu_en is set, the values programmed in cpu_daf_n[8:0] and cpu_daf_m[6:0] will be used to determine the cpu output frequency. the setting of the fs_override bit determines the frequency ratio for cpu and other output clocks. when it is cleared , the same frequen cy ratio stated in the latched fs[c:a] register will be used . when it is set, the frequency ratio stated in the fsel[2:0] register will be used 6 0 cpu_daf_n6 5 0 cpu_daf_n5 4 0 cpu_daf_n4 3 0 cpu_daf_n3 2 0 cpu_daf_n2 1 0 cpu_daf_n1 0 0 cpu_daf_n0 byte 14 control register 14 byte 15 control register 15 bit @pup name description 7 0 cpu_daf_n8 see byte 14 for description 6 0 cpu_daf_m6 if prog_cpu_en is set, the va lues programmed are in cpu_fsel_n[8:0] and cpu_fsel_m[6:0] will be used to determine the cpu output frequency. the setting of the fs_override bit determines the frequency ratio for cpu and other output clocks. when it is cleared, the same frequency ratio stated in the latched fs [c:a] register will be used. when it is set, the frequency ratio stated in the fsel[2:0] register will be used 5 0 cpu_daf_m5 4 0 cpu_daf_m4 3 0 cpu_daf_m3 2 0 cpu_daf_m2 1 0 cpu_daf_m1 0 0 cpu_daf_m0 byte 16 control register 16 bit @pup name description 7 0 pci-e_n7 if prog_src_en is set, the values programmed in src_daf_n[7:0] will be used to determine the src output frequency. 60 pci-e_n6 50 pci-e_n5 40 pci-e_n4 30 pci-e_n3 20 pci-e_n2 10 pci-e_n1 00 pci-e_n0 byte 17 control register 17 bit @pup name description 7 0 smsw_en enable smooth switching, 0 = disabled, 1= enabled 6 0 smsw_sel smooth switch select, 0 = cpu_pll, 1 = src_pll 5 0 reserved reserved 4 0 prog_pci-e_en programmable pci-e frequency enable 0 = disabled, 1= enabled 3 0 prog_cpu_en programmable cpu frequency enable 0 = disabled, 1= enabled 2 0 reserved reserved 1 0 reserved reserved 0 0 reserved reserved
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 12 of 27 byte 18 control register 18 the spl505yc256bt/ spl505yc256bs requires a parallel resonance crystal. substituting a series resonance crystal causes the spl505yc256bt/ spl505yc256bs to operate at the wrong frequency and violate the ppm speci- fication. for most applications there is a 300-ppm frequency shift between series and para llel crystals due to incorrect loading. crystal loading crystal loading plays a critical role in achieving low ppm perfor- mance. to realize low ppm performance, the total capacitance the crystal sees must be considered to calculate the appro- priate capacitive loading (cl). figure 1 shows a typical crystal configuration using the two trim capacitors. an important clarification for the following discussion is that the trim capacitors are in series with the crystal not parallel. the common misconception that load capacitors are in parallel with the crystal and should be approximately equal to the load capacitance of the crystal is not true. calculating load capacitors in addition to the standard external trim capacitors, trace capacitance and pin capacitance must also be considered to correctly calculate crystal loading. as mentioned previously, the capacitance on each side of the crystal is in series with the crystal. this means the total capacitance on each side of the crystal must be twice the specified crystal load capacitance (cl). while the capacitance on each side of the crystal is in series with the crystal, trim capacitors (ce1,ce2) should be calculated to provide equal capacitive loading on both sides. bit @pup name description 7 0 pci_dsc2 drive strength control - dsc[2:0] 6 1 pci_dsc0 5 0 usb_dsc2 4 0 usb_dsc0 3 0 se1/se2_dsc2 2 0 se1/se2_dsc0 1 0 ref_dsc2 0 0 ref_dsc0 table 5. crystal recommendations frequency (fund) cut loading load cap drive (max.) shunt cap (max.) motional (max.) tolerance (max.) stability (max.) aging (max.) 14.31818 mhz at parallel 20 pf 0.1 mw 5 pf 0.016 pf 35 ppm 30 ppm 5 ppm dsc_2 (byte18) dsc_1 (vario us b ytes) dsc_0 (byte 18) buffer strength 1 1 1 strongest 110 101 100 def ault pci 011 def ault ref/us b 010 001 000weakest figure 1. crystal ca pacitive clarification xtal ce2 ce1 cs1 cs2 x1 x2 ci1 ci2 clock chip trace 2.8 pf trim 33 pf pin 3 to 6p figure 2. crystal loading example
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 13 of 27 use the following formulas to calculate the trim capacitor values for ce1 and ce2. cl ................................................... crystal load capacitance cle ............. .............. ..............actual loading seen by crystal using standard value trim capacitors ce .....................................................external trim capacitors cs ............................................. stray capacitance (terraced) ci .......................................................... internal capacitance (lead frame, bond wires etc.) dial-a-frequency (cpu & pciex) this feature allows users to over-clock their systems by slowly stepping up the cpu or src frequency. when the program- mable output frequency feature is enabled, the cpu and src frequencies are determined by the following equation: fcpu = g * n/m or fcpu=g2 * n, where g2 = g/m. ?n? and ?m? are the values programmed in programmable frequency select n-value register and m-value register, respectively. ?g? stands for the pll gear constant, which is determined by the programmed value of fs[e:a]. see frequency table for the gear constant for each frequency selection. the pci express only allows user control of the n register, the m value is fixed and documented in the frequency select table . in this mode, the user writes the desired n and m value into the daf i2c registers. the user cannot change only the m value and must change both the m and the n values at the same time, if they require a change to the m value. the user may change only the required n value. associated register bits cpu_daf enable ? this bit enables cpu daf mode. by default, it is not set. when set, the operating frequency is determined by the values entered into the cpu_daf_n register. note that the cpu_daf_n and m register must contain valid values before cpu_daf is set. default = 0, (no daf). cpu_daf_n ? there are nine bits (for 512 values) to linearly change the cpu frequency (limited by vco range). default = 0, (0000). the allowable values for n are detailed in the frequency select table . cpu daf m ? there are 7 bits (for 128 values) to linearly change the cpu frequency (limited by vco range). default = 0, the allowable values for m are detailed in the frequency select table . src_daf enable ? this bit enables src daf mode. by default, it is not set. when set, the operating frequency is determined by the values ent ered into the src_daf_n register. note that the src_daf_n register must contain valid values before src_daf is set. default = 0, (no daf). src_daf_n ? there are nine bits (for 512 values) to linearly change the cpu frequency (limited by vco range). default = 0, (0000). the allowable values for n are detailed in the frequency select table . smooth switching the device contains 1 smooth swit ch circuit that is shared by the cpu pll and src pll. the sm ooth switch circuit ensures that when the output frequency changes by overclocking, the transition from the old frequency to the new frequency is a slow, smooth transition containing no glitches. the rate of change of output frequency when using the smooth switch circuit is less than 1 mhz/0.667 s. the frequency overshoot and undershoot is less than 2%. the smooth switch circuit can be assigned as auto or manual. in auto mode, clock generator will assign smooth switch automatically when the pll does overclocking. for manual mode, the smooth switch circuit can be assigned to either pll via smbus. by default the smooth switch circuit is set to auto mode. either pll can still be over-clocked when it does not have control of the smooth s witch circuit but it is not guaranteed to transition to the new frequency without large frequency glitches. it is not recommended to enable over-clocking and change the n values of both plls in the same smbus block write and use smooth switch mechanism on spread spectrum on/off. pd# clarification the ck_pwrgd/pd# pin is a dual-function pin. during initial power-up, the pin functions as ck_pwrgd. once ck_pwrgd has been sampled high by the clock chip, the pin assumes pd# functionality. the pd# pin is an asynchronous active low input used to shut off all clocks cleanly prior to shutting off power to the device. this signal is synchronized internal to the device prior to powering down the clock synthesizer. pd# is also an asynchronous input for powering up the system. when pd# is asserted low, all clocks need to be driven to a low value and held prior to turning off the vcos and the crystal oscillator. pd assertion when ps is sampled high by two consecutive rising edges of cpuc, all single-ended outputs will be held low on their next high-to-low transition and diff erential clocks must held low. in the event that pd mode is desired as the initial power-on state, pd must be asserted high in less than 10 s after asserting ck_pwrgd. load capacitance (each side) total capacitance (as seen by the crystal) ce = 2 * cl ? (cs + ci) ce1 + cs1 + ci1 1 + ce2 + cs2 + ci2 1 () 1 = cle
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 14 of 27 pd# deassertion the power-up latency is less than 1.8 ms. this is the time from the deassertion of the pd# pin or the ramping of the power supply until the time that stable clocks are output from the clock chip. all differential outputs stopped in a three-state condition resulting from power down will be driven high in less than 300 s of pd# deassertion to a voltage greater than 200 mv. after the clock chip?s internal pll is powered up and locked, all outputs will be enabled within a few clock cycles of each other. below is an example showing the relationship of clocks coming up. cpu_stp# assertion the cpu_stp# signal is an active low input used to synchronously stop and start t he cpu output clocks while the rest of the clock generator co ntinues to function. when the cpu_stp# pin is asserted, all cpu outputs that are set with the smbus configuration to be stoppable via assertion of cpu_stp# are stopped within two to six cpu clock periods after being sampled by two rising edges of the internal cpuc clock. the final states of the stopped cpu signals are cput = high and cpuc = low. pd# usb, 48mhz dot96t dot96c srct 100mhz srcc 100mhz cput, 133mhz pci, 33 mhz ref cpuc, 133mhz figure 3. pd assertion timing waveform dot96c pd# cpuc, 133mhz cput, 133mhz srcc 100mhz usb, 48mhz dot96t srct 100mhz tstable <1.8ms pci, 33mhz ref tdrive_pwrdn# <300 s, >200mv pd deassertion timing waveform
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 15 of 27 cpu_stp# deassertion the deassertion of the cpu_stp# signal will cause all cpu outputs that were stopped to resume normal operation in a synchronous manner, synchronous manner meaning that no short or stretched clock pulses will be produce when the clock resumes. the maximum latency from the deassertion to active outputs is no more than two cpu clock cycles. cpu_stp# cput cpuc figure 4. cpu_stp# assertion waveform cpu_stp# cput cpuc cput internal tdrive_cpu_stp#,10 ns>200 mv cpuc internal cpu_stp# deassertion waveform cpuc(stoppable) cput(stoppable) cpuc(free running cput(free running pd# 1.8ms cpu_stop# dot96c dot96t cpu_stp# = driven, cpu_pd = driven, dot_pd = driven
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 16 of 27 pci_stp# assertion the pci_stp# signal is an active low input used to synchro- nously stop and start the pci outputs while the rest of the clock generator continues to function. the set-up time for capturing pci_stp# going low is 10 ns (t su ). (see figure 5 .) the pcif clocks will not be affected by this pin if their corresponding control bit in the smbus register is set to allow them to be free running. pci_stp# deassertion the deassertion of the pci_stp# signal causes all pci and stoppable pcif clocks to resu me running in a synchronous manner within two pci clock periods after pci_stp# transi- tions to a high level. dot96c dot96t cpuc(free running) cput(free running) cpuc(stoppable) cput(stoppable) pd# 1.8ms cpu_stop# cpu_stp# = tri-state, cpu_pd = tri-state, dot_pd = tri-state tsu pci_stp# pci_f pci src 100mhz figure 5. pci_stp# assertion waveform pci_stp# pci_f pci src 100mhz tsu tdrive_src figure 6. pci_stp# deassertion waveform
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 17 of 27 . pd_restore if a ?0? is set for byte 0 bit 0 then, upon assertion of pwrdwn# low, the cy505 will initiate a full reset. the results of this will be that the clock chip will emulate a cold power on start and go to the ?latches open? state. if the pd_restore bit is set to a ?1? then the configurat ion is stored upon pwrdwn# asserted low. note that if the ia mt bit, byte 0 bit 3, is set to a ?1? then the pd_restore bit must be ignored. in other words, in intel iamt mode, pwrdwn# reset is not allowed. figure 7. ck_pwrgd timing diagram table 6. output driver status during pci-stop# and cpu-stop# pci_stop# asserted cpu_stop# asserted smbus oe disabled single-ended clocks stoppable driven low running driven low non stoppable running running differential clocks stoppable clock drive high clock# driven low clock drive high clock# driven low driven low or 20k pulldown non stoppable running running table 7. output driver status all single-ended clocks all differential clocks except cpu1 cpu1 w/o strap w/strap clock clock# clock clock# latches open state low hi-z low or 20k pulldown low low or 20k pulldown low powerdown low hi-z low or 20k pulldown low low or 20k pulldown low m1 low hi-z low or 20k pulldown low running running
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 18 of 27 figure 8. clock generator power-up/run state diagram
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 19 of 27 absolute maximum conditions parameter description condition min. max. unit v dd core supply voltage ?0.5 4.6 v v dd_a analog supply voltage ?0.5 4.6 v v dd_io io supply voltage 1.5 v v in input voltage relative to v ss ?0.5 4.6 v dc t s temperature, storage n on-functional ?65 150 c t a temperature, operating ambient functional 0 85 c t j temperature, junction functional ? 150 c ? jc dissipation, junction to case mil-std-883e method 1012.1 ? 20 c/w ? ja dissipation, junction to ambient jedec (jesd 51) ? 60 c/w esd hbm esd protection (human body mo del) mil-std-883, method 3015 2000 ? v ul-94 flammability rating at 1/8 in. v?0 msl moisture sensitivity level 1 multiple supplies: the voltage on any input or i/o pin cannot exceed the power pin during power-up. power supply sequencing is not required. dc electrical specifications parameter description condition min. max. unit vdd core 3.3v operating voltage 3.3 5% 3.135 3.465 v v ih 3.3v input high voltage (se) 2.0 v dd + 0.3 v v il 3.3v input low voltage (se) v ss ?0.3 0.8 v v ihi2c input high voltage sdata, sclk 2.2 ? v v ili2c input low voltage sdata, sclk ? 1.0 v v ih_fs fs_[a,b] input high voltage 0.7 1.5 v v il_fs fs_[a,b] input low voltage v ss ?0.3 0.35 v v ihfs_c_test fs_c input high voltage 2 v dd + 0.3 v v imfs_c_normal fs_c input middle voltage 0.7 1.5 v v ilfs_c_normal fs_c input low voltage v ss ?0.3 0.35 v pci3/cfg0 _high pci3/cfg0 input high voltage typ. 2.75v 2.40 vdd v pci3/cfg0 _mid pci3/cfg0 input mid voltage typ. 1.65v 1.30 2.00 v pci3/cfg0 _low pci3/cfg0 input low voltage typ. 0.550v 0 0.900 v i ih input high leakage current except internal pull-down resistors, 0< v in spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 20 of 27 ac electrical specifications parameter description condition min. max. unit crystal t dc xin duty cycle the device will operate reliably with input duty cycles up to 30/70 but the ref clock duty cycle will not be within specification 47.5 52.5 % t period xin period when xin is driven from an external clock source 69.841 71.0 ns t r /t f xin rise and fall times measured between 0.3v dd and 0.7v dd ?10.0ns t ccj xin cycle to cycle jitter as an average over 1- s duration ? 500 ps l acc long-term accuracy ? 300 ppm cpu at 0.7v t dc cput and cpuc duty cycle measured at 0v differential @ 0.1s 45 55 % t period 100 mhz cput and cpuc period measured at 0v differential @ 0.1s 9.99900 10.0100 ns t period 133 mhz cput and cpuc period measured at 0v differential @ 0.1s 7.49925 7.50075 ns t period 166 mhz cput and cpuc period measured at 0v differential @ 0.1s 5.99940 6.00060 ns t period 200 mhz cput and cpuc period measured at 0v differential @ 0.1s 4.99950 5.00050 ns t period 266 mhz cput and cpuc period measured at 0v differential @ 0.1s 3.74963 3.75038 ns t period 333 mhz cput and cpuc period measured at 0v differential @ 0.1s 2.99970 3.00030 ns t period 400 mhz cput and cpuc period measured at 0v differential @ 0.1s 2.49975 2.50025 ns t periodss 100 mhz cput and cpuc period, ssc measured at 0v differential @ 0.1s 10.02406 10.02607 ns t periodss 133 mhz cput and cpuc period, ssc measured at 0v differential @ 0.1s 7.51804 7.51955 ns t periodss 166 mhz cput and cpuc period, ssc measured at 0v differential @ 0.1s 6.01444 6.01564 ns t periodss 200 mhz cput and cpuc period, ssc measured at 0v differential @ 0.1s 5.01203 5.01303 ns t periodss 266 mhz cput and cpuc period, ssc measured at 0v differential @ 0.1s 3.75902 3.75978 ns t periodss 333 mhz cput and cpuc period, ssc measured at 0v differential @ 0.1s 3.00722 3.00782 ns t periodss 400 mhz cput and cpuc period, ssc measured at 0v differential @ 0.1s 2.50601 2.50652 ns t periodabs 100 mhz cput and cpuc absolute period measured at 0v differential @ 1 clock 9.91400 10.0860 ns t periodabs 133 mhz cput and cpuc absolute period measured at 0v differential @ 1 clock 7.41425 7.58575 ns t periodabs 166 mhz cput and cpuc absolute period measured at 0v differential @ 1 clock 5.91440 6.08560 ns t periodabs 200 mhz cput and cpuc absolute period measured at 0v differential @ 1 clock 4.91450 5.08550 ns t periodabs 266 mhz cput and cpuc absolute period measured at 0v differential @ 1 clock 3.66463 3.83538 ns t periodabs 333 mhz cput and cpuc absolute period measured at 0v differential @ 1 clock 2.91470 3.08530 ns t periodabs 400 mhz cput and cpuc absolute period measured at 0v differential @ 1 clock 2.41475 2.58525 ns t periodssabs 100 mhz cput and cpuc absolute period, ssc measured at 0v differential @ 1 clock 9.91406 10.1362 ns t periodssabs 133 mhz cput and cpuc absolute period, ssc measured at 0v differential @ 1 clock 7.41430 7.62340 ns t periodssabs 166 mhz cput and cpuc absolute period, ssc measured at 0v differential @ 1 clock 5.91444 6.11572 ns t periodssabs 200 mhz cput and cpuc absolute period, ssc measured at 0v differential @ 1 clock 4.91453 5.11060 ns t periodssabs 266 mhz cput and cpuc absolute period, ssc measured at 0v differential @ 1 clock 3.66465 3.85420 ns t periodssabs 333 mhz cput and cpuc absolute period, ssc measured at 0v differential @ 1 clock 2.91472 3.10036 ns t periodssabs 400 mhz cput and cpuc absolute period, ssc measured at 0v differential @ 1 clock 2.41477 2.59780 ns t ccj cput/c cycle to cycle jitter measured at 0v differential ? 85 ps t ccj2 cpu2_itp cycle to cycle jitter measured at 0v differential ? 125 ps l acc long-term accuracy measured at 0v differential ? 100 ppm t skew2 cpu2_itp to cpu0 clock skew measured at 0v differential ? 100 ps t skew2 cpu2_itp to cpu0 clock skew measured at 0v differential ? 150 ps
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 21 of 27 t r /t f cput and cpuc rise and fall time measured differentially from 150 mv 2.5 8 v/ns t rfm rise/fall matching measured single-endedly from 75 mv ? 20 % v high voltage high 1.15 v v low voltage low ?0.3 ? v v ox crossing point voltage at 0.7v swing 300 550 mv src t dc srct and srcc duty cycle measured at 0v differential 45 55 % t period 100 mhz srct and srcc period measured at 0v differential @ 0.1s 9.99900 10.0010 ns t periodss 100 mhz srct and srcc period, ssc measured at 0v differential @ 0.1s 10.02406 10.02607 ns t periodabs 100 mhz srct and srcc absolute period measured at 0v differential @ 1 clock 9.87400 10.1260 ns t periodssabs 100 mhz srct and srcc absolute period, ssc measured at 0v differential @ 1 clock 9.87406 10.1762 ns t skew(window) any srct/c to srct/c clock skew from the earliest bank to the latest bank measured at 0v differential ? 3.0 ns t ccj srct/c cycle to cycle jitter measured at 0v differential ? 125 ps l acc srct/c long term accuracy measured at 0v differential ? 100 ppm t r /t f srct and srcc rise and fall time measured differentially from 150 mv 2.5 8 v/ns t rfm rise/fall matching measured single-endedly from 75 mv ? 20 % v high voltage high 1.15 v v low voltage low ?0.3 ? v v ox crossing point voltage at 0.7v swing 300 550 mv dot t dc dot96t and dot96c duty cycle mea sured at 0v differential 45 55 % t period dot96t and dot96c period measured at 0v differential @ 0.1s 10.4156 10.4177 ns t periodabs dot96t and dot96c absolute period measur ed at 0v differential @ 0.1s 10.1656 10.6677 ns t ccj dot96t/c cycle to cycle jitter measured at 0v differential @ 1 clock ? 250 ps l acc dot96t/c long term accuracy measured at 0v differential @ 1 clock ? 300 ppm t r /t f dot96t and dot96c rise and fall time me asured differentially from 150 mv 2.5 8 v/ns t rfm rise/fall matching measured single-endedly from 75 mv ? 20 % v high voltage high 1.15 v v low voltage low ?0.3 ? v v ox crossing point voltage at 0.7v swing 300 550 mv lcd_100_ssc t dc ssct and sscc duty cycle measured at 0v differential 45 55 % t period 100 mhz ssct and sscc period measured at 0v differential @ 0.1s 9.99900 10.0010 ns t periodss 100 mhz ssct and sscc period, ssc measured at 0v differential @ 0.1s 10.02406 10.02607 ns t periodabs 100 mhz ssct and sscc absolute period measured at 0v differential @ 1 clock 9.87400 10.1260 ns t periodssabs 100 mhz srct and srcc absolute period, ssc measured at 0v differential @ 1 clock 9.87406 10.1762 ns t ccj ssct/c cycle to cycle jitter measured at 0v differential ? 250 ps l acc ssct/c long term accuracy measured at 0v differential ? 300 ppm t r /t f ssct and sscc rise and fall time measured differentially from 150 mv 2.5 8 v/ns t rfm rise/fall matching measured single-endedly from 75 mv ? 20 % v high voltage high 1.15 v v low voltage low ?0.3 ? v ac electrical specifications (continued) parameter description condition min. max. unit
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 22 of 27 v ox crossing point voltage at 0.7v swing 300 550 mv pci/pcif t dc pci duty cycle measurement at 1.5v 45 55 % t period spread disabled pcif/pci period measurement at 1.5v 29.99100 30.00900 ns t periodss spread enabled pcif/pci period, ssc measurement at 1.5v 30.08421 30.23459 ns t periodabs spread disabled pcif/pci period measurement at 1.5v 29.49700 30.50300 ns t periodssabs spread enabled pcif/pci period, ssc measurement at 1.5v 29.56617 30.58421 ns t high pcif and pci high time measurement at 2.4v 12.0 ? ns t low pcif and pci low time measurement at 0.4v 12.0 ? ns t r /t f pcif/pci rising and falling edge rate measured between 0.8v and 2.0v 1.0 4.0 v/ns t skew any pci clock to an y pci clock skew measurement at 1.5v ? 1000 ps t ccj pcif and pci cycle to cycle jitter measurement at 1.5v ? 500 ps l acc pcif/pci long term accuracy measurement at 1.5v ? 100 ppm 48_m t dc duty cycle measurement at 1.5v 45 55 % t period period measurement at 1.5v 20.83125 20.83542 ns t periodabs absolute period measurement at 1.5v 20.48125 21.18542 ns t high 48_m high time measurement at 2.4v 8.216563 11.15198 ns t low 48_m low time measurement at 0.4v 7.816563 10.95198 ns t r /t f rising and falling edge rate measured between 0.8v and 2.0v 1.0 2.0 v/ns t ccj cycle to cycle jitter measurement at 1.5v ? 350 ps l acc 48m long term accuracy measurement at 1.5v ? 100 ppm 25_m t dc duty cycle measurement at 1.5v 45 55 % t period period measurement at 1.5v 39.996 40.004 ns t r /t f rising and falling edge rate measured between 0.8v and 2.0v 1.0 4.0 v/ns t ccj cycle to cycle jitter measurement at 1.5v ? 500 ps l acc 25m long term accuracy measurement at 1.5v ? 50 ppm 27_m t dc duty cycle measurement at 1.5v 45 55 % t period period measurement at 1.5v 37.03594 37.03813 ns t r /t f rising and falling edge rate measured between 0.8v and 2.0v 1.0 4.0 v/ns t ccj cycle to cycle jitter measurement at 1.5v ? 500 ps l acc 27m long term accuracy measurement at 1.5v ? 30 ppm t ltj @ 1 s 27m long term jitter @ 10 s measurement at 1.5v @ 1 s ? 500 ps ref t dc ref duty cycle measurement at 1.5v 45 55 % t period ref period measurement at 1.5v 69.82033 69.86224 ns t periodabs ref absolute period measurement at 1.5v 68.83429 70.84826 ns t high ref high time measurement at 2v 29.97543 38.46654 ns t low ref low time measurement at 0.8v 29.57543 38.26654 ns t r /t f ref rising and falling edge rate measured between 0.8v and 2.0v 1.0 4.0 v/ns t skew ref clock to ref clock measurement at 1.5v ? 500 ps t ccj ref cycle to cycle jitter measurement at 1.5v ? 1000 ps ac electrical specifications (continued) parameter description condition min. max. unit
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 23 of 27 test and measurement set-up for pci single-ended signals and reference the following diagram shows the test load configurations for the single-ended pci, usb, and ref output signals. l acc long term accuracy measurement at 1.5v ? 100 ppm enable/disable and set-up t stable clock stabilization from power-up ?1.8ms t ss stopclock set-up time 10.0 ? ns ac electrical specifications (continued) parameter description condition min. max. unit 22 ? measurement point 4 pf 50 ? 22 ? measurement point 4 pf 50 ? pci/usb l 1 l 2 l 1 l 2 l1 = 0.5", l2 = 8" figure 9. single-ended pci and usb double load configuration 50 ? 15 ? measurement point 4 pf 50 ? 15 ? measurement point 4 pf 50 ? ref l 2 l 2 l1 l1 l 2 15 ? measurement point 4 pf l1 figure 10. single-ended ref triple load configuration figure 11. single-ended output sign als (for ac parameters measurement)
rev 1.4, march 21, 2007 page 24 of 27 spl505yc256bt/ spl505yc256bs while sli has reviewed all information herein for accuracy and re liability, spectra linear inc. assumes no responsibility for t he use of any cir- cuitry or for the infringement of any patents or other rights of third parties which would result from each use. this product i s intended for use in normal commercial applications and is not warr anted nor is it intended for use in life s upport, critical medical instruments, o r any other applica- tion requiring extended temperature range, high reliability, or any other extraordinar y environmental requirements unless pursu ant to additional processing by spectra linear inc., and expres sed written agreement by spectra linear in c. spectra linear inc. reserves the righ t to change any circuitry or specification without notice. for cpu, src, and dot96 signals and reference the following diagram shows the test load config uration for the differential cpu and src outputs. 33 ? measurement point 2pf 50 ? l1 l 2 33 ? measurement point 2pf 50 ? l1 l 2 l1 = 0.5", l2 = 7" out+ out- figure 12. 0.7v differe ntial load configuration figure 13. differential measureme nt for differential output signals (for ac parameters measuremement figure 14. single-ended measurement for differentia l output signals (for ac parameters measurement)
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 25 of 27 ordering information part number package type product flow lead-free spl505yc256bt 56-pin tssop commercial, 0 to 85 c SPL505YC256BTT 56-pin tssop?tape and reel commercial, 0 to 85 c spl505yc256bs 56-pin ssop commercial, 0 to 85 c spl505yc256bst 56-pin ssop?tape and reel commercial, 0 to 85 c
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 26 of 27 package diagram 56-lead thin shrunk small outline package, type ii (6 mm x 12 mm) z56 56-lead shrunk small outline package o56
spl505yc256bt/ spl505yc256bs rev 1.4 march 21, 2007 page 27 of 27 document history page document title: spl505yc256bt/ spl505yc256bs clock generator for intel ? bearlake chipset rev. issue date orig. of change description of change 1.0 12/13/06 jma new data sheet 1.1 1/30/07 jma 1. added se1/se2 to pinout in pinout diagram 2. added clarifications to byte 11 3. added new definitions to byte 13 4. added pci3/cfg0 voltage requirements in dc parameters 1.2 2/06/07 jma 1. changed byte11 bit 0 from 1 to 0; cpu2 to stopped with cpu_stp# 2. changed byte 13 bit 4 from 1 to 0; sata spread default off 3. changed byte 13 bit 2 from 0 to 1; se drive stre ngth default tohigh 4. changed byte 13 bit 1 from 0 to 1; reserved bit 6. changed 1394a ppm from +/-100ppm to +/-30ppm 5. added 1394b 6. added cpu0 to cpu1 100ps skew spec 7. 25m typo on 1394a removed 8. fsd in overclocking description removed. 1.3 3/06/07 jma 1. part number changes due to part revision 2. revision id changed from 0000 to 0001 in byte 7[7:4] 3. added byte 18 for additional single-ended drive strength control 1.4 3/21/07 jma 1. specified tria ngular spread spectrum profile 2. removed ieee clocks 3. reserved byte 13 bit5 - engineering spread percentage -0.47%


▲Up To Search▲   

 
Price & Availability of SPL505YC256BTT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X