Part Number Hot Search : 
V5010DP GUF20D 2N700 86XS31D1 CMDZ9L1 G2304 PD057VU5 BC63916
Product Description
Full Text Search
 

To Download SGS054YB-A1H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (888) ipd-converters (888) 473-2668 www.ipdconverters.com c-100 sgs100ye-a 60 65 70 75 80 85 90 95 10 20 30 40 50 60 70 80 90 100 load % efficiency % eff. (22v) eff. (24v) eff. (26v) sgs series - non-isolated, 100 watt sgs non-isolated buck converters provide up to 100 watts of power at up to 30 amps of output current in an industry standard half-brick package. the sgs series uses a high efficiency, non-isolated topology to provide excellent efficiency and transient response. the sgs has open-frame packaging and high temperature planar magnetics to provide exceptional thermal performance. the sgs uses 100% surface-mount construction and has a predicted reliability of over one million hours mtbf.  high power step-down converter  industry standard half- brick  excellent transient response  excellent efficiency description  open-frame construction  voltage trim and sense pins  planar magnetics  water washable efficiency vs. load (24v input) switching frequency 200 khz output voltage trim range 10% temperature coefficient 0. 02ppm/c baseplate operating temperature -40 to +100c storage range -40 to +125c remote shutdown 1 positive logic humidity max., non-condensing 95% vibration, 3 axes, 5 min each 5 g, 10 - 55 hz mtbf ? (bellcore tr-nwt-000332) 1.0 x 10 6 hrs safety ul, csa, en60950 weight (approx.) 2.4 oz general setpoint accuracy 1% line regulation v in min. - v in max., i out rated 0.2% v out load regulation i out min. - i out max., v in nom. 0.5% v out dynamic regulation, loadstep 25% i out pk deviation 4% v out se ttling time 250 s minimumoutput current 10% i out max. ripple and noise pk-pk, dc - 20 mhz 1% v out ripple and noise rms, dc - 20 mhz 0.3% v out remote sense headroom 0.50v ovp trip range 115 - 140% current limit protection type hi ccup current limit threshold range, % of i out rated 110-140% short circuit current limit 200% shortcircuit protection type latching output notes ? mtbf predictions may vary slightly from model to model. 1 for negative logic add suffix -n to part number specifications typically at 25c, normal line, and full load, unless otherwise stated. soldering conditions: i/o pins, 260c, ten seconds; fully compatible with commercial wave-soldering equipment. safety: agency approvals may vary from model to model. please consult factory for specific model information. technical specifications voltage range 12 vdc nominal 10 - 15 vdc 24 vdc nominal 22 - 26 vdc 48 vdc nominal 42 - 56 vdc input
c-101 sgs series - non-isolated, 100 watt natural convection 6.6 c/w 100 lfm 5.7 c/w 200 lfm 4.2 c/w 300 lfm 3.1 c/w 400 lfm 2.6 c/w tolerances mechanical drawing inches: (milli meters) .xx 0.020 .x 0.5 .xxx 0.010 .xx 0.25 pin: 0.002 0.05 (dimensions as listed unless otherwise specified.) thermal impedance note: thermal impedance data is dependent on many environmental factors. the exact thermal performance should be validated for specific application. pin function 1-v in 2 case 3 enable 4+v in 5-v out 6 -sense 7trim 8 + sense 9+v out vin (volts) vin range (volts) iin max.* (amps) vout (volts) iout rated (amps) efficiency typ. ** model 12 12 12 12 24 24 24 24 48 48 48 48 10 - 15 10 - 15 10 - 15 10 - 15 22 - 26 22 - 26 22 - 26 22 - 26 42 - 56 42 - 56 42 - 56 42 -56 8.0 10.4 13.1 16.8 4.0 5.2 6.1 8.4 2.0 2.6 3.2 4.2 1.8 2.5 3.3 5.0 1.8 2.5 3.3 5.0 1.8 2.5 3.3 5.0 30 30 30 20 30 30 30 20 30 30 30 20 78% 80% 84% 85% 79% 81% 83% 87% 80% 83% 86% 88% sgs054xb-a sgs075xd-a sgs100xe-a sgs100xg-a sgs054yb-a sgs075yd-a sgs100ye-a sgs100yg-a sgs054zb-a sgs075zd-a sgs100ze-a sgs100zg-a * maximum input current at minimum input voltage, maximum rated output power. ** at nominal vin, rated output. models - (see the last page of this file for options.) bottom view -0.50"(-12.7mm) -0.19"(-4.8mm) 0.700"(17.8mm) 1.900"(48.2mm) 0 1.700"(43.2mm) -0.300"(-7.6mm) 1.400"(35.6mm) 1.000"(25.4mm) 0.400"(10.2mm) 0 sgs 9 8 7 6 5 4 3 2 1 (0.64mm) m3x.5 through 4pl mounting inserts (2.0mm) (1.0mm) (4.6mm) 0.18" (12.7mm) 0.50" 0.025" ref. 7pl dia .040" 2pl dia .080" (57.9mm) 2.28" (61.0mm) 2.40"
c105 options when ordering equipment options, use the following suffix information. select the option(s) that you prefer and add them to the model number. example ordering options are located below the options table. option suffix applicable series remarks negative logic n has, hbd, hbs, hes, les, qbs, qes, tes, tqd ttl ?low? turns module on ttl ?high? turns module off lucent compatible trim t has, hbd, hbs, hes, qbs, qes terminal strip ts xws trim 1 ias, les enable 2 iad, ias, les, sms trim and enable 3 ias, les current share 4 sms headerless y encapsulated ews, iws, ows pin length and heatsink options standard pin length is 0.180? (4.6mm) 0.110? (2.8mm) pin length 8 all units (except sms) 0.150? (3.8mm) pin length 9 all units (except sms) 0.24? (6.1mm) horizontal heatsink 1h all units (except dip, sip, and sm packages) includes thermal pad 0.24? (6.1mm) vertical heatsink 1v all units (except dip, sip, and sm packages) includes thermal pad 0.45? (11.4mm) horizontal heatsink 2h all units (except dip, sip, and sm packages) includes thermal pad 0.45? (11.4mm) vertical heatsink 2v all units (except dip, sip, and sm packages) includes thermal pad 0.95? (24.1mm) horizontal heatsink 3h all units (except dip, sip, and sm packages) includes thermal pad 0.95? (24.1mm) vertical heatsink 3v all units (except dip, sip, and sm packages) includes thermal pad example options:hbs050zg-ant3v = hbs050zg-a with negative logic, lucent compatible trim, and 0.95? vertical heatsink. les015yj-3n = les015yj with optional trim and enable, negative logic. qbs066zg-at8 = qbs066zg-a with lucent compatible trim and 0.110? pin length. nuclear and medical applications power-one products are not authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the president of po wer-one, inc. technical revisions the appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SGS054YB-A1H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X