Part Number Hot Search : 
CY7C104 MC34117 KTC3770 MVAM108 7226M00 MC341 08U0M OP240SL
Product Description
Full Text Search
 

To Download S0402CPZ6R8J10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0402 thick film chip resistor standard grade, wraparound glass passivation wraparound terminations 96% alumina chip resistor film 02/08/08 performance characteristics performance characteristics life test power derating mechanical length width thickness top term bottom term gap approx. weight length width thickness top term bottom term gap approx. weight .042 (.040 - .048) .022 (.020 - .024) .018 (.013 - .023) .008 (.005 - .015) .008 (.005 - .015) .026 (.022 - .030) .00108 grams .042 (.040 - .048) .022 (.020 - .024) .018 (.013 - .023) .008 (.005 - .015) .008 (.005 - .015) .026 (.022 - .030) .00108 grams 1.07 (1.02 - 1.22) 0.56 (0.51 - 0.61) 0.46 (0.33 - 0.58) 0.20 (0.13 - 0.38) 0.20 (0.13 - 0.38) 0.66 (0.56 - 0.76) 1.07 (1.02 - 1.22) 0.56 (0.51 - 0.61) 0.46 (0.33 - 0.58) 0.20 (0.13 - 0.38) 0.20 (0.13 - 0.38) 0.66 (0.56 - 0.76) part numbering minimum recommended mounting pads (inches) minimum recommended mounting pads (inches) .072 .024 .022 inches millimeters inches millimeters .025 current noise power dissipation tempera ture rise (c) power dissipation (watts) fiber epoxy board ceramic board ?specifications subject to change without notice.? ?specifications subject to change without notice.? resistance range tolerances (1) tcr thermal resistance maximum power maximum voltage resistance range tolerances (1) tcr thermal resistance maximum power maximum voltage 1   m 100, 200, 300 ppm 1%, 2%, 5%, 10% 83.2c/w 50 mw 30 volts 1   m 100, 200, 300 ppm 1%, 2%, 5%, 10% 83.2c/w 50 mw 30 volts environmental performance (1) environmental performance (1) 0.03% 0.03% 0.03% 0.03% 0.05% 0.05% see chart 0.03% 0.03% 0.03% 0.03% 0.05% 0.05% see chart thermal shock low temperature operation short-time overload resistance to bonding exposure moisture resistance high temperature exposure life test thermal shock low temperature operation short-time overload resistance to bonding exposure moisture resistance high temperature exposure life test (1)typical resistance change, test methods and criteria per mil-prf-55342. (1)typical resistance change, test methods and criteria per mil-prf-55342. s0402cpx150j 20-tr s 0402 c px 150 j 20 - tr resistance value: four digits are used for tolerances of 1% or lower, three digits are used above 1%. leading digits are significant while the last digit specifies the number of zeros to add. the letter "r" is used to represent the decimal for fractional ohmic values. example: 5r6 is 5.6 ohms. resistance value: four digits are used for tolerances of 1% or lower, three digits are used above 1%. leading digits are significant while the last digit specifies the number of zeros to add. the letter "r" is used to represent the decimal for fractional ohmic values. example: 5r6 is 5.6 ohms. size code size code grade: s: standard production h: high reliability (for screening options, contact the factory) grade: s: standard production h: high reliability (for screening options, contact the factory) product designation: p: thick film on alumina u: untrimmed alumina (10% & 20% tolerance only) product designation: p: thick film on alumina u: untrimmed alumina (10% & 20% tolerance only) termination type: c: wraparound termination termination type: c: wraparound termination temperature characteristic: 10: 100 ppm 20: 200 ppm 30: 300 ppm temperature characteristic: 10: 100 ppm 20: 200 ppm 30: 300 ppm tolerance: f: 1% g: 2% j: 5% k: 10% m: 20% tolerance: f: 1% g: 2% j: 5% k: 10% m: 20% termination finish: x: sn60 over nickel (solderable) c: silver bearing (epoxy bondable-rohs) g: gold (epoxy bondable-rohs) y: silver over nickel (solderable -rohs) z: gold over nickel (solderable-rohs) termination finish: x: sn60 over nickel (solderable) c: silver bearing (epoxy bondable-rohs) g: gold (epoxy bondable-rohs) y: silver over nickel (solderable -rohs) z: gold over nickel (solderable-rohs) packaging code: - tr = tape/reel -w=waffle carrier (default packaging is bulk) packaging code: -tr = tape/reel - w = waffle carrier (default packaging is bulk) state of the art, inc. state of the art, inc. 2470 fox hill road, state college, pa 16803-1797 2470 fox hill road, state college, pa 16803-1797 phone (814) 355-8004 fax (814) 355-2714 phone (814) 355-8004 fax (814) 355-2714 toll free 1-800-458-3401 toll free 1-800-458-3401 www.resistor.com


▲Up To Search▲   

 
Price & Availability of S0402CPZ6R8J10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X