Part Number Hot Search : 
0509S AC688 WM2631ID V16L25JI 2SJ137 C6707 66M010 WFU4N60
Product Description
Full Text Search
 

To Download PDTA123YT215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product pro?le 1.1 general description pnp resistor-equipped transistors (ret). [1] also available in sot54a and sot54 variant packages (see section 2 ) 1.2 features 1.3 applications 1.4 quick reference data pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w rev. 04 3 september 2009 product data sheet table 1. product overview type number package npn complement nxp jeita jedec pdta123ye sot416 sc-75 - pdtc123ye pdta123yk sot346 sc-59a to-236 pdtc123yk pdta123ym sot883 sc-101 - pdtc123ym pdta123ys [1] sot54 sc-43a to-92 pdtc123ys pdta123yt sot23 - to-236ab pdtc123yt pdta123yu sot323 sc-70 - pdtc123yu n built-in bias resistors n reduces component count n simpli?es circuit design n reduces pick and place costs n general purpose switching and ampli?cation n circuit drivers n inverter and interface circuits table 2. quick reference data symbol parameter conditions min typ max unit v ceo collector-emitter voltage open base - - - 50 v i o output current (dc) - - - 100 ma r1 bias resistor 1 (input) 1.54 2.2 2.86 k w r2/r1 bias resistor ratio 3.6 4.5 5.5
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 2 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w 2. pinning information table 3. pinning pin description simpli?ed outline symbol sot54 1 input (base) 2 output (collector) 3 gnd (emitter) sot54a 1 input (base) 2 output (collector) 3 gnd (emitter) sot54 variant 1 input (base) 2 output (collector) 3 gnd (emitter) sot23, sot323, sot346, sot416 1 input (base) 2 gnd (emitter) 3 output (collector) sot883 1 input (base) 2 gnd (emitter) 3 output (collector) 001aab347 1 2 3 006aaa148 r1 r2 2 3 1 001aab348 1 2 3 006aaa148 r1 r2 2 3 1 001aab447 1 2 3 006aaa148 r1 r2 2 3 1 006aaa144 12 3 sym003 3 2 1 r1 r2 3 1 2 transparent top view sym003 3 2 1 r1 r2
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 3 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w 3. ordering information [1] also available in sot54a and sot54 variant packages (see section 2 and section 9 ) 4. marking [1] * = -: made in hong kong * = p: made in hong kong * = t: made in malaysia * = w: made in china table 4. ordering information type number package name description version pdta123ye sc-75 plastic surface mounted package; 3 leads sot416 pdta123yk sc-59a plastic surface mounted package; 3 leads sot346 pdta123ym sc-101 leadless ultra small plastic package; 3 solder lands; body 1.0 0.6 0.5 mm sot883 pdta123ys [1] sc-43a plastic single-ended leaded (through hole) package; 3 leads sot54 pdta123yt - plastic surface mounted package; 3 leads sot23 pdta123yu sc-70 plastic surface mounted package; 3 leads sot323 table 5. marking codes type number marking code [1] pdta123ye 14 pdta123yk 13 pdta123ym g2 pdta123ys ta123y pdta123yt *ad pdta123yu *13
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 4 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w 5. limiting values [1] refer to standard mounting conditions. [2] re?ow soldering is the only recommended soldering method. [3] refer to sot883 standard mounting conditions; fr4 printed-circuit board with 60 m m copper strip line. 6. thermal characteristics [1] refer to standard mounting conditions. [2] re?ow soldering is the only recommended soldering method. [3] refer to sot883 standard mounting conditions; fr4 printed-circuit board with 60 m m copper strip line. table 6. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v cbo collector-base voltage open emitter - - 50 v v ceo collector-emitter voltage open base - - 50 v v ebo emitter-base voltage open collector - - 5v v i input voltage positive - +5 v negative - - 12 v i o output current (dc) - - 100 ma i cm peak collector current - - 100 ma p tot total power dissipation t amb 25 c sot416 [1] - 150 mw sot346 [1] - 250 mw sot883 [2] [3] - 250 mw sot54 [1] - 500 mw sot23 [1] - 250 mw sot323 [1] - 200 mw t stg storage temperature - 65 +150 c t j junction temperature - 150 c t amb ambient temperature - 65 +150 c table 7. thermal characteristics symbol parameter conditions min typ max unit r th(j-a) thermal resistance from junction to ambient in free air sot416 [1] - - 833 k/w sot346 [1] - - 500 k/w sot883 [2] [3] - - 500 k/w sot54 [1] - - 250 k/w sot23 [1] - - 500 k/w sot323 [1] - - 625 k/w
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 5 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w 7. characteristics table 8. characteristics t amb = 25 c unless otherwise speci?ed symbol parameter conditions min typ max unit i cbo collector-base cut-off current v cb = - 50 v; i e = 0 a - - - 100 na i ceo collector-emitter cut-off current v ce = - 30 v; i b = 0 a - - - 1 m a v ce = - 30 v; i b = 0 a; t j = 150 c -- - 50 m a i ebo emitter-base cut-off current v eb = - 5 v; i c = 0 a - - - 700 m a h fe dc current gain v ce = - 5 v; i c = - 5 ma 35 - - v cesat collector-emitter saturation voltage i c = - 10 ma; i b = - 0.5 ma - - - 150 mv v i(off) off-state input voltage v ce = - 5 v; i c = - 100 m a- - 0.75 - 0.3 v v i(on) on-state input voltage v ce = - 300 mv; i c = - 20 ma - 2.5 - 1.15 - v r1 bias resistor 1 (input) 1.54 2.2 2.86 k w r2/r1 bias resistor ratio 3.6 4.5 5.5 c c collector capacitance v cb = - 10 v; i e = i e = 0 a; f=1mhz --2pf
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 6 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w v ce = - 5 v (1) t amb = 100 c (2) t amb = 25 c (3) t amb = - 40 c i c /i b = 20 (1) t amb = 100 c (2) t amb = 25 c (3) t amb = - 40 c fig 1. dc current gain as a function of collector current; typical values fig 2. collector-emitter saturation voltage as a function of collector current; typical values v ce = - 0.3 v (1) t amb = - 40 c (2) t amb = 25 c (3) t amb = 100 c v ce = - 5 v (1) t amb = - 40 c (2) t amb = 25 c (3) t amb = 100 c fig 3. on-state input voltage as a function of collector current; typical values fig 4. off-state input voltage as a function of collector current; typical values i c (ma) - 10 - 1 - 10 2 - 10 - 1 006aaa103 10 2 10 10 3 h fe 1 (1) (2) (3) i c (ma) - 1 - 10 2 - 10 006aaa104 - 10 - 1 - 1 v cesat (v) - 10 - 2 (1) (3) (2) 006aaa105 i c (ma) - 10 - 1 - 10 2 - 10 - 1 - 1 - 10 v i(on) (v) - 10 - 1 (1) (3) (2) i c (ma) - 10 - 1 - 10 - 1 006aaa106 - 1 - 10 v i(off) (v) - 10 - 1 (1) (3) (2)
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 7 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w 8. package outline fig 5. package outline sot416 (sc-75) unit a 1 max b p cd e e 1 h e l p qw references outline version european projection issue date iec jedec jeita mm 0.1 0.30 0.15 0.25 0.10 1.8 1.4 0.9 0.7 0.5 e 1 1.75 1.45 0.2 v 0.2 dimensions (mm are the original dimensions) 0.45 0.15 0.23 0.13 sot416 sc-75 w m b p d e 1 e a a 1 l p q detail x h e e a b b v m a 0 0.5 1 mm scale a 0.95 0.60 c x 12 3 plastic surface-mounted package; 3 leads sot416 04-11-04 06-03-16
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 8 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w fig 6. package outline sot346 (sc-59a/to-236) unit a 1 b p cd e e 1 h e l p qw v references outline version european projection issue date iec jedec jeita mm 0.50 0.35 0.26 0.10 3.1 2.7 1.7 1.3 0.95 e 1.9 3.0 2.5 0.33 0.23 0.2 0.2 dimensions (mm are the original dimensions) 0.6 0.2 sot346 to-236 sc-59a b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.3 1.0 0.1 0.013 c x 12 3 plastic surface-mounted package; 3 leads sot346 04-11-11 06-03-16
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 9 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w fig 7. package outline sot883 (sc-101) unit a 1 max. a (1) bb 1 e 1 ell 1 references outline version european projection issue date iec jedec jeita mm 0.50 0.46 0.20 0.12 0.55 0.47 0.03 0.62 0.55 0.35 0.65 dimensions (mm are the original dimensions) note 1. including plating thickness 0.30 0.22 0.30 0.22 sot883 sc-101 03-02-05 03-04-03 de 1.02 0.95 l e 2 3 1 b b 1 a 1 a d l 1 0 0.5 1 mm scale leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm sot883 e e 1
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 10 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w fig 8. package outline sot54 (sc-43a/to-92) unit a references outline version european projection issue date iec jedec jeita mm 5.2 5.0 b 0.48 0.40 c 0.45 0.38 d 4.8 4.4 d 1.7 1.4 e 4.2 3.6 l 14.5 12.7 e 2.54 e 1 1.27 l 1 (1) max. 2.5 b 1 0.66 0.55 dimensions (mm are the original dimensions) note 1. terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. sot54 to-92 sc-43a 04-06-28 04-11-16 a l 0 2.5 5 mm scale b c d b 1 l 1 d e plastic single-ended leaded (through hole) package; 3 leads sot54 e 1 e 1 2 3
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 11 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w fig 9. package outline sot54a unit a references outline version european projection issue date iec jedec jeita mm 5.2 5.0 b 0.48 0.40 c 0.45 0.38 d 4.8 4.4 d 1.7 1.4 e 4.2 3.6 l 14.5 12.7 3 2 e 5.08 e 1 l 2 2.54 l 1 (1) max. 3 b 1 0.66 0.55 dimensions (mm are the original dimensions) note 1. terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. sot54a 97-05-13 04-06-28 a l 0 2.5 5 mm scale b c d b 1 l 1 l 2 d e plastic single-ended leaded (through hole) package; 3 leads (wide pitch) sot54a e 1 e 1 2 3
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 12 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w fig 10. package outline sot54 variant unit a references outline version european projection issue date iec jedec jeita mm 5.2 5.0 b 0.48 0.40 c 0.45 0.38 d 4.8 4.4 d 1.7 1.4 e 4.2 3.6 l 14.5 12.7 e 2.54 e 1 1.27 l 1 (1) max l 2 max 2.5 2.5 b 1 0.66 0.55 dimensions (mm are the original dimensions) note 1. terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. sot54 variant a l 0 2.5 5 mm scale b c d b 1 l 1 d e plastic single-ended leaded (through hole) package; 3 leads (on-circle) sot54 variant 1 2 3 l 2 e 1 e e 1 04-06-28 05-01-10
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 13 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w fig 11. package outline sot23 (to-236ab) unit a 1 max. b p cd e e 1 h e l p qw v references outline version european projection issue date 04-11-04 06-03-16 iec jedec jeita mm 0.1 0.48 0.38 0.15 0.09 3.0 2.8 1.4 1.2 0.95 e 1.9 2.5 2.1 0.55 0.45 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot23 to-236ab b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.1 0.9 c x 12 3 plastic surface-mounted package; 3 leads sot23
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 14 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w fig 12. package outline sot323 (sc-70) unit a 1 max b p cd e e 1 h e l p qw v references outline version european projection issue date iec jedec jeita mm 0.1 1.1 0.8 0.4 0.3 0.25 0.10 2.2 1.8 1.35 1.15 0.65 e 1.3 2.2 2.0 0.23 0.13 0.2 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot323 sc-70 w m b p d e 1 e a b a 1 l p q detail x c h e e v m a a b y 0 1 2 mm scale a x 12 3 plastic surface-mounted package; 3 leads sot323 04-11-04 06-03-16
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 15 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w 9. packing information [1] for further information and the availability of packing methods, see section 12 . table 9. packing methods the indicated -xxx are the last three digits of the 12nc ordering code. [1] type number package description packing quantity 3000 5000 10000 pdta123ye sot416 4 mm pitch, 8 mm tape and reel -115 - -135 pdta123yk sot346 4 mm pitch, 8 mm tape and reel -115 - -135 pdta123ym sot883 2 mm pitch, 8 mm tape and reel - - -315 pdta123ys sot54 bulk, straight leads - -412 - sot54a tape and reel, wide pitch - - -116 tape ammopack, wide patch - - -126 sot54 variant bulk, delta pinning - -112 - pdta123yt sot23 4 mm pitch, 8 mm tape and reel -215 - -235 pdta123yu sot323 4 mm pitch, 8 mm tape and reel -115 - -135
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 16 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w 10. revision history table 10. revision history document id release date data sheet status change notice supersedes pdta123y_ser_4 20090903 product data sheet - pdta123y_ser_3 modi?cations: ? this data sheet was changed to re?ect the new company name nxp semiconductors, including new legal de?nitions and disclaimers. no changes were made to the technical content ? figure 5 p ac kage outline so t416 (sc-75) : updated ? figure 6 p ac kage outline so t346 (sc-59a/t o-236) : updated ? figure 11 p ac kage outline so t23 (t o-236ab) : updated ? figure 12 p ac kage outline so t323 (sc-70) : updated pdta123y_ser_3 20050405 product data sheet - pdta123yt_2 pdta123yt_2 20040611 objective data sheet - pdta123yt_1 pdta123yt_1 20040325 objective data sheet - -
pdta123y_ser_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 3 september 2009 17 of 18 nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w 11. legal information 11.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 11.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 11.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. quick reference data the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not complete, exhaustive or legally binding. 11.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 12. contact information for more information, please visit: http://www .nxp.com for sales of?ce addresses, please send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors pdta123y series pnp resistor-equipped transistors; r1 = 2.2 k w , r2 = 10 k w ? nxp b.v. 2009. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 3 september 2009 document identifier: pdta123y_ser_4 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 13. contents 1 product pro?le . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description. . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data. . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 3 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 6 thermal characteristics. . . . . . . . . . . . . . . . . . . 4 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 7 9 packing information. . . . . . . . . . . . . . . . . . . . . 15 10 revision history . . . . . . . . . . . . . . . . . . . . . . . . 16 11 legal information. . . . . . . . . . . . . . . . . . . . . . . 17 11.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 17 11.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 11.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 11.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 12 contact information. . . . . . . . . . . . . . . . . . . . . 17 13 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18


▲Up To Search▲   

 
Price & Availability of PDTA123YT215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X