Part Number Hot Search : 
T85HF140 8F320 HCU04 K129A 200170MR PSVT70 UZTX792A SMT4004F
Product Description
Full Text Search
 

To Download NZ2520SB-FREQ-NSA3415A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal clock oscillator nz2520s series cc28_080926_nz2520sb_100_e nz2520sb frequency stability of 100 x 10 C6 . n model name n application absolute maximum rating power supply voltage (v dd ) C0.5 to +4.0 v storage temperature range C55 to +125 c +1.8 v, 25 c +2.5 v, 25 c +3.0 v, 25 c +3.3 v, 25 c +1.8 v to +3.3 v, 25 c during operation during standby output level frequency range *1 operating temperature range *2 frequency stability current consumption max v ol max/v oh min tr max/tf max duty cycle min. to max. load (c l ) max oscillation start time max standby function cCmos 1.5 f < 10 10 f < 20 20 f < 30 30 f < 40 40 f < 50 50 f < 60 60 f < 70 70 f 80 C20 to +70 100 2.5 3.5 4.0 4.5 5.0 5.5 6.0 6.5 3.0 4.0 4.5 5.0 5.5 6.0 6.5 7.0 3.5 4.5 5.0 5.5 6.0 6.5 7.5 8.5 3.5 4.5 5.0 5.5 6.0 7.0 8.0 9.0 10 0.1 v dd /0.9 v dd 5/5 45 to 55 15 4 available (tristate) (mhz) (c) (10 C6 ) (ma) (a) (v) (ns) (%) (pf) (ms) item model nz2520sb *1: if you require a product with a frequency not given above, please contact us. *2: if you require a product with an operating temperature range not given above, please contact us. pb free n specifications n features l compact and light. dimensions and weight: 2.5 x 2.0 mm, 0.9 mm, and 0.02 g. l this crystal clock oscillator can support low frequencies (from 1.5 mhz); an achievement not easy for other crystal oscillators of the same size to equal. l automatic mounting by taping and ir reflow (lead-free) are possible. l lead-free. l for compact mobile information equipment, such as dvc, dsc, notebook pc, and pda nsa3412a nsa3413a nsa3414a nsa3415a list of codes for placing an order (the purchase order number differs according to the difference in power supply voltage.) (v) n list of codes for placing an order power supply voltage [v dd ] +1.80.18 +2.50.25 +3.00.3 +3.30.33
crystal clock oscillator nz2520s series cc29_080926_nz2520sb_100_e Cm model name frequency (up to 9 digits) C number for specifying an order when ordering our products, specify them with an ordering code that consists of the following: example 1: when ordering a product with model name: nz2520sb, frequency: 20 mhz, frequency stability: 100 x 10 C6 , and power supply voltage: 1.8 v ordering code: nz2520sb C 20.000000m C nsa3412a example 2: when ordering a product with model name: nz2520sb, frequency: 20 mhz, frequency stability: 100 x 10 C6 , and power supply voltage: 3.3 v ordering code: nz2520sb C 20.000000m C nsa3415a if you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales represe ntatives or visit our homepage (http://www.ndk.com/). n how to specify an order n standby function #1 input level h (0.7 v dd v ih v dd ) or open is selected. level l (v il 0.3 v dd ) is selected. #3 output oscillation output on high impedance 0.9v dd 1/2v dd 0.1v dd tr tf v oh v ol t t 0v duty cycle = t/t 100 [%] mm pad connection #1 #2 #3 #4 standby gnd output v dd 2.500.10 0.3 0.9 max 2.000.10 1.650.1 0.80.1 0.70.1 1.00 1.00 0.45 1.10 1.10 0.75 1.250.1 #1 #2 #3 #4 0.6 reference land pattern n dimensions n output waveform mount an approx. 0.01 f bypass capacitor between v dd and gnd (close to the product)


▲Up To Search▲   

 
Price & Availability of NZ2520SB-FREQ-NSA3415A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X