Part Number Hot Search : 
4040A 2515DX 62256 PI3HDMI GF32C3 NE500100 AQV217AZ TG220151
Product Description
Full Text Search
 

To Download MZA63VC102MH10TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com mza series the mza series is united chemi-cons lowest impedance vertical surface mount capacitor series. these low impedance capacitors are also constructed of lead-free materials and can withstand high temperature, lead-free alloy reflow soldering. the mza series has a wide temperature range of 55 c to 105 c with a rated lifetime of 2,000 hours at 105 c. available in low profile case sizes ranging from 4 5.8mm to 10 10mm, the mza series is suitable for general purpose applications where miniaturization and pb-free requirements exist. the mza series capacitors are solvent proof. refer to the mini-glossary for cleaning guidelines and recommended cleaning agents that are compatible with united chemi-con products. surface mount lowest impedance lead-free construction solvent proof 105 c maximum temperature actual size surface mount terminals. capacitance range: 4.7 to 1,500f. voltage range: 6.3 to 50vdc. category temperature range: 55 cto 105 c. leakage current: 0.01cv or 3a, whichever is greater, after 2 minutes at 20 c. standard capacitance tolerance: 20% nominal case size (d l): 4 5.8mm to 10 10mm. rated lifetime: 2,000 hours at 105 c. summary of specifications mza aluminum surface mount 1/4 new series engineering bulletin oct 03
mza series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com mza specifications packaging: tp = standard taping. refer to our web site for taping and reel specifications. case code: see case sizes in tables. capacitance tolerance: m = 20% capacitance value: expressed in microfarads. the first two digits are significant figures, and the third digit indicates the number of zeros for capacitance of 100 f or more. r indicates the decimal point for capacitance less than 100 f (e.g. r33 = .33 f; 3r3 = 3.3 f; 33r = 33 f; 331 = 330 f; 332 = 3,300 f; 333 = 33,000 f). lead configuration: vc = vertical chip, 2 smd terminals. dc rated voltage: expressed in volts (e.g. 25 = 25wvdc). series name: indicates basic capacitor design. part numbering system for mza series when ordering, always specify complete catalog number for mza series. mza 25 vc 33r m e61 tp item category temperature range 55 to 105 c rated voltage range 6.3 to 50vdc capacitance range 4.7 to 1,500 f capacitance tolerance 20% ( m ) at 20 c, 120hz leakage current i 0.01cv or 3 a, whichever is greater, after 2 minutes at 20 c. where i = max. leakage current ( a ), c = nominal capacitance ( f ) and v = rated voltage ( v ) dissipation factor ( tan )at 20 c, 120hz characteristics low temperature characteristics at 120hz, impedance ( z ) ratio between the 25 c, 40 c or 55 c value and 20 c value shall not exceed the values given below. rated voltage ( v ) tan (df) 6.3 0.26 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 rated voltage ( v ) z( 25 c) /z( 20 c) z( 40 c) /z( 20 c) z( 55 c) /z( 20 c) 6.3 2 3 4 10 2 3 4 16 2 3 4 25 2 3 3 35 2 3 3 50 2 3 3 shelf life the following specifications shall be satisfied when the capacitors are restored to 20 c after exposing them for 1,000 hours at 105 c without voltage applied. the rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. capacitance change: 30% of initial measured value tan (df) : 300% of initial specified value leakage current : initial specified value endurance (load life) the following specifications shall be satisfied when the capacitors are restored to 20 c after subjecting them to the dc rated voltage for 2,000 hours at 105 c. capacitance change: 30% of initial measured value tan (df) : 200% of initial specified value leakage current : initial specified value mza aluminum surface mount 2/4 engineering bulletin oct 03
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com mza series vertical chip smd lead terminals recommended pcb land pattern vc type unit: mm diagram of dimensions l capacitance marking example: 25v 33 f b a w c p 0.3 max. d 33 e za 2j c a b location of capacitor solder land j = 6.3v a =10v c =16v e = 25v v = 35v h = 50v rated voltage marking case code d61 e61 f61 f80 h10 j10 d 0.5 4 5 6.3 6.3 8 10 a 0.2 4.3 5.3 6.6 6.6 8.3 10.3 b 0.2 4.3 5.3 6.6 6.6 8.3 10.3 c 0.2 5.1 5.9 7.2 7.2 9.0 11.0 l 5.8 0.3 5.8 0.3 5.8 0.3 7.7 0.3 10 0.5 10 0.5 w 0.5-0.8 0.5-0.8 0.5-0.8 0.5-0.8 0.7-1.1 0.7-1.1 a 1.0 1.4 1.9 1.9 3.1 4.5 p 1.0 1.4 1.9 1.9 3.1 4.5 b 2.6 3.0 3.5 3.5 4.2 4.4 c 1.6 1.6 1.6 1.6 2.2 2.2 case and solder land dimensions recommended reflow soldering conditions temperature profile for air or infrared reflow soldering methods preheat max. time temperature range max. time over 200 c max. time over 230 c max. peak temperature 120 seconds 150 ~180 c 60 seconds 30 seconds 250 c 120 seconds 150 ~180 c 50 seconds 20 seconds 240 c reflow conditions case code d61~ f80 case code h10 ~ j10 reflow refer to our web site for additional reflow soldering guidelines and precautions for surface mount capacitors. time and temperature ranges peak temperature max.time over 200 c time (sec.) 150 200 230 peak preheat 150 -180 c 120 sec. max. max.time over 230 c can top and terminal temperature ( c) 25 mza aluminum surface mount engineering bulletin oct 03 3/4
mza series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com standard voltage ratings - surface mount rated voltage (wvdc) capacitance (f) catalog part number nominal case size* d l ( mm ) rated ripple current ( ma rms) at 105 c, 100khz maximum impedance ( ? ) at 20 c, 100khz case code 22 mza6.3vc22rmd61tp 4 5.8 d61 1.35 90 47 mza6.3vc47rmd61tp 4 5.8 d61 1.35 90 47 mza6.3vc47rme61tp 5 5.8 e61 0.70 160 100 mza6.3vc101me61tp 5 5.8 e61 0.70 160 100 mza6.3vc101mf61tp 6.3 5.8 f61 0.36 240 220 mza6.3vc221mf61tp 6.3 5.8 f61 0.36 240 330 mza6.3vc331mf80tp 6.3 7.7 f80 0.34 280 470 mza6.3vc471mh10tp 8 10 h10 0.16 600 1,000 mza6.3vc102mh10tp 8 10 h10 0.16 600 1,500 mza6.3vc152mj10tp 10 10 j10 0.08 850 6.3 volts 8 volts surge 22 mza10vc22rmd61tp 4 5.8 d61 1.35 90 33 mza10vc33rmd61tp 4 5.8 d61 1.35 90 33 mza10vc33rme61tp 5 5.8 e61 0.70 160 220 mza10vc221mf80tp 6.3 7.7 f80 0.34 280 330 mza10vc331mh10tp 8 10 h10 0.16 600 470 mza10vc471mh10tp 8 10 h10 0.16 600 680 mza10vc681mh10tp 8 10 h10 0.16 600 1,000 mza10vc102mj10tp 10 10 j10 0.08 850 10 volts 13 volts surge 10 mza16vc10rmd61tp 4 5.8 d61 1.35 90 22 mza16vc22rmd61tp 4 5.8 d61 1.35 90 22 mza16vc22rme61tp 5 5.8 e61 0.70 160 47 mza16vc47rme61tp 5 5.8 e61 0.70 160 47 mza16vc47rmf61tp 6.3 5.8 f61 0.36 240 100 mza16vc101mf61tp 6.3 5.8 f61 0.36 240 220 mza16vc221mf80tp 6.3 7.7 f80 0.34 280 330 mza16vc331mh10tp 8 10 h10 0.16 600 470 mza16vc471mh10tp 8 10 h10 0.16 600 680 mza16vc681mj10tp 10 10 j10 0.08 850 16 volts 20 volts surge 10 mza25vc10rmd61tp 4 5.8 d61 1.35 90 22 mza25vc22rme61tp 5 5.8 e61 0.70 160 33 mza25vc33rme61tp 5 5.8 e61 0.70 160 33 mza25vc33rmf61tp 6.3 5.8 f61 0.36 240 47 mza25vc47rmf61tp 6.3 5.8 f61 0.36 240 100 mza25vc101mf80tp 6.3 7.7 f80 0.34 280 220 mza25vc221mh10tp 8 10 h10 0.16 600 330 mza25vc331mh10tp 8 10 h10 0.16 600 470 mza25vc471mj10tp 10 10 j10 0.08 850 25 volts 32 volts surge 4.7 mza35vc4r7md61tp 4 5.8 d61 1.35 90 10 mza35vc10rmd61tp 4 5.8 d61 1.35 90 10 mza35vc10rme61tp 5 5.8 e61 0.70 160 22 mza35vc22rme61tp 5 5.8 e61 0.70 160 33 mza35vc33rmf61tp 6.3 5.8 f61 0.36 240 47 mza35vc47rmf61tp 6.3 5.8 f61 0.36 240 100 mza35vc101mf80tp 6.3 7.7 f80 0.34 280 100 mza35vc101mh10tp 8 10 h10 0.16 600 220 mza35vc221mh10tp 8 10 h10 0.16 600 330 mza35vc331mj10tp 10 10 j10 0.08 850 35 volts 44 volts surge 4.7 mza50vc4r7md61tp 4 5.8 d61 2.90 60 10 mza50vc10rme61tp 5 5.8 e61 1.52 85 10 mza50vc10rmf61tp 6.3 5.8 f61 0.88 165 22 mza50vc22rmf61tp 6.3 5.8 f61 0.88 165 33 mza50vc33rmf80tp 6.3 7.7 f80 0.68 195 47 mza50vc47rmf80tp 6.3 7.7 f80 0.68 195 100 mza50vc101mh10tp 8 10 h10 0.34 350 220 mza50vc221mj10tp 10 10 j10 0.18 670 50 volts 63 volts surge * refer to diagrams for detailed case size dimensions. mza aluminum surface mount engineering bulletin oct 03 4/4


▲Up To Search▲   

 
Price & Availability of MZA63VC102MH10TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X