Part Number Hot Search : 
L4004D3 OR2C10A MB2245 NDL5422P YBAMU UT2306 PM8313 141K1
Product Description
Full Text Search
 

To Download LKG1V152MESYBK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100y performance characteristics tangent of loss angle (tan ) less than or equal to the initial specified value 200% or less than the initial specified value within 20% of the initial capacitance value aluminum electrolytic capacitors kg series lug / snap-in terminal type, for audio equipment disigned for high grade audio equipment, giving priority to high fidelity sound quality. the variation expansion of the kg series. type- 1 : the low profile high tone quality grade of the new development electrolyte adoption. type- 2 : the center grade that the best sound is provided electrode foil, with the multiple use. type- 3 : the highest tone quality grade by the low drag the gold plating terminal adoption. the sound quality that it meets the high tone quality needs for hd audio equipment. compliant to the rohs directive (2002/95/ec). specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current stability at low temperature shelf life marking item 40 to +85 c 16 to 100v (type- 1 , type- 2 , type- 3 ) 680 to 33000f 20% at 120hz, 20 c after 5 minutes' application of rated voltage, leakage current is not more than (a), [c : rated capacitance(f), v : voltage (v) ] printed with gold color letter on black sleeve. measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 1000 hours at 85 c. after storing the capacitors under no load at 85 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. z 25 c/ z+20 c z 40 c/ z+20 c rated voltage(v) impedance ratio zt/z20(max.) 16 to 100 4 12 type numbering system (snap-in terminal type) (example : gold tune 25 v 6800f, dia. 30) type numbering system (lug terminal type) (example : super through 50 v 15000f) high grade l 1 g 2 k 3 1 4 h 5 1 6 5 7 3 8 m 9 k 10 z 11 s 12 configuration grade capacitance tolerance( 20%) rated capacitance(15000 f) rated voltage(50v) series name type l 1 g 2 k 3 1 4 e 5 6 6 8 7 2 8 m 9 e 10 s 11 b 12 configuration case dia.code capacitance tolerance ( 20%) rated capacitance(6800 f) rated voltage(25v) series name k 13 b 14 grade type d 20 25 code y 22 z grade type- 1 (gold tune) type- 2 (gold tune) type- 3 ( super through ) code ak bk ck grade type- 1 (gold tune) type- 2 (gold tune) type- 3 ( super through ) code f s a 30 35 b c 1 2 pb-free terminal pb-free pet sleeve es configuration 1 measurement frequency : 120hz, temperature : 20 c type rated voltage(v) tan (max.) type- 3 type- 1 , type- 2 endurance dimension table in next page. capacitance change leakage current tan 16 25 to 63 0.30 0.35 80 100 16 0.25 0.25 25 to 63 0.22 80 100 0.20 gold tune super through 3 cv (snap-in terminal type) (lug terminal type) 10 0.1 2-2 0.1 (pc board hole dimensions) (terminal dimensions) 6.3 1 3.5 1.5 0.8 +0.2 -0.1 +0.2 -0.1 0.8 +0.2 -0.1 d p 35 14 40 14 50 18 63 25 76 (mm) 25 kn kz configuration bottom plate ( p. e . t. ) l +3max. d +2max. 11 2 p 1 t=0.8 11 11 t=1.0 4.5 8 kn kz 10 polarity bar l 2 d +1max. 6.3 1 pressure relief vent pressure relief vent sleeve ( p. e . t. ) sleeve ( polyolefin ) for capacitance of more than 22000f, add 0.02 for every increase of 1000f. configuration 35 to 40 50 to 76
cat.8100y dimensions (snap-in terminal type : gold tune, super through ) kg series aluminum electrolytic capacitors case size d l (mm) rated ripple type- iii type- ii type- iii type- ii type- iii type- ii type- iii type- i type- ii type- iii type- i type- ii type- iii type- i type- ii type- iii type- i type- ii type- iii type- i type- ii type- iii type- i type- ii type- iii type- i type- ii type- iii type- i type- ii type- iii type- i type- ii type- iii type- i type- ii type- iii type- i type- ii type- iii type- i type- ii type- iii type- i type- ii type- i type- ii type- i type- ii type- i type- ii type- i type- ii 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153 183 223 273 333 20 20 0.90 20 25 1.10 20 20 1.10 20 30 1.35 20 35 1.75 20 40 2.00 20 25 1.55 20 50 2.30 20 30 1.75 20 25 1.45 20 35 2.20 20 30 1.90 20 40 2.40 20 35 2.05 20 50 2.65 20 40 2.25 20 45 2.60 22 20 0.95 22 25 1.20 22 20 1.50 22 45 2.30 22 20 1.35 22 25 1.75 22 50 2.75 22 30 2.20 22 25 1.90 22 35 2.40 22 30 2.05 22 40 2.65 22 35 2.20 22 50 2.75 22 40 2.50 22 45 2.80 25 20 1.10 25 25 1.75 25 30 2.00 25 20 1.55 25 35 2.35 25 40 2.70 25 45 2.90 25 20 1.70 25 25 2.15 25 50 3.20 25 30 2.30 25 25 2.00 25 35 2.45 25 30 2.15 25 40 2.75 25 35 2.40 25 45 3.10 25 40 2.60 25 50 3.50 25 45 2.95 25 50 3.40 30 20 1.35 30 25 2.35 30 30 2.70 30 20 1.85 30 35 2.90 30 40 3.20 30 45 3.35 30 20 2.10 30 25 2.50 30 30 2.75 30 25 2.50 30 35 3.10 30 30 2.65 30 40 3.40 30 35 2.90 30 45 3.80 30 40 3.25 30 50 4.25 30 45 3.70 35 20 1.95 35 25 2.60 35 30 3.15 35 20 2.25 35 35 3.30 35 40 3.50 35 20 2.10 35 25 2.60 35 45 3.70 35 30 3.45 35 25 2.90 35 35 3.80 35 30 3.35 35 40 4.25 35 35 3.65 35 45 4.50 35 20 1.75 35 25 2.45 35 20 2.20 35 30 3.15 35 35 3.50 35 40 3.80 35 20 2.25 35 25 3.05 35 45 4.00 35 30 3.30 35 25 2.65 35 35 3.50 35 40 4.00 35 30 3.50 35 45 4.45 35 35 3.85 35 40 4.30 35 45 4.85 20 20 0.65 20 25 1.20 20 30 1.30 20 20 1.35 20 35 1.60 20 25 1.50 20 40 1.85 20 30 1.70 20 50 2.20 20 35 1.80 20 25 1.60 20 30 1.70 20 45 2.30 20 50 2.50 20 35 2.20 20 40 2.40 20 50 2.55 22 20 0.75 22 35 1.85 22 25 1.70 22 45 2.20 22 20 1.50 22 30 1.80 22 50 2.50 22 25 1.70 22 35 2.30 22 40 2.50 22 30 2.20 22 50 2.65 22 35 2.35 22 40 2.65 22 45 2.90 25 20 0.95 25 25 1.55 25 20 1.50 25 30 1.80 25 35 2.15 25 40 2.45 25 20 1.55 25 25 2.10 25 45 2.80 25 30 2.25 25 35 2.40 25 25 2.15 25 40 2.65 25 30 2.30 25 45 2.90 25 35 2.50 25 50 3.30 25 40 2.75 25 45 3.15 25 50 3.55 30 20 1.30 30 25 1.80 30 20 1.85 30 30 2.40 30 35 2.80 30 40 3.25 30 20 1.85 30 25 2.50 30 45 3.50 30 30 2.65 30 35 2.85 30 25 2.65 30 40 3.30 30 30 2.80 30 45 3.55 30 35 3.10 30 50 4.15 30 40 3.40 30 45 3.85 20 25 0.85 20 30 1.05 20 35 1.45 20 25 1.40 20 40 1.55 20 45 1.80 20 30 1.75 20 50 2.00 20 25 1.60 20 35 2.05 20 30 1.75 20 40 2.25 20 45 2.40 20 35 2.20 20 40 2.40 20 50 2.50 20 30 1.05 20 25 1.50 20 35 1.80 20 30 1.65 20 40 1.95 20 35 1.80 20 50 2.20 20 25 1.70 20 30 1.85 20 45 2.35 20 35 2.00 20 50 2.45 20 40 2.25 20 45 2.45 20 50 2.75 22 25 1.00 22 20 1.30 22 30 1.45 22 35 1.55 22 25 1.55 22 40 1.75 22 20 1.45 22 45 1.95 22 30 2.05 22 25 1.75 22 35 2.25 22 40 2.40 22 30 2.20 22 45 2.70 22 35 2.35 22 50 3.00 22 40 2.60 22 45 2.90 25 20 0.85 25 25 1.40 25 30 1.50 25 20 1.65 25 35 1.95 25 20 1.55 25 25 2.00 25 45 2.35 25 30 2.20 25 50 2.70 25 35 2.30 25 25 2.15 25 30 2.25 25 40 3.00 25 50 3.10 25 40 2.70 25 45 3.05 25 50 3.45 30 20 1.40 30 25 1.75 30 30 1.95 30 20 2.05 30 35 2.30 30 40 2.70 30 20 1.85 30 25 2.40 30 45 3.00 30 30 2.55 30 50 3.55 30 25 2.60 30 35 3.30 30 30 2.75 30 40 3.60 30 35 3.00 30 50 3.80 30 40 3.30 30 45 3.80 30 50 4.30 35 20 1.70 35 25 2.30 35 30 2.65 35 20 2.50 35 35 3.00 35 40 3.55 35 20 2.25 35 25 2.85 35 45 3.80 35 30 3.05 35 50 4.15 35 35 3.30 35 25 3.20 35 40 3.70 35 30 3.40 35 45 4.10 35 35 3.80 35 50 4.80 35 40 4.15 35 45 4.70 22 25 1.00 22 20 1.00 22 30 1.40 22 25 1.65 22 20 1.55 22 30 1.80 22 45 2.20 22 50 2.45 22 25 1.85 22 35 2.35 22 30 2.00 22 45 2.45 22 35 2.20 22 50 2.80 22 40 2.35 22 45 2.60 22 50 2.90 25 25 1.35 25 20 1.50 25 30 1.95 25 35 2.15 25 20 1.65 25 25 2.15 25 40 2.45 25 30 2.30 25 50 2.65 25 25 1.95 25 35 2.50 25 40 2.80 25 30 2.50 25 45 3.00 25 35 2.70 25 50 3.40 25 40 2.90 25 45 3.30 30 20 1.35 30 25 1.90 30 20 1.80 30 30 2.15 30 35 2.60 30 20 2.05 30 25 2.60 30 45 3.00 30 30 2.80 30 50 3.30 30 25 2.35 30 35 3.00 30 40 3.30 30 30 3.00 30 45 3.60 30 35 3.25 30 50 4.10 30 40 3.55 30 45 4.00 35 20 1.90 35 25 2.40 35 20 2.25 35 30 2.60 35 35 2.95 35 40 3.25 35 20 2.45 35 25 3.15 35 45 3.50 35 30 3.35 35 50 3.90 35 25 2.85 35 35 3.60 35 40 3.95 35 30 3.65 35 45 4.40 35 35 4.00 35 50 5.05 35 40 4.35 35 50 4.70 20 22 25 16v (1c) 30 35 20 22 25 25v (1e) 30 35 20 22 25 35v (1v) 30 35 20 22 25 50v (1h) 30 35 code grade cap.( f) rated ripple current (arms) at 85 c 120 hz
cat.8100y 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 1 type- 2 type- 1 type- 1 20 22 25 63v ( 1j ) 30 35 20 22 25 80v ( 1k ) 30 35 20 22 25 100v ( 2a ) 30 35 code cap.( f) grade 20 30 1.75 20 25 1.65 20 35 1.90 20 25 1.45 20 30 1.85 20 40 2.10 20 35 1.95 20 45 2.35 20 30 1.90 20 40 2.15 20 35 2.05 20 45 2.35 20 40 2.25 20 50 2.40 22 25 1.75 22 20 1.30 22 30 1.90 22 25 1.85 22 35 2.05 22 30 1.95 22 40 2.25 22 25 1.90 22 35 2.15 22 45 2.60 22 30 2.00 22 40 2.35 22 50 2.90 22 35 2.20 22 45 2.70 22 40 2.45 22 45 2.80 25 20 1.65 25 25 1.85 25 30 2.00 25 20 1.65 25 25 1.90 25 30 2.10 25 35 2.65 25 25 2.00 25 40 2.90 25 30 2.15 25 35 2.75 25 45 3.25 25 35 2.35 25 45 2.80 25 40 2.60 25 50 3.20 25 45 2.85 25 50 3.20 30 20 1.90 30 20 1.95 30 25 2.20 30 20 2.05 30 25 2.35 30 30 2.90 30 30 2.50 30 35 3.20 30 25 2.50 30 35 2.75 30 45 3.30 30 30 2.70 30 40 3.20 30 50 3.80 30 35 2.85 30 45 3.35 30 40 3.10 30 50 3.80 30 45 3.45 30 50 3.90 35 20 2.30 35 20 2.45 35 25 2.75 35 20 2.10 35 25 2.95 35 30 3.65 35 30 3.15 35 35 4.00 35 25 3.00 35 35 3.35 35 40 4.30 35 30 3.20 35 50 4.50 35 35 3.40 35 40 4.35 35 40 3.75 35 50 4.60 35 45 4.20 35 50 4.80 20 45 2.10 20 25 1.70 20 35 2.05 20 50 2.40 20 30 1.80 20 45 2.20 20 35 1.95 20 50 2.45 20 40 2.20 20 45 2.45 22 35 2.25 22 30 2.05 22 40 2.45 22 25 1.85 22 35 2.20 22 50 2.60 22 30 1.95 22 40 2.45 22 35 2.15 22 50 2.60 22 40 2.35 22 45 2.70 25 30 2.15 25 20 1.65 25 25 2.00 25 35 2.35 25 30 2.15 25 40 2.60 25 25 1.90 25 35 2.30 25 45 2.85 25 30 2.10 25 40 2.65 25 50 3.30 25 45 2.85 25 35 2.75 25 50 3.25 25 50 3.25 30 20 2.05 30 25 2.40 30 30 2.60 30 20 2.00 30 25 2.40 30 35 2.80 30 30 2.65 30 40 3.20 30 25 2.40 30 35 2.85 30 45 3.55 30 30 2.55 30 40 3.15 30 50 4.05 30 35 2.80 30 45 3.60 30 40 3.15 30 50 4.10 30 45 3.45 30 45 3.85 35 20 2.55 35 20 2.10 35 25 2.95 35 30 3.25 35 20 2.50 35 25 3.00 35 35 3.50 35 30 3.25 35 40 3.90 35 25 3.00 35 35 3.55 35 45 4.45 35 30 3.20 35 40 3.95 35 50 5.05 35 35 3.40 35 45 4.35 35 40 3.75 35 50 4.85 35 45 4.10 35 50 4.65 20 30 1.70 20 40 2.15 20 35 1.85 20 45 2.40 20 40 2.05 20 45 2.30 20 50 2.65 22 25 1.75 22 35 2.15 22 45 2.65 22 30 1.85 22 40 2.40 22 50 3.00 22 45 2.70 22 40 2.20 22 50 3.00 22 45 2.55 22 50 2.85 25 30 2.10 25 35 2.70 25 25 1.80 25 40 3.00 25 35 2.75 25 50 3.10 25 30 2.35 25 40 2.75 25 35 2.60 25 50 3.20 25 40 2.85 25 45 3.20 30 20 1.90 30 25 2.35 30 30 3.00 30 35 3.30 30 25 2.20 30 30 3.05 30 40 3.60 30 35 3.40 30 50 3.90 30 30 2.90 30 40 3.70 30 35 3.20 30 50 3.95 30 40 3.55 30 50 3.75 35 20 2.45 35 25 2.85 35 30 3.05 35 20 2.30 35 25 2.90 35 35 3.30 35 30 3.20 35 40 3.75 35 25 2.75 35 35 3.40 35 45 4.15 35 30 3.00 35 40 3.80 35 50 4.75 35 35 3.25 35 45 4.30 35 50 4.95 35 40 4.30 35 50 4.50 case size d l (mm) rated ripple kg series aluminum electrolytic capacitors dimensions ( snap-in terminal type : gold tune, super through ) dimensions (lug terminal type : gold tune, super through ) rated ripple current (arms) at 85 c 120 hz rated ripple current (arms) at 85 c 120 hz 6800 10000 15000 22000 682 103 153 223 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 type- 1 type- 2 type- 3 50 ( 1h ) 63 ( 1j ) 80 ( 1k ) 100 ( 2a ) code cap.( f) grade 40 80 35 80 40 100 40 80 50 100 40 68 50 80 63 80 5.5 4.6 6.1 6.1 8.4 5.4 8.3 10.5 35 68 40 100 40 80 50 80 40 68 40 100 63 80 40 100 50 100 63 100 4.3 6.1 4.9 6.2 5.6 6.7 8.7 6.6 9.1 11.6 40 100 50 80 40 68 50 80 63 80 40 100 50 100 63 100 50 100 63 100 76 100 6.1 6.7 5.4 6.2 7.6 6.5 8.4 10.1 7.8 11.6 13.7 40 68 50 80 50 100 40 100 50 100 63 100 50 100 63 80 76 100 63 80 76 100 case size d l (mm) 5.1 6.2 7.3 6.0 6.9 8.3 7.4 8.7 11.3 9.7 12.9 rated ripple


▲Up To Search▲   

 
Price & Availability of LKG1V152MESYBK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X