Part Number Hot Search : 
ST333C T6302 MAX5422 CSNL361 STPS2L40 00022 2SK2183 2SK3901
Product Description
Full Text Search
 

To Download LD03YC104KAB2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  29 mlcc tin/lead termination ?b? general specifications avx corporation will support those customers for commercial and military multilayer ceramic capacitors with a termination consisting of 5% minimum lead. this termination is indicated by the use of a ?b? in the 12th position of the avx catalog part number. this fulfills avx?s commitment to providing a full range of products to our customers. avx has provided in the following pages a full range of values that we are currently offering in this special ?b? termination. please contact the factory if you require additional information on our mlcc tin/lead termination ?b? products. np0 refer to page 4 for electrical graphs x7r refer to page 16 for electrical graphs x7s refer to page 20 for electrical graphs x5r refer to page 23 for electrical graphs y5v refer to page 26 for electrical graphs ld05 size ld02 - 0402 ld03 - 0603 ld04 - 0504* ld05 - 0805 ld06 - 1206 ld10 - 1210 ld12 - 1812 ld13 - 1825 ld14 - 2225 ld20 - 2220 5 voltage 6.3v = 6 10v = z 16v = y 25v = 3 35v = d 50v = 5 100v = 1 200v = 2 500v = 7 a dielectric c0g (np0) = a x7r = c x5r = d x8r = f 101 capacitance code (in pf) 2 sig. digits + number of zeros j capacitance tolerance b = .10 pf (<10pf) c = .25 pf (<10pf) d = .50 pf (<10pf) f = 1% ( 10 pf) g = 2% ( 10 pf) j=5% k = 10% m = 20% a failure rate a = not applicable b2 packaging 2 = 7" reel 4 = 13" reel 7 = bulk cass. 9 = bulk contact factory for multiples a special code a = std. product part number (see page 2 for complete part number explanation) *ld04 has the same cv ranges as ld03. note: contact factory for availability of tolerance options for specific part numbers. contact factory for non-specified capacitance values. see flexiterm ? section for cv options terminations b = 5% min lead x = flexiterm ? with 5% min lead** **x7r only
30 mlcc tin/lead termination ?b? capacitance range (np0 dielectric) preferred sizes are shaded letter a c e g j k m n p q x y z max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed size ld02 ld03 ld05 ld06 soldering reflow/wave reflow/wave reflow/wave reflow/wave packaging all paper all paper paper/embossed paper/embossed (l) length mm 1.00 0.10 1.60 0.15 2.01 0.20 3.20 0.20 (in.) (0.040 0.004) (0.063 0.006) (0.079 0.008) (0.126 0.008) (w) width mm 0.50 0.10 0.81 0.15 1.25 0.20 1.60 0.20 (in.) (0.020 0.004) (0.032 0.006) (0.049 0.008) (0.063 0.008) (t) terminal mm 0.25 0.15 0.35 0.15 0.50 0.25 0.50 0.25 (in.) (0.010 0.006) (0.014 0.006) (0.020 0.010) (0.020 0.010) wvdc 16 25 50 16 25 50 100 16 25 50 100 200 16 25 50 100 200 500 cap 0.5 c c c g g g g j j j j j j j j j j j (pf) 1.0 c c c g g g g j j j j j j j j j j j 1.2 c c c g g g g j j j j j j j j j j j 1.5 c c c g g g g j j j j j j j j j j j 1.8 c c c g g g g j j j j j j j j j j j 2.2 c c c g g g g j j j j j j j j j j j 2.7 c c c g g g g j j j j j j j j j j j 3.3 c c c g g g g j j j j j j j j j j j 3.9 c c c g g g g j j j j j j j j j j j 4.7 c c c g g g g j j j j j j j j j j j 5.6 c c c g g g g j j j j j j j j j j j 6.8 c c c g g g g j j j j j j j j j j j 8.2 c c c g g g g j j j j j j j j j j j 10 c c c g g g g j j j j j j j j j j j 12 c c c g g g g j j j j j j j j j j j 15 c c c g g g g j j j j j j j j j j j 18 c c c g g g g j j j j j j j j j j j 22 c c c g g g g j j j j j j j j j j j 27 c c c g g g g j j j j j j j j j j j 33 c c c g g g g j j j j j j j j j j j 39 c c c g g g g j j j j j j j j j j j 47 c c c g g g g j j j j j j j j j j j 56 c c c g g g g j j j j j j j j j j j 68 c c c g g g g j j j j j j j j j j j 82 c c c g g g g j j j j j j j j j j j 100 c c c g g g g j j j j j j j j j j j 120 c c c g g g g j j j j j j j j j j j 150 c c c g g g g j j j j j j j j j j j 180 c c c g g g g j j j j j j j j j j j 220 c c c g g g g j j j j j j j j j j m 270 c c c g g g g j j j j m j j j j j m 330 c c c g g g g j j j j m j j j j j m 390cccggg jj jjmjjj jjm 470cccggg jj jjmjjj jjm 560 g g g j j j j m j j j j j m 680 g g g j j j j j j j j j p 820 g g g j j j j j j j j m 1000 g g g j j j j j j j j q 1200 jj j jjj jq 1500 jj j jjjmq 1800 jj j jjmm 2200 jjn jjmp 2700 jjn jjmp 3300 jj jjmp 3900 jj jjmp 4700 jj jjmp 5600 jjm 6800 mm 8200 mm cap 0.010 mm (f) 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.068 0.082 0.1 wvdc 16 25 50 16 25 50 100 16 25 50 100 200 16 25 50 100 200 500 size ld02 ld03 ld05 ld06 l     w     t t
31 mlcc tin/lead termination ?b? capacitance range (np0 dielectric) preferred sizes are shaded size ld10 ld12 ld13 ld14 soldering reflow only reflow only reflow only reflow only packaging paper/embossed all embossed all embossed all embossed (l) length mm 3.20 0.20 4.50 0.30 4.50 0.30 5.72 0.25 (in.) (0.126 0.008) (0.177 0.012) (0.177 0.012) (0.225 0.010) (w) width mm 2.50 0.20 3.20 0.20 6.40 0.40 6.35 0.25 (in.) (0.098 0.008) (0.126 0.008) (0.252 0.016) (0.250 0.010) (t) terminal mm 0.50 0.25 0.61 0.36 0.61 0.36 0.64 0.39 (in.) (0.020 0.010) (0.024 0.014) (0.024 0.014) (0.025 0.015) wvdc 25 50 100 200 500 25 50 100 200 500 50 100 200 50 100 200 cap 0.5 (pf) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 j 12 j 15 j 18 j 22 j 27 j 33 j 39 j 47 j 56 j 68 j 82 j 100 j 120 j 150 j 180 j 220 j 270 j 330 j 390 m 470 m 560 j j j j m 680 j j j j m 820 j j j j m 1000 j j j j m k k k k m m m m m m p 1200 j j j m m k k k k m m m m m m p 1500 j j j m m k k k k m m m m m m p 1800 j j j m k k k k m m m m m m p 2200 j j j q k k k k p m m m m m p 2700 j j j q k k k p q m m m m m p 3300 j j j k k k p q m m m m m p 3900 j j m k k k p q m m m m m p 4700 j j m k k k p q m m m m m p 5600 j j k k m p x m m m m m p 6800 j j k k m x m m m m m p 8200 j j k m m m m m m p cap 0.010 j j k m m m m m m p (f) 0.012 j j k m m m m m p 0.015 m m m m m m y 0.018 m m p m m m y 0.022 m m p m y y 0.027 m m p p y y 0.033 m m p p 0.039 m m p p 0.047 m m p p 0.068 m m p 0.082 m m q 0.1 q wvdc 25 50 100 200 500 25 50 100 200 500 50 100 200 50 100 200 size ld10 ld12 ld13 ld14 l     w     t t letter a c e g j k m n p q x y z max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed
32 mlcc tin/lead termination ?b? capacitance range (x8r dielectric) letter a c e g j k m n p q x y z max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed size ld03 ld05 ld06 wvdc 25v 50v 25v 50v 25v 50v 271 cap 270 g g 331 (pf) 330 g g j j 471 470 g g j j 681 680 g g j j 102 1000 g g j j j j 152 1500 g g j j j j 182 1800 g g j j j j 222 2200 g g j j j j 272 2700 g g j j j j 332 3300 g g j j j j 392 3900 g g j j j j 472 4700 g g j j j j 562 5600 g g j j j j 682 6800 g g j j j j 822 8200 g g j j j j 103 cap 0.01 g g j j j j 123 (f) 0.012 g g j j j j 153 0.015 g g j j j j 183 0.018 g g j j j j 223 0.022 g g j j j j 273 0.027 g g j j j j 333 0.033 g g j j j j 393 0.039 g g j j j j 473 0.047 g g j j j j 563 0.056 g n n m m 683 0.068 g n n m m 823 0.082 n n m m 104 0.1 n n m m 124 0.12 n n m m 154 0.15 n n m m 184 0.18 n m m 224 0.22 n m m 274 0.27 mm 334 0.33 mm 394 0.39 m 474 0.47 m 684 0.68 824 0.82 105 1 wvdc 25v 50v 25v 50v 25v 50v size ld03 ld05 ld06
33 preferred sizes are shaded size ld02 ld03 ld05 ld06 soldering reflow/wave reflow/wave reflow/wave reflow/wave packaging all paper all paper paper/embossed paper/embossed (l) length mm 1.00 0.10 1.60 0.15 2.01 0.20 3.20 0.20 (in.) (0.040 0.004) (0.063 0.006) (0.079 0.008) (0.126 0.008) (w) width mm 0.50 0.10 0.81 0.15 1.25 0.20 1.60 0.20 (in.) (0.020 0.004) (0.032 0.006) (0.049 0.008) (0.063 0.008) (t) terminal mm 0.25 0.15 0.35 0.15 0.50 0.25 0.50 0.25 (in.) (0.010 0.006) (0.014 0.006) (0.020 0.010) (0.020 0.010) wvdc 16 25 50 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 500 cap 100 (pf) 150 220 c 330 c g g g j j j j j j k 470 c g g g j j j j j j k 680 c g g g j j j j j j k 1000 c g g g j j j j j j k 1500 c g g j j j j j j j j j j j j m 2200 c g g j j j j j j j j j j j j m 3300 c c g g j j j j j j j j j j j j m 4700 c c g g j j j j j j j j j j j j m 6800 c c g g j j j j j j j j j j j j p cap 0.010 c g g j j j j j j j j j j j j p (f 0.015 c g g j j j j j j j j j j j m 0.022 c g g j j j j j n j j j j j m 0.033 g g j j j j n j j j j j m 0.047 g g g j j j j n j j j j j m 0.068 g g g j j j j n j j j j j p 0.10 c* g g g g j j j j n j j j j m p 0.15 g g j j j n n jj jj q 0.22 g g j j n n n jj jj q 0.33 nn nn n jj mpq 0.47 j* n n n n n mm mp q 0.68 nnn mm qq q 1.0 j* j* n n n* m m q q q 1.5 pq q 2.2 j* p* q q q 3.3 4.7 p* p* q* q* q* 10 p* q* q* 22 q* 47 100 wvdc 16 25 50 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 500 size ld02 ld03 ld05 ld06 letter a c e g j k m n p q x y z max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed = under development mlcc tin/lead termination ?b? capacitance range (x7r dielectric)
34 mlcc tin/lead termination ?b? capacitance range (x7r dielectric) letter a c e g j k m n p q x y z max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed preferred sizes are shaded size ld10 ld12 ld13 ld20 ld14 soldering reflow only reflow only reflow only reflow only reflow only packaging paper/embossed all embossed all embossed all embossed all embossed (l) length mm 3.20 0.20 4.50 0.30 4.50 0.30 5.70 0.40 5.72 0.25 (in.) (0.126 0.008) (0.177 0.012) (0.177 0.012) (0.225 0.016) (0.225 0.010) (w) width mm 2.50 0.20 3.20 0.20 6.40 0.40 5.00 0.40 6.35 0.25 (in.) (0.098 0.008) (0.126 0.008) (0.252 0.016) (0.197 0.016) (0.250 0.010) (t) terminal mm 0.50 0.25 0.61 0.36 0.61 0.36 0.64 0.39 0.64 0.39 (in.) (0.020 0.010) (0.024 0.014) (0.024 0.014) (0.025 0.015) (0.025 0.015) wvdc 10 16 25 50 100 200 500 50 100 200 500 50 100 25 50 100 200 50 100 cap 100 (pf) 150 220 330 470 680 1000 1500 jjjjjjm 2200 jjjjjjm 3300 jjjjjjm 4700 jjjjjjm 6800 jjjjjjm cap 0.010 jjjjjjm kkkkmm xxxmp (f 0.015 jjjjjjpkkkpmm xxxmp 0.022 jjjjjjqkkkpmm xxxmp 0.033 jjjjjjqkkkxmm xxxmp 0.047 jjjjjj kkkzmm xxxmp 0.068 jjjjjm kkkzmm xxxmp 0.10 jjjjjm kkkzmm xxxmp 0.15 jjjjmz kkp mm xxxmp 0.22 jjjjpz kkp mm xxxmp 0.33 jjjjq kmx mm xxxmp 0.47 mmmmq k p mm x x x m p 0.68 m m p x x m q m p x x m p 1 . 0 n n p x zm xm px xm p 1.5nnzzz zz m xx mx 2.2xxzzz zz xx m 3.3xxzz z xz 4.7xxzz z xz 10zzz z 22 z z z 47 100 wvdc 10 16 25 50 100 200 500 50 100 200 500 50 100 25 50 100 200 50 100 size ld10 ld12 ld13 ld20 ld14 l     w     t t
35 mlcc tin/lead termination ?b? capacitance range (x5r dielectric) preferred sizes are shaded size ld02 ld03 ld05 ld06 ld10 ld12 soldering reflow/wave reflow/wave reflow/wave reflow/wave reflow/wave packaging all paper all paper paper/embossed paper/embossed paper/embossed (l) length mm 1.00 0.10 1.60 0.15 2.01 0.20 3.20 0.20 3.20 0.20 (in.) (0.040 0.004) (0.063 0.006) (0.079 0.008) (0.126 0.008) (0.126 0.008) (w) width mm 0.50 0.10 0.81 0.15 1.25 0.20 1.60 0.20 2.50 0.20 (in.) (0.020 0.004) (0.032 0.006) (0.049 0.008) (0.063 0.008) (0.098 0.008) (t) terminal mm 0.25 0.15 0.35 0.15 0.50 0.25 0.50 0.25 0.50 0.25 (in.) (0.010 0.006) (0.014 0.006) (0.020 0.010) (0.020 0.010) (0.020 0.010) wvdc 4 6.3 10 16 25 50 4 6.3 10 16 25 35 50 6.3 10 16 25 35 50 6.3 10 16 25 35 50 4 6.3 10 16 25 35 50 6.3 10 25 50 cap 100 (pf) 150 220 c 330 c 470 c 680 c 1000 c 1500 c 2200 c 3300 c 4700 c g 6800 c g cap 0.010 c g (f) 0.015 c g g g 0.022 c c g g g n 0.033 c g g g n 0.047 c c g g g n 0.068 c g g n 0.10 c c c g g n n 0.15 g n n 0.22 c* g g n n q 0.33 g g n 0.47 c* c* g n q q x 0.68 g n 1.0 c* c* c* g g g j* n n p* q q x x x 1.5 2.2 c* c* g* g* j* j* n n n q q z x 3.3 j* j* j* j* n n q q 4.7 e* j* j* j* n n n* n* q q q q q z 10 k* j* n* n* n* * q q q q* x z z z 22 p* * q* q* q* z z z z 47 q* z* 100 z* z* wvdc 4 6.3 10 16 25 50 4 6.3 10 16 25 35 50 6.3 10 16 25 35 50 6.3 10 16 25 35 50 4 6.3 10 16 25 35 50 6.3 10 25 50 size ld02 ld03 ld05 ld06 ld10 ld12 l     w     t t letter a c e g j k m n p q x y z max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed = under development = *optional specifications ? contact factory note: contact factory for non-specified capacitance values


▲Up To Search▲   

 
Price & Availability of LD03YC104KAB2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X