Part Number Hot Search : 
XZMR65WA S80C51 AM687LMB FRF10A40 00SERI 9913I EP100 F740LC
Product Description
Full Text Search
 

To Download L5B-N3000-X2Z1-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  01/07/2010 v(2) 1 data sheet: 5mm lamp ingan : l5x-nxxxx all rights reserved. product specifcations are subject to change without notice. features: > high brightness led lamp. > narrow viewing angle; 15 o and 30 o > superior resistance to moisture. > suitable for ttw soldering. applications: > full color signs > outdoor displays/signs lamp type led - 5mm round synonymous with function and performance, the 5mm round led has superior performance in outdoor applications due to its well-defined radiation pattern and wide viewing angle. these lamps are made with an advanced optical grade epoxy, offering superior high temperature and high moisture resistance performance in outdoor signal and sign applications dominant opto technologies innovating illumination tm
01/07/2010 v(2) 2 l5b-n1500-z1ab-1 L5B-N3000-X2Z1-1 l5t-n1500-adg-1 l5t-n3000-z2ac-1 blue, 470nm blue, 470nm true green, 530nm true green, 530nm 15 30 15 30 4500.00 2240.00 14000.00 5600.00 ingan: l5x-nxxxx part ordering number color viewing angle? luminous intensity @ if = 20ma iv (mcd) note 1. luminous intensity is measured with an accuracy of 15%. 2. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each pack. unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.10) reverse voltage ; ir (max) = 10a. esd threshold (hbm) led junction temperature operating temperature storage temperature power dissipation (at room temperature) 25 100 5 2000 120 -40 +100 -40 +100 95 ma ma v v ?c ?c ?c mw typ. (v) vf @ if = 20ma forward voltages are measure using a current pulse of 1 ms and with an accuracy of 0.1v. electrical characteristics at tj=25?c max. (v) v r @ i r = 10ua min. (v) part number l5b-nxx00 l5t-nxx00 2.7 2.9 3.2 3.4 5 5 min. (v) 3.8 4.0 optical characteristics at tj=25?c min. max. typ. 7150.00 3550.00 22400.00 9000.00 11250.00 5600.00 35500.00 14000.00 dominant opto technologies innovating illumination tm
01/07/2010 v(2) 3 ingan: l5x-nxxxx electrical characteristics at tj=25?c optical characteristics at tj=25?c group dominant wavelength is measured with an accuracy of 1 nm. wavelength grouping at tj=25?c wavelength distribution (nm) color l5b; blue l5t; true green full w x y full w x y z 464 - 476 464 - 468 468 - 472 472 - 476 520 - 536 520 - 524 524 - 528 528 - 532 532 - 536 x2 y1 y2 z1 z2 aa ab ad ae af ag 2240.0...2850.0 2850.0...3550.0 3550.0...4500.0 4500.0..5600.0 5600.0...7150.0 7150.0...9000.0 9000.0...11250.0 14000.0...18000.0 18000.0...22400.0 22400.0...28500.0 28500.0...35500.0 brightness group luminous intensity @ iv (mcd) luminous intensity group at tj=25?c luminous intensity is measured with an accuracy of 15%. dominant opto technologies innovating illumination tm
ingan: l5x-nxxxx 01/07/2010 v(2) 4 group wavelength distribution (nm) forward voltage (v) vf binning (optional) vf bin @ 20ma forward voltage, vf is measured with an accuracy of 0.1 v. please consult sales and marketing for special part number to incorporate vf binning. v6 v7 v8 v9 v10 v11 v12 2.60 ... 2.80 2.80 ... 3.00 3.00 ... 3.20 3.20 ... 3.40 3.40 ... 3.60 3.60 ... 3.80 3.80 ... 4.00 parts with the vf binning option will be defned as l5x-nxxxx-xxxx-x-vx. dominant opto technologies innovating illumination tm
01/07/2010 v(2) 5 ingan: l5x-nxxxx relative intensity vs forward current forward current; ma relative intensity; normalized at 20ma 0 10 20 30 40 50 60 0 0.5 1 1.5 2 2.5 3 3.5 forward current vs forward voltage forward voltage, v forward current, ma 2 2.5 3 3.5 4 4.5 0 10 20 30 40 50 60 maximum current vs ambient temperature ambient temperature forward current; ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 30 dominant wavelength shift vs forward current forward current, ma 0 5 10 15 20 25 30 -4 -2 0 2 4 6 8 10 12 relative inyensity vs wavelength wavelength, nm 400 450 500 550 600 650 700 750 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 plot of r15 vs v15 viewing angle (degree) relative intensity -90 -60 -30 0 30 60 90 0 0.5 1 true green blue true green blue relative intensity relative intensity vs wavelength radiation pattern (2?=15 o ) relative intensity vs forward current forward current; ma relative intensity; normalized at 20ma 0 10 20 30 40 50 60 0 0.5 1 1.5 2 2.5 3 3.5 forward current vs forward voltage forward voltage; v forward current; ma 2 2.5 3 3.5 4 0 10 20 30 40 50 forward current vs ambient temperature ambient temperature forward current; ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 30 relative intensity vs wavelength wavelength; nm relative intensity 400 450 500 550 600 650 700 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 plot of r15 vs v15 viewing angle (degree) relative intensity -90 -60 -30 0 30 60 90 0 0.5 1 dominant opto technologies innovating illumination tm
ingan: l5x-nxxxx 01/07/2010 v(2) 6 radiation pattern (2?=30 o ) plot of r30 vs v30 viewing angle (degree) relative intensity -90 -60 -30 0 30 60 90 0 0.5 1 plot of r30 vs v30 viewing angle (degree) relative intensity -90 -60 -30 0 30 60 90 0 0.5 1 plot of r30 vs v30 viewing angle (degree) relative intensity -90 -60 -30 0 30 60 90 0 0.5 1 plot of r30 vs v30 viewing angle (degree) relative intensity -90 -60 -30 0 30 60 90 0 0.5 1 dominant opto technologies innovating illumination tm
ingan: l5x-nxxxx 01/07/2010 v(2) 7 5mm lamp ? ingan : high brightness package outlines epoxy meniscus may extend 1.5mm max. down the led dominant opto technologies innovating illumination tm
ingan: l5x-nxxxx 01/07/2010 v(2) 8 5mm lamp ? ingan : high brightness package outlines parts with the stand-off option will be defned as l5x-nxxxs-xxxx-1 option with stand-off - parts with 15 o viewing angle; h = 12.6mm 0.5mm parts with 30 o viewing angle; h = 12.0mm 0.5mm epoxy meniscus may extend 1.5mm max. down the led dominant opto technologies innovating illumination tm
01/07/2010 v(2) 9 ingan: l5x-nxxxx packaging specifcation average 1pc 5mm lamp 1 completed pack (500pcs) 0.034 190 10 weight (gram) weight (gram) 0.29 150 10 1. loose pack of 500pcs/pack: lxx-xxxxx-xxxx-x-x-0 d/c: date code s/n : serial no group : group qty : product quantity per reel part no : partno lot no : lotno barcode label dominant rohs compliant pb free dominant opto technologies innovating illumination tm
01/07/2010 v(2) 10 packaging specifcation ingan: l5x-nxxxx 2. ammopack: lxx-xxxxx-xxxx-x-x-a box dimensions (mm) empty box weight (kg) 335 x 235 x 48 0.29 quantity / box (pcs) average 1pc 5mm lamp (g) 0.14 2,000 1 completed box with units (kg) 0.95 10 cathode - + d/c: date code s/n : serial no group : group qty : product quantity per reel part no : partno lot no : lotno barcode label dominant rohs compliant pb free dominant opto technologies innovating illumination tm
ingan: l5x-nxxxx 01/07/2010 v(2) 11 packaging specifcation 3. reel: lxx-xxxxx-xxxx-x-x-t empty reel weight (kg) 0.29 quantity / reel (pcs) average 1pc 5mm lamp (g) 0.39 1,300 1 completed reel (kg) 0.95 10 d/c: date code s/n : serial no group : group qty : product quantity per reel part no : partno lot no : lotno barcode label dominant rohs compliant pb free label dominant opto technologies innovating illumination tm
ingan: l5x-nxxxx 01/07/2010 v(2) 12 packaging specifcation dominant opto technologies innovating illumination tm
01/07/2010 v(2) 13 ingan: l5x-nxxxx recommended ttw soldering profle (acc. to cecc 00802) 300 250 200 150 100 50 0 t (?c) t (?c) 0 25 50 75 100 150 125 175 200 250 225 10s 2nd 5?c/s 2?c/s 1st ca 200?c/s 100?c130?c 2?c/s forced cooling 235?c260?c standard curve limit curve dominant opto technologies innovating illumination tm
revision history page - - subjects initial release update company name date of modifcation 26 jun 2009 01 jul 2010 ingan: l5x-nxxxx 01/07/2010 v(2) 14 dominant opto technologies innovating illumination tm note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant opto technologies does not assume any liability arising out of the application or use of any product described herein. dominant opto technologies reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. dominant opto technologies products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant opto technologies .
please contact us for more information: head quarter dominant opto technologies sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com dominant semiconductors malaysia sdn. bhd. shanghai representative office dominant semiconductors (shenzhen) co. ltd. rm 1007, dazhong building, no. 1515 zhong shan (w) rd, shanghai, china 200235 tel: +86 21 6428 6428 fax: +86 21 6428 6880 e-mail: sales_china@dominant-semi.com dominant korea sales office dominant semiconductors korea inc. rm 211 sunteak city apt. 513-15 sangdaewon-dong, jungwon-gu, seongnam-si, gyeonggi-do, 462-725, korea tel: +82-31-701-5203 fax: +82-31-701-5204 e-mail: sales_korea@dominant-semi.com dominant u.s.a sales office 25 rockaway road, 08833 lebanon, new jersey, usa tel: (908) 439-9930 cell: (908) 343-5810 fax: (908) 439-9929 e-mail: don.wendel@dominant-semi.com dominant europe sales office dominant semiconductors europe gmbh raiffeisenstr. 38, 74906 bad rappenau germany tel: +49 (0) 7264-89010-10 / +49 (0) 7264-89010-11 cell: +49 173-6907370 / +49 173-6907751 fax: +49 (0) 7264-89010-29 e-mail: gerd.wachno@dominant-semi.eu; hartmut.wettengl@dominant-semi.eu dominant india sales office c-11,vasanth business centre #86, ttk road, alwarpet chennai - 600 018, india tel: 91-44-42030616 / 516 cell: 91-9444920537 fax: 91-9444920616 e-mail: pravat.behera@dominant-semi.com ingan: l5x-nxxxx about us dominant opto technologies innovating illumination tm dominant opto technologies is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certifed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant opto technologies can be found on the internet at http://www.dominant-semi.com. dominant opto technologies innovating illumination tm


▲Up To Search▲   

 
Price & Availability of L5B-N3000-X2Z1-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X