Part Number Hot Search : 
P100D SMCG12A DS2172 78K01T YELLOW AAT11 UMA1002 C0402
Product Description
Full Text Search
 

To Download KFPC100X-SZR4-31T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series kfpc100x - 1.0 fpc/ffc smd side entry series style ? ? ? ? housing : high temp plastic (ul94 v -0) kfpc100x se r i e s 1.0mm fpc/ffc smd side entry k yc o n 2007 kycon, i nc. ? t el: + 1 408 - 494-0330 ? us : 1-888 -kyc on-22 ? fa x : +1 408 - 494 - 0325 ? w w w .ky c on.co m 1.0 fpc/ffc zif smd side entry kfpc100x-szrx series style packaging blank - bulk t - tape and reel material and finish contact : phosphor bronze features contacts flexible flat connector (ffc) and flexible printed connector (fpc) offered. top and bottom contact offered. pin counts from 3 to 32 available offered as zero insertion force (zif) contacts performance specifications packaging documentation & ordering information kycon part # part number builder plated : tin plated specifications current rating : 1.0a ac/dc voltage rating : 100v ac/dc resistance : 30m ohm.max. insulation resistance : 100m ohm.min. withstanding voltage : 500v ac for one minute dim a no of pin rohs szr4 bottom contact no of pin dim b dim c dim a dim b dim c szr3 top contact 3 4 5 6 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 7 8 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 31 32 17.0 18.0 19.0 20.0 21.0 22.0 23.0 24.0 25.0 26.0 27.0 28.0 29.0 30.0 31.0 4.2 5.2 6.2 7.2 8.2 9.2 10.2 11.2 12.2 13.2 14.2 15.2 16.2 17.2 18.2 19.2 20.2 21.2 22.2 23.2 24.2 25.2 26.2 27.2 28.2 29.2 30.2 31.2 32.2 33.2 10.4 11.4 12.4 13.4 14.4 15.4 16.4 17.4 18.4 19.4 20.4 21.4 22.4 23.4 24.4 25.4 26.4 27.4 28.4 29.4 30.4 31.4 32.4 33.4 34.4 35.4 36.4 37.4 38.4 39.4 operating temperature range : -25 oc to +85 oc szr3 & szr4 pcb layout reference


▲Up To Search▲   

 
Price & Availability of KFPC100X-SZR4-31T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X