Part Number Hot Search : 
QH1N1R2 DUG12C SB840FCT 73600 TEA2021 TMR4810 ZMY160 2SD866AP
Product Description
Full Text Search
 

To Download IXGH20N60B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 - 4 ? 2000 ixys all rights reserved c (tab) g c e g = gate, c = collector, e = emitter, tab = collector to-247 ad (ixgh) symbol test conditions characteristic values (t j = 25  c, unless otherwise specified) min. typ. max. bv ces i c = 250  a, v ge = 0 v 600 v v ge(th) i c = 250  a, v ce = v ge 2.5 5.0 v i ces v ce = 0.8 ? v ces t j = 25  c 200  a v ge = 0 v t j = 125  c1ma i ges v ce = 0 v, v ge =  20 v  100 na v ce(sat) i c = i c90 , v ge = 15 v 1.7 2.0 v 96533b (7/99) symbol test conditions maximum ratings v ces t j = 25  c to 150  c 600 v v cgr t j = 25  c to 150  c; r ge = 1 m  600 v v ges continuous  20 v v gem transient  30 v i c25 t c = 25  c40a i c90 t c = 90  c20a i cm t c = 25  c, 1 ms 80 a ssoa v ge = 15 v, t vj = 125  c, r g = 22  i cm = 40 a (rbsoa) clamped inductive load, l = 100  h @ 0.8 v ces p c t c = 25  c 150 w t j -55 ... +150  c t jm 150  c t stg -55 ... +150  c maximum lead and tab temperature for soldering 300  c 1.6 mm (0.062 in.) from case for 10 s m d mounting torque, to-247 ad 1.13/10 nm/lb.in. weight to-247 6 g to-268 4 g preliminary data sheet hiperfast tm igbt features  international standard packages jedec to-268 surface mountable and jedec to-247 ad  high current handling capability  latest generation hdmos tm process  mos gate turn-on - drive simplicity applications  ac motor speed control  dc servo and robot drives  dc choppers  uninterruptible power supplies (ups)  switched-mode and resonant-mode power supplies advantages  space savings (two devices in one package)  high power density  suitable for surface mounting  switching speed for high frequency applications  easy to mount with 1 screw,to-247 (isolated mounting screw hole) ixgh 20n60b ixgt 20n60b to-268 (d3) (ixgt) (tab) g e v ces = 600 v i c25 = 40 a v ce(sat)typ = 1.7 v t fi(typ) = 100 ns ixys reserves the right to change limits, test conditions, and dimensions. .com .com .com
2 - 4 ? 2000 ixys all rights reserved inductive load, t j = 25  c i c = i c90 , v ge = 15 v, l = 100  h, v ce = 0.8 v ces , r g = r off = 10  inductive load, t j = 125  c i c = i c90 , v ge = 15 v, l = 100  h v ce = 0.8 v ces , r g = r off = 10  note 1 symbol test conditions characteristic values (t j = 25  c, unless otherwise specified) min. typ. max. g fs i c = i c90 ; v ce = 10 v, 9 17 s pulse test, t  300  s, duty cycle  2 % c ies 1500 pf c oes v ce = 25 v, v ge = 0 v, f = 1 mhz 175 pf c res 40 pf q g 90 nc q ge i c = i c90 , v ge = 15 v, v ce = 0.5 v ces 11 nc q gc 30 nc t d(on) 15 ns t ri 35 ns e on 0.15 mj t d(off) 150 200 ns t fi 100 150 ns e off note 1 0.7 1.0 mj t d(on) 15 ns t ri 35 ns e on 0.15 mj t d(off) 220 ns t fi 140 ns e off 1.2 mj r thjc 0.83 k/w r thck 0.25 k/w note 1: switching times may increase for v ce (clamp) > 0.8  v ces , higher t j or increased r g ixgh 20n60b ixgt 20n60b to-247 ad (ixgh) outline dim. millimeter inches min. max. min. max. a 19.81 20.32 0.780 0.800 b 20.80 21.46 0.819 0.845 c 15.75 16.26 0.610 0.640 d 3.55 3.65 0.140 0.144 e 4.32 5.49 0.170 0.216 f 5.4 6.2 0.212 0.244 g 1.65 2.13 0.065 0.084 h - 4.5 - 0.177 j 1.0 1.4 0.040 0.055 k 10.8 11.0 0.426 0.433 l 4.7 5.3 0.185 0.209 m 0.4 0.8 0.016 0.031 n 1.5 2.49 0.087 0.102 dim. millimeter inches min. max. min. max. a 4.9 5.1 .193 .201 a 1 2.7 2.9 .106 .114 a 2 .02 .25 .001 .010 b 1.15 1.45 .045 .057 b 2 1.9 2.1 .75 .83 c .4 .65 .016 .026 d 13.80 14.00 .543 .551 e 15.85 16.05 .624 .632 e 1 13.3 13.6 .524 .535 e 5.45 bsc .215 bsc h 18.70 19.10 .736 .752 l 2.40 2.70 .094 .106 l1 1.20 1.40 .047 .055 l2 1.00 1.15 .039 .045 l3 0.25 bsc .010 bsc l4 3.80 4.10 .150 .161 to-268aa (d 3 pak) min. recommended footprint ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 .com .com .com .com
3 - 4 ? 2000 ixys all rights reserved v ce - volts 012345 i c - am eres 0 20 40 60 80 100 v ce -volts 0 5 10 15 20 25 30 35 40 capacitance - pf 10 100 1000 t j - degrees c 25 50 75 100 125 150 v ce (sat) - normalized 0.50 0.75 1.00 1.25 1.50 1.75 v ce - volts 012345 i c - amperes 0 20 40 60 80 100 v ge - volts 345678910 i c - amperes 0 20 40 60 80 100 v ce - volts 0246810 i c - amperes 0 40 80 120 160 200 13v 11v 9v 7v v ce = 10v v ge = 15v 13v 11v t j = 25 c v ge = 15v t j = 25 c i c = 10a i c = 20a i c = 40a t j = 125 c f = 1mhz 5v 5v v ge = 15v t j = 25 c t j = 125 c 7v 9v 5v 9v v ge = 15v 13v 11v c iss c oss c rss 7v 4000 ixgh 20n60b ixgt 20n60b fig. 1. output characteristics fig. 2. extended output characteristics fig. 3. high temperature output characteristics fig. 4. temperature dependence of v ce(sat) fig. 5. admittance curves fig. 6. capacitance curves .com .com .com .com
4 - 4 ? 2000 ixys all rights reserved pulse width - seconds 0.00001 0.0001 0.001 0.01 0.1 1 z thjc (k/w) 0.001 0.01 0.1 1 d=0.2 v ce - volts 0 100 200 300 400 500 600 i c - amperes 0.1 1 10 100 q g - nanocoulombs 0 20406080100 v ge - volts 0 3 6 9 12 15 r g - ohms 0 102030405060 e (off) - millijoules 0 2 4 6 8 e (on) - millijoules 0 1 2 3 4 i c - amperes 0 1020304050 e (off) - millijoules 0 1 2 3 4 5 6 e (on) - millijoules 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v ce = 300v i c = 10a i c = 20a e (on) e (off) t j = -55 to +125c r g = 4.7  dv/dt < 5v/ns d=0.5 d=0.1 d=0.05 d=0.02 d=0.01 single pulse d = duty cycle r g = 10  t j = 125c 40 e (on) i c =40a e (off) t j = 125c e (on) i c = 20a e (on) e (off) e (off) fig. 7. dependence of e on and e off on i c . fig. 8. dependence of e on and e off on r g . fig. 9. gate charge fig. 10. turn-off safe operating area fig. 11. igbt transient thermal resistance junction-to-case ixgh 20n60b ixgt 20n60b .com .com .com


▲Up To Search▲   

 
Price & Availability of IXGH20N60B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X