Part Number Hot Search : 
S6494 FX6KMH2 MAX1453 V846ME08 NJM2591V 00113 SED135 STRRP
Product Description
Full Text Search
 

To Download IDT74LVCH16245APAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial temperature range idt74lvch16245a 3.3v cmos 16-bit bus transceiver with 3-state outputs 1 june 2006 industrial temperature range the idt logo is a registered trademark of integrated device technology, inc. ? 2006 integrated device technology, inc. dsc-4596/4 features: ? typical t sk(o) (output skew) < 250ps ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ?v cc = 3.3v 0.3v, normal range ?v cc = 2.7v to 3.6v, extended range ? cmos power levels (0.4 w typ. static) ? all inputs, outputs, and i/o are 5v tolerant ? available in sssop and tssop packages functional block diagram applications: ? 5v and 3.3v mixed voltage systems ? data communication and telecommunication systems drive features: ? high output drivers: 24ma ? reduced system switching noise idt74lvch16245a description: this 16-bit bus transceiver is built using advanced dual metal cmos technology. this high-speed, low power transceiver is ideal for asynchro- nous communication between two busses (a and b). the direction and output enable controls are designed to operate this device as either two independent 8-bit transceivers or one 16-bit transceiver. the direction control pin (dir) controls the direction of data flow. the output enable pin ( oe ) overrides the direction control and disables both ports. all inputs are designed with hysteresis for improved noise margin. all pins can be driven from either 3.3v or 5v devices. this feature allows the use of this device as a translator in a mixed 3.3v/5v supply system. the lvch16245a has been designed with a 24ma output driver. this driver is capable of driving a moderate to heavy load while maintaining speed performance. the lvch16245a has ?bus-hold? which retains the inputs' last state whenever the input goes to a high impedance. this prevents floating inputs and eliminates the need for pull-up/down resistors. 3.3v cmos 16-bit bus transceiver with 3-state outputs, 5 volt tolerant i/o and bus-hold 1 dir 1 a 1 1 a 2 1 a 3 1 a 4 1 a 5 1 a 6 1 a 7 1 a 8 1 b 8 1 b 7 1 b 6 1 b 5 1 b 4 1 b 3 1 b 2 1 b 1 1 oe 2 dir 2 a 1 2 a 2 2 a 3 2 a 4 2 a 5 2 a 6 2 a 7 2 a 8 2 b 8 2 b 7 2 b 6 2 b 5 2 b 4 2 b 3 2 b 2 2 b 1 2 oe 1 47 46 44 43 41 40 38 37 48 2 3 5 6 8 9 11 12 24 36 35 33 32 30 29 27 26 25 13 14 16 17 19 20 22 23
industrial temperature range 2 idt74lvch16245a 3.3v cmos 16-bit bus transceiver with 3-state outputs ssop/ tssop top view pin configuration symbol description max unit v term terminal voltage with respect to gnd ?0.5 to +6.5 v t stg storage temperature ?65 to +150 c i out dc output current ?50 to +50 ma i ik continuous clamp current, ?50 ma i ok v i < 0 or v o < 0 i cc continuous current through each 100 ma i ss v cc or gnd absolute maximum ratings (1) note: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. note: 1. as applicable to the device type. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 4.5 6 pf c out output capacitance v out = 0v 6.5 8 pf c i/o i/o port capacitance v in = 0v 6.5 8 pf capacitance (t a = +25c, f = 1.0mhz) 1 dir 1 b 1 gnd v cc gnd 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 40 41 42 43 44 45 46 47 48 1 1 b 2 1 b 3 1 b 4 1 b 5 1 b 6 1 b 7 1 b 8 2 b 1 2 b 2 gnd 2 b 3 2 b 4 2 b 6 2 b 5 v cc gnd 2 b 8 2 b 7 2 dir 1 oe 1 a 1 gnd v cc gnd 1 a 2 1 a 3 1 a 4 1 a 5 1 a 6 1 a 7 1 a 8 2 a 1 2 a 2 gnd 2 a 3 2 a 4 2 a 6 2 a 5 v cc gnd 2 a 8 2 a 7 2 oe pin names description x oe output enable inputs (active low) xdir direction control input x a x side a inputs or 3-state outputs (1) x b x side b inputs or 3-state outputs (1) pin description notes: 1. h = high voltage level x = don?t care l = low voltage level inputs x oe xdir outputs l l bus b data to bus a l h bus a data to bus b h x isolation function table (each 8-bit section) (1) note: 1. these pins have "bus-hold". all other pins are standard inputs, outputs, or i/os.
industrial temperature range idt74lvch16245a 3.3v cmos 16-bit bus transceiver with 3-state outputs 3 symbol parameter test conditions min. typ. (1) max. unit v ih input high voltage level v cc = 2.3v to 2.7v 1.7 ? ? v v cc = 2.7v to 3.6v 2 ? ? v il input low voltage level v cc = 2.3v to 2.7v ? ? 0.7 v v cc = 2.7v to 3.6v ? ? 0.8 i ih input leakage current v cc = 3.6v v i = 0 to 5.5v ? ? 5a i il i ozh high impedance output current v cc = 3.6v v o = 0 to 5.5v ? ? 10 a i ozl (3-state output pins) i off input/output power off leakage v cc = 0v, v in or v o 5.5v ? ? 50 a v ik clamp diode voltage v cc = 2.3v, i in = ?18ma ? ?0.7 ?1.2 v v h input hysteresis v cc = 3.3v ? 100 ? mv i ccl quiescent power supply current v cc = 3.6v v in = gnd or v cc ?? 10a i cch i ccz 3.6 v in 5.5v (2) ?? 10 i cc quiescent power supply current one input at v cc - 0.6v, other inputs at v cc or gnd ? ? 500 a variation dc electrical characteristics over operating range following conditions apply unless otherwise specified: operating condition: t a = ?40c to +85c notes: 1. typical values are at v cc = 3.3v, +25c ambient. 2. this applies in the disabled state only. bus-hold characteristics symbol parameter (1) test conditions min. typ. (2) max. unit i bhh bus-hold input sustain current v cc = 3v v i = 2v ? 75 ? ? a i bhl v i = 0.8v 75 ? ? i bhh bus-hold input sustain current v cc = 2.3v v i = 1.7v ? ? ? a i bhl v i = 0.7v ? ? ? i bhho bus-hold input overdrive current v cc = 3.6v v i = 0 to 3.6v ? ? 500 a i bhlo notes: 1. pins with bus-hold are identified in the pin description. 2. typical values are at v cc = 3.3v, +25c ambient.
industrial temperature range 4 idt74lvch16245a 3.3v cmos 16-bit bus transceiver with 3-state outputs note: 1. v ih and v il must be within the min. or max. range shown in the dc electrical characteristics over operating range table for the appropriat e v cc range. t a = ? 40c to + 85c. output drive characteristics symbol parameter test conditions (1) min. max. unit v oh output high voltage v cc = 2.3v to 3.6v i oh = ? 0.1ma v cc ? 0.2 ? v v cc = 2.3v i oh = ? 6ma 2 ? v cc = 2.3v i oh = ? 12ma 1.7 ? v cc = 2.7v 2.2 ? v cc = 3v 2.4 ? v cc = 3v i oh = ? 24ma 2.2 ? v ol output low voltage v cc = 2.3v to 3.6v i ol = 0.1ma ? 0.2 v v cc = 2.3v i ol = 6ma ? 0.4 i ol = 12ma ? 0.7 v cc = 2.7v i ol = 12ma ? 0.4 v cc = 3v i ol = 24ma ? 0.55 operating characteristics, v cc = 3.3v 0.3v, t a = 25c symbol parameter test conditions typical unit c pd power dissipation capacitance per transceiver outputs enabled c l = 0pf, f = 10mhz 40 pf c pd power dissipation capacitance per transceiver outputs disabled 4 switching characteristics (1) v cc = 2.7v v cc = 3.3v 0.3v symbol parameter min. max. min. max. unit t plh propagation delay ? 4.7 1 4 ns t phl xax to xbx, xbx to xax t pzh output enable time ? 6.7 1.5 5.5 ns t pzl x oe to xax or xbx t phz output disable time ? 7.1 1.5 6.6 ns t plz x oe to xax or xbx t sk (o) output skew (2) ?? ? 1ns notes: 1. see test circuits and waveforms. t a = ? 40c to + 85c. 2. skew between any two outputs of the same package and switching in the same direction.
industrial temperature range idt74lvch16245a 3.3v cmos 16-bit bus transceiver with 3-state outputs 5 open v load gnd v cc pulse generator d.u.t. 500 500 c l r t v in v out (1, 2) lvc link input v ih 0v v oh v ol t plh1 t sk (x) output 1 output 2 t phl1 t sk (x) t plh2 t phl2 v t v t v oh v t v ol t sk (x) = t plh2 - t plh1 or t phl2 - t phl1 lvc link same phase input transition opposite phase input transition 0v 0v v oh v ol t plh t phl t phl t plh output v ih v t v t v ih v t lvc link data input 0v 0v 0v 0v t rem timing input asynchronous control synchronous control t su t h t su t h v ih v t v ih v t v ih v t v ih v t lvc link low-high-low pulse high-low-high pulse v t t w v t lvc link control input t plz 0v output normally low t pzh 0v switch closed output normally high enable disable switch open t phz 0v v lz v oh v t v t t pzl v load/2 v load/2 v ih v t v ol v hz lvc link test circuits and waveforms propagation delay test circuit for all outputs enable and disable times set-up, hold, and release times notes: 1. for t sk (o) output1 and output2 are any two outputs. 2. for t sk (b) output1 and output2 are in the same bank. definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. pulse generator for all pulses: rate 10mhz; t f 2.5ns; t r 2.5ns. 2. pulse generator for all pulses: rate 10mhz; t f 2ns; t r 2ns. output skew - t sk ( x ) pulse width note: 1. diagram shown for input control enable-low and input control disable-high. symbol v cc (1) = 3.3v0.3v v cc (1) = 2.7v v cc (2) = 2.5v0.2v unit v load 6 6 2 x vcc v v ih 2.7 2.7 vcc v v t 1.5 1.5 vcc / 2 v v lz 300 300 150 mv v hz 300 300 150 mv c l 50 50 30 pf test conditions switch position test switch open drain disable low v load enable low disable high gnd enable high all other tests open
industrial temperature range 6 idt74lvch16245a 3.3v cmos 16-bit bus transceiver with 3-state outputs ordering information idt xx lvc xxxx xx package device type temp. range pv pvg pa pag 16 74 shrink small outline package ssop - green thin shrink small outline package tssop - green 16-bit bus transceiver with 3-state outputs -40c to +85c xxx family bus-hold 245a bus-hold double-density, 24ma h corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com


▲Up To Search▲   

 
Price & Availability of IDT74LVCH16245APAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X