Part Number Hot Search : 
LA55P SP3223 HC573 30C01SP 35N10 40N03 2N4401 250JB8L
Product Description
Full Text Search
 

To Download HVCZ2512T0100M1I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev date: 5/7/2009 www.seielect.com 1 marketing@seielect.com 0.5% 1% 5% 10% 25 ppm/oc 100k - 1m 100k - 1m 100k - 1m 50 ppm/oc 100k - 250m 100k - 250m 100k - 250m 100 ppm/oc 10k - 250m 10k - 250m 10k - 250m 200 ppm/oc 1k - 1g 1k - 1g 1k - 10g 50 ppm/oc 100k - 250m 100k - 250m 100k - 250m 100 ppm/oc 10k - 250m 10k - 250m 10k - 250m 200 ppm/oc 1k - 1g 1k - 1g 1k - 10g 25 ppm/oc 100k - 1m 100k - 1m 100k - 1m 100k - 1m 50 ppm/oc 100k - 250m 100k - 250m 100k - 250m 100k - 250m 100 ppm/oc 10k - 250m 10k - 250m 10k - 250m 10k - 250m 200 ppm/oc 1k - 250m 1k - 1g 1k - 1g 1k - 10g 25 ppm/oc 100k - 1m 100k - 1m 100k - 1m 100k - 1m 50 ppm/oc 100k - 250m 100k - 250m 100k - 250m 100k - 250m 100 ppm/oc 10k - 250m 10k - 250m 10k - 250m 10k - 250m 200 ppm/oc 10k - 250m 10k - 1g 10k - 1g 1k - 10g 25 ppm/oc 100k - 1m 100k - 1m 100k - 1m 100k - 1m 50 ppm/oc 100k - 250m 100k - 250m 100k - 250m 100k - 250m 100 ppm/oc 10k - 250m 10k - 250m 10k - 250m 10k - 250m 200 ppm/oc 10k - 250m 10k - 1g 10k - 1g 10k - 10g 1. the continuous maximum voltage applied cannot exceed the maximum power rating and is ohmic value dependent. 2. to achieve, the terminals must be properly isolated from each other with appropriate potting material. 3. contact factory for higher power ratings: 0805: 0.2w 1206:0.33w 2010: 1w 2512: 2w note: other case sizes and tolerances are available. - - 2,500v 25kv 400v 5kv 600v 10kv hvc 2010 hvc 2512 1,200v 15kv 2010 0.750w 1,700v 20kv 2512 1.000w hvc 0603 0603 0.100w hvc 1206 1206 0.250w hvc 0805 0805 0.125w absolute maximum voltage 2 resistance temperature coefficient ohmic range and tolerance type package type power rating (watts) @ 70oc e maximum working voltage 1 nominal size tcr resistance tolerance 1206 t2 100m 5% code termination tcr tolerance sei types pkg qty description code g wire bondable (gold) t0 = 200ppm 0.5% 5,000 7" reel - paper r s solderable single surface t1 = 100ppm 1% 10,000 10" reel - paper g b 100% matte tin t2 = 50ppm 5% 1,000 bulk a z solderable single surface matte tin t9 = 25ppm 10% 2010, 2512 4,000 7" reel - emboss r 2512 1,000 7" reel - paper i sei type & termination packaging 0603, 0805, 1206 hvcb r features: electrical specifications how to order 9 absolute voltage ratings up to 25,000 volts 9 ohmic values to 10g; higher values possible 9 available with wire bondable terminations 9 tight tolerances to 0.5% 9 utilizes fine film resist or deposition technology 9 superior pulse handling capabilities 9 low tcr to 25 ppm/oc 9 low vcr to 1 ppm/volt 9 very low noise 9 ultra high stability 9 custom sizes available 9 rohs compliant / lead-free hvc series h igh voltage thick film chip resistors s tackpole electronics, inc. r esistive product solutions
rev date: 5/7/2009 www.seielect.com 2 marketing@seielect.com operating temperature range: -55oc to +150oc pg 11, paragraph 3.12 ? r = 0.02% ? r = 2% paragraph 4.2.2.4.2 mil-prf-55342h ipc/eia j-std-002a paragraph 4.2.4.4 ipc/eia j-std-002a ipc/eia j-std-002a paragraph 4.2.2 mil-prf-55342h pg. 32, paragraph 4.8.6 solderability short time overload mil-std-202g method 108a test condition d mil-std-202g method 107g test condition a ipc/eia j-std-002a paragraph 4.2.4 acceptable parameter load life temperature cycle (thermal shock) resistance to soldering heat test test method lwh a b body length body width body height top termination bottom termination 0.063 + 0.01/-0.005 0.031 0.005 0.02 0.0 1 + 0.01/-0.005 0.01 + 0.01/-0.005 inches 1.6 + 0.25/-0.13 0.8 0.13 0.5 0.25 + 0.25/-0.13 0.25 + 0.25/-0.13 mm 0.079 + 0.01/-0.005 0.05 0.005 0.025 0.01 + 0.01/-0.005 0.01 + 0.01/-0.005 inches 2 + 0.25/-0.13 1.25 0.13 0.64 0.25 + 0.25/-0.13 0.25 + 0.25/-0.13 mm 0.126 + 0.01/-0.005 0.061 0.007 0.03 0.015 + 0.01/-0.005 0.015 + 0.01/-0.005 inches 3.2 + 0.25/-0.13 1.5 0.18 0.76 0.38 + 0.25/-0.13 0.38 + 0.25/-0.13 mm 0.2 + 0.01/-0.005 0.1 0.005 0.03 0.02 + 0.01/-0.005 0.02 + 0.01/-0.005 inches 5.08 + 0.25/-0.13 2.54 0.13 0.76 0.51 + 0.25/-0.13 0.51 + 0.25/-0.13 mm 0.25 + 0.01/-0.005 0.125 0.005 0.03 0.0 2 + 0.01/-0.005 0.02 + 0.01/-0.005 inches 6.35 + 0.25/-0.13 3.18 0.13 0.76 0. 51 + 0.25/-013 0.51 + 0.25/-0.13 mm hvc 2010 hvc 2512 type / code units hvc 0603 hvc 0805 hvc 1206 mechanical specifications performance characteristics hvc series high voltage thick film chip resistors stackpole electronics, inc. resistive product solutions


▲Up To Search▲   

 
Price & Availability of HVCZ2512T0100M1I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X