all specification & dimensions are subj ect to change, please call your nearest foxconn sales representative for update information . specifications friction header connector hf08 series friction t/h type 2.54 mm [ . 100 " ] pitch mechanical c ontact r etention f orce : 1.36 kgf min . durability: 500 cycle s electrical voltage rating: 250v current rating: 3.0 a per pin min. contact resistance: 3 0 m w max. dielectric withstanding volt age: 750 v ac i nsulation resistance: 1000m w min. physical housing: t hermoplastic , glass f illed , ul94v - 0 r ating contact: brass plating: see ?ordering information? operating temperature: - 40 j to + 10 5 j drawing ordering information e = tin with lead free plating 3 = 30u" min. gold plating 0 = tin/lead plating contact area plating none: standard product m2 : dim.e=3.81mm ,one guide post m1 : dim.e=3.81mm ,one guide post none : dim.e=1.27mm y: yellow color r: red color none :white color optional for modification code product no.: hf08 ** * - * * * * * on 1 pos., dim. d = 3.56mm dim.e=1.3mm on 1 pos., dim. d = 3.56mm dim.e=2.3mm terminals are kinked k: the 2nd & n-1th pos. of header series friction lock insulator material no. of position 08 = nylon 6.6 with rohs compliance see attachment
all specification & dimensions are subj ect to change, please call your nearest foxconn sales representative for update information .
|