Part Number Hot Search : 
74AVC1 MAX9762 NX2016AA 1N5819TR MCS0805 LS400 SJ100603 TL550
Product Description
Full Text Search
 

To Download G3TA-OA202SZ-USDC12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 csm_g3ta_ds_e_ 4_1 solid state relays g3ta i/o ssrs that mount to omron?s g7tc i/o block ? input and output modules are available in wide variety. ? snaps easily into p7tf i/o terminals and can be used together with g7t i/o relays. ? operation of each ssr can be monitored easily through an led indicator. ? models certified for ul and csa added to the series ("-us" models). refer to safety precautions for all solid state relays . model number structure model number legend 1. basic model name g3t: i/o solid state relay 2. structure a: socket type for pcb 3. i/o i: input models o: output models 4. type a: input models: ac input output models: ac output d: input models: dc input output models: dc output 5. rated load power supply voltage 2: 200 vac/200 vdc x: 50 to 100 v z: 26 v max. 6. rated load current 01: 1 a 02: 2 a r02: 25 ma 7. terminal type s: plug-in terminals 8. zero cross function blank: dc output models z: equipped with zero cross function l: not equipped with zero cross function 9. operation indicator blank: equipped with operation indicator m: not equipped with operation indicator 10.certification us: certified by ul and csa ordering information list of models input modules note: when ordering, specify the rated input voltage. 1 2 3 4567 8 910 g3ta @@@@@@@ - @ isolation indicator logic level rated input voltage model supply voltage supply current photocoupler yes 4 to 32 vdc 25 ma 100 to 240 vac g3ta-iazr02s-us 5 to 24 vdc g3ta-idzr02s-us no 4 to 24 vdc g3ta-idzr02sm-us
g3ta 2 output modules note: 1. for information on products that are certified for internat ional standards, consult your omron sales representatives. (models certified for ul and csa standards have "-us" at the end of the model number.) 2. input modules are mainly suitable for signal input to plcs . for load switching, consider using an output module. i/o indication the modules are classified as input modules and output modules according to the main application of the module. i/o module classification and ac/dc use are indicated on the mark affixed to the top of the product. accessories (order separately) connecting socket isolation zero cross function indicator rated output load rated input voltage model phototriac yes yes 2 a at 100 to 240 vac at 60 c 12 vdc g3ta-oa202sz-us 24 vdc no 12 vdc g3ta-oa202sl-us 24 vdc photocoupler --- 2 a at 5 to 48 vdc at 60 c 12 vdc g3ta-odx02s-us 24 vdc 1 a at 48 to 200 vdc at 40 c 12 vdc g3ta-od201s-us 24 vdc mark indication specification ac in input module, ac input dc in input module, dc input ac out output module, ac output dc out output module, dc output mark attached to the top of prod u ct i/o classification rated voltage model input (npn, ? common) 12 vdc p7tf-is16 24 vdc 100/110 vdc 100/110 vac 200/220 vac output (npn, + common) 12 vdc p7tf-os16 24 vdc output (pnp, ? common) 12 vdc p7tf-os16-1 24 vdc output (npn, + common) 12 vdc p7tf-os08 24 vdc --- --- p7tf-05
g3ta 3 specifications ratings (at an ambien t temperature of 25 c) input module input output output module input output note: the minimum current value is measured at 10 c min. model rated voltage operating voltage input current voltage level must operate voltage must release voltage g3ta-iazr02s-us 100 to 240 vac 80 to 264 vac 5 ma max. 80 vac max. 10 vac min. g3ta-idzr02s-us 5 to 24 vdc 4 to 32 vdc 4 vdc max. 1 vdc min. g3ta-idzr02sm-us 4 to 24 vdc 3 to 32 vdc 3 vdc max. model logic level supply voltage output breakdown voltage output current output current (load current) v ceo (reference value) g3ta-iazr02s-us 4 to 32 vdc 32 vdc max. 25 ma max. 0.1 to 25 ma 80 v g3ta-idzr02s-us g3ta-idzr02sm-us model rated voltage operating voltage input impedance voltage level must operate voltage must release voltage g3ta-oa202sz-us 12 vdc 9.6 to 13.2 vdc 0.9 k ? 20% 9.6 vdc max. 2 vdc min. 24 vdc 19.2 to 26.4 vdc 1.7 k ? 20% 19.2 vdc max. g3ta-oa202sl-us 12 vdc 9.6 to 13.2 vdc 0.9 k ? 20% 9.6 vdc max. 24 vdc 19.2 to 26.4 vdc 1.7 k ? 20% 19.2 vdc max. g3ta-odx02s-us 12 vdc 9.6 to 13.2 vdc 3.5 k ? 20% 9.6 vdc max. 24 vdc 19.2 to 26.4 vdc 6.5 k ? 20% 19.2 vdc max. g3ta-od201s-us 12 vdc 9.6 to 13.2 vdc 3.6 k ? 20% 9.6 vdc max. 24 vdc 19.2 to 26.4 vdc 6.4 k ? 20% 19.2 vdc max. model rated load voltage load voltage range load current (see note.) inrush current v drm , v ceo (reference value) g3ta-oa202sz-us 100 to 240 vac 75 to 264 vac 0.05 to 2 a 30 a (60 hz, 1 cycle) 600 (v drm ) g3ta-oa202sl-us 100 to 240 vac 75 to 264 vac g3ta-odx02s-us 5 to 48 vdc 4 to 60 vdc 0.01 to 2 a 12 a (10 ms) 80 (v ceo ) g3ta-od201s-us 48 to 200 vdc 40 to 200 vdc 0.01 to 1 a 6 a (10 ms) 400 (v ceo )
g3ta 4 characteristics input module output module item g3ta-iazr02s-us g3ta-idzr02s-us g3ta-idzr02sm-us operate time 20 ms max. 0.5 ms max. release time 20 ms max. 0.5 ms max. output on voltage drop 1.6 v max. 1.6 v max. leakage current 5 a max. insulation resistance 100 m ? min. (at 500 vdc) dielectric strength 4,000 vac, 50/60 hz for 1 min between input and output vibration resistance malfunction: 10 to 55 to 10 hz, 0.75-mm single amplitude shock resistance malfunction: 1,000 m/s 2 ambient temperature operating: ?30 c to 80 c (with no icing or condensation) storage: ?30 c to 100 c (with no icing or condensation) ambient humidity operating: 45% to 85% certified standards ul508 file no. e64562/csa c22.2 (no. 0, no. 14) file no. lr35535 weight approx. 16 g item g3ta-oa202sz-us g3ta-oa202sl-us g3ta-odx02s-us g3ta-od201s-us operate time 1/2 of load power source cycle + 1 ms max. 1 ms max. 0.5 ms max. 2 ms max. release time 1/2 of load power source cycle + 1 ms max. 2 ms max. 2 ms max. output on voltage drop 1.6 v rms max. 1.6 v max. 2.5 v max. leakage current 5 ma max. (at 200 vac) 1 ma max. insulation resistance 100 m ? min. (at 500 vdc) dielectric strength 4,000 vac, 50/60 hz for 1 min between input and output vibration resistance malfunction: 10 to 55 to 10 hz, 0.75-mm single amplitude shock resistance malfunction: 1,000 m/s 2 ambient temperature operating: ?30 c to 80 c (with no icing or condensation) storage: ?30 c to 100 c (with no icing or condensation) ambient humidity operating: 45% to 85% certified standards ul508 file no. e64562, csa c22.2 (no. 14) file no. lr3553 weight approx. 23 g g3ta g7t g3ta g7t with up to four g3ta ssrs mounted before g7t relays, switching is possible at the rated load current for each relay. with g3ta ssrs mounted before every other g7t relays, switching is possible at the rated load current for each relay.
g3ta 5 engineering data load current vs. ambient te mperature characteristics one cycle surge current: non-repetitive connections external connections (bottom view) note: the load is possible to connec t either + side or - side. circuit configurations g3ta-oa202sz/oa202sl/odx02s-us g3ta-od201s-us am b ient temperature ( c) am b ient temperature ( c) load current (a) load current (a) single-point mounting 16-point mounting single-point mounting 16-point mounting g3ta-oa202sz/oa202sl-us g3ta-odx02s-us g3ta-od201s-us non-repetitive (keep the inrush current to half the rated value if it occurs repetitively.) inrush current (a. peak) energized time (ms) inrush current (a. peak) energized time (ms) inrush current (a. peak) energized time (ms) g3ta-iazr02s g3ta-idzr02s/idzr02sm g3ta-oa g3ta-od 3 + 4 ? 5 1 3 + 4 ? 5 1 3 + 4 5 1 ? 3 + 4 ? 5 1 + ? output output load load power supply load load power supply output output load load power supply load load power supply model case color oper- ation indi- cator circuit ac o u tp u t g3ta-oa202sz ( w ith zero cross) g3ta-oa202sl ( w itho u t zero cross) black yes dc o u tp u t g3ta-odx02s g3ta-od201s black yes ac inp u t g3ta-iazr02s red yes dc inp u t g3ta-idzr02s green yes g3ta- idzr02sm n o rated current circuit zero cross circuit drive circuit rated current circuit amplification circuit rated current circuit amplification circuit rectifier circuit rated current circuit amplification circuit
g3ta 6 dimensions note: all units are in millimeter s unless otherwise indicated. 28.4 31.7 24 7.1 7.5 9 6 33.5 max. 39 max. 10 max. 182 85 26 34 8 10 m3.5 68 32.5 21 35.3 +0.2 0 connecting sockets for input (npn, - common) p7tf-is16
g3ta 7 safety precautions refer to safety precautions for all solid state relays . precautions for correct use please observe the following prec autions to prevent failure to operate, malfunction, or undesirable effect on product performance. connection with the ssr for dc switching, the load can be connected to either positive or negative output terminal of the ssr. protective component since the ssr does not incorporate an overvoltage absorption component, be sure to connect an overvoltage absorption component when using the ssr under an inductive load. p7tf-os16 p7tf-os08 m3.5 810 85 102 182 85 810 m3.5 68 32.5 21 35.3 +0.2 0 68 32.5 21 35.3 +0.2 0 p7tf-o5 59 max. for output (npn, + common) for output (pnp, + common) 19 max. 71.5 max. 59 max. five, m3.5 x 8 square washer faced screw in the interest of product improvement, specif ications are subject to change without notice. all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03 937. to convert grams into ounces, multiply by 0.03527.
r e a d a n d u n d e r s t a n d t h i s c a t a l o g p l e a s e r e a d a n d u n d e r s t a n d t h i s c a t a l o g b e f o r e p u r c h a s i n g t h e p r o d u c t s . p l e a s e c o n s u l t y o u r o m r o n r e p r e s e n t a t i v e i f y o u h a v e a n y q u e s t i o n s o r c o m m e n t s . w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y w a r r a n t y o m r o n ' s e x c l u s i v e w a r r a n t y i s t h a t t h e p r o d u c t s a r e f r e e f r o m d e f e c t s i n m a t e r i a l s a n d w o r k m a n s h i p f o r a p e r i o d o f o n e y e a r ( o r o t h e r p e r i o d i f s p e c i f i e d ) f r o m d a t e o f s a l e b y o m r o n . o m r o n m a k e s n o w a r r a n t y o r r e p r e s e n t a t i o n , e x p r e s s o r i m p l i e d , r e g a r d i n g n o n - i n f r i n g e m e n t , m e r c h a n t a b i l i t y , o r f i t n e s s f o r p a r t i c u l a r p u r p o s e o f t h e p r o d u c t s . a n y b u y e r o r u s e r a c k n o w l e d g e s t h a t t h e b u y e r o r u s e r a l o n e h a s d e t e r m i n e d t h a t t h e p r o d u c t s w i l l s u i t a b l y m e e t t h e r e q u i r e m e n t s o f t h e i r i n t e n d e d u s e . o m r o n d i s c l a i m s a l l o t h e r w a r r a n t i e s , e x p r e s s o r i m p l i e d . l i m i t a t i o n s o f l i a b i l i t y o m r o n s h a l l n o t b e r e s p o n s i b l e f o r s p e c i a l , i n d i r e c t , o r c o n s e q u e n t i a l d a m a g e s , l o s s o f p r o f i t s o r c o m m e r c i a l l o s s i n a n y w a y c o n n e c t e d w i t h t h e p r o d u c t s , w h e t h e r s u c h c l a i m i s b a s e d o n c o n t r a c t , w a r r a n t y , n e g l i g e n c e , o r s t r i c t l i a b i l i t y . i n n o e v e n t s h a l l t h e r e s p o n s i b i l i t y o f o m r o n f o r a n y a c t e x c e e d t h e i n d i v i d u a l p r i c e o f t h e p r o d u c t o n w h i c h l i a b i l i t y i s a s s e r t e d . i n n o e v e n t s h a l l o m r o n b e r e s p o n s i b l e f o r w a r r a n t y , r e p a i r , o r o t h e r c l a i m s r e g a r d i n g t h e p r o d u c t s u n l e s s o m r o n ' s a n a l y s i s c o n f i r m s t h a t t h e p r o d u c t s w e r e p r o p e r l y h a n d l e d , s t o r e d , i n s t a l l e d , a n d m a i n t a i n e d a n d n o t s u b j e c t t o c o n t a m i n a t i o n , a b u s e , m i s u s e , o r i n a p p r o p r i a t e m o d i f i c a t i o n o r r e p a i r . a p p l i c a t i o n c o n s i d e r a t i o n s s u i t a b i l i t y f o r u s e o m r o n s h a l l n o t b e r e s p o n s i b l e f o r c o n f o r m i t y w i t h a n y s t a n d a r d s , c o d e s , o r r e g u l a t i o n s t h a t a p p l y t o t h e c o m b i n a t i o n o f p r o d u c t s i n t h e c u s t o m e r ' s a p p l i c a t i o n o r u s e o f t h e p r o d u c t s . a t t h e c u s t o m e r ' s r e q u e s t , o m r o n w i l l p r o v i d e a p p l i c a b l e t h i r d p a r t y c e r t i f i c a t i o n d o c u m e n t s i d e n t i f y i n g r a t i n g s a n d l i m i t a t i o n s o f u s e t h a t a p p l y t o t h e p r o d u c t s . t h i s i n f o r m a t i o n b y i t s e l f i s n o t s u f f i c i e n t f o r a c o m p l e t e d e t e r m i n a t i o n o f t h e s u i t a b i l i t y o f t h e p r o d u c t s i n c o m b i n a t i o n w i t h t h e e n d p r o d u c t , machin e , s y s t e m , o r o t h e r a p p l i c a t i o n o r u s e . t h e f o l l o w i n g a r e s o m e e x a m p l e s o f a p p l i c a t i o n s f o r w h i c h p a r t i c u l a r a t t e n t i o n m u s t b e g i v e n . t h i s i s n o t i n t e n d e d t o b e a n e x h a u s t i v e l i s t o f a l l p o s s i b l e u s e s o f t h e p r o d u c t s , n o r i s i t i n t e n d e d t o i m p l y t h a t t h e u s e s l i s t e d m a y b e s u i t a b l e f o r t h e p r o d u c t s : o u t d o o r u s e , u s e s i n v o l v i n g p o t e n t i a l c h e m i c a l c o n t a m i n a t i o n o r e l e c t r i c a l i n t e r f e r e n c e , o r c o n d i t i o n s o r u s e s n o t d e s c r i b e d i n t h i s c a t a l o g . n u c l e a r e n e r g y c o n t r o l s y s t e m s , c o m b u s t i o n s y s t e m s , r a i l r o a d s y s t e m s , a v i a t i o n s y s t e m s , m e d i c a l e q u i p m e n t , a m u s e m e n t m a c h i n e s , v e h i c l e s , s a f e t y e q u i p m e n t , a n d i n s t a l l a t i o n s s u b j e c t t o s e p a r a t e i n d u s t r y o r g o v e r n m e n t r e g u l a t i o n s . s y s t e m s , m a c h i n e s , a n d e q u i p m e n t t h a t c o u l d p r e s e n t a r i s k t o l i f e o r p r o p e r t y . p l e a s e k n o w a n d o b s e r v e a l l p r o h i b i t i o n s o f u s e a p p l i c a b l e t o t h e p r o d u c t s . n e v e r u s e t h e p r o d u c t s f o r a n a p p l i c a t i o n i n v o l v i n g s e r i o u s r i s k t o l i f e o r p r o p e r t y w i t h o u t e n s u r i n g t h a t t h e s y s t e m a s a w h o l e h a s b e e n d e s i g n e d t o a d d r e s s t h e r i s k s , a n d t h a t t h e o m r o n p r o d u c t s a r e p r o p e r l y r a t e d a n d i n s t a l l e d f o r t h e i n t e n d e d u s e w i t h i n t h e o v e r a l l e q u i p m e n t o r s y s t e m . p r o g r a m m a b l e p r o d u c t s o m r o n s h a l l n o t b e r e s p o n s i b l e f o r t h e u s e r ' s p r o g r a m m i n g o f a p r o g r a m m a b l e p r o d u c t , o r a n y c o n s e q u e n c e t h e r e o f . d i s c l a i m e r s c h a n g e i n s p e c i f i c a t i o n s p r o d u c t s p e c i f i c a t i o n s a n d a c c e s s o r i e s m a y b e c h a n g e d a t a n y t i m e b a s e d o n i m p r o v e m e n t s a n d o t h e r r e a s o n s . i t i s o u r p r a c t i c e t o c h a n g e m o d e l n u m b e r s w h e n p u b l i s h e d r a t i n g s o r f e a t u r e s a r e c h a n g e d , o r w h e n s i g n i f i c a n t c o n s t r u c t i o n c h a n g e s a r e m a d e . h o w e v e r , s o m e s p e c i f i c a t i o n s o f t h e p r o d u c t s m a y b e c h a n g e d w i t h o u t a n y n o t i c e . w h e n i n d o u b t , s p e c i a l m o d e l n u m b e r s m a y b e a s s i g n e d t o f i x o r e s t a b l i s h k e y s p e c i f i c a t i o n s f o r y o u r a p p l i c a t i o n o n y o u r r e q u e s t . p l e a s e c o n s u l t w i t h y o u r o m r o n r e p r e s e n t a t i v e a t a n y t i m e t o c o n f i r m a c t u a l s p e c i f i c a t i o n s o f p u r c h a s e d p r o d u c t s . d i m e n s i o n s a n d w e i g h t s d i m e n s i o n s a n d w e i g h t s a r e n o m i n a l a n d a r e n o t t o b e u s e d f o r m a n u f a c t u r i n g p u r p o s e s , e v e n w h e n t o l e r a n c e s a r e s h o w n . p e r f o r m a n c e d a t a perfor m a n c e d a t a g i v e n i n t h i s c a t a l o g i s p r o v i d e d a s a g u i d e f o r t h e u s e r i n d e t e r m i n i n g s u i t a b i l i t y a n d d o e s n o t c o n s t i t u t e a w a r r a n t y . i t m a y r e p r e s e n t t h e r e s u l t o f o m r o n ? s t e s t c o n d i t i o n s , a n d t h e u s e r s m u s t c o r r e l a t e i t t o a c t u a l a p p l i c a t i o n r e q u i r e m e n t s . a c t u a l p e r f o r m a n c e i s s u b j e c t t o t h e o m r o n w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y . e r r o r s a n d o m i s s i o n s t h e i n f o r m a t i o n i n t h i s d o c u m e n t h a s b e e n c a r e f u l l y c h e c k e d a n d i s b e l i e v e d t o b e a c c u r a t e ; h o w e v e r , n o r e s p o n s i b i l i t y i s a s s u m e d f o r c l e r i c a l , t y p o g r a p h i c a l , o r p r o o f r e a d i n g e r r o r s , o r o m i s s i o n s . 2 0 1 1 . 4 i n t h e i n t e r e s t o f p r o d u c t i m p r o v e m e n t , s p e c i f i c a t i o n s a r e s u b j e c t t o c h a n g e w i t h o u t n o t i c e . o m r o n c o r p o r a t i o n i n d u s t r i a l a u t o m a t i o n c o m p a n y h t t p : / / w w w . i a . o m r o n . c o m / ( c ) c o p y r i g h t o m r o n c o r p o r a t i o n 2 0 1 1 a l l r i g h t r e s e r v e d .


▲Up To Search▲   

 
Price & Availability of G3TA-OA202SZ-USDC12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X