Part Number Hot Search : 
LN233RPH RN60C B4908 LTC3330 A2411 MAX999 LM9836A VHC1G0
Product Description
Full Text Search
 

To Download FM-40000MHZ-AAD00010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  23 f o x e l e c t r o n i cs 5570 enterprise parkway fort myers, florida 33905 941-693-0099 fax 941-693-1554 http://www.foxonline.com ? 2000 fox electronics the fox fm series smd crystal features a package size of 6.0 x 3.5 x 1.0mm. with its ceramic base and metal lid, the fm series provides the durability and reliability necessary for strenuous processes like infrared and vapor phase reflows. also, the high frequency fundamental mode up to 40mhz eases circuit design. features ? ultra miniature package ? 1.0mm height ? only 2.1cc volume ? high frequency fundamental ? high reliability ? tape and reel (2,000 pcs. std) all dimensions are in millimeters. see page 31 for tape and reel specifications. ultra miniature ceramic smd crystal fm parameters frequency range frequency stability temperature range operating (t opr ) storage (t stg ) shunt capacitance (co) load capacitance (c l ) drive level aging ? fm/fmb standard specifications * min 10.368 -100 -10 -30 10 -5.0 conditions ta = -10oc ~ +60oc inclusive of tolerance at 25oc customer specified 10.368 ~ 67.000 mhz ta = 25oc; per year max 67.000 +100 +60 +85 7.0 series 0.1 +5.0 units mhz ppm oc pf pf mw ppm max esr w 80 60 40 70 frequency range (mhz) 10.368 ~ 12.000 12.000+ ~ 16.000 16.000+ ~ 40.000 40.000+ ~ 67.000 * other tolerances, stabilities & operating temperature ranges available. consult fox customer service for specific requirements, or use crystal order form on page 6. all specifications subject to change without notice. rev. 05/03/00 operating mode fundamental fundamental fundamental 3rd ot


▲Up To Search▲   

 
Price & Availability of FM-40000MHZ-AAD00010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X