Part Number Hot Search : 
Z36BP C100M 2N5088 40PT08AI P3098 TDA8708 0524S MC9S12D
Product Description
Full Text Search
 

To Download EZ-2P2-GG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sc?7p1?gg www.samtec.com speci? cations: sc, sp, sk contact: becu shell: brass -gg plating: 30" (0,76m) au over 50" (1,27m) ni on contact; 10" (0,25m) au over 50" (1,27m) ni on shell -gt plating: 30" (0,76m) au over 50" (1,27m) ni on contact; sn over 50" (1,27m) ni on shell -tt plating: sn over 50" (1,27m) ni on contact; sn over 50" (1,27m) ni on shell -st plating: 10" (0,25m) au over 50" (1,27m) ni on contact; sn over 50" (1,27m) ni on shell current rating: 1 a contact resistance: 10 m max insertion force (sc): 9 oz (2,50n) avg, 16 oz (4,45n) max withdrawal force (sc): 2.5 oz (0,70n) avg, 1.5 oz (0,42n) min insertion force (ez): 2.5 oz (0,70n) avg, 5.5 (1,53n) oz max withdrawal force (ez): 2.0 oz (0,56n) avg, 0.35 oz (0,10mm) min lead dia accepted: .015" to .022" (0,38mm to 0,56mm) and most ic leads sc?1p1?, sc?6p1?, sc?1p3?, sc?2p1? ez?1p1?, ez?6p1?, sc-7p1 sc?1l1? ez?1l1? part no. sc?2p3? ez?2p3? ez?2p2? x dia (0,51) .020 (0,46) .018 w 010 (4,32) .170 (3,81) .150 z 015 (13,77) .542 (17,86) .703 y 015 (8,86) .349 (12,95) .510 part no. sc?1w1?xx?1 ez?1w1?xx?1 sc?1w1?xx?2 ez?1w1?xx?2 sc?1w1?xx?3 ez?1w1?xx?3 y .010 (12,95) .510 (9,14) .360 (6,60) .260 z .015 (17,86) .703 (14,05) .553 (11,51) .453 sc?2p3?, ez?2p3?, ez?2p2? sc?1w1? ez?1w1? insertion depth= .125" to .157" (3,18mm to 3,99mm) plating available = gg, gt, tt insertion depth (sc-1p1, sc-1l1, sc-6p1, sc-7p1) = .95" to .145" (2,41mm to 3,68mm) insertion depth (sc-2p1) = .125" to .157" (3,18mm to 3,99mm) insertion depth (sc-1p3) = .095" to .138" (2,41mm to 3,51mm) plating available (sc-1p1, sc-1l1) = gg, gt, tt, st plating available (sc-6p1, sc-2p1,sc-7p1) = gg, gt recommended pc hole size: insertion depth (sc-2p2) = .125" to .145" (3,18mm to 2,41mm) insertion depth (sc-2p3) = .125" to .170" (3,18mm to 4,32mm) plating available = gg, gt (1,32) .052 dia (1,52) .061 dia (1,83) .072 dia (0,76) .030 y z (0,71) .028 x dia standard, low profile & (0,76) .030 dia (1,83) .072 dia (0,76) .030 (3,43) .135 (1,02) .040 dia (7,62) .300 (1.32) .052 dia (1,52) .061 dia z (0,76) .030 (0,71) .028 (1,83) .072 dia (0,64) .025 sq y (1,32) .052 dia (0,89) .035 dia (1,32) .052 dia z (1,83) .072 dia (1,52) .061 dia x dia (0,76) .030 (0,71) .028 w y note: some sizes, styles and options are non-standard, non-returnable. y .010 (3,18) .125 (4,57) .180 (10,41) .410 (12,95) .510 (7,06) .278 x dia (0,51) .020 (0,51) .020 (0,64) .025 (0,89) .035 (0,51) .020 z .015 (7,62) .300 (8,89) .350 (15,24) .600 (17,86) .703 (11,25) .443 part no. sc?1p1? ez?1p1? sc?6p1? ez?6p1? sc?1p3? sc?2p1? sc?7p1? f-208 supplement sc?5p1? ez?5p1? insertion depth = .105" to .170" (2,67mm to 4,32mm) lead dia accepted: .015" to .020" (0,38mm to 0,51mm) plating available = gg, gt, tt sc?3p1? ez?3p1? insertion depth (sc-5p1) = .080" to .150" (2,03mm to 3,81mm) lead dia accepted: .016" to .020" (0,41mm to 0,51mm) plating available (sc-5p1, ez-5p1)= gg, gt, tt (1,83) .072 dia (1,32) .052 dia (2,41) .095 (4,83) .190 x (0,51) .020 (1,83) .072 dia (1,32) .052 dia (3,10) .122 (5,84) .230 (0,76) .030 (0,76) .030 dia part no. sc?5p1? ez?5p1? x dia (0,76) .030 lead size hole size (0,46) .018 dia (0,61) .024 dia (0,51) .020 dia (0,66) .026 dia (0,64) .025 dia (0,79) .031 dia (0,76) .030 dia (0,91) .036 dia (0,89) .035 dia (1,04) .041 dia (1,14) .045 dia (1,30) .051 dia (1,32) .052 dia (1,47) .058 dia (0,46) .018 sq (0,76) .030 dia (0,64) .025 sq (1,02) .040 dia (1,14) .045 sq (1,75) .069 dia (0,20) .008 x (0,71) .028 (0,89) .035 dia (0,25) .010 x (0,51) .020 (0,71) .028 dia (0,41) .016 x (0,51) .020 (0,79) .031 dia (0,41) .016 x (0,61) .024 (0,89) .035 dia (0,41) .016 x (0,79) .031 (1,04) .041 dia
sc?1s1?gg www.samtec.com insertion depth = .080" to .105" (2,03mm to 2,67mm) lead dia accepted: .016" to .021" (0,41mm to 0,53mm) plating available = gg, gt, tt insertion depth = .085" to .140" (2,16mm to 3,56mm) lead dia accepted: .016" to .020" (0,41mm to 0,51mm) plating available = gg, gt, tt sc?1s1?, ez?1s1? insertion depth = .125" to .157" (3,18mm to 3,99mm) lead dia accepted = .015" to .022" (0,38mm to 0,56mm) plating available = gg, gt sc?4p1?, ez?4p1? (1,83) .072 dia (1,52) .061 dia (0,76) .030 (0,71) .028 (1,32) .052 (5,16) .203 (1,83) .072 dia (1,32) .052 dia (3,35) .132 (6,10) .240 (0,51) .020 (0,51) .020 dia (1,83) .072 dia (1,32) .052 dia (0,25) .010 (2,11) .083 (4,19) .165 (0,74) .029 dia sc?8p1? surface mount sockets sc, ez series f-208 supplement speci? cations: sc-1p4, 2p4 contact: becu shell: brass -gg plating: 20" (0,51m) au over 50" (1,27m) ni on contact, except sc-2p4 30" (0,76m) au; 10" au over 50" (1,27m) ni on shell -gt plating: 20" (0,51m) au over 50" (1,27m) ni on contact, except sc-2p4 30" (0,76m) au; sn over 50" (1,27m) ni on shell current rating: 5 a contact resistance: 10 m max insertion force: 6.5 oz (1,81n) avg, 13 oz (3,62n) max (.032" (0,81mm) dia probe) withdrawal force: 3 oz (0,83n) avg, 2 oz (0,56n) min (.032" (0,81mm) dia probe) speci? cations: sc-2p8, 2p9 contact: becu shell: brass -gg plating 20" (0,51m) au over 50" (1,27m) ni on contact; 10" (0,25m) au over 50" (1,27m) ni on shell -gt plating: 20" (0,51m) au over 50" (1,27m) ni on contact; 200" (5,08m) sn over 50" (1,27m) ni on shell current rating: 10 a contact resistance: 10 m max insertion force: sc-2p9 =32 oz (8,90n) max (.050" (1,27mm) dia probe); sc-2p8 =16 oz (4,45n) max (.040" (1,02mm) dia probe) withdrawal force: sc-2p9 2 oz (0,56n) min (.050" (1,27mm) dia probe) sc-2p8 =4 oz (1,11n) min (.040" (1,02mm) dia probe) speci? cations: t, s -g plating: au over 50" (1,27m) ni -t plating: sn over 50" (1,27m) ni or 100" (2,54m) cu current rating: 1a except t-1s6 is 5a note: some sizes, styles and options are non-standard, non-returnable. sc?2p8?, sc?2p9? insertion depth (sc-2p8) = .165" (4,91mm) to .220" (5,59mm) lead dia accepted (sc-2p8) = .035" (0,89mm) to .045" (1,14mm) insertion depth (sc-2p9) = .170" (4,32mm) to .205" (5,21mm) lead dia accepted (sc-2p9) = .045" (1,14mm) to .055" (1,40mm) plating available = gg, gt (0,76) .030 y (1,02) .040 dia x dia (3,05) .120 (9,91) .390 ref part no. sc?1p4? sc?2p4? y (3,18) .125 (12,95) .510 z ref (9,53) .375 (19,30) .760 x dia (0,76) .030 (0,91) .036 (0,76) .030 y z x (1,98) .078 dia (2,28) .090 dia (2,18) .086 dia (0,71) .028 insertion depth = .175" (4,45mm) to .215" (5,46mm) lead dia accepted = .032" (0,81mm) to .038" (0,97mm) plating available = gg, gt sc?1p4?, sc?2p4? part no. sc?2p8? sc?2p9? y (6,10) .240 (6,86) .270 x dia (2,08) .082 (2,59) .102


▲Up To Search▲   

 
Price & Availability of EZ-2P2-GG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X