Part Number Hot Search : 
LWG6SP XFATM MAU222 15VT6 RN1507 11AA020 2SD1910 2902N
Product Description
Full Text Search
 

To Download DTC114ESA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente dtc114ee / dtc114eua dtc114eca / DTC114ESA / dtc114em npn digital transistors (built-in resistors) 01-mar-2012 rev.c page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? built-in bias resistors enabl e the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). ? the bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy. equivalent circuit absolute maximum ratings (t a =25 c unless otherwise noted) limits (dtc1114e ) parameter symbol m e ua ca sa unit collector-base voltage v cc 50 v input voltage v in -10~40 v i o 50 output current i c(max) 100 ma power dissipation p d 100 150 200 300 mw junction & storage temperature t j , t stg 150, -55~150 c dtc114ee (sot-523) addreviated symbol 24 dtc114eua (sot-323) ? addreviated symbol 24 dtc114em (sot-723) addreviated symbol 24 dtc114eca (sot-23) addreviated symbol 24 DTC114ESA (to-92s)
elektronische bauelemente dtc114ee / dtc114eua dtc114eca / DTC114ESA / dtc114em npn digital transistors (built-in resistors) 01-mar-2012 rev.c page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a =25 c unless otherwise noted) parameter symbol min. typ. max. unit test conditions v i(off) 0.5 - - v cc =5v, i o =100 a input voltage v i(on) - - 3 v v o =0.3v, i o =10ma output voltage v o(on) - - 0.3 v i o /i i =10ma/0.5ma input current i i - - 0.88 ma v i =5v output current i o(off) - - 0.5 a v cc =50v, v i =0 dc current gain g i 30 - - v o =5v, i o =5ma input resistance r 1 7 10 13 k ? resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency f t - 250 - mhz v o =10v, i o =5ma, f=100mhz characteristic curves
elektronische bauelemente dtc114ee / dtc114eua dtc114eca / DTC114ESA / dtc114em npn digital transistors (built-in resistors) 01-mar-2012 rev.c page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of DTC114ESA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X