Part Number Hot Search : 
C21005 X25256S8 1A156 5KE15 MBRF1015 11N08 130ANH 57814DD
Product Description
Full Text Search
 

To Download DFNS1-KHZ1944MHZXC32D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  frequency control products type dfn s1 siv revision 01 checked ne date 10.10.2004 page 14 stratum iv smd precision oscillator dfn s1-k (5 v) & dfn s1-l (3.3 v) key features 2 to 80 mhz stratum iv compliant over -40 to 85c applications stratum iv and ive function dfn s1 enable/disable 1 gnd 2 output 3 vcc 4 type dfn s1-khz dfn s1-lhz frequency range 2 to 80 mhz 2 to 80 mhz standard frequencies 12.8; 16.384; 19.44; 20; 38.88; 34.368; 44.736; 51.84 & 77.76 mhz electrical specifications supply voltage 5 v 5 % 3.3 v 5 % supply current (no load) 25 mhz 20 ma 10 ma 70 mhz 40 ma 15 ma > 70 mhz 70 ma 35 ma output load hcmos 50 pf or 10 ttl 25 mhz hcmos 15 pf hcmos 15 pf > 25 mhz duty cycle 40/60...60/40 % @ 50% level 40/60...60/40 % @ 50% level rise/fall times (hcmos @ 15 pf load) 10 to 90 % 7 ns up to 25 mhz 10 to 90 % 7 ns up to 25 mhz 3 ns > 25 mhz 3 ns > 25 mhz high/low levels 4.5 v/ 0.5 v 2.8 v/ 0.3 v jitter rms (1 khz to 20 mhz) 1 ps rms (f = 50 mhz) 1 ps rms (f = 50 mhz) tri-state output on pin 1 high or open = enable, low = high z high or open = enable, low = high z start up 10 ms @ 4.5 v 10 ms @ 3.15 v frequency stability detailed tolerances [ ppm ] type temperature model stability versus: overall calibration range code temperature vcc 5 % ageing stability @ 25c telcordia gr-1244 core stratum iv or ive all types 0 to 70c xb32d 15 typ. 1.5 typ. 10 typ. over 20 years 32 over 20 years 5 typ. -20 to 70c xc32d -40 to 85c xe32d options code tight symmetry (f 50 mhz) r 45/55...55/45 % ordering code type + option code + frequency + temperature code example dfn s1-lhz 77.76 mhz xe32d pc board footprint 9.10.2 14.80.3 1.4 1.0 5.08 4 3 2 1 5.9 +0.1 -0.2 2.54 8.9 5.08 1.27


▲Up To Search▲   

 
Price & Availability of DFNS1-KHZ1944MHZXC32D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X